Part Number Hot Search : 
H15S2 ATA5423 RX301 TKD12A S2305 CSA1013 BU508DW 90BAI
Product Description
Full Text Search
 

To Download GETG2043 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  GETG2043 phase controlled scr high reliability operation dc power supply ac drives voltage up to 1600 v average current 430 a surge current 5.7 ka blocking characteristics characteristic conditions v rrm repetitive peak reverse voltage 1600 v v rsm non-repetitive peak reverse voltage 1700 v v drm repetitive peak off-state voltage 1600 v i drm repetitive peak off-state current, max. v drm , single phase, half wave, tj = tjmax 30 ma i rrm repetitive peak reverse current, max. v rrm , single phase, half wave, tj = tjmax 30 ma on-state characteristics i t(av) average on-state current sine wave,180 conduction, th = 55 c 430 a i t(rms) r.m.s. on-state current sine wave,180 conduction, th = 55 c 675 a i tsm surge on-state current non rep. half sine wave, 50 hz, v r = 0 v, t j = t jmax 5.7 ka i2t i2 t for fusing coordination 162 ka2s v t(to) threshold voltage t j = t jmax 1.0 v r t on-state slope resistance t j = t jmax 0.68 m ? v tm peak on-state voltage, max on-state current i t = 800 a , tj = 25 c 1.7 v i h holding current, max t j = 25 c 300 ma i l latching current, typ t j = 25 c 700 ma triggering characteristics v gt gate trigger voltage t j = 25 c, v d = 5 v 3.5 v i gt gate trigger current t j = 25 c, v d = 5 v 200 ma v gd non-trigger voltage v d = 67% v rrm , t j = t jmax 0.25 v p gm peak gate power dissipation pulse width 0.5 ms 75 w p g(av) average gate power dissipation 1w i fgm peak gate current 8a v fgm peak gate voltage (forward) 20 v v rgm peak gate voltage (reverse) 5v switching characteristics di/dt critical rate of rise of on-state current t j = t jmax 200 a/s dv/dt critical rate of rise of off-state voltage t j = t jmax 500 v/s t q turn-off time, typ t j = t jmax , i t = 320 a, di/dt = -12.5 a/s s vr = 100 v, vd = 67% vdrm, dv/dt = 20 v/s thermal and mechanical characteristics r th(j-c) thermal resistance (junction to case) double side cooled 0.075 c/w r th(c-h) thermal resistance (case to heatsink) double side cooled 0.020 c/w t jmax max operating junction temperature 125 c t stg storage temperature -30 / 125 c f clamping force 10% 5.2 kn mass 65 g document GETG2043t001 value gps - green power semiconductors spa factory: via ungaretti 10, 16157 genova, italy phone: +39-010-667 8800 fax: +39-010-667 8812 web: www.gpsemi.it e-mail: info@gpsemi.it green power semiconductors
phase controlled scr GETG2043 f 3.5 mm (both sides) document GETG2043t001 maximum surge current d.s. cooled 0 1 2 3 4 5 6 1 10 100 number of cycle current pulses [n] i tsm [a] on-state voltage drop 0 100 200 300 400 500 600 700 800 900 1000 0 0.5 1 1.5 2 v t [v] i t [a] t j =t jmax green power semiconductors thermal impedance (j-c) 0 0.01 0.02 0.03 0.04 0.05 0.06 0.07 0.08 0.001 0.01 0.1 1 10 100 time [s] z th(j-c) [c / w] current rating - sine wave 50 60 70 80 90 100 110 120 130 0 100 200 300 400 i t [a] heatsink temperature [c] 180 90 120 60 30 power loss - sine wave 0 100 200 300 400 500 600 700 800 0 100 200 300 400 i t [a] p f [w] 180 120 90 60 30 i n the interest of product improvement green power semiconductors reserves the right to change any specification given in this data sheet without notice. on-state voltage drop 0 100 200 300 400 500 600 700 800 900 1000 0 0.5 1 1.5 2 v t [v] i t [a] t j =t jmax f 43 14 f 24 dimensions mm


▲Up To Search▲   

 
Price & Availability of GETG2043

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X