Part Number Hot Search : 
AD975 EG21SR 71918 MBR104 2UC8AJ 463682E3 STD19NE 43650
Product Description
Full Text Search
 

To Download FDB5800 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  FDB5800 rev. c0 ?2012 fairchild semiconductor corporation motor load control FDB5800 n-channel logi c level powertrench ? mosfet www.fairchildsemi.com 1 FDB5800 n-channel logic level powertrench ? mosfet 60v, 80a, 7m ? features ? r ds(on) = 5.5m ? (typ.), v gs = 5v, i d = 80a ? high performance trench technology for extermely low rdson ? low gate charge ? high power and current handling capability ? rohs compliant applications ? ? dc-dc converters and off-line ups d g s to-263ab fdb series gate source drain (flange) december 2012
FDB5800 n-channel logi c level powertrench ? mosfet www.fairchildsemi.com 2 mosfet maximum ratings t c = 25c unless otherwise noted symbol parameter ratings units v dss drain to source voltage 60 v v gs gate to source voltage r 20 v i d drain current 80 a continuous (t c < 102 o c, v gs = 10v) continuous (t c < 90 o c, v gs = 5v) 80 a continuous (t amb = 25 o c, v gs = 10v, with r t ja = 43 o c/w) 14 a pulsed figure 4 a e as single pulse avalanche energy (note 1) 652 mj p d power dissipation 242 w derate above 25 o c 1.61 w/ o c t j , t stg operating and storage temperature -55 to 175 o c thermal characteristics r t jc thermal resistance junction to case to-263 0.62 o c/w r t ja thermal resistance junction to ambient to-263 ( note 2) 62.5 o c/w r t ja thermal resistance junction to ambient to-263, 1in 2 copper pad area 43 o c/w package marking and ordering information device marking device package reel size tape width quantity FDB5800 FDB5800 to-263ab 330mm 24mm 800 units electrical characteristics t c = 25c unless otherwise noted symbol parameter test conditions min typ max units off characteristics b vdss drain to source breakdown voltage i d = 250 p a, v gs = 0v 60 - - v i dss zero gate voltage drain current v ds = 48v - - 1 p a v gs = 0v t c = 150 o c - - 250 i gss gate to source leakage current v gs = r 20v - - r 100 na on characteristics v gs(th) gate to source threshold voltage v gs = v ds , i d = 250 p a 1.0 - 2.5 v r ds(on) drain to source on resistance i d = 80a, v gs = 10v - 4.6 6.0 m : i d = 80a, v gs = 4.5v - 5.8 7.2 i d = 80a, v gs = 5v - 5.5 7.0 i d = 80a, v gs = 10v, t j = 175 o c - 10 12.6 dynamic characteristics c iss input capacitance v ds = 15v, v gs = 0v, f = 1mhz - 6625 - pf c oss output capacitance - 628 - pf c rss reverse transfer capacitance - 262 - pf r g gate resistance v gs = 0.5v, f = 1mhz - 1.4 - : q g(tot) total gate charge at 10v v gs = 0v to 10v v dd = 30v i d = 80a i g = 1.0ma - 104 135 nc q g(5) total gate charge at 5v v gs = 0v to 5v - 55 72 nc q g(th) threshold gate charge v gs = 0v to 1v - 6.0 - nc q gs gate to source gate charge - 18.4 - nc q gs2 gate charge threshold to plateau - 12.5 - nc q gd gate to drain ?miller? charge - 20.1 - nc FDB5800 rev. c0
FDB5800 n-channel logi c level powertrench ? mosfet 3 switching characteristics (v gs = 5v) t on turn-on time v dd = 30v, i d = 80a v gs = 5v, r gs = 2 : - - 62.1 ns t d(on) turn-on delay time - 20.3 - ns t r rise time - 22.0 - ns t d(off) turn-off delay time - 27.1 - ns t f fall time - 12.1 - ns t off turn-off time - - 59.0 ns drain-source diode characteristics v sd source to drain diode voltage i sd = 80a - - 1.25 v i sd = 40a - - 1.0 v t rr reverse recovery time i sd = 60a, di sd /dt = 100a/ p s - - 44 ns q rr reverse recovered charge i sd = 60a, di sd /dt = 100a/ p s - - 57 nc notes: 1: starting t j = 25c, l = 1mh, i as = 36a, v dd = 54v, v gs = 10v. 2: pulse width = 100s. www.fairchildsemi.com FDB5800 rev. c0
FDB5800 n-channel logi c level powertrench ? mosfet 4 typical characteristics t c = 25c unless otherwise noted figure 1. t c , case temperature ( o c) power dissipation multiplier 0 0255075100 175 0.2 0.4 0.6 0.8 1.0 1.2 125 150 normalized power dissipation vs case temperature figure 2. 50 25 125 t c , case temperature (c) 100 150 75 40 60 100 0 i d , drain current (a) 120 80 20 140 vgs =10v current limited by package vgs = 5v r t jc = 0.62c/w maximum continuous drain current vs case temperature figure 3. 0.1 1 10 -5 10 -4 10 -3 10 -2 10 -1 10 0 10 1 0.01 2 t, rectangular pulse duration (s) z t jc , normalized thermal impedance notes: duty factor: d = t 1 /t 2 peak t j = p dm x r t jc + t c p dm t 1 t 2 0.5 0.2 0.1 0.05 0.01 0.02 duty cycle - descending order single pulse normalized maximum transient thermal impedance figure 4. 100 1000 50 i dm , peak current (a) t, pulse width (s) 10 -5 10 -4 10 -3 10 -2 10 -1 10 0 10 1 t c = 25 o c i = i 25 175 - t c 150 for temperatures above 25 o c derate peak current as follows: transconductance may limit current in this region v gs = 5v peak current capability www.fairchildsemi.com FDB5800 rev. c0
FDB5800 n-channel logi c level powertrench ? mosfet 5 figure 5. 1 10 100 1000 1 10 100 0.1 dc 100ms 10ms 1ms 100 p s v ds , drain to source voltage (v) i d , drain tcurrent (a) 10 p s operation in this area may be limited by r ds(on) single pulse t j = max rated t c = 25 o c forward bias safe operating area note: refer to fairchild application notes an7514 and an7515 figure 6. t av = (l)(i as )/(1.3*rated bv dss - v dd ) if r = 0 if r z 0 t av = (l/r)ln[(i as *r)/(1.3*rated bv dss - v dd ) +1] starting t j = 25 o c starting t j = 150 o c 500 100 10 1 0.01 0.1 1 10 100 1000 i as , avalanche current (a) t av , time in avalanche (ms) unclamped inductive switching capability figure 7. 02 5 v gs , gate to source voltage (v) 134 40 60 100 160 0 i d , drain tcurrent (a) 140 120 80 20 t a = 125 o c v ds = 6v t a = 25 o c t a = -55 o c pulse duration = 80 p s duty cycle = 0.5% max transfer characteristics figure 8. saturati on characteristics 01.02.0 v ds , drain to source voltage (v) 40 60 100 160 0 i d , drain tcurrent (a) 140 120 80 20 0.5 1.5 4.5v 3.0v 4.0v 3.5v 10v 5.0v pulse duration = 80 p s duty cycle = 0.5% max figure 9. 2 610 v gs , gate to source voltage (v) 48 0.006 0.008 0.012 0.002 r ds(on) , on-resistance(ohm) 0.016 0.014 0.010 0.004 i d = 20a t a = 175 o c t a = 25 o c pulse duration = 80 p s duty cycle = 0.5% max on-resistance variation vs gate-to- source voltage figure 10. - 80 40 160 t j , ambient temperature ( o c) 0 - 40 80 120 1.0 1.2 1.6 0.6 normalized drain to source on-resistance 2.0 1.8 1.4 0.8 200 2.2 i d = 80a v gs = 10v pulse duration = 80 p s duty cycle = 0.5% max normalized drain to source on resistance vs junction temperature typical characteristics t c = 25c unless otherwise noted www.fairchildsemi.com FDB5800 rev. c0
FDB5800 n-channel logi c level powertrench ? mosfet 6 figure 11. - 80 40 160 t j , ambient temperature ( o c) 0 - 40 80 120 200 0.6 0.8 1.2 0.2 normalized gate threshold voltage 1.4 1.0 0.4 v gs = v ds i d = 250 p a normalized gate threshold voltage vs junction temperature figure 12. - 80 40 160 t j , ambient temperature ( o c) 0 - 40 80 120 200 1.0 1.1 normalized drain to source breakdown voltage 1.2 0.9 i d = 250 p a normalized drain to source breakdown voltage vs junction temperature figure 13. 0.1 100 v ds , drain to source voltage (v) 10 1000 10000 20000 100 capacitance (pf) 1 c oss f = 1mhz v gs = 0v c iss c rss capacitance vs drain to source voltage figure 14. 20 060100 q g , gate charge (nc) 40 80 4 6 10 0 v gs , gate- source voltage 8 2 waveforms in ascending order: id = 80a id = 1a vdd =30v gate charge wavefo rms for constant gate current typical characteristics t c = 25c unless otherwise noted www.fairchildsemi.com FDB5800 rev. c0
7 FDB5800 rev. c0 www.fairchildsemi.com trademarks the following includes registered and unregistered trademarks and se rvice marks, owned by fairchild semiconductor and/or its gl obal subsidiaries, and is not intended to be an exhaustive list of all such trademarks. *trademarks of system general corporation, used under license by fairchild semiconductor. disclaimer fairchild semiconductor reserves the right to make changes wi thout further notice to any products herein to improve reliability, function, or design. fairchild does not assume any li ability arising out of the application or use of any product or circuit described herein; neither does it convey any license under its patent rights, nor the rights of others. these specifications do not expand the terms of fairchild?s worldwid e terms and conditions, specifically the warranty therein, which covers these products. life support policy fairchild?s products are not authorized for use as critical components in life support d evices or systems without the express written approval of fairchild semiconductor corporation. as used here in: 1. life support devices or systems ar e devices or systems which, (a) are intended for surgical implant into the body or (b) support or sustain life, and (c) whose failure to perform when properly used in accordance with instructions for use provided in the labeling, can be reasonably expected to result in a sign ificant injury of the user. 2. a critical component in any com ponent of a life su pport, device, or system whose failure to perform can be reasonably ex pected to cause the failure of the life sup port device or system, or to affect its safety or effectiveness. product status definitions definition of terms 2cool? accupower? ax-cap?* bitsic ? build it now? coreplus? corepower? crossvolt ? ctl? current transfer logic? deuxpeed ? dual cool? ecospark ? efficentmax? esbc? fairchild ? fairchild semiconductor ? fact quiet series? fact ? fast ? fastvcore? fetbench? flashwriter ? * fps? f-pfs? frfet ? global power resource sm green bridge? green fps? green fps? e-series? g max ? gto? intellimax? isoplanar? marking small speakers sound louder and better? megabuck? microcoupler? microfet? micropak? micropak2? millerdrive? motionmax? motion-spm? mwsaver? optohit? optologic ? optoplanar ? powertrench ? powerxs? programmable active droop? qfet ? qs? quiet series? rapidconfigure? saving our world, 1mw/w/kw at a time? signalwise? smartmax? smart start? solutions for your success? spm ? stealth? superfet ? supersot?-3 supersot?-6 supersot?-8 supremos ? syncfet? sync-lock? ?* the power franchise ? ? tinyboost? tinybuck? tinycalc? tinylogic ? tinyopto? tinypower? tinypwm? tinywire? transic ? trifault detect? truecurrent ? * serdes? uhc ? ultra frfet? unifet? vcx? visualmax? voltageplus? xs? ? ? tm datasheet identification product status definition advance information for mative / in design datasheet contains the design specifications for product developm ent. specifications may change in any manner without notice. preliminary first production datasheet contains preliminary data; supplementary data will be published at a later date. fairchild semiconductor reserves the ri ght to make changes at any time without notice to improve design. no identification n eeded full production datasheet contains final specifications. fair child semiconductor reserves the right to make changes at any time without notice to improve the design. obsolete not in production datasheet contains specifications on a product t hat is discontinued by fairchild semiconductor. the datasheet is for reference information only. anti-counterfeiting policy fairchild semiconductor corporation?s anti-c ounterfeiting policy. fairchild?s anti-co unterfeiting policy is also stated on our external website, www.fairchildsemi.com, under sales support . counterfeiting of semiconductor parts is a growing problem in th e industry. all manufactures of semiconductor products are expe riencing counterfeiting of their parts. customers who inadvertently purchase counterfeit parts experience many probl ems such as loss of brand reputation, substa ndard performance, failed application, and increased cost of producti on and manufacturing delays. fairchild is taking strong measures to protect ourselve s and our customers from the proliferation of counterfeit parts . fairchild strongly encourages customers to purchase fairchild parts either directly from fa irchild or from authorized fairchild distributors who are listed by co untry on our web page cited above. products custom ers buy either from fairchild directly or fr om authorized fairchild distributors are genuine parts, have fu ll traceability, meet fairchild?s quality st andards for handing and storage and provide access to fairchild?s full range of up-to-date technical and product inform ation. fairchild and our authorized dist ributors will stand behind all warranties and wi ll appropriately address and warranty issues that may arise. fairchild will not provide any warranty coverage or other assistance for parts bought from unau thorized sources. fairchild is committed to combat this global problem and encourage our custom ers to do their part in stopping this practice by buying direct or from authorized distributors. rev. i61 tm ? FDB5800 n-channel logi c level powertrench ? mosfet


▲Up To Search▲   

 
Price & Availability of FDB5800

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X