Part Number Hot Search : 
HVL147M 74L00 N5195 C3000 UNR9212J TC7SZ14 LT3988 LR38516
Product Description
Full Text Search
 

To Download ET043000DM6 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  02101300-01-02 examined by : file no . cas-51506 emerging display issue : sep.18, 2007 approved by : technologies corporation total page : 24 version : 6 c ustomer a cceptance s pecifications model no. : for messrs : e t 0 4 3 0 0 0 d m 6 (rohs) customer's approval date : _____________________________ by : _____________________________
02101300-01-02 e m e r g i n g d i s p l a y model no. version page technologies corporation e t 0 4 3 0 0 0 d m 6 (rohs) 6 0-1 doc . first issue r e c o r d s of r e v i s i o n nov.16, 2006 d a t e revised page no. s u m m a r y nov.30,2006 2 3.1 electrical absolute maximum ratings . delete : parameter symbol min. max. unit remark power voltage vgh-vgl -0.3 +45 v vss=0 4 5.1 timing requirement 1 item symbol min. typ. max. unit clock cycle 1/t c *1 ? 9 15 mhz horizontal cycle th *2 ? 525 ? clk item symbol min. typ. max. unit clock cycle 1/t c ? 9 15 mhz horizontal cycle th ? 525 ? clk delete note 1 5 5.2 timing requirement 2 add note : 1. parallel interface , maxi mum clock frequency is 15mhz. 2. tr , tf is defined 10% to 90% of signal amplitude. 7 6.2 the brightness test method 11 8 . block dimension 8. block dimension 8. block diagram cource driver source driver 13 10 . interface signals pin no symbol function 6 r1 hardware reset 7 r2 red data sighal 34 nc nc pin no symbol function 6 r1 red data signal 7 r2 red data signal 34 nc nc(this pin should be fixed to gnd) may.07,2007 1 2 . mechanical specifications ( 3 ) effective area -------------------------- 97.1w * 55.9h mm ( 4 ) module size -------------------------------- 105.5w * 67.2h *3.95d mm ( 6 ) pixel pitch ------------------------------------ 0.198w * 0.198h mm ( 7 ) lcd type ----------------------------------- tft , transmissive ( 8 ) color -------------------------------------- 16.7m (24bit) ( 9 ) viewing direction ----------------------- 6 o?clock (10) back light ---------------------------------- led , color : white ( 3 ) module size -------------------------------- 105.5w * 67.2h *3.95d mm(without fpc) ( 4 ) effective area -------------------------- 97.1w * 55.9h mm ( 6 ) dot size --------------------------------- 0.066w * 0.198h mm ( 7 ) pixel pitch ------------------------------------ 0.198w * 0.198h mm ( 8 ) lcd type ----------------------------------- tft , transmissive ( 9 ) color -------------------------------------- 16.7m (24bit) (10) viewing direction ----------------------- 6 o?clock (11) back light ---------------------------------- led , color : white 2 3.1 electrical absolute maximum ratings . parameter symbol min. max. unit remark avdd -0.3 6.0 v vss=0 power voltage vcc -0.3 6.0 v vss=0 input signal voltage vi - 0.3 vcc+0.3 v static electricity ? ? ? v note ( 1 ) parameter symbol min. max. unit remark avdd -0.3 6.0 v vss=0 power voltage vcc -0.3 6.0 v vss=0 input signal voltage vi - 0.3 vcc+0.3 v power dissipation pd ? 0.71 w forward current if ? 50 ma delete note ( 1 ) 3.2 environmental absolute maximum ratings operating storage i t e m min. max. min. max. remark ambient temperature -20 c 70 c -30 c 80 c note ( 2 ) , ( 3 ) humidity note ( 4 ) note ( 4 ) without condensation operating storage i t e m min. max. min. max. remark ambient temperature -20 c 70 c -30 c 80 c note ( 1 ) , ( 2 ) humidity note ( 3 ) note ( 3 ) without condensation note ( 2 ) note ( 1 ) note ( 3 ) note ( 2 ) note ( 4 ) note ( 3 )
02101300-01-02 e m e r g i n g d i s p l a y model no. version page technologies corporation e t 0 4 3 0 0 0 d m 6 (rohs) 6 0-2 doc . first issue r e c o r d s of r e v i s i o n nov.16, 2006 d a t e revised page no. s u m m a r y 3 4 . electrical characteristics parameter symbol condition min. typ. max. unit remark power supply vcc ? 2.25 2.5 2.75 v operating current icc ? ? (1.2) (3.0) ma operating current idd ? ? (10) (18) ma parameter symbol condition min. typ. max. unit remark power supply vcc ? 2.25 2.5 3.6 v operating current icc ? ? 3.5 6 ma operating current idd ? ? 15 20 ma forward voltage vf if = 36ma 19.2 21.6 25.2 v led life time ? ? 30000 40000 ? hr 4 5.1 timing requirement 1 dvdd=2.25v to 2.75v , dvss=0v vcc=2.25v to 3.6v , vss=0v 5 5.2 timing requirement 2 dvdd=2.25v to 2.75v , dvss=0v vcc=2.25v to 3.6v , vss=0v 6 , 7 6.1 optical characteristics ta = 25 2 c i t e m symbol condition min. typ. max. unit remark y+ ? (15) ? y- x =0 ? (35) ? x+ ? (45) ? viewing angle x- cr > 10 y =0 ? (45) ? d e g . (5) contrast ratio cr x=0 , y=0 (100) (400) ? ? (3) tr (rise) ? 15 20 response time tf (fall) x=0 , y=0 ? 35 50 msec (2) the brightness of module b iled=36ma (280) (350) ? cd/m 2 ? x (0.24) (0.29) (0.34) white y (0.29) (0.34) (0.39) ? (4) x (0.56) (0.61) (0.66) red y (0.29) (0.34) (0.39) ? ? x (0.25) (0.3) (0.35) green y (0.51) (0.56) (0.61) ? ? x (0.08) (0.13) (0.18) color of cie coordinate blue y x=0 , y=0 (0.1) (0.15) (0.20) ? ? the brightness of uniformity ? ? ? ? 30 % ? ta = 25 c i t e m symbol condition min. typ. max. unit remark y+ 40 45 ? y- x =0 70 75 ? x+ 70 75 ? viewing angle x- cr 10 y =0 70 75 ? d e g . ( 2 ) ( 3 ) contrast ratio cr x=0 , y=0 300 400 ? ? (3) tr (rise) ? 15 20 response time tf (fall) x=0 , y=0 ? 35 50 msec (4) the brightness of module b x=0 , y=0 if = 36ma 400 500 ? cd/m 2 ? x 0.26 0.31 0.36 white y 0.29 0.34 0.39 ? (5) x 0.56 0.61 0.66 red y 0.30 0.35 0.40 ? ? x 0.29 0.34 0.39 green y 0.53 0.58 0.63 ? ? x 0.09 0.14 0.19 color of cie coordinate blue y x=0 , y=0 if = 36ma ntsc : 55% 0.05 0.10 0.15 ? ? the brightness of uniformity ? ? 70 75 ? % ? update note ( 1 ) note ( 2 ) note ( 3 ) note ( 4 ) note ( 5 ) 6.2 the brightness test method (21.6v) 21.6v 6.3 the calculating method of uniformity ? %) 30 ( % 100 ave min max % 100 brightess average brightess minimun - brightess maximun 1 : uniformity ? ? ? ? ? ? ? 8 6.4 led back-light unit delete all page 8 , 9 7. outline dimensions mark 1 : modify component area not specified tolerance is 0.5mm 0.3mm 12 ,13 10 . interface signals pin no symbol function 1 gnd gnd(ov) 2 gnd gnd(ov) 29 gnd gnd(ov) 37 nc nc 38 test1 test1 (note1) 39 test2 test2 (note2) 40 test3 test3 (note2) pin no symbol function 1 vss ground 2 vss ground 29 vss ground 37 nc nc 38 nc nc 39 nc nc 40 nc nc delete note1: pleace be sure to set 38pin(test1) to open. note2: pleace be sure to set 39pin(test2), 40pin (test3) with gnd. 14 11.1 power supply for lcm vcc avd d gnd vled+ vled- (a) (k) led 2.5v 5.0v if=36ma vf(19.2~25.2) vcc avdd vss vled1+ vled1- (a) (k) led 2.5v 5.0v if=18ma vf vled2+ if=18ma vf vled2- 15~24 add 12. inspection criterion
02101300-01-02 e m e r g i n g d i s p l a y model no. version page technologies corporation e t 0 4 3 0 0 0 d m 6 (rohs) 6 0-3 doc . first issue r e c o r d s of r e v i s i o n nov.16, 2006 d a t e revised page no. s u m m a r y jun.04, 2007 2 3.2 environmental absolute maximum ratings operating storage i t e m min. max. min. max. remark vibration ? 2.45 m/s 2 ( 0.25 g) ? 11.76 m/s 2 ( 1.2 g ) 5~20hz , 1hr 20~500hz(20hz) , 1hr 20~500hz(500hz) , 1hr x,y,z,total 3hr shock ? 29.4 m/s 2 ( 3 g) ? 490 m/s 2 ( 5 0 g ) 10 m seconds xyz directions 1 time each operating storage i t e m min. max. min. max. remark vibration ? 3.92 m/s 2 ( 0.4 g) ? 19.6 m/s 2 ( 2.0 g ) 10~55hz x,y,z, each 2hrs shock ? 58.8 m/s 2 ( 6 g) ? 980 m/s 2 ( 100 g ) 6 m seconds xyz directions 3 times each aug.31,2007 2 3 . 2 environmental absolute maximum ratings . operating storage i t e m min. max. min. max. remark ambient temperature -20 c 70 c -30 c 80 c note ( 1 ) , ( 2 ) operating storage i t e m min. max. min. max. remark ambient temperature -25 c 70 c -30 c 80 c note ( 1 ) , ( 2 ) 12 10 . interface signals pin no symbol function 34 nc nc(this pin should be fixed to gnd) pin no symbol function 34 de input data enable control.internally pulled low sep.18, 2007 14 add 11.2 power sequence
02101300-01-02 e m e r g i n g d i s p l a y model no. version page technologies corporation e t 0 4 3 0 0 0 d m 6 (rohs) 6 0-4 t a b l e o f c o n t e n t s no. i t e m page =============================================================== 1. general specifications -------------------------------------------- 1 2. mechanical specifications --------------------------------------- 1 3. absolute maximum ratings ------------------------------------- 2 4. electrical characteristics ------------------------------------- 3 5. timing chart ------------------------------------------------------ 4 , 5 6. optical characteristics --------------------------------------- 6 ~ 7 7. outline dimensions --------------------------------------------- 8 , 9 8. block diagram -------------------------------------------------------- 10 9. detail drawing of dot matrix --------------------------------- 11 10. interface signal ------------------------------------------------- 12 , 13 11. power supply ------------------------------------------------------- 14 12. inspection criterion ------------------------------------------------------------ 15~24
02101300-01-02 e m e r g i n g d i s p l a y model no. version page technologies corporation e t 0 4 3 0 0 0 d m 6 (rohs) 6 1 1. general specifications 1 . 1 application notes for controller/driver please refer to : h i m a x h x 8 6 5 5 h i m a x h x 8 2 2 7 1 . 2 material safety description assemblies shall comply with european rohs requirements, including prohibited materials/components containing lead, mercury, cadmium, hexavalent chromium, polybrominated biphenyls (pbb) and polybrominated diphenyl ethers (pbde) 2 . mechanical specifications ( 1 ) display size (inch) ------------------------- 4.3? ( 2 ) number of dots -------------------------- 480w * (rgb) * 272h dots ( 3 ) module size -------------------------------- 105.5w * 67.2h *3.95d mm(without fpc) ( 4 ) effective area -------------------------- 97.1w * 55.9h mm ( 5 ) active area --------------------------------- 95.04w * 53.856h mm (lcd) ( 6 ) dot size ------------------------------------ 0.066w * 0.198h mm ( 7 ) pixel pitch ------------------------------------ 0.198w * 0.198h mm ( 8 ) lcd type ----------------------------------- tft , transmissive ( 9 ) color -------------------------------------- 16.7m (24bit) ( 10 ) viewing direction ----------------------- 6 o?clock ( 11 ) back light ---------------------------------- led , color : white
02101300-01-02 e m e r g i n g d i s p l a y model no. version page technologies corporation e t 0 4 3 0 0 0 d m 6 (rohs) 6 2 3 . absolute maximum ratings 3 . 1 electrical absolute maximum ratings . parameter symbol min. max. unit remark avdd -0.3 6.0 v vss=0 power voltage vcc -0.3 6.0 v vss=0 input signal voltage vi - 0.3 vcc+0.3 v power dissipation pd ? 0.71 w forward current if ? 50 ma 3 . 2 environmental absolute maximum ratings . operating storage i t e m min. max. min. max. remark ambient temperature -25 c 70 c -30 c 80 c note ( 1 ) , ( 2 ) humidity note ( 3 ) note ( 3 ) without condensation vibration ? 3.92 m/s 2 ( 0.4 g) ? 19.6 m/s 2 ( 2.0 g ) 10~55hz x,y,z, each 2hrs shock ? 58.8 m/s 2 ( 6 g) ? 980 m/s 2 ( 100 g ) 6 m seconds xyz directions 3 times each corrosive gas not acceptable not acceptable note ( 1 ) : ta at -30 c : 48hr max . 80 c : 168hr max . note ( 2 ) : background color changes slightly depending on ambient temperature this phenom enon is reversible . note ( 3 ) : ta 60 c : 90%rh max (96hrs max). ta > 60 c : absolute humidity must be lower than the humidity of 90%rh at 60 c(96hrs max).
02101300-01-02 e m e r g i n g d i s p l a y model no. version page technologies corporation e t 0 4 3 0 0 0 d m 6 (rohs) 6 3 4 . electrical characteristics ta = 25 c parameter symbol condition min. typ. max. unit remark power supply vcc ? 2.25 2.5 3.6 v operating current icc ? ? 3.5 6 ma power supply avdd ? 4.8 5 5.2 v operating current idd ? ? 15 20 ma input low voltage v il ? 0 ? 0.3*vcc v note (1) input high voltage v ih ? 0.7*vcc ? vcc v note (1) output low voltage v ol i ol =1ma vss ? vss+0.4 v note (1) output high voltage v oh i oh =-1ma vcc-0.4 ? vcc v note (1) forward voltage vf if = 36ma 19.2 21.6 25.2 v led life time ? ? 30000 40000 ? hr note ( 1 ) : ck , r0~r7 , g0~g7, b0~b7 , hs , vs , disp .
02101300-01-02 e m e r g i n g d i s p l a y model no. version page technologies corporation e t 0 4 3 0 0 0 d m 6 (rohs) 6 4 5 . timing chart 5.1 timing requirement 1 480rgb 272 , t a =25 c , vcc=2.25v to 3.6v , vss=0v item symbol min. typ. max. unit clock cycle 1/t c ? 9 15 mhz hsync cycle 1/f h ? 17.14 ? khz vsync cycle 1/f v ? 59.94 ? hz horizontal signal horizontal cycle th ? 525 ? clk horizontal display period thd ? 480 ? clk horizontal front porch thf 2 ? ? clk horizontal pulse width thp 2 41 ? clk horizontal back porch thd 2 2 ? clk vertical signal vertical cycle tv ? 286 ? h vertical display period tvd ? 272 ? h vertical front porch tvf 1 2 ? h vertical pulse width tvp 1 10 ? h vertical back porch tvb 1 2 ? h note : 1. thd = 480clk, thf=2clk, thp=41clk, thb-2clk, thf + fhp + ftb > 44
02101300-01-02 e m e r g i n g d i s p l a y model no. version page technologies corporation e t 0 4 3 0 0 0 d m 6 (rohs) 6 5 5.2 timing requirement 2 t a =25 c , vcc=2.25v to 3.6v , vss=0v,tr=tf=2ns item symbol min. typ. max. unit disp setup time t diss 10 ? ? ns disp hold time t dish 10 ? ? ns clock period pw clk *1 66.7 ? ? ns clock pulse high period pwh *1 26.7 ? ? ns clock pulse low period pwl *1 26.7 ? ? ns hsync setup time t hs 10 ? ? ns hsync hold time t hh 10 ? ? ns data setup time t ds 10 ? ? ns data hold time t dh 10 ? ? ns de setup time t des 10 ? ? ns de hold time t deh 10 ? ? ns vsync setup time t vhs 10 ? ? ns vsync hold time t vhh 10 ? ? ns note : 1. parallel interface , maxi mum clock frequency is 15mhz. 2. tr , tf is defined 10% to 90% of signal amplitude.
02101300-01-02 e m e r g i n g d i s p l a y model no . version page technologies corporation e t 0 4 3 0 0 0 d m 6 (rohs) 6 6 6 . optical characteristics (note 1) 6.1 optical characteristics ta = 2 5 c i t e m symbol condition min. typ. max. unit remark y+ 40 45 ? y- x =0 70 75 ? x+ 70 75 ? viewing angle x- cr 10 y =0 70 75 ? d e g . (2) (3) contrast ratio cr x=0 , y=0 300 400 ? ? (3) t r ( rise ) ? 15 20 response time t f ( fall ) x=0 , y=0 ? 35 50 msec (4) the brightness of module b x=0 , y=0 if = 36ma 400 500 ? cd/m 2 ? x 0.26 0.31 0.36 white y 0.29 0.34 0.39 ? (5) x 0.56 0.61 0.66 red y 0.30 0.35 0.40 ? ? x 0.29 0.34 0.39 green y 0.53 0.58 0.63 ? ? x 0.09 0.14 0.19 color of cie coordinate blue y x=0 , y=0 if = 36ma ntsc : 55% 0.05 0.10 0.15 ? ? the brightness of uniformity ? ? 70 75 ? % ? note (1) : test equipment setup : after stabilizing and leaving the panel alone at a given temperature for 30 minutes , the measurement should be exec uted. measurement should be executed in a stable , windless , and dark room. optical specifications are measured by topcon bm-7(fast) with a viewing angle of 2 at a distance of 50cm and normal direction. 7 )
02101300-01-02 e m e r g i n g d i s p l a y model no . version page technologies corporation e t 0 4 3 0 0 0 d m 6 (rohs) 6 7 note (2) : definition of viewing angle : x = y = 0 x - y - x + x- x + y - 6 oclock direction note (3) : definition of contrast ratio : " state black " at is lcd when measured brightness " state white " at is lcd when measured brightness ) cr ( ratio contrast = note (4) : definition of response time : tr and tf the figure bvelow is the output signal of the photo detector. white black white note (5) : measured at the center area of the panel when all the input terminals of lcd panel are electrically opened. 6.2 the brightness test method unit mm if=36ma add power to led , a , k pin test point are 1 ~ 9 6.3 tne brightness vniformity calculate method % 100 brightess average brightess minimun - brightess maximun 1 : uniformity ? ? ? ? ? ? ?
02101300-01-02 e m e r g i n g d i s p l a y model no. version page technologies corporation e t 0 4 3 0 0 0 d m 6 (rohs) 6 8 7 . outline dimensions unit : mm scale : nts n ot specified tolerance is 0.3mm n ote : mark 1 modify (number note modify version)
02101300-01-02 e m e r g i n g d i s p l a y model no. version page technologies corporation e t 0 4 3 0 0 0 d m 6 (rohs) 6 9
02101300-01-02 e m e r g i n g d i s p l a y model no. version page technologies corporation e t 0 4 3 0 0 0 d m 6 (rohs) 6 10 8 . block diagram
02101300-01-02 e m e r g i n g d i s p l a y model no . version page technologies corporation e t 0 4 3 0 0 0 d m 6 (rohs) 6 11 9 . detail drawing of dot matrix b g r b g r 0.198 0.066 53.856 480(rgb)*272 dots b g r 95.04 0.198 unit : mm scale : nts n ot specified tolerance is 0.1 dots matrix tolerance is 0.01
02101300-01-02 e m e r g i n g d i s p l a y model no . version page technologies corporation e t 0 4 3 0 0 0 d m 6 (rohs) 6 12 10 . interface signals pin no symbol function 1 vss ground 2 vss ground 3 vcc +2.5v power source 4 vcc +2.5v power source 5 r0 red data signal (lsb) 6 r1 red data signal 7 r2 red data signal 8 r3 red data signal 9 r4 red data signal 10 r5 red data signal 11 r6 red data signal 12 r7 red data signal(msb) 13 g0 green data signal (lsb) 14 g1 green data signal 15 g2 green data signal 16 g3 green data signal 17 g4 green data signal 18 g5 green data signal 19 g6 green data signal 20 g7 green data signal(msb) 21 b0 blue data singal(lsb) 22 b1 blue data signal 23 b2 blue data signal 24 b3 blue data signal 25 b4 blue data signal 26 b5 blue data signal 27 b6 blue data signal 28 b7 blue data signal 29 vss ground 30 ck clock signal to sample each date 31 disp display on/off singal 32 hs horizontal synchronizing signal 33 vs vertical synchronizing signal 34 de input data enable control.internally pulled low
02101300-01-02 e m e r g i n g d i s p l a y model no . version page technologies corporation e t 0 4 3 0 0 0 d m 6 (rohs) 6 13 pin no symbol function 35 avdd +5v analog power source 36 avdd +5v analog power source 37 nc nc 38 nc nc 39 nc nc 40 nc nc 10.1 led b/l interface pin no symbol function 1 vled1- led power source input terminal (cathode side) 2 vled2- led power source input terminal (cathode side) 3 vled2+ led power source input terminal (anode side) 4 vled1+ led power source input terminal (anode side)
02101300-01-02 e m e r g i n g d i s p l a y model no. version page technologies corporation e t 0 4 3 0 0 0 d m 6 (rohs) 6 14 11 . power supply 11.1 power supply for lcm vcc av d d vss vled1+ vled1- (a) (k) led 2.5v 5.0v if=18ma vf vled2+ if=18ma vf vled2- 11.2 power sequence vcc avdd 0 ms > 500 ms disp 0 ms 0 ms
02101300-01-02 e m e r g i n g d i s p l a y model no . version page technologies corporation e t 0 4 3 0 0 0 d m 6 (rohs) 6 15 1 2 . inspection criterion 12.1 application this inspection standard is to be applie d to the lcd module delivered from emerging display technologies corp.( e.d.t ) to customers 12.2 inspection conditions 12.2.1 (1)observation distance : 35cm 5cm (2)view angle : non-operation condition : 5 (perpendicular to lcd panel surface) operation condition : 45 (perpendicular to lcd panel surface) 12.2.2 environment conditions : ambient temperature 20 c~25 c ambient humidity 65 20%rh cosmetic inspection more than 600lux ambient illumination functional inspection 300~500 lux 12.2.3 inspection lot quantity per delivery lot for each model 12.2.4 inspection method a sampling inspection shall be made according to the following provisions to judge the acceptability (a)applicable standard : mil-std-105e normal inspection , single sampling level (b)aql : major defect : aql 0.65% minor defect : aql 1.0%
02101300-01-02 e m e r g i n g d i s p l a y model no . version page technologies corporation e t 0 4 3 0 0 0 d m 6 (rohs) 6 16 12.3 inspection standards 12.3.1 visual defects classification type of defect inspection item defect feature aql 1.display on ? defect to miss specified display function, for all and specified dots ex: disconnection, short circuit etc 2.backlight ? no light ? flickering and other abnormal illumination major defect 3.dimensions ? subject to individual acceptance specifications 0.65 1.display zone ? black/white spot ? bubbles on polarizer ? newton ring ? black/white line ? scratch ? contamination ? lever color spreed 2.bezel zone ? stains ? scratches ? foreign matter 3.soldering ? insufficient solder ? soldered in incorrect position ? convex soldering spot ? solder balls ? solder scraps minor defect 4.display on (all on) ? light line 1.0
02101300-01-02 e m e r g i n g d i s p l a y model no . version page technologies corporation e t 0 4 3 0 0 0 d m 6 (rohs) 6 17 12.3.2 module defects calssification no. item criteria 1. display on inspection (1)incorrect pattern (2)missing segment (3)dim segment (4)operating voltage beyond spec 2. overall dimensions (1)overall dimension beyond spec (1) spots average diameter (mm): d number of pieces permitted minimum space d 0.2 ignore ? 0.2 < d 0.4 5 10 mm 0.4 < d 0 n umber of total pieces is to be set within 5 pieces. n ote : that when there are 2 pieces or more, they are not to be considered as concentrated. (2) blurry spots (when fully powered-on) average diameter (mm): d number of pieces permitted d 0.3 ignore 0.3 < d 0.75 5 0.75 < d 0 n ote diameter d=(a+b)/2 a b 3. black spots, foreign matter, and white spots (including light leakage due to polarizing plates pinholes, etc.) n umber of total pieces is to be set within 5 pieces. n ote : that when there are 2 pieces or more, they are not to be considered as concentrated. 4. black line white line non-display (1)the black line, white line are within the viewing area. it is not allow. (1) the following black line , white line are within the viewing area. width :wmm , lengh :lmm length : l width : w permissible no. l 0.5 w 0.1 ignore 0.5 < l 2.5 0.1 < w 0.3 4 2.5 < l 0.3 w none 5 black line white line on-display 6. scratches and dent on glass polarizer (1) pls refer to the above no.3 and 4 to determine scratches and dent on polarizer or glass 7. dot defect on display judgment criteria area bright dot dark dot total a 3 3 4 b 5 5 5 (1)it is defined as point defect if defect area>0.5dot (2)it is ignored if defect area 0.5dot (3)weak point defect will be defined as bright dot if it can be observed through nd filter 6% (4)the distance between 2 dot defect 5mm (5)not allowed joint point defect note : a/b area definition a area b area 1/5 3/5 1/5 1/5 3/5 1/5
02101300-01-02 e m e r g i n g d i s p l a y model no . version page technologies corporation e t 0 4 3 0 0 0 d m 6 (rohs) 6 18 no. item criteria 8 line defect on display obvious vertical or horizontal line defect is n ot allow 9 mura on display it?s ok if mura is slight visible throung 6% nd filter (1)the following cf fail , spot are within the viewing area size d permissible no. note diameter d=(a+b)/2 d 0.15mm ignored 0.15mm < d 0.2mm n 2 d > 0.2mm not allowed a b 10 cf fail/spot on display 11 uneven color spread , coloration (1)to be determined based upon the standard sample. 12 bezel appearance (1)bezel may not have rust, e deformed or have finger prints stains of other contamination. (2) bezel must comply with job specifications. 13 soldering (1)no soldering found on the specified place (2)insufficent solder (a)lsi, ic a poor wetting of solder is between lower bend or ?heel? of lead and pad solder fillet (b)chip component solder is less than 50% of sides and front face wetting solder fillet 1/2
02101300-01-02 e m e r g i n g d i s p l a y model no . version page technologies corporation e t 0 4 3 0 0 0 d m 6 (rohs) 6 19 no. item criteria 13. soldering ? solder wets 3 sides of terminal, but less than 25% of sides and front surface area are covered solder (3)parts aligment (a)lsi, ic lead width is more than 50% beyond pad outline (b)chip component component is off center, and more than 50% of the leads is off the pad outline
02101300-01-02 e m e r g i n g d i s p l a y model no . version page technologies corporation e t 0 4 3 0 0 0 d m 6 (rohs) 6 20 no. item criteria 13. soldering (4)no unmelted solder paste may be present on the pcb. (5)no cold solder joints, missing solder connections, oxidation or icicle. (6)no residue or solder balls on pcb. (7)no short circuits in components on pcb. 14. backlight (1)no light (2)flickering and other abnormal illumination (3)spots or scratches that appear when lit must be judged using lcd spot, lines and contamination standards. (4)backlight doesn?t light or color is wrong. 15. general appearance (1)no oxidation,contamination, urves or,bends on interface pin (olb) of tcp. (2)no cracks on interface pin (olb) of tcp. (3)no contamination, solder residue or solder balls on product. (4) the ic on the tcp may not be damaged, circuits. (5)the uppermost edge of the protective strip on the interface pin must be present or look as if it cause the interface pin to sever. (6)the residual rosin or tin oil of soldering (component or chip component) is not burned into brown or black color. (7)sealant on top of the ito circuit has not hardened. (8)pin type must match type in specification sheet. (9)lcd pin loose or missing pins. (10)product packaging must the same as specified on packaging specification sheet. (11)product dimension and structure must conform to product specification sheet. (12)the appearance of heat seal should not admit any dirt and break.
02101300-01-02 e m e r g i n g d i s p l a y model no . version page technologies corporation e t 0 4 3 0 0 0 d m 6 (rohs) 6 21 no. item criteria the lcd with extensive crack is not acceptable a b c t/2 < viewing area 1/8x t/2 > , 2t w/2 1/8x *w=distance between sealant area and lcd panel edge x = lcd side length t = glass thickness general glass chip : c a b c a w b c a b a b c t/2 < viewing area 1/8x > t/2 , 2t w/2 1/8x corner part: c a b *w=distance between sealant area and lcd panel edge x=lcd side length t=glass thickness chip on electrode pad a b c t 0.5mm 1/8x b c a * x=lcd side width t =glass thickness a b c t 1/8x l 16. cracked glass b a c *x=lcd side width t = glass thickness l=electrode pad length c if glass chipping the ito terminal, over 2/3 of the ito must remain and be , inspected according to electrode terminal specifications d if the product will be heat sealed by the customer, the alignment mark must not be demaged
02101300-01-02 e m e r g i n g d i s p l a y model no . version page technologies corporation e t 0 4 3 0 0 0 d m 6 (rohs) 6 22 12.4 reliability test 12.4.1 standard specifications for reliability of lcd module no item description 1 high temperature operation the sample should be allowed to stand at +70 c for 240 hrs 2 low temperature operation the sample should be allowed to stand at -20 c for 240 hrs 3 high temperature storage the sample should be allowed to stand at +80 c for 240 hrs 4 low temperature storage the sample should be allowed to stand at -30 c for 240 hrs 5 high temp / humidity test the sample should be a llowed to stand at 60 c , 90% rh 240 hrs 6 thermal shock (not operated ) the sample should be allowe d to stand the following 200 cycles of operation: -30 c for 30 minutes ~ +80 c for 30 minutes 7 esd (electrostatic discharge ) air discharge 4kv contact discharge 2kv note (1) : the test samples have recovery time for 2 hours at room temperature before the function check. in the standard conditions , there is no display function ng issue occurred.
02101300-01-02 e m e r g i n g d i s p l a y model no . version page technologies corporation e t 0 4 3 0 0 0 d m 6 (rohs) 6 23 12.5 testing conditions and inspection criteria for the final test the testing sa mple must be stored at room temperature for 24 hours, after the tests listed in table 12.5 , standard specifica tions for reliability have been executed in order to ensure stability . no item test model inspection criteria 1 current consumption refer to specification the current consumption should conform to the pr oduct specification. 2 contrast refer to specification after the tests have been executed, the contrast must be larger than half of its initial value prior to the tests. 3 appearance visual inspection defect free
02101300-01-02 e m e r g i n g d i s p l a y model no . version page technologies corporation e t 0 4 3 0 0 0 d m 6 (rohs) 6 24 12.6 operation 12.6.1 do not connect or disconnect modules to or from the main system while power is being supplied . 12.6.2 use the module within specified temp erature ; lower temperature causes the retardation of blinking speed of th e display ; higher temperature makes overall display discolor . when the temperature returns to normality , the display will operate normally . 12.6.3 adjust the lc driving voltage to obtain the optimum contrast . 12.6.4 power on sequence input signals s hould not be supplied to lcd module before power supply voltage is applie d and reaches the specified value . if above sequence is not followed , cmos lsis of lcd modules may be damaged due to latch - up problem . 12.7 notice 12.7.1 use a grounded soldering iron when sold ering connector i/o terminals . for soldering or repairing , take precaution against the temperature of the soldering iron and the soldering time to prevent peeling off the through-hole-pad . 12.7.2 do not disassemble . edt shall not be held responsible if the module is disassembled and upon the rea ssembly the module failed . 12.7.3 do not charge static electricity , as the circuit of this module contains cmos lsis. a workman's body s hould always be static-protected by use of an esd strap . working clothes for such personnel should be of static-protected material . 12.7.4 always ground the electrically-powered dr iver before using it to install the lcd module. while cleaning the work st ation by vacuum cleaner, do not bring the sucking mouth near the module ; static electricity of the electrically-powered driver or the vacuum clean er may destroy the module . 12.7.5 don?t give external shock. 12.7.6 don?t apply excessive force on the surface. 12.7.7 liquid in lcd is hazardous substa nce. must not lick and swallow. when the liquid is attach to your, ski n, cloth etc. wash it out thoroughly and immediately. 12.7.8 don?t operate it above the absolute maximum rating. 12.7.9 storage in a clean environment, fr ee from dust, active gas, and solvent. 12.7.10 store without any physical load. 12.7.11 rewiring: no more than 3 times .


▲Up To Search▲   

 
Price & Availability of ET043000DM6

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X