Part Number Hot Search : 
08775 2SC1213 ADL55 SS432G XR16L651 NJU7748 SMAJ5305 XGH24N60
Product Description
Full Text Search
 

To Download ESDCAN01-2BLY Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  this is information on a product in full production. june 2014 docid026507 rev 1 1/8 ESDCAN01-2BLY automotive dual-line transil?, transient voltage suppressor (tvs) for can bus datasheet - production data features ? dual-line esd and eos protection ? bidirectional device ? max pulse power: 230 w (8/20 s) ? stand-off voltage 24 v ? low clamping factor v cl / v br ? fast response time ? low leakage current ? small plastic package ? ecopack ? 2 compliant component ? aec-q101 qualified benefits ? esd and eos protection for can transceiver ? sot23 package for space saving on high density printed circuit board ? transil diodes providing high overvoltage protection by clamping action and instantaneous response to transient overvoltage complies with the following standards ? iso 10605 - c = 150 pf, r = 330 ? : ? 30 kv (air discharge) ? 30 kv (contact discharge) ? iso 10605 - c = 330 pf, r = 330 ? : ? 30 kv (air discharge) ? 30 kv (contact discharge) ? iso 7637-3: ? pulse 3a: v s = -150 v ? pulse 3b: v s = +100 v application automotive controller area network (can) bus lines where electrostatic discharge and other transients must be suppressed. description the ESDCAN01-2BLY is a dual-line transil specifically designed for the protection of the automotive can bus lines against electrostatic discharge (esd). figure 1. functional diagram tm: transil is a trademark of stmicroelectronics sot23-3l 1 2 3 www.st.com
characteristics ESDCAN01-2BLY 2/8 docid026507 rev 1 1 characteristics figure 2. electrical characteristics (definitions) table 1. absolute maximum ratings (t amb = 25c) symbol parameter value unit v pp electrostatic discharge capability iso 10605 - c = 150 pf, r = 330 ? : contact discharge air discharge 30 30 kv iso 10605 - c = 330 pf, r = 330 ? : contact discharge air discharge 30 30 hbm mil std 883 8 p pp peak pulse power dissipation 8/20 s) t j initial = t amb 230 w i pp peak pulse current (8/20 s) 5.5 a t op operating junction temperature range -55 to +150 c t stg storage temperature range -55 to +150 c symbol parameter v = breakdown voltage i = leakage current v at v = stand-off voltage i = peak pulse current r br rm rm rm pp v = clamping voltage cl d = dynamic impedance v cl v cl v br v rm i rm i pp slope: 1/r d table 2. electrical characteristics (values, t amb = 25 c) symbol test conditions min. typ. max. unit v rm stand-off voltage 24 v v br i r = 1 ma 25 30 v i rm v rm = 24 v 100 na v cl pulse iso 7637-3 pulse 3b 35 v v cl pulse iso 7637-3 pulse 3a -35 v v cl i pp = 5 a, 8/20s 40 v t (1) voltage temperature coefficient 9 10 -4 /c cv r = 0 v dc, f = 1 mhz 30 pf 1. v br = ? t x (t amb -25) x v br (25 c)
docid026507 rev 1 3/8 ESDCAN01-2BLY characteristics 8 figure 3. peak pulse power versus initial junction temperature (maximum values) figure 4. junction capacitance versus reverse voltage applied (typical values) 0 50 100 150 200 250 300 350 400 25 50 75 100 125 150 175 t j (c) p(w) pp 0,0 5,0 10,0 15,0 20,0 25,0 30,0 35,0 024681012141618202224 c (pf) v r (v) figure 5. peak pulse power versus exponential pulse (maximum values) figure 6. clamping voltage versus peak pulse current (typical values) figure 7. leakage current versus junction temperature (typical values) figure 8. s21 attenuation p(w) pp 1 10 100 1000 10 100 1000 tp (s) i (a) pp 0,1 1 10 24 26 28 30 32 34 36 38 40 8/20 s v cl (v) t = -40 c j t = 25 c j t = 150 c j i (na) r 0,1 1 10 100 25 50 75 100 125 150 t j (c) s21 (db) 10m 30m 100m 300m 1g 3g -40 -35 -30 -25 -20 -15 -10 -5 0 f (hz)
application and design guidelines ESDCAN01-2BLY 4/8 docid026507 rev 1 figure 13. tlp measurements 2 application and design guidelines more information is available in the st application note an2689 ?protection of automotive electronics from electrical hazards, guidelines for design and component selection?. figure 9. esd response to iso 10605 - c = 150 pf, r = 330 ? (+8 kv contact) figure 10. esd response to iso 10605 - c = 150 pf, r = 330 ? (-8 kv contact) 20 ns/div 20 v/div 20 ns/div 20 v/div figure 11. response to iso 7637-3 pulse 3a (us = -150 v) figure 12. response to iso 7637-3 pulse 3b (us = +100 v) 50 ns/div 500 ma/div 10 v/div 50 ns/div 500 ma/div 5 v/div 0 2 4 6 8 10 12 14 16 18 20 24 26 28 30 32 34 36 38 i tlp (a) v tlp (v)
docid026507 rev 1 5/8 ESDCAN01-2BLY package information 8 3 package information ? epoxy meets ul94, v0 ? lead-free packages in order to meet environmental requirements, st offers these devices in different grades of ecopack ? packages, depending on their level of environmental compliance. ecopack ? specifications, grade definitions and product status are available at: www.st.com. ecopack ? is an st trademark. figure 14. sot23-3l dimension definitions table 3. sot23-3l dimension values ref. dimensions millimeters inches min. max. min. max. a 0.89 1.4 0.035 0.055 a1 0 0.1 0 0.004 b 0.3 0.51 0.012 0.02 c 0.085 0.18 0.003 0.007 d 2.75 3.04 0.108 0.12 e 0.85 1.05 0.033 0.041 e1 1.7 2.1 0.067 0.083 e 1.2 1.75 0.047 0.069 h 2.1 3.00 0.083 0.118 l 0.6 typ. 0.024 typ. s 0.35 0.65 0.013 0.026 a1 a l h b e d e e1 s c
package information ESDCAN01-2BLY 6/8 docid026507 rev 1 figure 15. footprint (dimensions in mm) 0.97 0.48 0.95 2.89 0.99
docid026507 rev 1 7/8 ESDCAN01-2BLY ordering information 8 4 ordering information figure 16. ordering information scheme 5 revision history table 4. ordering information order code marking package weight base qty delivery mode ESDCAN01-2BLY en24 sot-23 9.7 mg 3000 tape and reel esd can 01 - 2 b l y esd: esd protection application controller area network version number of protected lines 2 = 2 lines directionality b = bi-directional package l = sot23-3l automotive grade table 5. document revision history date revision changes 23-jun-2014 1 first issue.
ESDCAN01-2BLY 8/8 docid026507 rev 1 please read carefully: information in this document is provided solely in connection with st products. stmicroelectronics nv and its subsidiaries (?st ?) reserve the right to make changes, corrections, modifications or improvements, to this document, and the products and services described he rein at any time, without notice. all st products are sold pursuant to st?s terms and conditions of sale. purchasers are solely responsible for the choice, selection and use of the st products and services described herein, and st as sumes no liability whatsoever relating to the choice, selection or use of the st products and services described herein. no license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted under this document. i f any part of this document refers to any third party products or services it shall not be deemed a license grant by st for the use of such third party products or services, or any intellectual property contained therein or considered as a warranty covering the use in any manner whatsoev er of such third party products or services or any intellectual property contained therein. unless otherwise set forth in st?s terms and conditions of sale st disclaims any express or implied warranty with respect to the use and/or sale of st products including without limitation implied warranties of merchantability, fitness for a particular purpose (and their equivalents under the laws of any jurisdiction), or infringement of any patent, copyright or other intellectual property right. st products are not designed or authorized for use in: (a) safety critical applications such as life supporting, active implanted devices or systems with product functional safety requirements; (b) aeronautic applications; (c) automotive applications or environments, and/or (d) aerospace applications or environments. where st products are not designed for such use, the purchaser shall use products at purchaser?s sole risk, even if st has been informed in writing of such usage, unless a product is expressly designated by st as being intended for ?automotive, automotive safety or medical? industry domains according to st product design specifications. products formally escc, qml or jan qualified are deemed suitable for use in aerospace by the corresponding governmental agency. resale of st products with provisions different from the statements and/or technical features set forth in this document shall immediately void any warranty granted by st for the st product or service described herein and shall not create or extend in any manner whatsoev er, any liability of st. st and the st logo are trademarks or registered trademarks of st in various countries. information in this document supersedes and replaces all information previously supplied. the st logo is a registered trademark of stmicroelectronics. all other names are the property of their respective owners. ? 2014 stmicroelectronics - all rights reserved stmicroelectronics group of companies australia - belgium - brazil - canada - china - czech republic - finland - france - germany - hong kong - india - israel - ital y - japan - malaysia - malta - morocco - philippines - singapore - spain - sweden - switzerland - united kingdom - united states of america www.st.com


▲Up To Search▲   

 
Price & Availability of ESDCAN01-2BLY

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X