Part Number Hot Search : 
HDF2415D MT8870 EMICO 25LF02 SAA7201 2SJ6810 ML120G6 LM741W
Product Description
Full Text Search
 

To Download DSPC-8661ACY01-AE Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  dsp-8662 8ch 3g-sdi video encoder card with sdk ? powered by quad ti tms320dm8168 soc ? 8-channel sd-sdi / hd-sdi / 3g-sdi video + audio inputs ? up to 60fps at full hd (1080p) video acquisition per channel ? hw-based h.264 / mjpeg / raw encoding ? pcie gen2 x8 data bus; dual gbe lan ports ? supports multi-port ethernet and pcie switch ? web-based gui and sdk with sample codes introduction dsp-8662 is an advanced pcie video acquisition and encoder solution which supports 8 channels serial digital interface (sdi) video and audio inputs. dsp-8662 is capable of performing multi-channel video compression with up to full hd 1080p resolution at 60fps in each channel (total 480fps simultaneously). as a versatile video processing platform, dsp-8662 works as pcie video acquisition and encoder card working on x86 pc platform (drivers are available for both windows and linux os). with an easy-to-use software development kit (sdk), dsp-8662 is an ideal solution for system integrators to implement versatile video related applications, to fulfll various customer requirements. specifcations video input channels 8 input format sd-sdi / hd-sdi / 3g-sdi sdi standards smpte 259m / 292m / 344m / 424m (depends on the performance of the inputs device) resolution up to 1920 x 1080p (full hd 1080p) compression h.264 / mjpeg / raw max. frame rate 480 fps at full hd 1080p (up to 60fps per channel) bit rate control cbr / vbr / abr connectors bnc audio input channels 8 format raw sampling rate up to 16-bit, 44khz, stereo connectors bnc (shared with video inputs) peripherals & accessories lan port 10/100/1000 mbps lan port x2; rj-45 connector data bus pcie gen-2 x8 physical characteristics power consumption < 60w operating temperature 0 ~ 60 c (32 ~ 140 f) dimensions 270 x 111.15 mm (10.63" x 4.38"), double width software supported os windows xp / xpe / vista / 7 linux sdk users manual programming guide sample codes demo program 8ch 3g-sdi video capture and h.264 encoding at pcie device mode applications pcie device mode pcie video acquisition and encoder card rohs compliant 2002/95/ec new all product specifications are subject to change without notice last updated : 27-dec-2014 dsp processing platforms features
dimensions block diagram unit: mm dsp-8662 ordering information part number description dspc-8662-pcxe 8ch 3g-sdi video encoder card with sdk DSPC-8661ACY01-AE jtag debug board with cable 0 7.50 45 100.63 262.56 306.75 24 0 4.85 14.65 79.65 94.85 106.65 27.97 101.63 12.10 27.97 89.80 41.91 1.60 28.70 41.91 126.31 329.90 98.40 101.12 101.12 ?6 x12 ?3.20 x12 ph y ph y ph y x 1 6 d d r 3 2 g b x 1 6 d d r 3 2 g b x 1 6 d d r 3 2 g b x 1 6 d d r 3 2 g b x 1 6 d d r 3 2 g b x 1 6 d d r 3 2 g b x 1 6 d d r 3 2 g b x 1 6 d d r 3 2 g b eq eq eq eq vin(16b) mcspi p l x p e x 8 6 2 4 x 1 6 d d r 3 2 g b x 1 6 d d r 3 2 g b x 1 6 d d r 3 2 g b x 1 6 d d r 3 2 g b x 1 6 d d r 3 2 g b x 1 6 d d r 3 2 g b x 1 6 d d r 3 2 g b x 1 6 d d r 3 2 g b t i d m 8 1 6 8 t i d m 8 1 6 8 eq eq eq eq x i l i n x x c 5 v l x 3 0 t b r o a d co m b c m 5 3 9 6 x2 x2 x2 x2 ph y ph y ph y pcie x8 vin(16b) mcasp mcasp x i l i n x x c 5 v l x 3 0 t bnc bnc rj45 rj45 t i d m 8 1 6 8 t i d m 8 1 6 8 www.advantech.com/products online download


▲Up To Search▲   

 
Price & Availability of DSPC-8661ACY01-AE

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X