Part Number Hot Search : 
WSD751B LM267 UR3KB 1H100 KBPC2510 SAA7111A SC416 1H100
Product Description
Full Text Search
 

To Download DBD250G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  42814hk/73008tiim ta-0858 rb no. a1204-1/2 http://onsemi.com semiconductor components industries, llc, 2014 april, 2014 DBD250G 25.0a single-phase bridge rectifer features ? plastic molded structure ? glass passivation for high reliability ? peak reverse voltage : v rm =600v ? average output current : i o =25.0a specifcations absolute maximum ratings at tc=25c parameter symbol conditions raitings unit peak reverse voltage v rm 600 v average output current i o ta = 40 c 6.0 a ta=40c, with 300 ? 300 ? 3.0mm 3 cu fin 25.0 a surge forward current i fsm 50hz sine wave, 1cycle 400 a junction temperature tj 150 c storage temperature tstg --40 to +150 c dilective strength voltage vis terminals tc case, ac 1 minute 2 kv electrical characteristics at tc=25c * per constituent element of bridge. parameter symbol conditions raitings unit min typ max forward voltage v f i f = 12.5a* 1.05 v reverse current i r v r :at each v rm * 10 m a thremal resistance rth(j-c) junction-case 1.5 c / w note) maximum tightening torque : 0.98nm ordering number : ena1204a package dimensions unit:mm(typ.) stresses exceeding those listed in the maximum ratings table may damage the device. if any of these limits are exceeded, device functionality should not be assumed, damage may occur and reliability may be affected. product parametric performance is indicated in the electrical characteristics for the listed test conditions, unless otherwise noted. product performance may not be indicated by the electrical characteristics if operated under different conditions. 3.4 32.0 max 2.5 min 7.95 23.0 max 11. 0 10. 0 0.8 9 1.5 32.0 max 18. 0 7.2 6.35 14. 4 1.65 2.4 4.9 7.5
dbd250 psno. a1204-2/2 on semiconductor and the on logo are registered trademarks of semiconductor components industries, llc (scillc). scillc owns the rights to a number of patents, trademarks, copyrights, trade secrets, and other intellectual property. a listing of scillc?s product/patent coverage may be accessed at www.onsemi.com/site/pdf/patent-marking.pdf. scillc reserves the right to make changes without further notice to any products herein. scillc makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does scillc assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation special, consequential or incidental damages. ?typical? parameters which may be provided in scillc data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. all operating parameters, including ?typicals? must be validated for each customer application by customer?s technical experts. scillc does not convey any license under its patent rights nor the rights of others. scillc products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the scillc product could create a situation where personal injury or death may occur. should buyer purchase or use scillc products for any such unintended or unauthorized application, buyer shall indemnify and hold scillc and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that scillc was negligent regarding the design or manufacture of the part. scillc is an equal opportunity/affirmative action employer. this literature is subject to all applicable copyright laws and is not for resale in any manner. sur ge foward current, i fsm - - a number of cycles, n i fsm - - n forward v oltage, v f - - v i f - - v f forward current, i f - - a ambient t emperature, ta - - c i o - - ta av erage output current, i o - - a 0.4 0.6 0.7 0.5 0.8 0.9 1.0 1.1 1.2 1.3 1.4 100 200 250 150 400 300 350 1.0 10 5 7 2 3 2 5 3 it13662 it13663 1.0 10 25 37 25 37 100 t a=150 c 25 c 50hz ta =25 c 02 04 06 08 0 100 120 140 160 0 8 4 16 12 24 28 20 32 it13664 w ith heatsink resistive, inductive load capacitive load w ithout heatsink resistive, inductive load capacitive load w ith 300?300?3mm 3 cu fin


▲Up To Search▲   

 
Price & Availability of DBD250G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X