|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
c c h h u u n n g g h h w w a a p p i i c c t t u u r r e e t t u u b b e e s s , , l l t t d d . . t t e e c c h h n n i i c c a a l l s s p p e e c c i i f f i i c c a a t t i i o o n n to : date : 2010 / 04 / 07 accepted by : approved by checked by prepared by ronald huang roger liu carol shen prepared by : tft-lcd product planning management division chunghwa pictuer tubes, ltd. 1127 hopin rd., padeh, taoyuan, taiwan 334, r.o.c. tel: +886-3-3675151 fax: +886-3-377-3003 doc.no: CLAA101WA01-scl-v1-20100407 issue date: 2010/04/07 tft lcd CLAA101WA01 studio technology co. ltd. taiwan w w w . y s l c d . c o m . t w
cpt chunghwa pictures tubes, ltd., cpt confidential 1 / 24 CLAA101WA01-scl-v1-20100407 record of revisions revision date page description t1 2009/06/05 first revision (tentative) studio technology co. ltd. taiwan w w w . y s l c d . c o m . t w cpt chunghwa pictures tubes, ltd., cpt confidential 2 / 24 CLAA101WA01-scl-v1-20100407 contents no. item page 1 overview 3 2 absolute maximum ratings 4 3 electrical characteristics 5 4 connector interface pin & function 10 5 interface timing chart 11 6 block diagram 14 7 mechanical specification 15 8 optical characteristics 17 9 reliability test conditions 21 10 handling precautions for tft-lcd module 23 studio technology co. ltd. taiwan w w w . y s l c d . c o m . t w cpt chunghwa pictures tubes, ltd., cpt confidential 3 / 24 CLAA101WA01-scl-v1-20100407 1. overview CLAA101WA01 is 10.1? color tft-lcd (thin film transistor liquid crystal display) module composed of lcd panel, lvds driver ics, control circuit and backlight. by applying 6 bit digital data, 1366rgb (3) 768, 262k-color images are displayed on the 10.1? diagonal screen. general specifications are summarized in the following table item specification display area (mm) 222.72 (h) 125.22 (v) (10.1-inch diagonal) number of pixels 1366 3 (h) 768 (v) pixel pitch (mm) 0.16305 (h) 0.16305 (v) color pixel arrangement rgb vertical stripe display mode normally white tn number of colors 262,144(6bits)(lvds) gamut 58 % (typ) optimum viewing angle 6 o?clock response time (ms) 16 ms (typ) surface treatment anti-glare type , hardness 3h viewing angle 40 40 /15 30(min.) brightness (cd/m^2) 230 cd/m 2 (5point)/20 ma (typ.) uniformity 5point 80 %(typ) consumption of power (w) 3.5 w (max) backlight unit led electrical interface(data) lvds module weight (g) 200 (max) min. typ. max. horizontal(h) 234.5 235 235.5 vertical(v) 142.5 143 143.5 module size (mm) depth(d) - - 5.2 the lcd products listed on this document are not suitable for use of aerospace equipment, submarine cable, and nuclear reactor control system and life support systems. if customers intend to use these lcd products for applications listed above or those not included in the "standard" list as follows, please contact our sales in advance. standard computer, office equipment, communication equipment, test and measurement equipment, machine tool, industrial robot, audio and visual equipment, other consumer products. studio technology co. ltd. taiwan w w w . y s l c d . c o m . t w cpt chunghwa pictures tubes, ltd., cpt confidential 4 / 24 CLAA101WA01-scl-v1-20100407 2. absolute maximum ratings the following are maximum value, which if exceeded, may cause faulty operation or damage to the unit. item symbol min. max. unit note power supply voltage for lcd vcc 0 4.0 v operation temperature top 0 50 *1). 2). 3). 4) storage temperature tstg -20 60 *1). 2). 3) note *1) the relative temperature and humidity range are as below sketch, 90%rh max. (ta Q40 ) *2) the maximum wet bulb temperature Q39 (ta 40 ) and without dewing. *3) if product in environment which over the definition of the relative temperature and humidity out of range too long, it will affect visual of lcd. *4) if you operate lcd in normal temperature range, the center surface of panel should be under 50. *5) not showing abnormal scanner operation when turning on lcd module after storage at -20 during 2 hours. studio technology co. ltd. taiwan w w w . y s l c d . c o m . t w cpt chunghwa pictures tubes, ltd., cpt confidential 5 / 24 CLAA101WA01-scl-v1-20100407 3. electrical characteristics (a) tft lcd tem symbol min typ max unit note lcd power voltage vcc 3.0 3.3 3.6 v note 1 lcd power current icc - 250 300 ma note 2 rush crrent irush - - 2 a note 4 common voltage vcm 1.125 1.25 1.375 v note 3 diffrential input voltage vid 200 350 500 mv note 3 threshold voltage (high) vth - - 100 mv logic input voltage (lvds: in+,in-) threshold voltage (low) vtl -100 - - mv note 3 when vcm = +1.2v note 1 power sequence 0.5 ms Qt1 Q 10ms 400 ms Q t4 0 ms t2 Q 50 ms 200 ms Q t5 0 ms t3 Q 50 ms 200 ms Q t6 studio technology co. ltd. taiwan w w w . y s l c d . c o m . t w cpt chunghwa pictures tubes, ltd., cpt confidential 6 / 24 CLAA101WA01-scl-v1-20100407 vcc-dip state (1)when 3.0 vccR 2.7v td Q 10 ms (2)when vcc 2.7v vcc-dip condition should as the vcc-turn-off condition. td 2.7v 3.0v vin=3.3v note2 typical value is mosaic (32*36 checker board) pattern 768 line mode circuit condition (typ.) vcc=3.3 v f v =60 hz f h =46.80 khz f clk =72.07 mhz max value is black pattern 768 line mode circuit condition (max.) vcc=3.3 v f v =60 hz f h =46.80 khz f clk =72.07 mhz studio technology co. ltd. taiwan w w w . y s l c d . c o m . t w cpt chunghwa pictures tubes, ltd., cpt confidential 7 / 24 CLAA101WA01-scl-v1-20100407 note 3 lvds signal definite vin+ positive differential data & clk input vin- negative differential data clk input note 4 irush measure condition v th v tl vid studio technology co. ltd. taiwan w w w . y s l c d . c o m . t w cpt chunghwa pictures tubes, ltd., cpt confidential 8 / 24 CLAA101WA01-scl-v1-20100407 (b) back light (a.) electrical characteristics ta= 25 item symbol min typ max unit note led driver iuput voltage vbl+ 5 - 21 v led driver input current ibl+ - - 500 ma rush current irush - - 2 a page 7 note 4 forward voltage vf - 3.2 3.5 v *1)i f =20ma forward current if 18 20 22 ma *1) power consumption pled - 1.92 2.5 w *1)*2)i f =20ma pwm frequency pwm_bl 180 200 220 hz duty ratio dim 10 100 % (b) led life ? time item condition min typ max unit note life time i f =20ma ta= 25 15000 hrs *3) (c) led on/off sequence 10ms Q t1 0ms Q t3 0 ms Q t2 10ms Q t4 studio technology co. ltd. taiwan w w w . y s l c d . c o m . t w cpt chunghwa pictures tubes, ltd., cpt confidential 9 / 24 CLAA101WA01-scl-v1-20100407 *1)measure method a. led current is measured by utilizing a current meter as show below. b. we set up system power input voltage at 12v to measurement pled. *2)calculator value for reference if*vf=p *3)life time means that estimated time to 50% degradation of initial luminous intensity. pled studio technology co. ltd. taiwan w w w . y s l c d . c o m . t w cpt chunghwa pictures tubes, ltd., cpt confidential 10 / 24 CLAA101WA01-scl-v1-20100407 4. connector interface pin & function cn(interface signal) outlet connector: i-pex 20455-040e-12 pin no. symbol function 1 nc nc (please let it floating for cpt test only) 2 v cc +3.3v power 3 v cc +3.3v power 4 v_edid edid 3.3v power 5 nc nc(please let it floating for cpt test only) 6 clk_edid edid clock 7 data_edid edid data 8 rxin0- lvds signal(-)?channel 0 9 rxin0+ lvds signal(+)?channel 0 10 gnd ground 11 rxin1- lvds signal(-)?channel 1 12 rxin1+ lvds signal(+)?channel 1 13 gnd ground 14 rxin2- lvds signal(-)?channel 2 15 rxin2+ lvds signal(+)?channel 2 16 gnd ground 17 rxclkin- lvds clock signal(-) 18 rxclkin+ lvds clock signal(+) 19 gnd ground 20 nc nc (please let it floating for cpt test only) 21 nc nc (please let it floating for cpt test only) 22 gnd ground 23 nc nc (please let it floating for cpt test only) 24 nc nc (please let it floating for cpt test only) 25 gnd ground 26 nc nc (please let it floating for cpt test only) 27 nc nc (please let it floating for cpt test only) 28 gnd ground 29 nc nc (please let it floating for cpt test only) 30 nc nc (please let it floating for cpt test only) 31 vssled ground ? led 32 vssled ground ? led 33 vssled ground ? led 34 nc nc (please let it floating for cpt test only) 35 pwm system pwm signal input (+3.3v 0.3v swing) 36 led_en led enable pin (+3.3v 0.3v input) 37 nc nc(please let it floating for cpt test only) 38 v led power supply for led(v led =5v ~ 21v) 39 v led power supply for led(v led =5v ~ 21v) 40 v led power supply for led(v led =5v ~ 21v) studio technology co. ltd. taiwan w w w . y s l c d . c o m . t w cpt chunghwa pictures tubes, ltd., cpt confidential 11 / 24 CLAA101WA01-scl-v1-20100407 5. interface timing chart (1)(a). lvds input time sequence horizontal sequence (b) lcd input time sequence vertical sequence dclk first data 2 3 data (r,g, b) 1 1365 1366 invalid data invalid data last data t ha t hb dena t h t clk t vb dena t va invalid data line data 1 2 767 768 3 invalid data t v studio technology co. ltd. taiwan w w w . y s l c d . c o m . t w cpt chunghwa pictures tubes, ltd., cpt confidential 12 / 24 CLAA101WA01-scl-v1-20100407 (2) timing chart item synbol min typ max unit frequency f clk 66.12 72.07 80.00 mhz dclk period t clk 12.50 13.88 15.12 ns horizontal total time t h 1420 1540 1650 t clk horizontal active time t ha 1366 t clk horizontal horizontal blank time t hb 54 174 284 t clk vertical total time t v 776 780 808 t h vertical active time t va 768 t h lcd timing dena vertical vertical blank time t vb 8 12 40 t h note *1) dena (data enable) usually is positive. *2) during the whole blank period, dclk should keep input. studio technology co. ltd. taiwan w w w . y s l c d . c o m . t w cpt chunghwa pictures tubes, ltd., cpt confidential 13 / 24 CLAA101WA01-scl-v1-20100407 (3) data mapping r data g data b data r5 r4 r3 r2 r1 r0 g5 g4 g3 g2 g1 g0 b5 b4 b3 b2 b1 b0 color input data ms b ls b ms b ls b ms b ls b black 00 0 0 000000000 0 0 000 red(63) 11 1 1 110000000 0 0 000 green(63) 00 0 0 001111110 0 0 000 blue(63) 00 0 0 000000001 1 1 111 cyan 00 0 0 001111111 1 1 111 magenta 11 1 1 110000001 1 1 111 yellow 11 1 1 111111110 0 0 000 basic color white 11 1 1 111111111 1 1 111 red(0) 00 0 0 000000000 0 0 000 red(1) 00 0 0 010000000 0 0 000 red(2) 00 0 0 100000000 0 0 000 red(62) 11 1 1 100000000 0 0 000 red red(63) 11 1 1 110000000 0 0 000 green(0) 00 0 0 000000000 0 0 000 green(1) 00 0 0 000000010 0 0 000 green(2) 00 0 0 000000100 0 0 000 green(62) 00 0 0 001111100 0 0 000 green green(63) 00 0 0 001111110 0 0 000 blue(0) 00 0 0 000000000 0 0 000 blue(1) 00 0 0 000000000 0 0 001 blue(2) 00 0 0 000000000 0 0 010 blue(62) 00 0 0 000000001 1 1 110 blue blue(63) 00 0 0 000000001 1 1 111 note 1) gray level: color(n) n is level order; higher n means brighter level. 2) data: 1: high 0: low studio technology co. ltd. taiwan w w w . y s l c d . c o m . t w cpt chunghwa pictures tubes, ltd., cpt confidential 14 / 24 CLAA101WA01-scl-v1-20100407 6. block diagram input connector (i-pex 20455-040e-12) asic (lvds receiver embedded) dc/dc converte r reference voltage tft lcd (1366x3x768) gate drivers led light ba r - - - - - - - - - source drivers led drive r lcd powe r led power pwm smbus studio technology co. ltd. taiwan w w w . y s l c d . c o m . t w cpt chunghwa pictures tubes, ltd., cpt confidential 15 / 24 CLAA101WA01-scl-v1-20100407 7. mechanical specification (1) front side the tolerance, not show in the figure, is 0.5mm. [unit mm] note: bezel opening 1.0mm min. larger than active area 4 sides. studio technology co. ltd. taiwan w w w . y s l c d . c o m . t w cpt chunghwa pictures tubes, ltd., cpt confidential 16 / 24 CLAA101WA01-scl-v1-20100407 2) rear side the tolerance, not show in the figure, is 0.5mm. [unit mm] studio technology co. ltd. taiwan w w w . y s l c d . c o m . t w cpt chunghwa pictures tubes, ltd., cpt confidential 17 / 24 CLAA101WA01-scl-v1-20100407 8. optical characteristics ta=25 vdd=3.3v item symbol condition min. typ. max. unit note contrast ratio cr point-7 400 500 - -- *1) 2) luminance (5p) l 5-point avg. 200 230 - cd/m 2 *1) 3) uniformity(5p) ? l = 0 75 80 - % *1) 3) response time tr = 0 - 16 27 ms *5) cross talk ct = 0 - - 1 % *6) horizontal 40/-40 - - *4) view angle vertical crR10 15/-30 - - *4) 0.283 0.313 0.343 w x y 0.299 0.329 0.359 - 0.570 0.600 0.630 r x y 0.310 0.340 0.370 - 0.280 0.310 0.340 g x y 0.570 0.600 0.630 - 0.120 0.150 0.180 color temperatur e coordinate b x y = 0 0.080 0.110 0.140 - *3) gamut = 0 - 58% - - gamma gl 2.0 2.2 2.4 - *7) color coordinate and color gamut are measured by srul1r, response time is measured by trd-100,and all the other items are measured by bm-5a (topcon). all these items are measured under the dark room condition (no ambient light). measurement condition: il=20ma (each led) definition of these measurement items is as follows: *1) setup of measurement equipment the lcd module should be turn-on to a stable luminance level to be reached. the measurement should be executed after lighting backlight for 20 minutes and in a dark room. *2) definition of contrast ratio cr=on (white) luminance/off (black) luminance studio technology co. ltd. taiwan w w w . y s l c d . c o m . t w cpt chunghwa pictures tubes, ltd., cpt confidential 18 / 24 CLAA101WA01-scl-v1-20100407 *3) definition of luminance and luminance uniformity central luminance: the white luminance is measured at the center position ?5? on the screen, see fig.1 below. 5p luminance (avg): the white luminance is measured at measuring points 5 10 11 12 13, see fig.1 below. 5p uniformity: ? l = (lmin / lmax) 100% 12 fig.1 measure point (active area) 10 w w/4 w/4 w/4 w/4 h 10 1 8 7 6 5 4 3 2 9 10 11 13 h/4 h/4 h/4 h/4 12 studio technology co. ltd. taiwan w w w . y s l c d . c o m . t w cpt chunghwa pictures tubes, ltd., cpt confidential 19 / 24 CLAA101WA01-scl-v1-20100407 *4) definition of view angle( ) *5) definition of response time *6) crosstalk modulation ratio : ct= Oy b -y a O / y a 100% y a y b measure position and definition y a means luminance at gray level 32(exclude gray level 0 pattern) y b means luminance at gray level 32(include gray level 0 pattern) luminanc white black 90 % 90 % 10 % 10 % tf tr upper(+) % right(+) left(-) gate drive side lcd panel lower(-) studio technology co. ltd. taiwan w w w . y s l c d . c o m . t w cpt chunghwa pictures tubes, ltd., cpt confidential 20 / 24 CLAA101WA01-scl-v1-20100407 *7) definition gamma (vesa) based on customer sample, take the average value as a standard center value and the variation range of gamma value caused by loop voltage error should be between +/- 0.2. the bellow figure shows how to obtain the gamma curve and (from gray level: 0 4 8-----60 63). y =x-k log( y) log gray level studio technology co. ltd. taiwan w w w . y s l c d . c o m . t w cpt chunghwa pictures tubes, ltd., cpt confidential 21 / 24 CLAA101WA01-scl-v1-20100407 9. reliability test conditions 9.1 temperature and humidity: ( lcd also need to meet sony lcd note pc lcd reliability standard ) test items conditions high temperature operation 50 ? 240hrs high temperature storage 60 ? 240hrs high temperature high humidity operation 50 ?90 rh 240hrs high temperature high humidity storage 60 ?90 rh 48 hrs low temperature operation 0 ? 240 hrs low temperature storage -20 ? 240 hrs thermal shock -20 (0.5 hr) 60 (0.5 hr) ramp<20 100 cycle temperature & pressure storage 25 ? 260hpa(about 10000m) 24 hrs 9.2 shock & vibration: test items conditions shock (operating) 120g 3msec half sin wave x, y, z, 1 time each shock (non-operating) 210g 3msec half sin wave x, y, z, 1 time each vibration (operating) random 1.1grms 5-50hz 0.024g2/hz 50-100hz -36db/oct x,y,z 20min total 60 min vibration (non-operating) random 2.3grms 5-50hz 0.011g2/hz 50-100hz -36db/oct x,y,z 20min total 60 min 9.3 esd: items conditions module air 15kv,150pf 330 ? 1.under test conditions, by using air-mode to discharge each test point 25 times continueously and then check the module frame. 2. under test conditions, by using contact-mode to discharge each test point of panel frame 25 times continueously and then check the module frame. connector 200 pf0 ? 250 v by using contact-mode to discharge each pin one time and then check the module frame. studio technology co. ltd. taiwan w w w . y s l c d . c o m . t w cpt chunghwa pictures tubes, ltd., cpt confidential 22 / 24 CLAA101WA01-scl-v1-20100407 9.8 judgment standard the judgment of the above test should be made as follow: pass normal display image with no obvious non-uniformity and no line defect. partial transformation of the module parts should be ignored. fail no display image, obvious non-uniformity, or line defects. studio technology co. ltd. taiwan w w w . y s l c d . c o m . t w cpt chunghwa pictures tubes, ltd., cpt confidential 23 / 24 CLAA101WA01-scl-v1-20100407 10. handling precautions for tft-lcd module please pay attention to the followings in handling- tft-lcd products. 10.1 assembly precaution (1) please use the mounting hole on the module side in installing and do not beading or wrenching lcd in assembling. and please do not drop, bend or twist lcd module in handling. (2) please design display housing in accordance with the following guidelines. ? housing case must be destined carefully so as not to put stresses on lcd all sides and not to wrench module. the stresses may cause non-uniformity even if there is no non-uniformity statically. ? keep sufficient clearance between lcd module back surface and housing when the lcd module is mounted. approximately 1.0 mm of the clearance in the design is recommended taking into account the tolerance of lcd module thickness and mounting structure height on the housing. ? when some parts, such as, fpc cable and ferrite plate, are installed underneath the lcd module, still sufficient clearance is required, such as 0.5mm. this clearance is, especially, to be reconsidered when the additional parts are implemented for emi countermeasure. ? keep sufficient clearance between lcd module and the others parts, such as speaker so as not to interface the lcd module. approximately 1.0mm of the clearance in the design is recommended. (3) please do not push or scratch lcd panel surface with any-thing hard. and do not soil lcd panel surface by touching with bare hands. (polarizer film, surface of lcd panel is easy to be flawed.) (4) please do not press any parts on the rear side such as source tcp, gate tcp, control circuit board and fpcs during handling lcd module. if pressing rear part is unavoidable, handle the lcd module with care not to damage them. (5) please wipe out lcd panel surface with absorbent cotton or soft clothe in case of it being soiled. (6) please wipe out drops of adhesives like saliva and water on lcd panel surface immediately. they might damage to cause panel surface variation and color change. (7) please do not take a lcd module to pieces and reconstruct it. resolving and reconstructing modules may cause them not to work well. (8) please do not touch metal frames with bare hands and soiled gloves. a color change of the metal frames can happen during a long preservation of soiled lcd modules. 10.2 operating precautions (1) please be sure to turn off the power supply bef ore connecting and disconnecting signal input cable. (2) please do not change variable resistance settings in lcd module. they are adjusted to the most suitable value. if they are changed, it might happen lcd does not satisfy the characteristics specification. (3) please consider that lcd backlight takes longer time to become stable of radiation characteristics in low temperature than in room temperature. (4) a condensation might happen on the surface and inside of lcd module in case of sudden change of ambient temperature. studio technology co. ltd. taiwan w w w . y s l c d . c o m . t w cpt chunghwa pictures tubes, ltd., cpt confidential 24 / 24 CLAA101WA01-scl-v1-20100407 (5) please pay attention to displaying the same pattern for very long time. image might stick on lcd. if then, time going on can make lcd work well. (6) please obey the same caution descriptions as ones that need to pay attention to ordinary electronic parts. 10.3 precautions with electrostatics (1) this lcd module use cmos-ic on circuit board and tft-lcd panel, and so it is easy to be affected by electrostatics. please be careful with electrostatics by the way of your body connecting to the ground and so on. (2) please remove protection film very slowly on the surface of lcd module to prevent from electrostatics occurrence. 10.4 storage precautions (1) when you store lcds for a long time, it is recommended to keep the temperature between 0 ~40 without the exposure of sunlight and to keep the humidity less than 90%rh. (2) please do not leave the lcds in the environment of high humidity and high temperature such as 60 90%rh. (3) please do not leave the lcds in the environment of low temperature; below -20 . 12.5 safety precautions (1) when you waste lcds, it is recommended to crush damaged or unnecessary lcds into pieces and wash them off with solvents such as acetone and ethanol, which should later be burned. (2) if any liquid leaks out of a damaged-glass cell and comes in contact with the hands, wash off throughly with soap and water. 10.6 others (1) a strong incident light into lcd panel might cause display characteristics' changing inferior because of polarizer film, color filter, and other materials becoming inferior. please do not expose lcd module direct sunlight land strong uv rays. (2) please pay attention to a panel side of lcd module not to contact with other materials in preserving it alone. (3) for the packaging box, please pay attention to the followings: ? packaging box and inner case for lcd are designed to protect the lcds from the damage or scratching during transportation. please do not open except picking lcds up from the box. ? please do not pile them up more than 3 boxes. (they are not designed so.) and please do not turn over. ? please handle packaging box with care not to give them sudden shock and vibrations. and also please do not throw them up. ? packing box and inner case for lcds are made of cardboard. so please pay attention not to get them wet. (such like keeping them in high humidity or wet place can occur getting them wet.) studio technology co. ltd. taiwan w w w . y s l c d . c o m . t w |
Price & Availability of CLAA101WA01 |