Part Number Hot Search : 
BH7634AS H332M MKP1841 ICOND 065HN SD200N C3398 28000
Product Description
Full Text Search
 

To Download BD13003B-15 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  elektronische bauelemente bd13003b 1.5a , 700v npn plastic encapsulated transistor 14-mar-2014 rev. b page 1 of 2 http://www.secosgmbh.com/ any changes of specification will not be informed individually. ? base ? ? emitte r collector ? rohs compliant product a suffix of ?-c? specifies halogen & lead-free features ? power switching applications classification of t s product-rank bd3dd13003-a1 bd3dd13003-a2 range 2-2.5 ( s) 2.5-3 ( s) product-rank bd3dd13003-b1 bd3dd13003-b2 range 3-3.5 ( s) 3.5-4 ( s) absolute maximum ratings (t a = 25c unless otherwise specified) parameter symbol rating unit collector to base voltage v cbo 700 v collector to emitter voltage v ceo 400 v emitter to base voltage v ebo 9 v collector current - continuous i c 1.5 a collector power dissipation p c 1.5 w junction, storage temperature t j , t stg 150, -55~150 c electrical characteristics (t a = 25c unless otherwise specified) parameter symbol min. typ. max. unit test conditions collector to base breakdown voltage v (br)cbo 700 - - v i c =5ma, i e =0 collector to emitter breakdown voltage v (br)ceo 400 - - v i c =10ma, i b =0 emitter to base breakdown voltage v (br)ebo 9 - - v i e =2ma, i c =0 collector cut ? off current i cbo - - 1 ma v cb =700v, i e =0 collector cut ? off current i ceo - - 0.5 ma v ce =400v, i b =0 emitter cut ? off current i ebo - - 1 ma v eb =9v, i c =0 h fe (1) 20 - 30 v ce =5v, i c =0.5a dc current gain h fe (2) 5 - - v ce =5v, i c =1.5a collector to emitter saturation voltage v ce(sat) - - 0.6 v i c =1a, i b =250ma base to emitter saturation voltage v be(sat) - - 1.2 v i c =1a, i b =250ma transition frequency f t 5 - - mhz v ce =10v, i c =100ma, f =1mhz fall time t f - 0.5 - s i c =1a,i b1 = -i b2 =0.2a,v cc =100v storage time t s 2 - 4 s i c =250ma (ui9600) to-126 c d b a e n f l g k j h m millimete r millimete r ref. min. max. ref. min. max. a 7.40 7.80 h 1.10 1.50 b 2.50 2.90 j 0.45 0.60 c 10.60 11.00 k 0.66 0.86 d 15.30 15.70 l 2.10 2.30 e 3.70 3.90 m 1.17 1.37 f 3.90 4.10 n 3.00 3.20 g 2.29 typ.
elektronische bauelemente bd13003b 1.5a , 700v npn plastic encapsulated transistor 14-mar-2014 rev. b page 2 of 2 http://www.secosgmbh.com/ any changes of specification will not be informed individually. characteristic curve


▲Up To Search▲   

 
Price & Availability of BD13003B-15

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X