1. product profile 1.1 general description 500 ma pnp general-purpose transistors in a leadless ultra small dfn1010d-3 (sot1215) surface-mounted devi ce (smd) plastic package with visible and solderable side pads. 1.2 features and benefits ? general-purpose transistor ? two current gain selections ? low package height of 0.37 mm ? aec-q101 qualified 1.3 applications ? general-purpose switching and amplification ? mobile applications 1.4 quick reference data [1] pulse test: t p ? 300 ? s; ? ? 0.02. BC807-25QA; bc807-40qa 45 v, 500 ma pnp gene ral-purpose transistors rev. 1 ? 30 august 2013 product data sheet ' ) 1 ' table 1. product overview type number package npn complement nxp jeita BC807-25QA dfn1010d-3 (sot1215) - bc817-25qa bc807-40qa bc817-40qa table 2. quick reference data symbol parameter conditions min typ max unit v ceo collector-emitter voltage open base - - ? 45 v i c collector current - - ? 500 ma h fe dc current gain v ce = ? 1v; i c = ? 100 ma [1] BC807-25QA 160 - 400 bc807-40qa 250 - 600
BC807-25QA_40qa all information provided in this document is subject to legal disclaimers. ? nxp b.v. 2013. all rights reserved. product data sheet rev. 1 ? 30 august 2013 2 of 15 nxp semiconductors BC807-25QA; bc807-40qa 45 v, 500 ma pnp general-purpose transistors 2. pinning information 3. ordering information 4. marking table 3. pinning pin symbol description simplified outline graphic symbol 1 b base 2eemitter 3 c collector 4 c collector 7 u d q v s d u h q w w r s y l h z sym132 e c b table 4. ordering information type number package name description version BC807-25QA dfn1010d-3 plastic thermal enhanced ultra thin small outline package; no leads; 3 terminals; body: 1.1 ? 1.0 ? 0.37 mm sot1215 bc807-40qa table 5. marking codes type number marking code BC807-25QA 01 01 00 bc807-40qa 00 11 00 fig 1. dfn1010d-3 (sot1215) binary marking code description 0 $ 5 . , 1 * & |