Part Number Hot Search : 
TSP080 TLR362T TSP080 N4002 D9244 8D52G1X VW2X30 XC2238M
Product Description
Full Text Search
 

To Download AZ100LVEL16VTLR2 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  az100lvel16vt ecl/pecl oscillator gain stage & buffer with selectable enable 1630 s. stapley dr., suite 125 ? mesa, arizona 85204 ? usa ? (480) 962-5881 ? fax (480) 890-2541 www.azmicrotek.com arizona microtek, inc. features ? high bandwidth for 1ghz ? similar operation as az100lvel16vr except in disabled condition: q hg is high ? operating range of 3.0v to 5.5v ? minimizes external components ? selectable enable polarity and threshold (cmos/ttl or pecl) ? available in a 3x3 mm or 2x2 mm mlp package description the az100lvel16vt is a specialized oscillator gain stage with high gain output buffer including an enable. the q hg /q hg outputs have a voltage gain several times greater than the q/q outputs. mlp 16, 3x3 mm package (vtl) or die (vtx) the az100lvel16vtl and az100lvel16vtx provide a selectable enable input (en) that allows continuous oscillator operation. see truth table for the enable function. if enable pull-up is desired in the cmos/ttl mode, an external 20 k ? resistor connecting en to v cc will override the on-chip pull-down resistor. when disabled, the q hg output is forced high and the q hg output is forced low. the az100lvel16vtl/vtx also provides a v bb and 470 ? internal bias resistors from d to v bb and d to v bb . the v bb pin can support 1.5 ma sink/source current. bypassing v bb to ground with a 0.01 f capacitor is recommended. the outputs q and q each have a selectable on-chip pull-down curre nt source. see truth table below for current source functions. external resistors may also be used to increase pull-down current to a maximum total of 25 ma. outputs q hg and q hg each have an optional on-chip pull-down current source of 10 ma. when pad/pin v eep is left open (nc), the output current sources are disabled and the q hg /q hg operate as standard pecl/ecl. when v eep is connected to v ee , the current sources are activated. the q hg /q hg pull-down current can be decreased, by using a resistor to connect v eep to v ee . (see graph on page 5.) mlp 8, 2x2 mm package, vtna, vtnb & vtnc versions all mlp 8, 2x2mm versions of the az100lvel16vt provide an enable input that allows continuous oscillator operation. vtna and vtnb utilize an enable (en ) that operates in the pecl/ecl mode. when the en input is low, the q and q hg /q hg outputs follow the data inputs. when en is high, the q hg output is forced high and the q hg output is forced low. vtnc utilizes an enable (en) that operates in the cmos/ttl mode. when the en input is high, the q and q hg /q hg outputs follow the data inputs. when en is low, the q hg output is forced high and the q hg output is forced low. for vtna, both d and d inputs are brought out and tied to the v bb pin through 470 ? internal bias resistors. in vtnb and vtnc, the d input is internally tied directly to the v bb pin and the d input is tied to the v bb pin through a 470 ? internal bias resistor. bypassing v bb to ground with a 0.01 f capacitor is recommended. all mlp 8, 2x2mm versions (vtna, vtnb & vtnc) have the q, q hg , and q hg current sources disabled, while the q output operates with a 4 ma current source to v ee . note: specifications in the ecl/pecl tables are valid when thermal equilibrium is established. package availability package part no. marking mlp 8 az100lvel16vtna tna mlp 8 t&r az100lvel16vtnar1 tna mlp 8 az100lvel16vtnb tnb mlp 8 t&r az100lvel16vtnbr1 tnb mlp 8 az100lvel16vtnc tnc mlp 8 t&r az100lvel16vtncr1 tnc mlp 16 az100lvel16vtl azm16t mlp 16 t&r az100lvel16vtlr1 azm16t mlp 16 t&r AZ100LVEL16VTLR2 azm16t die az100lvel16vtx n/a
az100lvel16vt november 2003 * rev - 3 www.azmicrotek.com 2 absolute maximum ratings are those values beyond which device life may be impaired. symbol characteristic rating unit v cc pecl power supply (v ee = 0v) 0 to +8.0 vdc v i pecl input voltage (v ee = 0v) 0 to +6.0 vdc v ee ecl power supply (v cc = 0v) -8.0 to 0 vdc v i ecl input voltage (v cc = 0v) -6.0 to 0 vdc i out output current q hg /q hg --- continuous --- surge output current q/q --- continuous --- surge 50 100 25 50 ma t a operating temperature range -40 to +85 c t stg storage temperature range -65 to +150 c enable truth table mlp 16 (vtnl) or die (vtnx) en-sel en q/q q hg q hg nc nc pecl low, v ee or nc pecl high or v cc data data data high data low v ee * v ee * v ee * v ee * cmos low or v ee cmos high or v cc nc, no external pull-up nc, with 20k ? to v cc data data data data high data high data low data low data *connections to v cc or v ee must be less than 1 ? . current source truth table mlp 16 (vtnl) or die (vtnx) cs-sel q q nc v ee * v cc * 4ma typ. 8ma typ. 0 4ma typ. 8ma typ. 4ma typ. *connections to v cc or v ee must be less than 1 ? . pin description pin function d/d data inputs q/q data outputs q hg /q hg data outputs w/high gain v bb reference voltage output en-sel selects enable logic en/en enable input cs-sel selects q and q current source magnitude v eep optional q hg and q hg current sources v ee negative supply v cc positive supply q d 4ma ea. 470 ? v bb en v ee en-sel v eep cmos / ttl threshold 10ma ea. cs-sel q hg q d q hg mlp 16 (vtnl) or die (vtnx) 470 ?
az100lvel16vt november 2003 * rev - 3 www.azmicrotek.com 3 100k ecl dc characteristics (v ee = -3.0v to -5.5v, v cc = gnd) -40 c 0 c 25 c 85 c symbol characteristic min max min max min max min max unit v oh output high voltage 2 -1045 -835 -995 -835 -995 -835 -995 -835 mv v oh output high voltage 4 -1085 -880 -1025 -880 -1025 -880 -1025 -880 mv v ol output low voltage 2,4 -1925 -1555 -1900 -1620 -1900 -1620 -1900 -1620 mv v ih input high voltage d/d , en/en (pecl) en (cmos/ttl) -1165 v ee +2000 -880 v cc -1165 v ee +2000 -880 v cc -1165 v ee +2000 -880 v cc -1165 v ee +2000 -880 v cc mv v il input low voltage d/d , en/en (pecl) en (cmos/ttl) -1810 v ee -1475 v ee + 800 -1810 v ee -1475 v ee + 800 -1810 v ee -1475 v ee + 800 -1810 v ee -1475 v ee + 800 mv v bb reference voltage -1390 -1250 -1390 -1250 -1390 -1250 -1390 -1250 mv i il input low current en 3 0.5 0.5 0.5 0.5 a i ih input high current en 3 150 150 150 150 a i ee power supply current 1 48 48 48 54 ma 1. specified with v eep and cs-sel open for vtl and vtx. s ubtract 4ma for vtna, vtnb & vtnc. 2. specified with v eep and cs-sel connected to v ee for vtl and vtx only. 3. specified with en-sel open for vtl and vtx only. 4. specified with q hg /q hg connected with 50 ? to v cc ?2v for vtna, vtnb & vtnc. 100k lvpecl dc characteristics (v ee = gnd, v cc = +3.3v) -40 c 0 c 25 c 85 c symbol characteristic min max min max min max min max unit v oh output high voltage 1,3 2255 2465 2305 2465 2305 2465 2305 2465 mv v oh output high voltage 1,5 2215 2420 2275 2420 2275 2420 2275 2420 mv v ol output low voltage 1,3,5 1375 1745 1400 1655 1480 1680 1400 1680 mv v ih input high voltage d/d , en/en (pecl) 1 en (cmos/ttl) 2135 2000 2420 v cc 2135 2000 2420 v cc 2135 2000 2420 v cc 2135 2000 2420 v cc mv v il input low voltage d/d , en/en (pecl) 1 en (cmos/ttl) 1490 gnd 1825 800 1490 gnd 1825 800 1490 gnd 1825 800 1490 gnd 1825 800 mv v bb reference voltage 1 1910 2050 1910 2050 1910 2050 1910 2050 mv i il input low current en 4 0.5 0.5 0.5 0.5 a i ih input high current en 4 150 150 150 150 a i ee power supply current 2 48 48 48 54 ma 1. for supply voltages other that 3.3v, use the ec l table values and add supply voltage value. 2. specified with v eep and cs-sel open for vtl and vtx. s ubtract 4ma for vtna, vtnb & vtnc. 3. specified with v eep and cs-sel connected to v ee for vtl and vtx only. 4. specified with en-sel open for vtl and vtx only. 5. specified with q hg /q hg connected with 50 ? to v cc ?2v for vtna, vtnb & vtnc. 100k pecl dc characteristics (v ee = gnd, v cc = +5.0v) -40 c 0 c 25 c 85 c symbol characteristic min max min max min max min max unit v oh output high voltage 1,3 3955 4165 4005 4165 4005 4165 4005 4165 mv v oh output high voltage 1,5 3915 4120 3975 4120 3975 4120 3975 4120 mv v ol output low voltage 1,3,5 3075 3445 3100 3338 3100 3338 3100 3338 mv v ih input high voltage d/d , en/en (pecl) 1 en (cmos/ttl) 3835 2000 4120 v cc 3835 2000 4120 v cc 3835 2000 4120 v cc 3835 2000 4120 v cc mv v il input low voltage d/d , en/en (pecl) 1 en (cmos/ttl) 3190 gnd 3525 800 3190 gnd 3525 800 3190 gnd 3525 800 3190 gnd 3525 800 mv v bb reference voltage 1 3610 3750 3610 3750 3610 3750 3610 3750 mv i il input low current en 4 0.5 0.5 0.5 0.5 a i ih input high current en 4 150 150 150 150 a i ee power supply current 2 48 48 48 54 ma 1. for supply voltages other that 5.0v, use the ec l table values and add supply voltage value. 2. specified with v eep and cs-sel open for vtl and vtx. s ubtract 4ma for vtna, vtnb & vtnc. 3. specified with v eep and cs-sel connected to v ee for vtl and vtx only. 4. specified with en-sel open for vtl and vtx only. 5. specified with q hg /q hg connected with 50 ? to v cc ?2v for vtna, vtnb & vtnc.
az100lvel16vt november 2003 * rev - 3 www.azmicrotek.com 4 ac characteristics (v ee = -3.0v to -5.5v; v cc = gnd or v ee = gnd; v cc = +3.0v to +5.5v) -40 c 0 c 25 c 85 c symbol characteristic min typ max min typ max min typ max min typ max unit t plh / t phl propagation delay d to q/q outputs 1 (se) d to q hg /q hg outputs 1 (se) 400 550 400 550 400 550 430 630 ps t skew duty cycle skew 2 (se) 5 20 5 20 5 20 5 20 ps v pp minimum input swing 3 diff se 80 160 80 160 80 160 80 160 mv t r / t f output rise/fall times 1 (20% - 80%) 100 260 100 260 100 260 100 260 ps 1. for vtl and vtx, output specified with v eep and cs-sel connected to v ee with an ac coupled 50 ? load. for vtna, vtnb & vtnc, ac coupled 50 ? on q to v cc ?2v and dc coupled 50 ? to v cc ?2v on q hg /q hg. 2. duty cycle skew is the difference between a t plh and t phl propagation delay through a device. 3. v pp is the minimum peak-to-peak input swing for which ac parameters guaranteed. the device has a voltage gain of 20 to q/q outputs and a voltage gain of 100 to q hg /q hg outputs. q hg q d en (vtl, vtx) ; en (vtna, vtnb) (pecl) (cmos) q q hg timing diagram en (vtl, vtx, vtnc)
az100lvel16vt november 2003 * rev - 3 www.azmicrotek.com 5 bottom center pad may be left open or tied to v ee adjustable high gain output current 0 2 4 6 8 10 12 0 20 40 60 80 100 120 140 160 180 200 v eep to v ee resistor value (ohms) high gain output currents (ma) mlp 16 3x3 mm d 4 3 2 1 58 7 6 10 9 12 11 q nc 13 14 15 16 nc nc cs-sel q hg q hg en-sel en q d v bb v ee v eep v cc top view
az100lvel16vt november 2003 * rev - 3 www.azmicrotek.com 6 bottom center pad may be left open or tied to v ee . pin 4 is the v ee return. bottom center pad is the v ee return. logic diagrams and pinout s for 2x2mm package en operation follows pecl functionality. see timing diagram above. en operation follows pecl functionality. see timing diagram above. bottom center pad may be left open or tied to v ee . pin 4 is the v ee return. en operation fo llows cmos/ttl functionality. see timing diagram above. d 4ma 470 ? v bb v ee q hg q q hg mlp 8, 2x2mm az100lvel16vtnb en d 4ma 470 ? v bb v ee q hg q q hg mlp 8, 2x2mm az100lvel16vtnc cmos / ttl threshold en d 4 3 2 1 6 5 8 7 mlp 8, 2x2mm az100lvel16vtnb q hg q hg en q v bb v ee v cc top view d 4 3 2 1 6 5 8 7 mlp 8, 2x2mm az100lvel16vtna q hg q hg en q v bb v cc top view v ee d d 4 3 2 1 6 5 8 7 mlp 8, 2x2mm az100lvel16vtnc q hg q hg en q v bb v ee v cc top view d 4ma 470 ? v bb en v ee q hg q d q hg mlp 8, 2x2mm az100lvel16vtna 470 ?
az100lvel16vt november 2003 * rev - 3 www.azmicrotek.com 7 az100lvel16vt die: pad center coordinates name pad designation x(microns) y(microns) a d -342.5 312.5 b d -342.5 144.5 c v bb -342.5 -87.0 d en -342.5 -255.0 e v ee -33.5 -312.5 f v eep 126.5 -312.5 g en-sel 312.5 -248.5 h q hg 312.5 -98.5 i q hg 312.5 51.5 j cs-sel 312.5 201.5 k v cc 302.5 342.5 l q 142.5 342.5 m q -140.5 342.5 a m lk j i h g f e d c b die size: 950u x 950u bond pad: 85u x 85u die thickness: 14 mils lv16vt die pad coordinates
az100lvel16vt november 2003 * rev - 3 www.azmicrotek.com 8 package diagram mlp 8 dual 2x2mm bottom view side view mlp 8 (2x2mm) 2.0000.050 2.0000.050 pin 1 dot by marking 0.3500.050 pin 1 identification r0.100 typ 1.750 ref. 1.2000.050 exp. pad 1 2 3 4 5 6 7 8 0.2500.050 0.500 bsc 0.6000.050 exp. pad 123 4 0.7500.050 0.000-0.050 0.2030.025 top view note: all dimensions are in mm
az100lvel16vt november 2003 * rev - 3 www.azmicrotek.com 9 package diagram mlp 16 dim min max a a1 a3 b d d2 e e2 e l aaa bbb ccc 0.80 0.00 0.18 2.90 0.25 2.90 0.25 0.30 1.00  0.05  0.30  3.10  1.95  3.10  1.95  0.50 0.25 ref 0.50 bsc 0.25 0.10 0.10 millimeters dimensioning and tolerancing conform to asme t14-1994. the terminal #1 and pad numbering convention shall conform to jesd 95-1 spp-012. dimension b applies to metallized pad and is measured between 0.25 and 0.30mm from the pad tip. coplanarity applies to the exposed p ad as well as the terminals notes: 1. 2. 3. 4. d e aaa 2 x c d 2 e 2 b a aaa top view index area (d/2 x e/2) 2 x c 2. d2 d2/ 2 e 3 x e 3 x bbb bott om view 16 x b c a b 3. e 1 2 m a a1 a3 side view c seating plane 0.08 c ccc c 4.
az100lvel16vt november 2003 * rev - 3 www.azmicrotek.com 10 arizona microtek, inc. reserves the right to change circuitry a nd specifications at any time wit hout prior notice. arizona mic rotek, inc. makes no warranty, representation or guarant ee regarding the suitability of its products for any particular purpose, nor does a rizona microtek, inc. assume any liability arising out of the application or use of any pr oduct or circuit and specifically disclaims any and all liability, including without limitation special, consequential or inci dental damages. arizona micr otek, inc. does not convey a ny license rights nor the rights of others. arizona microtek, inc. products are not designed, intended or authorized for use as component s in systems intended to support or sustain life, or for any other application in which the fa ilure of the arizona microtek, inc. product could create a situation where personal injury or death may occur. should buye r purchase or use arizona microtek, inc. products for any such unintended or unauthorized application, buyer shall in demnify and hold arizona microtek, inc. and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reas onable attorney fees arising ou t of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that arizona microtek, inc. was negligent regard ing the design or manufacture of the part.


▲Up To Search▲   

 
Price & Availability of AZ100LVEL16VTLR2

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X