Part Number Hot Search : 
17D158IV P4KE91 BDY71 2S335A TLOE16TP Z86C43 MAX15 MMBT5089
Product Description
Full Text Search
 

To Download AXK5XXXXX Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  axk(5(s)/6(s)) narrow-pitch connectors for board-to-board connection narrow pitch (0.5mm) connectors p5 series ?p5k, p5ks ?p5k ?p5ks note) the external appearance and pc board pattern differs for the p5k and p5ks series. features 1. the product lineup consists of 3.0 mm, 3.5 mm, 4.0 mm, 4.5 mm, 5.0 mm, 5.5 mm, 6.0 mm, 6.5 mm, 7.0 mm, 8.0 mm, and 9.0 mm. 2. strong resistance to adverse environments! utilizes construction for high contact reliability. note: p5ks will support v notch and ni barrier from november, 2005, and will have tough contact construction. 1) contacts are highly resistant to shock caused by dropping and employ our original bellows contact construction. 2) v notch construction used for excellent resistance against foreign matters. (p5ks: available from nov. 2005) 3) use of ni barrier construction is standard. highly effective against solder creeping. (p5ks: available from nov. 2005) 4) porosity treatment applied for improved resistance against corrosion. 3. even with the low pro?e, the effective mating length has been extended to ensure that there is some latitude in the mating. 4. automatic mounting 1) suction area for suction-type automatic mounting machines is employed. 5. compliance with rohs directive environmentally friendly, the connectors comply with europes rohs directive. cadmium, lead, mercury, hexavalent, chromium, pbb and pbde are not used. applications 1. mobile phones, phs, mobile info- communications terminals, and other small portable devices 2. the 160-contacts connector: this connector is particularly suited to the motherboard, cpu board, and other multi-pin expansion boards on notebook pcs and other info-communications applications. socket header socket header type mated height notes p5k 3 mm, 3.5 mm the external appearance and pc board pattern differs for the p5k and p5ks series. p5ks 4 mm, 4.5 mm, 5 mm, 5.5 mm, 6 mm, 6.5 mm, 7 mm, 8 mm, 9 mm p5k p5ks 4 constructions bellows contact construction v notch construction note) ni barrier construction note) porosity treatment ?what is meant by ?ellows type contact? since the contact is fo rm ed by bending thin plate, it has a spring-like quality. this construction helps make it resist- ant to dropping and twisting. the roll surfaces are in contact with each other, providing high contact reliability. rather than two broken-out surfaces, the contact is for med by the surfaces of two rolled plates. this helps the contact hold up better to repeated insertions and removals, while at the same time achieving highly reliable contact. what is v notch construction? by using the edge for the contacting part and increasing contact pressure per unit area, the effectiveness in removing flux and contaminants is increased compared to its predecessor. this is also effective in preventing the trapping of contaminants. [cross section of contacting part] without notch with v notch header side contact cross section socket side contact cross section header side contact socket side contact cross section of socket side contact ni barrier exposed ni part cu ni au what is ni barrier construction? by providing an exposed nickel part on the gold (au) plated contact, solder creeping is prevented despite the ultra low profile. [contact] pinholes ni plating base material porosity treatment film what is porosity treatment? au plating surrounding gas this treatment consists of coating the surface with a very thin film to seal pinholes in the gold plating. this porosity treatment technology ensures the same contact reliability for thin gold plating as that of thick gold plating. improvement in insertion/removal durability improvement in resistance to corrosion improvement in contact reliability for digital signals type effective mating length p5k 0.75 mm p5ks 1.0 mm effective mating length with long effective mating lengths, even if the connection is not perfect, the electrical connection is more than enough for normal operations. suction face p5k header p5k socket mother board cpu boards and other multi-pin expansion boards. all rights rese r v ed c o p y r i gh t matsushita elect r ic w o r k s , ltd.
axk(5(s)/6(s)) table of product types ordering information 1. p5k (3.0 mm and 3.5 mm) socket header socket header p5k p5ks 3.0mm mated height 20 22 24 30 34 36 40 50 60 70 80 100 120 130 160 product name p5k p5ks ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? 3.5mm 4.0mm ? ? ? ? ? ? ? ? ? ? ? 4.5mm ? ? ? ? ? ? ? ? ? ? ? ? 5.0mm ? ? ? ? ? ? ? ? ? 5.5mm ? ? ? ? ? ? ? ? ? 6.0mm ? ? ? ? ? ? ? ? 6.5mm ? ? ? ? ? ? ? ? ? 7.0mm ? ? ? ? ? ? ? ? 8.0mm ? ? ? ? ? ? ? ? 9.0mm ? ? ? ? ? ? ? ? notes: 1. the standard type comes without positioning bosses. (positioning bosses come standard on types with 4.0 mm and 4.5 mm mated height with 120 and 160 contacts, and 6.5 mm mated height with 130 contacts.) connectors with positioning boss are available for on-demand production. 2. please consult us for products which have no ? mark. number of contacts mated height 1: for mated height 3.0 mm and 3.5 mm
2: for mated height 3.5 mm 3: for mated height 3.0 mm surface treatment (contact portion / terminal portion) 5: ni plating on base, au plating on surface / ni plating on base, au plating on surface number of contacts (2 digits) pac king j: 1,500 pieces embossed tape and paper reel 2 p: 1,000 pieces embossed tape and paper reel 2 5: narrow pitch connector p5k socket 6: narrow pitch connector p5k header functions 3: with positioning bosses 4: without positioning bosses axk all rights rese r v ed c o p y r i gh t matsushita elect r ic w o r k s , ltd.
axk(5(s)/6(s)) 2. p5ks (4.0 mm, 4.5 mm, 5.0 mm, 5.5 mm, 6.0 mm, 6.5 mm, 7.0 mm, 8.0 mm and 9.0 mm) mated height 0: for mated height 4.0 mm, 5.0 mm and 6.0 mm 2: for mated height 4.5 mm, 5.5 mm and 6.5 mm 3: for mated height 7.0 mm, 8.0 mm and 9.0 mm
4: for mated height 4.0 mm, 4.5 mm and 7.0 mm 5: for mated height 5.0 mm, 5.5 mm and 8.0 mm 6: for mated height 6.0 mm, 6.5 mm and 9.0 mm surface treatment (contact portion / terminal portion) 0: ni plating on base, au plating on surface / ni plating on base, au plating on surface (previous model: ni plating on base, snpb plating on surface of terminal portion) 5: ni plating on base, au plating on surface / ni plating on base, au plating on surface 7: ni plating on base, au plating on surface / ni plating on base, au plating on surface (for ni barrier product available from nov. 2005) number of contacts (2 digits) contact portion nil: without v notch product y: v notch type product (chamfered on both sides) (available from nov. 2005)
nil: without v notch product y: v notch type product (available from nov. 2005) packing g: 1,500 pieces embossed tape and plastic reel 2 socket: mated heights 4.0 mm, 4.5 mm, 5.0 mm, 5.5 mm, 6.0 mm, 6.5 mm header: mated heights 4.0 mm, 4.5 mm, 7.0 mm 1,000 pieces plastic reel 2 socket: mated heights 7.0 mm, 8.0 mm, 9.0 mm header: mated heights 5.0 mm, 5.5 mm, 6.0 mm, 6.5 mm, 8.0 mm, 9.0 mm j: 1,500 pieces embossed tape and paper reel 2 p: 1,000 pieces embossed tape and paper reel 2 notes: 1. models with mating directionality to prevent reverse insertion have over 100 contacts. models without mating directionality to prevent reverse insertion have less than 100 contacts. 2. the plating on the solder terminal portion has changed from snpb to au plating from the production lot of december, 2002, in order to eliminate lead. 3. only ??and ??are supported as packaging specifications for models without ni barrier. the packaging specification for ni barrier models is ??only. models possible for ??are as follows: sockets: mated heights 4.0 mm, 4.5 mm, 5.0 mm, 5.5 mm, 6.0 mm, and 6.5 mm headers: mated heights 4.0 mm, 4.5 mm, and 7.0 mm 5s: narrow pitch connector p5ks socket 6s: narrow pitch connector p5ks header functions 3: with positioning boss and direction for protection from reverse mating 4: without positioning boss/with direction for protection from reverse mating 7: with positioning boss/without direction for protection from reverse mating 8: without positioning boss and direction for protection from reverse mating axk all rights rese r v ed c o p y r i gh t matsushita elect r ic w o r k s , ltd.
axk(5(s)/6(s)) product types 1. p5k notes) 1. for the protection of our environment, orders of j: inner carton (1 reel) 1,500 pcs. units are recommended to reduce packaging materials. in addition, orders of p: inner carton (1 reel) 1,000 pcs. units with embossed tape packaging are also available; to order change the suf? ? to the suf? ?. 2. regarding ordering units: during production: please make orders in 1 reel units. samples for mounting con?mation: available in units of 50 pieces. please consult us. (see ?egarding sample orders to con?m proper mounting on page 13.) samples: small lot orders are possible. change the suf? ? to the suf? ?? 3. the standard type comes without positioning bosses. connectors with positioning bosses are available on-demand production. for p5k type of 8th digit of the part no. changes from 4 to 3 . e.g. mated height 3.0 mm, 20 contacts for sockets: axk52013 5p product name mated height no. of contacts pa rt no. packing socket header inner carton (1 reel) outer carton p5k 3.0 mm 20 axk520145j axk620345j 1,500 pieces note 1) 3,000 pieces note 1) 22 axk522145j axk622345j 30 axk530145j axk630345j 40 axk540145j axk640345j 50 axk550145j axk650345j 60 axk560145j axk660345j 70 axk570145j axk670345j 80 axk580145j axk680345j 100 axk500145j axk600345j 120 axk5a2145j axk6a2345j 3.5 mm 20 axk520145j axk620245j 22 axk522145j axk622245j 30 axk530145j axk630245j 40 axk540145j axk640245j 50 axk550145j axk650245j 60 axk560145j axk660245j 70 axk570145j axk670245j 80 axk580145j axk680245j 100 axk500145j axk600245j 120 axk5a2145j axk6a2245j all rights rese r v ed c o p y r i gh t matsushita elect r ic w o r k s , ltd.
axk(5(s)/6(s)) 2. p5ks product name mated height no. of contacts pa rt no. packing socket header inner carton (1 reel) outer carton without v notch and ni barrier product (paper reel) (paper reel) (recommendation) without v notch and ni barrier product (paper reel) (paper reel) (recommendation) p5ks 4.0 mm 20 axk5s20045* axk5s20047yg (from nov. 2005) axk6s20445* axk6s20447yg (from nov. 2005) note 2) ?sterisk mark on end of part no.; j: 1,500 pieces p: 1,000 pieces ? mark on end of part no.; 1,500 pieces note 2) ?sterisk mark on end of part no.; j: 3,000 pieces p: 2,000 pieces ? mark on end of part no.; 3,000 pieces 24 axk5s24045* axk5s24047yg (from nov. 2005) axk6s24445* axk6s24447yg (from nov. 2005) 30 axk5s30045* axk5s30047yg (from nov. 2005) axk6s30445* axk6s30447yg (from nov. 2005) 40 axk5s40045* axk5s40047yg (from nov. 2005) axk6s40445* axk6s40447yg (from nov. 2005) 50 axk5s50045* axk5s50047yg (from nov. 2005) axk6s50445* axk6s50447yg (from nov. 2005) 60 axk5s60045* axk5s60047yg (from nov. 2005) axk6s60445* axk6s60447yg (from nov. 2005) 70 axk5s70045* axk5s70047yg (from nov. 2005) axk6s70445* axk6s70447yg (from nov. 2005) 80 axk5s80045* axk5s80047yg (from nov. 2005) axk6s80445* axk6s80447yg (from nov. 2005) 100 axk5s00045* axk5s00047yg (from nov. 2005) axk6s00445* axk6s00447yg (from nov. 2005) 120 axk5sa2075* axk5sa2077yg (from nov. 2005) axk6sa2475* axk6sa2477yg (from nov. 2005) 160 axk5sa6075* axk5sa6077yg (from nov. 2005) axk6sa6475* axk6sa6477yg (from nov. 2005) 4.5 mm 20 axk5s20245* axk5s20247yg (from nov. 2005) axk6s20445* axk6s20447yg (from nov. 2005) 24 axk5s24245* axk5s24247yg (from nov. 2005) axk6s24445* axk6s24447yg (from nov. 2005) 30 axk5s30245* axk5s30247yg (from nov. 2005) axk6s30445* axk6s30447yg (from nov. 2005) 36 axk5s36245* axk5s36247yg (from nov. 2005) axk6s36445* axk6s36447yg (from nov. 2005) 40 axk5s40245* axk5s40247yg (from nov. 2005) axk6s40445* axk6s40447yg (from nov. 2005) 50 axk5s50245* axk5s50247yg (from nov. 2005) axk6s50445* axk6s50447yg (from nov. 2005) 60 axk5s60245* axk5s60247yg (from nov. 2005) axk6s60445* axk6s60447yg (from nov. 2005) 70 axk5s70245* axk5s70247yg (from nov. 2005) axk6s70445* axk6s70447yg (from nov. 2005) 80 axk5s80245* axk5s80247yg (from nov. 2005) axk6s80445* axk6s80447yg (from nov. 2005) 100 axk5s00245* axk5s00247yg (from nov. 2005) axk6s00445* axk6s00447yg (from nov. 2005) 120 axk5sa2275* axk5sa2277yg (from nov. 2005) axk6sa2475* axk6sa2477yg (from nov. 2005) 160 axk5sa6275* axk5sa6277yg (from nov. 2005) axk6sa6475* axk6sa6477yg (from nov. 2005) 5.0 mm 20 axk5s20045* axk5s20047yg (from nov. 2005) axk6s20545p axk6s20547yg (from nov. 2005) note 2) ?sterisk mark on end of part no.; j: 1,500 pieces p: 1,000 pieces ? mark on end of part no.; socket: 1,500 pieces header: 1,000 pieces note 2) ?sterisk mark on end of part no.; j: 3,000 pieces p: 2,000 pieces ? mark on end of part no.; socket: 3,000 pieces header: 2,000 pieces 30 axk5s30045* axk5s30047yg (from nov. 2005) axk6s30545p axk6s30547yg (from nov. 2005) 34 axk5s34045* axk5s34047yg (from nov. 2005) axk6s34545p axk6s34547yg (from nov. 2005) 40 axk5s40045* axk5s40047yg (from nov. 2005) axk6s40545p axk6s40547yg (from nov. 2005) 50 axk5s50045* axk5s50047yg (from nov. 2005) axk6s50545p axk6s50547yg (from nov. 2005) 60 axk5s60045* axk5s60047yg (from nov. 2005) axk6s60545p axk6s60547yg (from nov. 2005) 70 axk5s70045* axk5s70047yg (from nov. 2005) axk6s70545p axk6s70547yg (from nov. 2005) 80 axk5s80045* axk5s80047yg (from nov. 2005) axk6s80545p axk6s80547yg (from nov. 2005) 100 axk5s00045* axk5s00047yg (from nov. 2005) axk6s00545p axk6s00547yg (from nov. 2005) all rights rese r v ed c o p y r i gh t matsushita elect r ic w o r k s , ltd.
axk(5(s)/6(s)) product name mated height no. of contacts pa rt no. packing socket header inner carton (1 reel) outer carton without v notch and ni barrier product (paper reel) (paper reel) (recommendation) without v notch and ni barrier product (paper reel) (paper reel) (recommendation) p5ks 5.5 mm 20 axk5s20245* axk5s20247yg (from nov. 2005) axk6s20545p axk6s20547yg (from nov. 2005) note 2) ?sterisk mark on end of part no.; j: 1,500 pieces p: 1,000 pieces ? mark on end of part no.; socket: 1,500 pieces header: 1,000 pieces note 2) ?sterisk mark on end of part no.; j: 3,000 pieces p: 2,000 pieces ? mark on end of part no.; socket: 3,000 pieces header: 2,000 pieces 30 axk5s30245* axk5s30247yg (from nov. 2005) axk6s30545p axk6s30547yg (from nov. 2005) 34 axk5s34245* axk5s34247yg (from nov. 2005) axk6s34545p axk6s34547yg (from nov. 2005) 40 axk5s40245* axk5s40247yg (from nov. 2005) axk6s40545p axk6s40547yg (from nov. 2005) 50 axk5s50245* axk5s50247yg (from nov. 2005) axk6s50545p axk6s50547yg (from nov. 2005) 60 axk5s60245* axk5s60247yg (from nov. 2005) axk6s60545p axk6s60547yg (from nov. 2005) 70 axk5s70245* axk5s70247yg (from nov. 2005) axk6s70545p axk6s70547yg (from nov. 2005) 80 axk5s80245* axk5s80247yg (from nov. 2005) axk6s80545p axk6s80547yg (from nov. 2005) 100 axk5s00245* axk5s00247yg (from nov. 2005) axk6s00545p axk6s00547yg (from nov. 2005) 6.0 mm 20 axk5s20045* axk5s20047yg (from nov. 2005) axk6s20645p axk6s20647yg (from nov. 2005) 30 axk5s30045* axk5s30047yg (from nov. 2005) axk6s30645p axk6s30647yg (from nov. 2005) 40 axk5s40045* axk5s40047yg (from nov. 2005) axk6s40645p axk6s40647yg (from nov. 2005) 50 axk5s50045* axk5s50047yg (from nov. 2005) axk6s50645p axk6s50647yg (from nov. 2005) 60 axk5s60045* axk5s60047yg (from nov. 2005) axk6s60645p axk6s60647yg (from nov. 2005) 70 axk5s70045* axk5s70047yg (from nov. 2005) axk6s70645p axk6s70647yg (from nov. 2005) 80 axk5s80045* axk5s80047yg (from nov. 2005) axk6s80645p axk6s80647yg (from nov. 2005) 100 axk5s00045* axk5s00047yg (from nov. 2005) axk6s00645p axk6s00647yg (from nov. 2005) 6.5 mm 20 axk5s20245* axk5s20247yg (from nov. 2005) axk6s20645p axk6s20647yg (from nov. 2005) 30 axk5s30245* axk5s30247yg (from nov. 2005) axk6s30645p axk6s30647yg (from nov. 2005) 40 axk5s40245* axk5s40247yg (from nov. 2005) axk6s40645p axk6s40647yg (from nov. 2005) 50 axk5s50245* axk5s50247yg (from nov. 2005) axk6s50645p axk6s50647yg (from nov. 2005) 60 axk5s60245* axk5s60247yg (from nov. 2005) axk6s60645p axk6s60647yg (from nov. 2005) 70 axk5s70245* axk5s70247yg (from nov. 2005) axk6s70645p axk6s70647yg (from nov. 2005) 80 axk5s80245* axk5s80247yg (from nov. 2005) axk6s80645p axk6s80647yg (from nov. 2005) 100 axk5s00245* axk5s00247yg (from nov. 2005) axk6s00645p axk6s00647yg (from nov. 2005) 130 axk5sa3275* axk5sa3277yg (from nov. 2005) axk6sa3675p axk6sa3677yg (from nov. 2005) 7.0 mm 20 axk5s20340p axk5s20347yg (from nov. 2005) axk6s20445* axk6s20447yg (from nov. 2005) note 2) ?sterisk mark on end of part no.; j: 1,500 pieces p: 1,000 pieces ? mark on end of part no.; socket: 1,000 pieces header: 1,500 pieces note 2) ?sterisk mark on end of part no.; j: 3,000 pieces p: 2,000 pieces ? mark on end of part no.; socket: 2,000 pieces header: 3,000 pieces 30 axk5s30340p axk5s30347yg (from nov. 2005) axk6s30445* axk6s30447yg (from nov. 2005) 40 axk5s40340p axk5s40347yg (from nov. 2005) axk6s40445* axk6s40447yg (from nov. 2005) 50 axk5s50340p axk5s50347yg (from nov. 2005) axk6s50445* axk6s50447yg (from nov. 2005) 60 axk5s60340p axk5s60347yg (from nov. 2005) axk6s60445* axk6s60447yg (from nov. 2005) 70 axk5s70340p axk5s70347yg (from nov. 2005) axk6s70445* axk6s70447yg (from nov. 2005) 80 axk5s80340p axk5s80347yg (from nov. 2005) axk6s80445* axk6s80447yg (from nov. 2005) 100 axk5s00340p axk5s00347yg (from nov. 2005) axk6s00445* axk6s00447yg (from nov. 2005) all rights rese r v ed c o p y r i gh t matsushita elect r ic w o r k s , ltd.
axk(5(s)/6(s)) notes) 1. regarding ordering units: during production: please make orders in 1 reel units. samples for mounting con?mation: available in units of 50 pieces. please consult us. (see ?egarding sample orders to con?m proper mounting on page 13.) samples: small lot orders are possible. for models without v notch and ni barrier, change the suf? ? to the suf? ?, or place a ? where the ? is located. for v notch and ni barrier models add ? at the end of the part number. 2. the standard type comes without positioning bosses (however, mated heights of 4 mm or higher and 120 pins or more comes standard with bosses). connectors with positioning bosses are available for on-demand production. for p5ks type of 9th digit of the part no. changes from 4 to 3 . e.g. mated height 4.0 mm, 20 contacts for sockets: axk5s2003 7g product name mated height no. of contacts pa rt no. packing socket header inner carton (1 reel) outer carton without v notch and ni barrier product (paper reel) (paper reel) (recommendation) without v notch and ni barrier product (paper reel) (paper reel) (recommendation) p5ks 8.0 mm 20 axk5s20340p axk5s20347yg (from nov. 2005) axk6s20545p axk6s20547yg (from nov. 2005) 1,000 pieces 2,000 pieces 30 axk5s30340p axk5s30347yg (from nov. 2005) axk6s30545p axk6s30547yg (from nov. 2005) 40 axk5s40340p axk5s40347yg (from nov. 2005) axk6s40545p axk6s40547yg (from nov. 2005) 50 axk5s50340p axk5s50347yg (from nov. 2005) axk6s50545p axk6s50547yg (from nov. 2005) 60 axk5s60340p axk5s60347yg (from nov. 2005) axk6s60545p axk6s60547yg (from nov. 2005) 70 axk5s70340p axk5s70347yg (from nov. 2005) axk6s70545p axk6s70547yg (from nov. 2005) 80 axk5s80340p axk5s80347yg (from nov. 2005) axk6s80545p axk6s80547yg (from nov. 2005) 100 axk5s00340p axk5s00347yg (from nov. 2005) axk6s00545p axk6s00547yg (from nov. 2005) 9.0 mm 20 axk5s20340p axk5s20347yg (from nov. 2005) axk6s20645p axk6s20647yg (from nov. 2005) 30 axk5s30340p axk5s30347yg (from nov. 2005) axk6s30645p axk6s30647yg (from nov. 2005) 40 axk5s40340p axk5s40347yg (from nov. 2005) axk6s40645p axk6s40647yg (from nov. 2005) 50 axk5s50340p axk5s50347yg (from nov. 2005) axk6s50645p axk6s50647yg (from nov. 2005) 60 axk5s60340p axk5s60347yg (from nov. 2005) axk6s60645p axk6s60647yg (from nov. 2005) 70 axk5s70340p axk5s70347yg (from nov. 2005) axk6s70645p axk6s70647yg (from nov. 2005) 80 axk5s80340p axk5s80347yg (from nov. 2005) axk6s80645p axk6s80647yg (from nov. 2005) 100 axk5s00340p axk5s00347yg (from nov. 2005) axk6s00645p axk6s00647yg (from nov. 2005) all rights rese r v ed c o p y r i gh t matsushita elect r ic w o r k s , ltd.
axk(5(s)/6(s)) specifications 1. characteristics 2. material and surface treatment dimensions mm general tolerance: 0.2 item speci?ations conditions 3mm, 3.5mm type 4mm, 4.5mm, 5mm, 5.5mm, 6mm, 6.5mm type 7mm, 8mm, 9mm type electrical characteristics rated current 0.5a/terminal (max. 10a) 0.5a/terminal (max. 16a) rated voltage 60v ac/dc breakdown voltage 150v ac for 1 min. detection current: 1ma insulation resistance min. 1000m ? using 500v dc megger contact resistance max. 60m ? max. 80m ? measured based on the hp4338b measurement method of jis c 5402 mechanical characteristics composite insertion force max. 0.785n {80gf} no. of contacts (initial) composite removal force min. 0.0588n {6gf} no. of contacts post holding force min. 0.98n {100gf}/contacts measures the maximum load in the post axial direction until removal environmental characteristics ambient temperature ?5? to +85? no freezing at low temperatures soldering heat resistance max. peak temperature of 245? infrared re?w soldering 300? within 5 sec. soldering iron thermal shock resistance (header and socket mated) 5 cycles, insulation resistance min. 100m ? , contact resistance max. 60m ? 5 cycles, insulation resistance min. 100m ? , contact resistance max. 80m ? sequence 1. ?5 c, 30 minutes 2. ~ , max. 5 minutes 3. 85 c, 30 minutes 4. ~ , max. 5 minutes humidity resistance (header and socket mated) 120 hours, insulation resistance min. 100m ? , contact resistance max. 60m ? 120 hours, insulation resistance min. 100m ? , contact resistance max. 80m ? bath temperature 40??, humidity 90 to 95% r.h. saltwater spray resistance (header and socket mated) 24 hours, insulation resistance min. 100m ? , contact resistance max. 60m ? 24 hours, insulation resistance min. 100m ? , contact resistance max. 80m ? bath temperature 35??, saltwarter concentration 5?% h 2 s resistance (header and socket mated) 48 hours, contact resistance max. 60m ? 48 hours, contact resistance max. 80m ? bath temperature 40??, gas concentration 3? ppm, humidity 75 to 80% r.h. lifetime characteristics insertion and removal life 50 times repeated insertion and removal speed of max. 200 times/hours unit weight p5k 3mm 30 contacts p5ks 4mm 30 contacts socket: 0.17g header: 0.09g socket: 0.18g header: 0.16g pa rt name mated height 3mm, 3.5mm, 4mm, 4.5mm, 5mm, 5.5mm, 6mm, 6.5mm, 7mm, 8mm, 9mm material surface treatment molded portion heat-resistant resin (ul94v-0) contact/post copper alloy contact portion: ni plating on base, au plating on surface te r minal portion: ni plating on base, au plating on surface (except for thick of terminal) however, the area adjacent to the terminal on ni barrier models is exposed to ni on base. 0 ? +3 0 p5k: mated height 3mm, 3.5mm type ?socket dimension table (mm) no. of contacts a b 20 8.20 4.50 22 8.70 5.00 30 10.70 7.00 40 13.20 9.50 50 15.70 12.00 60 18.20 14.50 70 20.70 17.00 80 23.20 19.50 100 28.20 24.50 120 33.20 29.50 5 a 0.5 0.05 0.2 0.03 0.5 0.05 b 0.1 (0.9) (0.9) 4 0.17 0.03 5.8 2.15 1.44 suction face 2.35 0.1 (terminal flatness) all rights rese r v ed c o p y r i gh t matsushita elect r ic w o r k s , ltd.
axk(5(s)/6(s)) ?header dimension table (mm) no. of contacts a b 20 8.20 4.50 22 8.70 5.00 30 10.70 7.00 40 13.20 9.50 50 15.70 12.00 60 18.20 14.50 70 20.70 17.00 80 23.20 19.50 100 28.20 24.50 120 33.20 29.50 0.5 0.05 0.5 0.05 b 0.1 0.2 0.03 a 1.44 suction face 3.8 (1.4) (1.4) 1.8 4.6 c d 0.20 0.03 0.1 (terminal flatness) mated height c d 3.0 mm 2.4 0.85 3.5 mm 2.9 1.35 mm general tolerance: 0.2 ?socket and header are mated a +0.2 ?.1 mated height a 3.0 mm 3.0 3.5 mm 3.5 note) p5ks series (mated heights 4.0mm, 4.5mm, 5.0mm, 5.5mm, 6.0mm, 6.5mm, 7.0mm, 8.0mm, and 9.0mm) cannot be mated to this type. p5ks: mated height 4.0mm, 4.5mm, 5.0mm, 5.5mm, 6.0mm, 6.5mm, 7.0mm, 8.0mm, 9.0mm type ?socket dimension table (mm) no. of contacts a b 20 8.20 4.50 24 9.20 5.50 30 10.70 7.00 34 11.70 8.00 36 12.20 8.50 40 13.20 9.50 50 15.70 12.00 60 18.20 14.50 70 20.70 17.00 80 23.20 19.50 100 28.20 24.50             a b 0.1 0.50 0.05 1.82 (suction face) 4.6 0.50 0.05 0.20 0.03 0.10 3.20 5.4 (1.10) (1.10) c 0.15 0.03 mated height c 4.0 mm, 5.0 mm, 6.0 mm 3.05 4.5 mm, 5.5 mm, 6.5 mm 3.55 7.0 mm, 8.0 mm, 9.0 mm 6.05 ?header dimension table (mm) no. of contacts a b 20 8.20 4.50 24 9.20 5.50 30 10.70 7.00 34 11.70 8.00 36 12.20 8.50 40 13.20 9.50 50 15.70 12.00 60 18.20 14.50 70 20.70 17.00 80 23.20 19.50 100 28.20 24.50 0.10 b 0.1 a 0.20 0.03 1.72 4.2 c 0.9 0.50 0.050.50 0.05 0.20 0.03 d c (1.1)(1.1) 2.8 5.0 (suction face) mated height c d 4.0 mm, 4.5 mm, 7.0 mm 0.95 3.3 5.0 mm, 5.5 mm, 8.0 mm 1.95 4.3 6.0 mm, 6.5 mm, 9.0 mm 2.95 5.3 all rights rese r v ed c o p y r i gh t matsushita elect r ic w o r k s , ltd.
axk(5(s)/6(s)) ?socket and header are mated note) p5k series (mated heights 3.0mm, 3.5mm) cannot be mated to this type. h +0.2 ?.1 mated height h 4.0 mm 4.0 4.5 mm 4.5 5.0 mm 5.0 5.5 mm 5.5 6.0 mm 6.0 6.5 mm 6.5 7.0 mm 7.0 8.0 mm 8.0 9.0 mm 9.0 mm general tolerance: 0.2 p5ks: mated height 4.0mm, 4.5mm for 120 contacts and 160 contacts types, 6.5mm for 130 contacts type ?socket no. of contacts a b c 120 32.50 29.50 32.00 130 35.00 32.00 34.50 160 42.50 39.50 42.00 0.50 0.05 0.20 0.03 b 0.1 a 4.6 c 0.1 0.50 0.05 dia. 3.00 0.08 1.82 (suction face) 0.10 te rm inal flatness 0.15 0.03 d 0.45 (1.10) (1.10) 5.4 3.20 mated height d 4.0 mm 3.05 4.5 mm, 6.5 mm 3.55 ?header no. of contacts a b c 120 32.50 29.50 31.00 130 35.00 32.00 33.50 160 42.50 39.50 41.00 0.10 a b 0.10 0.50 0.05 0.20 0.03 4.20 1.72 (suction face) d e note 1) 0.20 0.03 5.00 (1.10) (1.10) 2.80 2.10 0.08 c 0.10 0.50 0.05 dia. 0.45 mated height d e 4.0 mm, 4.5 mm 3.30 0.95 6.5 mm 5.30 2.95 ?socket and header are mated notes) 1. inquiry separately for diagrams of the embossed tape and cautions for use. 2. be sure to ask for proper speci?ations and drawings before actual use. h + 0.2 ? 0.1 mated height h 4.0 mm 4.0 4.5 mm 4.5 6.5 mm 6.5 all rights rese r v ed c o p y r i gh t matsushita elect r ic w o r k s , ltd.
axk(5(s)/6(s)) embossed tape dimensions (unit:mm, common for respective contact type, socket and header) dimension table (mm) (1) suf?: g (1 reel, 1,500 pieces or 1,000 pieces embossed tape and plastic reel package) (2) suf?: j (1 reel, 1,500 pieces embossed tape and paper reel package) (3) suf?: p (1 reel, 1,000 pieces embossed tape and paper reel package) type mated height no. of contacts type of taping a b c d e f quantity per reel p5ks socket: 4.0mm, 4.5mm, 5.0mm, 5.5mm, 6.0mm, 6.5mm header: 4.0mm, 4.5mm, 7.0mm 20 to 50 tape i 24.0 11.5 12.0 25.4? 380 dia. 1,500 pcs. 60 to 70 tape ii 32.0 28.4 14.2 12.0 33.4? 380 dia. 80 to 100 tape ii 44.0 40.4 20.2 12.0 45.4? 380 dia. 120 to 160 tape ii 56.0 52.4 26.2 12.0 57.4? 380 dia. socket: 7.0mm, 8.0mm, 9.0mm header: 5.0mm, 5.5mm, 6.0mm, 6.5mm, 8.0mm, 9.0mm 20 to 50 tape i 24.0 11.5 12.0 25.4? 380 dia. 1,000 pcs. 60 to 70 tape ii 32.0 28.4 14.2 12.0 33.4? 380 dia. 80 to 100 tape ii 44.0 40.4 20.2 12.0 45.4? 380 dia. 130 tape ii 56.0 52.4 26.2 12.0 57.4? 380 dia. type mated height no. of contacts type of taping a b c d e f quantity per reel p5k socket and header are common 3.0mm, 3.5mm 20 to 50 tape i 24.0 11.5 12.0 24.4 370 dia. 1,500 pcs. 60 to 70 tape ii 32.0 28.4 14.2 12.0 32.4 370 dia. 80 to 100 tape ii 44.0 40.4 20.2 12.0 44.4 370 dia. 120 tape ii 56.0 52.4 26.2 12.0 56.4 370 dia. p5ks socket: 4.0mm, 4.5mm, 5.0mm, 5.5mm, 6.0mm, 6.5mm header: 4.0mm, 4.5mm, 7.0mm 20 to 50 tape i 24.0 11.5 12.0 24.4 370 dia. 60 to 70 tape ii 32.0 28.4 14.2 12.0 32.4 370 dia. 80 to 100 tape ii 44.0 40.4 20.2 12.0 44.4 370 dia. 120 to 160 tape ii 56.0 52.4 26.2 12.0 56.4 370 dia. type mated height no. of contacts type of taping a b c d e f quantity per reel p5k socket and header are common 3.0mm, 3.5mm 20 to 50 tape i 24.0 11.5 12.0 24.4 330 dia. 1,000 pcs. 60 to 70 tape ii 32.0 28.4 14.2 12.0 32.4 330 dia. 80 to 100 tape ii 44.0 40.4 20.2 12.0 44.4 330 dia. 120 tape ii 56.0 52.4 26.2 12.0 56.4 330 dia. p5ks socket: 4.0mm, 4.5mm, 5.0mm, 5.5mm, 6.0mm, 6.5mm header: 4.0mm, 4.5mm, 5.0mm, 5.5mm, 7.0mm, 8.0mm 20 to 50 tape i 24.0 11.5 12.0 24.4 330 dia. 60 to 70 tape ii 32.0 28.4 14.2 12.0 32.4 330 dia. 80 to 100 tape ii 44.0 40.4 20.2 12.0 44.4 330 dia. 120 to 160 tape ii 56.0 52.4 26.2 12.0 56.4 330 dia. socket: 7.0mm, 8.0mm, 9.0mm header: 6.0mm, 6.5mm, 9.0mm 20 to 50 tape i 24.0 11.5 12.0 24.4 370 dia. 60 to 70 tape ii 32.0 28.4 14.2 12.0 32.4 370 dia. 80 to 100 tape ii 44.0 40.4 20.2 12.0 44.4 370 dia. 130 tape ii 56.0 52.4 26.2 12.0 56.4 370 dia. ?tape dimensions (conforming to jis c 0806-1990. however, some tapes have mounting hole pitches that do not comply with the standard.) tape i tape ii 1.75 c d a 0.3 4 2 1.5 dia. +0.1 0 pull out direction 1.75 c d a 0.3 4 2 pull out direction b 1.5 dia. +0.1 0 ?plastic reel dimensions (conforming to eiaj et-7200b)/ paper reel dimensions (conforming to jis c 0806-1990) f e top cover tape emboss carrier tape +2 0 +2 0 +2 0 +2 0 +2 0 +2 0 +2 0 +2 0 +2 0 +2 0 +2 0 +2 0 +2 0 +2 0 +2 0 +2 0 +2 0 +2 0 +2 0 +2 0 all rights rese r v ed c o p y r i gh t matsushita elect r ic w o r k s , ltd.
axk(5(s)/6(s)) connector orientation with respect to direction of progress of embossed tape notes type direction of tape progress p5k p5ks (less than 100 contacts) p5ks 120, 130, 160 contacts so cket header so cket header so cket header note: there is no indication on this product regarding top-bottom or left-right orientation. this corner is oriented on the c side. this corner is oriented on the c side. this corner is oriented on the c side. this corner is oriented on the c side. 1. prevention of reverse mating other than 120, 130, 160 contacts type, the socket and header are protected from reverse mating by a molded resin key. excessive mating force may damage the key , so be sure to match chamfered corners when mating. 2. pc boards and recommended metal mask patterns connectors are mounted with high density, with a pitch interval of 0.4 to 0.5 mm. it is therefore necessary to make sure that the right levels of solder are used, in order to reduce solder bridge and other issues. the ?ures to the right are recommended metal mask patterns. please use them as a reference. chamfered corner chamfered corner chamfered corner chamfered corner outline (top view) chamfered corner mating state ?p5k socket recommended pc board pattern (top view) recommended metal mask pattern metal mask thickness: here, 150 ? (opening area ratio: 56%) recommended metal mask pattern metal mask thickness: here, 120 ? (opening area ratio: 69%) 0.50 0.05 0.50 0.05 0.25 0.05 3.20 0.05 min 6.80 b 0.05 0.75 0.05 0.125 0.05 0.23 0.01 0.50 0.01 0.50 0.01 6.80 0.01 (1.10) (1.10) 4.60 0.01 b 0.01 0.50 0.01 0.50 0.01 0.23 0.01 6.80 0.01 4.10 0.01 (1.35) (1.35) b 0.01 ?p5k header recommended pc board pattern (top view) recommended metal mask pattern metal mask thickness: here, 150 ? (opening area ratio: 62%) recommended metal mask pattern metal mask thickness: here, 120 ? (opening area ratio: 78%) 1.00 0.05 min 5.60 0.50 0.05 0.50 0.05 0.25 0.05 0.75 0.05 b 0.05 0.125 0.05 0.23 0.01 5.60 0.01 0.50 0.01 0.50 0.01 (1.55) (1.55) 2.50 0.01 b 0.01 0.50 0.01 0.50 0.01 5.60 0.01 0.23 0.01 (1.95)(1.95) 1.70 0.01 b 0.01 * see the dimension table on page 70 for more information on the b dimension of the socket and header. all rights rese r v ed c o p y r i gh t matsushita elect r ic w o r k s , ltd.
axk(5(s)/6(s)) p5ks: mated height 4.0mm, 4.5mm, 5.0mm, 5.5mm, 6.0mm, 6.5mm, 7.0mm, 8.0mm, 9.0mm type ?socket ?header p5ks: mated height 4.0mm, 4.5mm for 120 contacts and 160 contacts types, 6.5mm for 130 contacts type ?socket ?header recommended pc board pattern (top view) 0.125 0.05 min 6.40 2.40 0.05 0.50 0.05 0.50 0.05 0.25 0.05 0.75 0.05 b 0.05 recommended metal mask pattern metal mask thickness: here, 150 ? (opening area ratio: 60%) 0.23 0.01 0.50 0.01 0.50 0.01 6.40 0.01 (1.30) (1.30) 3.80 0.01 b 0.01 recommended metal mask pattern metal mask thickness: here, 120 ? (opening area ratio: 76%) 0.50 0.01 0.50 0.01 0.23 0.01 6.40 0.01 3.10 0.01 (1.65) (1.65) b 0.01 * see the dimension table on page 71 for more information on the b dimension. recommended pc board pattern (top view) min 6.00 0.50 0.05 0.50 0.05 0.25 0.05 0.75 0.05 2.00 0.05 b 0.05 0.125 0.05 recommended metal mask pattern metal mask thickness: here, 150 ? (opening area ratio: 69%) 0.23 0.01 0.50 0.01 0.50 0.01 6.00 0.01 (1.50) 3.00 0.01 (1.50) b 0.01 recommended metal mask pattern metal mask thickness: here, 120 ? (opening area ratio: 87%) 0.50 0.01 0.50 0.01 0.23 0.01 6.00 0.01 (1.90) (1.90) 2.20 0.01 b 0.01 * see the dimension table on page 71 for more information on the b dimension. recommended pc board pattern (top view) 0.50 0.05 0.25 0.05 b 0.05 0.5 0.05 2.40 0.05 (pattern dimensions) min6.4 3.00 0.05 (positioning boss dimentions) c 0.05 0.125 0.05 2-0.65 0.05 dia. (hole) recommended metal mask pattern metal mask thickness: here, 150 ? (opening area ratio: 60%) 0.23 0.01 0.50 0.01 0.50 0.01 6.00 0.01 (1.50) 3.00 0.01 (1.50) b 0.01 recommended metal mask pattern metal mask thickness: here, 120 ? (opening area ratio: 76%) 0.50 0.01 0.50 0.01 0.23 0.01 6.40 0.01 3.10 0.01 (1.65) (1.65) b 0.01 * see the dimension table on page 72 for more information on the b and c dimensions. recommended pc board pattern (top view) 0.50 0.05 0.25 0.05 b 0.05 0.50 0.05 2-0.65 0.05 dia. (hole) c 0.05 min 6.00 0.125 0.05 2.10 0.05 (positioning boss dimentions) 2.00 0.05 (pattern dimensions) recommended metal mask pattern metal mask thickness: here, 150 ? (opening area ratio: 69%) 0.23 0.01 0.50 0.01 0.50 0.01 6.00 0.01 (1.50) 3.00 0.01 (1.50) b 0.01 recommended metal mask pattern metal mask thickness: here, 120 ? (opening area ratio: 87%) 0.50 0.01 0.50 0.01 0.23 0.01 6.00 0.01 (1.90) (1.90) 2.20 0.01 b 0.01 * see the dimension table on page 72 for more information on the b and c dimensions. regarding general notes, please refer to page 12. f or other details, please verify with the product speci?ation sheets. all rights rese r v ed c o p y r i gh t matsushita elect r ic w o r k s , ltd.


▲Up To Search▲   

 
Price & Availability of AXK5XXXXX

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X