Part Number Hot Search : 
BFW92A C824E P80NF BSP92P07 LT1321 17AS28 HF115F AZ7812D
Product Description
Full Text Search
 

To Download AQY216EHA Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  gu-e 1 form a (aqy21 ? eh) 1 ds_x615_en_aqy21eh: 011212d types *indicate the peak ac and dc values. note: for space reasons, the initial letters of the part number ?aqy?, the surface mount terminal shape indicator ?a? and the pa cking style indicator ?x? or ?z? are not marked on the relay. (ex. the label for product number aqy211ehax is 211eh) rating 1. absolute maximum ratings (ambient temperature: 25 ? c 77 ? f ) high cost-performance dip4-pin type with reinforced insulation gu-e 1 form a (aqy21 ? eh) i/o isolation voltage output rating* package part no. packing quantity through hole terminal surface-mount terminal load voltage load current tube packing style tape and reel packing style tube tape and reel picked from the 1/2-pin side picked from the 3/4-pin side ac/dc dual use reinforced 5,000 v 30 v 1,000 ma dip4-pin aqy211eh aqy211eha aqy211ehax aqy211ehaz 1 tube contains: 100 pcs. 1 batch contains: 1,000 pcs. 1,000 pcs. 60 v 550 ma aqy212eh aqy212eha aqy212ehax aqy212ehaz 350 v 130 ma aqy210eh aqy210eha aqy210ehax aqy210ehaz 400 v 120 ma aqy214eh aqy214eha aqy214ehax aqy214ehaz 600 v 50 ma aqy216eh AQY216EHA AQY216EHAx AQY216EHAz item symbol aqy211eh(a) aqy212eh(a) aqy210eh(a) aqy214eh(a) aqy216eh(a) remarks input led forward current i f 50ma led reverse voltage v r 5 v peak forward current i fp 1 a f =100 hz, duty factor = 0.1% power dissipation p in 75mw output load voltage (peak ac) v l 30 v 60 v 350 v 400 v 600 v continuous load current i l 1 a 0.55 a 0.13 a 0.12 a 0.05 a peak ac, dc peak load current i peak 3 a 1.5 a 0.4 a 0.3 a 0.15 a 100 ms (1 shot), v l = dc power dissipation p out 500mw total power dissipation p t 550mw i/o isolation voltage v iso 5,000 v ac temperature limits operating t opr ?40 ? c to +85 ? c ?40 ? f to +185 ? f non-condensing at low temperatures storage t stg ?40 ? c to +100 ? c ?40 ? f to +212 ? f mm inch features 1. reinforced insulation of 5,000 v more than 0.4 mm internal insulation distance between inputs and outputs. con-forms to en41003, en60950 (reinforced insulation). 2. controls low-level analog signals photomos relays feature extremely low closed-circuit offset voltage to enable control of low-level analog signals without distortion. 3. high sensitivity and low on- resistance can control max. 0.13 a load current with 5 ma input current. low on-resistance of typ. 25 ? (aqy211eh). 4. low-level off state leakage current of max. 1 ? a typical applications ? modem ? telephone equipment ? security equipment ? sensing equipment 3.2 6.4 4.78 2.9 6.4 4.78 .126 .252 .188 .114 .252 .188 cad data cad data 1 2 4 3 aqy21 ? eh
gu-e 1 form a (aqy21 ? eh) 2 ds_x615_en_aqy21eh: 011212d 2. electrical characteristics (ambient temperature: 25 ? c 77 ? f ) *turn on/turn off time recommended operating conditions please obey the following conditions to ensure proper relay operation and resetting. ? dimensions ? schematic and wiring diagrams ? cautions for use these products are not designed for automotive use. if you are considering to use these products for automotive applications, please contact your local panasonic technical representative. please refer to our information on photomos relays for automotive applications . reference data item symbol aqy211eh(a) aqy212eh(a) aqy210eh(a) aqy214eh(a) aqy216eh(a) condition input led operate current typical i fon 1.2ma i l =max. maximum 3.0ma led turn off current minimum i foff 0.4ma i l =max. typical 1.1ma led dropout voltage typical v f 1.25 (1.14 v at i f =5ma) i f =50ma maximum 1.5v output on resistance typical r on 0.25 ? 0.85 ? 18 ? 26 ? 52 ? i f =5ma i l =max. within 1 s on time maximum 0.5 ? 2.5 ? 25 ? 35 ? 120 ? off state leakage current maximum i leak 1 ? a i f =0ma v l =max. transfer character- istics turn on time* typical t on 1.5ms 1ms 0.5ms i f =5ma i l =max. maximum 5ms 4ms 2.0ms turn off time* typical t off 0.1ms 0.05ms 0.08ms 0.04ms i f =5ma i l =max. maximum 1.0ms i/o capacitance typical c iso 0.8pf f =1mhz v b =0v maximum 1.5pf initial i/o isolation resistance minimum r iso 1,000m ? 500v dc item symbol recommended value unit input led current i f 5 to 10 ma to n input output 10% 90% to f f 1-(1). load current vs. ambient temperature characteristics allowable ambient temperature: ?40 ? c to +85 ? c ?40 ? f to +185 ? f 1-(2). load current vs. ambient temperature characteristics allowable ambient temperature: ?40 ? c to +85 ? c ?40 ? f to +185 ? f 1-(3). load current vs. ambient temperature characteristics allowable ambient temperature: ?40 ? c to +85 ? c ?40 ? f to +185 ? f 0 200 150 100 50 0204060 -20 80 85 100 -40 aqy210eh aqy214eh ambient temperature, c load current, ma 0 0.6 0.2 0.8 -40 -20 1.2 0204060 80 100 0.4 1 85 aqy211eh aqy212eh ambient temperature, c load current, a 0 0.04 0.02 0.01 0.05 -40 -20 0.07 0204060 80 100 0.03 0.06 85 aqy216eh ambient temperature, c load current, a
gu-e 1 form a (aqy21 ? eh) 3 ds_x615_en_aqy21eh: 011212d 2-(1). on resistance vs. ambient temperature characteristics measured portion: between terminals 3 and 4; led current: 5 ma; load voltage: max. (dc); continuous load current: max. (dc) 2-(2). on resistance vs. ambient temperature characteristics measured portion: between terminals 3 and 4; led current: 5 ma; load voltage: max. (dc); continuous load current: max. (dc) 2-(3). on resistance vs. ambient temperature characteristics measured portion: between terminals 3 and 4; led current: 5 ma; load voltage: max. (dc); continuous load current: max. (dc) 0 10 20 30 40 -40 50 0 0 -20 20 40 60 8085 aqy210eh aqy214eh ambient temperature, c on resistance, 0 -40 -20 2 1.5 1 0.5 0204060 80 85 aqy212eh aqy211eh ambient temperature, c on resistance, 0 -40 -20 100 80 60 40 20 0204060 80 85 aqy216eh ambient temperature, c on resistance, 3-(1). turn on time vs. ambient temperature characteristics led current: 5 ma; load voltage: max. (dc); continuous load current: max. (dc) 3-(2). turn on time vs. ambient temperature characteristics led current: 5 ma; load voltage: max. (dc); continuous load current: max. (dc) 4-(1). turn off time vs. ambient temperature characteristics led current: 5 ma; load voltage: max. (dc); continuous load current: max. (dc) 0 0.5 1 1.5 2 -40 2.5 0 -20 20 40 60 8085 ambient temperature, c turn on time, ms aqy210eh, aqy214eh 40 20 0 -20 0.5 0 1.5 1 2.5 2 3.5 3 4 -40 60 80 85 ambient temperature, c turn on time, ms aqy211eh aqy212eh aqy216eh 0 0.05 0.1 0.15 0.2 -40 0.25 0 -20 20 40 60 8085 ambient temperature, c turn off time, ms aqy210eh, aqy214eh 4-(2). turn off time vs. ambient temperature characteristics led current: 5 ma; load voltage: max. (dc); continuous load current: max. (dc) 5. led operate current vs. ambient temperature characteristics sample: all types; load voltage: max. (dc); continuous load current: max. (dc) 6. led turn off current vs. ambient temperature characteristics sample: all types; load voltage: max. (dc); continuous load current: max. (dc) 40 20 0 -20 0.1 0.2 0.3 0 0.4 0.5 -40 60 80 85 aqy212eh aqy211eh aqy216eh ambient temperature, c turn off time, ms 0 1 2 3 4 -40 5 0 -20 20 40 60 8085 ambient temperature, c led operate current, ma 0 1 2 3 4 -40 5 0 -20 20 40 60 80 85 ambient temperature, c led turn off current, ma 7. led dropout voltage vs. ambient temperature characteristics sample: all types; led current: 5 to 50 ma 8-(1). current vs. voltage characteristics of output at mos portion measured portion: between terminals 3 and 4; ambient temperature: 25 ? c 77 ? f 8-(2). current vs. voltage characteristics of output at mos portion measured portion: between terminals 3 and 4; ambient temperature: 25 ? c 77 ? f 0 -20 -40 20 40 60 8085 led dropout voltage, v 1.5 1.4 1.3 1.2 1.1 1.0 0 50ma 30ma 20ma 10ma 5ma ambient temperature, c 5 3 1 -5 -3 140 120 60 40 20 -20 -40 -60 -80 -100 -120 -140 100 80 -2 -4 24 aqy210eh aqy214eh -1 voltage, v current, ma 1.5 1 0.5 0.1 0.2 0.3 0.4 0.5 -1 -1.5 -0.5 0 -0.2 aqy212eh aqy211eh 0 -0.1 -0.3 -0.4 -0.5 voltage, v current, a
gu-e 1 form a (aqy21 ? eh) 4 ds_x615_en_aqy21eh: 011212d 8-(3). current vs. voltage characteristics of output at mos portion measured portion: between terminals 3 and 4; ambient temperature: 25 ? c 77 ? f 9-(1). off state leakage current vs. load voltage characteristics measured portion: between terminals 3 and 4; ambient temperature: 25 ? c 77 ? f 9-(2). off state leakage current vs. load voltage characteristics measured portion: between terminals 3 and 4; ambient temperature: 25 ? c 77 ? f aqy216eh -0.04 -0.06 -0.02 0.06 0.04 0.02 0 0 -1 -3 -4 -2 1 2 3 4 voltage, v current, a 0 60 100 10 -3 10 -6 10 -9 10 -12 20 40 80 aqy214eh aqy210eh load voltage, v off state leakage current, a 80 60 40 20 10 -11 10 -13 10 -9 10 -7 10 -5 0.001 0 100 aqy216eh aqy212eh aqy211eh load voltage, v off state leakage current, a 10-(1). turn on time vs. led forward current characteristics measured portion: between terminals 3 and 4; load voltage: max. (dc); continuous load current: max. (dc); ambient temperature: 25 ? c 77 ? f 10-(2). turn on time vs. led forward current characteristics measured portion: between terminals 3 and 4; load voltage: max. (dc); continuous load current: max. (dc); ambient temperature: 25 ? c 77 ? f 11-(1). turn off time vs. led forward current characteristics measured portion: between terminals 3 and 4; load voltage: max. (dc); continuous load current: max. (dc); ambient temperature: 25 ? c 77 ? f 0 0.5 1 1.5 2 3 2.5 10 0203040 50 60 aqy216eh aqy210eh aqy214eh led forward current, ma turn on time, ms led forward current, ma 0 3 2.25 1.5 0.75 0204050 30 10 aqy211eh aqy212eh turn on time, ms 0 0.05 0.1 10 0203040 0.2 50 60 0.15 aqy216eh aqy210eh aqy214eh led forward current, ma turn off time, ms 11-(2). turn off time vs. led forward current characteristics measured portion: between terminals 3 and 4; load voltage: max. (dc); continuous load current: max. (dc); ambient temperature: 25 ? c 77 ? f 12-(1). output capacitance vs. applied voltage characteristics measured portion: between terminals 3 and 4; frequency: 1 mhz; ambient temperature: 25 ? c 77 ? f 12-(2). output capacitance vs. applied voltage characteristics measured portion: between terminals 3 and 4; frequency: 1 mhz; ambient temperature: 25 ? c 77 ? f 0 0.4 0.3 0.2 0.1 0204050 30 10 aqy211eh aqy212eh led forward current, ma turn off time, ms 0 50 40 30 20 10 10 20 30 40 50 0 aqy216eh aqy210eh aqy214eh applied voltage, v output capacitance, pf 0 50 100 150 200 250 300 350 400 020 530 25 15 10 aqy211eh aqy212eh applied voltage, v output capacitance, pf


▲Up To Search▲   

 
Price & Availability of AQY216EHA

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X