Part Number Hot Search : 
DA1908 ICM7218 04597 AC03BGM SDA2085 250BZI 46000 0015910
Product Description
Full Text Search
 

To Download APG1005SEC-E-T Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  spec no: dsam9600 rev no: v.4a date: sep/15/2015 page: 1 of 5 approved: wynec checked: allen liu drawn: m.liu e rp: 1203013767 1.0x0.5mm smd chip led lamp (0.2mm height) part number: apg1005sec/e-t hyper-red package dimensions notes: 1. all dimensions are in millimeters (inches). 2. tolerance is 0.1(0.004") unless otherwise noted. 3. the specifications, characteristics and technical data descri bed in the datasheet are subject to change without prior notice . 4. the device has a single mounting surface. the devi ce must be mounted according to the specifications. features z 1.0mmx0.5mm smd led, 0.2mm thickness. z low power consumption. z wide viewing angle. z compatible with automatic placement equipment. z ideal for backlight and indicator. z package: 4000pcs / reel. z moisture sensitivity level : level 3. z rohs compliant. description the hyper-red source color devices are made with al- gainp on gaas substrat e light emitting diode.
spec no: dsam9600 rev no: v.4a date: sep/15/2015 page: 2 of 5 approved: wynec checked: allen liu drawn: m.liu e rp: 1203013767 selection guide notes: 1. 1/2 is the angle from optical centerline where the lumi nous intensity is 1/2 of the optical peak value. 2. luminous intensity/ luminous flux: +/-15%. * luminous intensity value is traceable to the cie127-2007 compliant national standards. absolute maximum ratings at ta=25c electrical / optical characteristics at ta=25c notes: 1. wavelength: +/-1nm. 2. forward voltage: +/-0.1v. 3. wavelength value is traceable to the cie127-2007 compliant national standards. 4. excess driving current and/or operating temperature higher t han recommended conditions may result in severe light degradatio n or premature failure. note: 1. 1/10 duty cycle, 0.1ms pulse width. part no. emitting color (material) lens type iv (mcd) [2] @ 20ma v iewing angle [1] min. typ. 2 1/2 apg1005sec/e-t hyper-red (algainp) water clear 55 127 *20 *75 120 symbol parameter emitting color typ. max. units test conditions peak peak wavelength hyper-red 632 nm i f =20ma d [1] dominant wavelength hyper-red 624 nm i f =20ma ? 1/2 spectral line half-width hyper-red 20 nm i f =20ma v f [2] forward voltage hyper-red 2.0 2.4 v i f =20ma i r reverse current hyper-red 10 ua v r =5v parameter values units power dissipation 60 mw dc forward current 25 ma peak forward current [1] 120 ma reverse voltage 5 v operating temperature -40c to +85c storage temperature -40c to +85c
spec no: dsam9600 rev no: v.4a date: sep/15/2015 page: 3 of 5 approved: wynec checked: allen liu drawn: m.liu e rp: 1203013767 hyper-red apg1005sec/e-t
spec no: dsam9600 rev no: v.4a date: sep/15/2015 page: 4 of 5 approved: wynec checked: allen liu drawn: m.liu e rp: 1203013767 apg1005sec/e-t reflow soldering is recommended and the soldering profile is shown below. other soldering methods are not recommended as they might cause damage to the product. recommended soldering pattern (units : mm; tolerance: 0.1) reel dimension tape dimensions (units : mm)
spec no: dsam9600 rev no: v.4a date: sep/15/2015 page: 5 of 5 approved: wynec checked: allen liu drawn: m.liu e rp: 1203013767 packing & label specifications apg1005sec/e-t terms and conditions for the usage of this document 1. the information included in this docum ent reflects representative usage scenarios and is intended for technical reference on ly. 2. the part number, type, and specifications mentioned in this document are subject to future change and improvement without notice. before production usage customer should refer to the latest datasheet for the updated specifications. 3. when using the products referenced in this document, please make sure the produc t is being operated within the environmental and electrical limits specified in the dat asheet. if customer usage exceeds the spec ified limits, kingbright will not be respon sible for any subsequent issues. 4. the information in this document applies to typical usage in consumer electronics applicati ons. if customer's application ha s special reliability requirements or have life-threatening liabilitie s, such as automotive or m edical usage, please consult with kingbright representative for further assistance. 5. the contents and information of this document may not be reproduced or re-transmitted without permission by kingbright. 6. all design applications should refer to kingbright application notes available at http://www.kingbrightusa.com/applicationnotes


▲Up To Search▲   

 
Price & Availability of APG1005SEC-E-T

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X