Part Number Hot Search : 
FS50SM LTC3880 RF840 LTC3880 B0411 T301498 AQW454 R65C51C1
Product Description
Full Text Search
 

To Download 2SB1287 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  savantic semiconductor product specification silicon pnp power transistors 2SB1287 d escription with to-220fa package high dc current gain low saturation voltage complement to type 2sd1765 darlington applications for low frequency power amplifier and power driver applications pinning pin description 1 base 2 collector 3 emitter absolute maximum ratings(ta=25 ) symbol parameter conditions value unit v cbo collector-base voltage open emitter -100 v v ceo collector -emitter voltage open base -100 v v ebo emitter-base voltage open collector -8 v i c collector current -2 a i cm collector current-peak -3 a t a =25 2 p c collector power dissipation t c =25 20 w t j junction temperature 150  t stg storage temperature -55~150  fig.1 simplified outline (to-220fa) and symbol
savantic semiconductor product specification 2 silicon pnp power transistors 2SB1287 c haracteristics tj=25 unless otherwise specified symbol parameter conditions min typ. max unit v (br)ceo collector-emitter breakdown voltage i c =-5ma; i b =0 -100 v v (br)cbo collector-base breakdown voltage i c =-50a; i e =0 -100 v v cesat collector-emitter saturation voltage i c =-1a ;i b =-1ma -1.5 v i cbo collector cut-off current v cb =-100v; i e =0 -10 a i ebo emitter cut-off current v eb =-7v; i c =0 -3.0 ma h fe dc current gain i c =-1a ; v ce =-2v 1000 10000 c ob output capacitance i e =0 ; v cb =-10v;f=1mhz 35 pf
savantic semiconductor product specification 3 silicon pnp power transistors 2SB1287 package outline fig.2 outline dimensions (unindicated tolerance: 0.15 mm)


▲Up To Search▲   

 
Price & Availability of 2SB1287

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X