Part Number Hot Search : 
83C652 20240 FW21154 AK4393VF CR6728A RJP30H1 SEL4810A FPD1000V
Product Description
Full Text Search
 

To Download 1N5402-B Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  e 3 ds28007 rev. 7 - 2 1 of 3 1n5400-1n5408 www.diodes.com  diodes incorporated features 1n5400 - 1n5408 3.0a rectifier do-201ad dim min max a 25.40  b 7.20 9.50 c 1.20 1.30 d 4.80 5.30 all dimensions in mm a a b c d maximum ratings and electrical characteristics @ t a = 25  c unless otherwise specified  diffused junction  high current capability and low forward voltage drop  surge overload rating to 200a peak  low reverse leakage current  lead free finish, rohs compliant (note 3) mechanical data  case: do-201ad  case material: molded plastic. ul flammability classification rating 94v-0  moisture sensitivity: level 1 per j-std-020c  terminals: finish  tin. plated leads solderable per mil-std-202, method 208  polarity: cathode band  marking: type number  weight: 1.1 grams (approximate) single phase, half wave, 60hz, resistive or inductive load. for capacitive load, derate current by 20%. characteristic symbol 1n 5400 1n 5401 1n 5402 1n 5404 1n 5406 1n 5407 1n 5408 unit peak repetitive reverse voltage working peak reverse voltage dc blocking voltage v rrm v rwm v r 50 100 200 400 600 800 1000 v rms reverse voltage v r(rms) 35 70 140 280 420 560 700 v average rectified output current @ t a = 105  c (note 1) i o 3.0 a non-repetitive peak forward surge current 8.3ms single half sine-wave superimposed on rated load i fsm 200 a forward voltage @ i f = 3.0a v fm 1.0 v peak reverse current @ t a = 25  c at rated dc blocking voltage @ t a = 150  c i rm 10 100  a typical total capacitance (note 2) c t 50 25 pf typical thermal resistance junction to ambient r  ja 15 c/w operating and storage temperature range t j, t stg -65 to +150  c notes: 1. valid provided that leads are kept at ambient temperature at a distance of 9.5mm from the case. 2. measured at 1.0mhz and applied reverse voltage of 4.0v dc. 3. rohs revision 13.2.2003. glass and high temperature solder exemptions applied, see eu directive annex notes 5 and 7.
ds28007 rev. 7 - 2 2 of 3 1n5400-1n5408 www.diodes.com 0 1.0 2.0 3.0 t , ambient temperature (c) fig. 1 forward current derating curve a i , average f o rward current (a) (av) 4.0 25 50 75 100 125 150 175 200 0.2 1.0 10 100 200 0.4 0.8 1.2 1.6 2.0 2.4 2.8 3.2 i , instantaneous forward current (a) f v , instantaneous forward voltage (v) fi g .2 t y pical forward characteristics f t = 25oc j 1.0 10 100 number of cycles at 60hz fi g . 3 maximum non-repetitive sur g e current 10 100 200 t = 25c pulse width = 8.3ms j i , peak forward surge current (a) fsm 1.0 10 100 1.0 10 100 c , total capacitance (pf) t v , reverse voltage (v) fi g .4 t y pical total capacitance r f=1mhz t = 25oc j 1n5400 - 1n5405 1n5406 - 1n5408
notes: 4. for packaging details, go to our website at http://www.diodes.com/datasheets/ap02008.pdf. ds28007 rev. 7 - 2 3 of 3 1n5400-1n5408 www.diodes.com device packaging shipping 1n5400-b do-201ad 500 bulk 1n5400-t do-201ad 1.2k/tape & reel, 13 inch 1n5401-b do-201ad 500 bulk 1n5401-t do-201ad 1.2k/tape & reel, 13 inch 1N5402-B do-201ad 500 bulk 1n5402-t do-201ad 1.2k/tape & reel, 13 inch 1n5404-b do-201ad 500 bulk 1n5404-t do-201ad 1.2k/tape & reel, 13 inch 1n5406-b do-201ad 500 bulk 1n5406-t do-201ad 1.2k/tape & reel, 13 inch 1n5407-b do-201ad 500 bulk 1n5407-t do-201ad 1.2k/tape & reel, 13 inch 1n5408-b do-201ad 500 bulk 1n5408-t do-201ad 1.2k/tape & reel, 13 inch ordering information (note 4) important notice life support diodes incorporated and its subsidiaries reserve the right to make modifications, enhancements, improvements, corrections or other changes witho ut further notice to any product herein. diodes incorporated does not assume any liability arising out of the application or use of any product described herein; neither does it convey any license under its patent rights, nor the rights of others. the user of products in such applications shall assume all risks of such use and will agree to hold diodes incorporated and all the companies whose products are represented on our website, harmless against all damages. diodes incorporated products are not authorized for use as critical components in life support devices or systems without the expressed written appr oval of the president of diodes incorporated.


▲Up To Search▲   

 
Price & Availability of 1N5402-B

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X