Part Number Hot Search : 
KBPC3504 MC12015D 2SC20 STUP012 1820A BR1765 H053B 2SA765
Product Description
Full Text Search
 

To Download 1N4245 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1N4245 1n4248 1n4246 1n4249 1n4247 glass passivated silicon rectifiers 1.0 amp, 200 thru 1000 volt description: the central semiconductor 1N4245 series types are silicon rectifiers mounted in a hermetically sealed, glass passivated package for general purpose applications where high reliability is desired. maximum ratings: (t a =25c unless otherwise noted) symbol 1N4245 1n4246 1n4247 1n4248 1n4249 units peak repetitive reverse voltage v rrm 200 400 600 800 1000 v dc blocking voltage v r 200 400 600 800 1000 v rms reverse voltage v r(rms) 140 280 420 560 700 v average forward current (t a =55c) i o 1.0 a peak forward surge current, tp=8.3ms i fsm 40 a operating and storage junction temperature t j , t stg -65 to +200 c electrical characteristics: (t a =25c unless otherwise noted) symbol test conditions typ max units i r v r =rated v rrm 1.0 a i r v r =rated v rrm , t a =125c 25 a v f i f =1.0a 1.2 v t rr i f =0.5a, i r =1.0a, i rr =0.25a 2.0 5.0 s marking: full part number gpr-1a case r1 (28-february 2013) www.centralsemi.com
1N4245 1n4248 1n4246 1n4249 1n4247 glass passivated silicon rectifiers 1.0 amp, 200 thru 1000 volt gpr-1a case - mechanical outline marking: full part number www.centralsemi.com r1 (28-february 2013)


▲Up To Search▲   

 
Price & Availability of 1N4245

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X