Part Number Hot Search : 
E101M SZN4983 C1223 K1500 HCF4066 E002146 10A00 X9315WMI
Product Description
Full Text Search
 

To Download UC1103 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  unisonic technologies co., ltd UC1103 preliminary cmos ic www.unisonic.com.tw 1 of 9 copyright ? 2015 unisonic technologies co., ltd qw-r502-961.d sop-8 high precision cc/cv primary side switching regulator ? description the utc UC1103 is a primary control unit for switch mode charger and adapter applications. the controlled variable is transferred by an auxiliary winding from the secondary to the primary side. the device integrates pwm controller to enhance the performance of discontinuous conduction mode (dcm) flyback converters. the utc UC1103 operates in primary-side sensing and regulation. opto-coupler and t l431 could be eliminated. it also provides off-time modulation to linearly decrease pwm frequency under light-load conditions so that low standby power can be achieved. the utc UC1103 achieves high precision cv/cc regulation and high power efficiency. it offers comprehensive protection coverage with auto-recovery features including cycle-by-cycle current limiting, v dd over voltage protection, v dd clamp, otp, leading edge blanking, v dd under voltage lockout, etc. ? features * high voltage startup * 5% constant voltage regulation at universal ac input * high precision constant current r egulation at universal ac input * primary side control without tl431 and opto-coupler * programmable cv and cc regulation * programmable cable compensation in cv mode * flyback topology in dcm operation * frequency hopping to reduce system emi * driver mosfet switch * built-in leading edge blanking * built-in primary winding inductance compensation * gate output maximum voltage clamped at 15v * cycle-by-cycle current limiting * over voltage protection * v dd under-voltage lockout ? ordering information ordering number package packing UC1103g-s08-r sop-8 tape reel UC1103g-s08-r (1)packing type (2)package type (1) r: tape reel (2) s08: sop-8 (3) g: halogen free and lead free (3)green package
UC1103 preliminary cmos ic unisonic technologies co., ltd 2 of 9 www.unisonic.com.tw qw-r502-961.d ? marking ? pin configuration 1hv comr cs gate v dd nc gnd vs 2 3 4 5 6 7 8 ? pin description pin no. pin name description 1 cs current sense input. 2 gate gate drive for power mosfet. 3 v dd power supply. 4 comr cable compensation. 5 vs the voltage feedback from the auxiliary winding. 6 gnd ground 7 nc no connect 8 hv high-voltage startup.
UC1103 preliminary cmos ic unisonic technologies co., ltd 3 of 9 www.unisonic.com.tw qw-r502-961.d ? block diagram
UC1103 preliminary cmos ic unisonic technologies co., ltd 4 of 9 www.unisonic.com.tw qw-r502-961.d ? absolute maximum rating parameter symbol ratings unit hv pin input voltage v hv 500 v supply voltage v dd 30 v voltage at vs, cs, comr to gnd -0.3~7.0 v power dissipation (t a <50c) p d 660 mw operating ambient temperature t a -40~+105 c operating junction temperature t j -40~+150 c storage temperature range t stg -55~+150 c note: absolute maximum ratings are those values beyond which the device could be permanently damaged. absolute maximum ratings are stress ratings only and functional device oper ation is not implied. ? thermal resistance s characteristics parameter symbol ratings unit junction to ambient ja 150 c/w junction to case jc 39 c/w ? electrical characteristics (v dd =15v, t a =25c, unless otherwise specified) parameter symbol test conditions min typ max unit supply section turn-on threshold voltage v th(on) 15 16 17 v turn-off threshold voltage v th(off) 8 9 10 v v dd ovp protection v dd_ovp 28 v operating current i dd-op 1.6 2 ma green-mode operating current i dd-green 1.5 ma hv start-up section minimum startup voltage on hv pin v hv-min 50 v supply current drawn from pin hv i hv v dc =100v 0.6 ma leakage current after startup i hv-lc hv=500v, v dd =v dd-off +1v 0.5 a oscillator section maximum frequency f osc 47 50 53 khz minimum frequency at ccm f osc-cm-min 13 khz minimum frequency at no-load f osc-n-min 300 hz frequency hopping range f/freq 1.5 2.0 2.5 khz frequency hopping period t fhr 3 ms frequency variation vs. v dd deviation f dv v dd =10~25v 1 2 % voltage sense section reference voltage for ea v vr 2.475 2.525 2.625 v reference voltage for ccm v vr_ccm 0.5 v max. cable compensation current i cable_max 25 ua current ssense section current sense threshold voltage v cs 800 mv ocp propagation delay t d_oc 90 200 ns leading edge blank time t leb 600 ns soft start time t ss 10 ms
UC1103 preliminary cmos ic unisonic technologies co., ltd 5 of 9 www.unisonic.com.tw qw-r502-961.d ? electrical characteristics(cont.) parameter symbol test conditions min typ max unit gate drive section output voltage low v ol v dd =15v, io_sink=20ma 1.5 v output voltage high v oh v dd =15v, io_source=20ma 5 v rising time t r c l =1nf 200 250 ns falling time t f c l =1nf 60 100 ns output clamp voltage v clamp v dd =25v 16 18 v otp section threshold temperature of otp (note) t otp +150 c note: when the over-temperature protecti on is activated, the power system enters auto restar t mode and output is disabled.
UC1103 preliminary cmos ic unisonic technologies co., ltd 6 of 9 www.unisonic.com.tw qw-r502-961.d ? operation description the utc UC1103 is a primary control unit for switch mode char ger and adapter applications. it operates in primary-side sensing and regulation. opto-coupler and tl43 1 could be eliminated. proprietary built-in cv and cc control can achieve high precision cv /cc performance. the devic e integrates pwm controller to enhance the performance of discontinuous conduction mode (dcm) flyback converters. high-voltage startup control the hv pin of utc UC1103 is connected to the line input through a resistor (100k is recommended). during startup, the internal startup circuit in utc UC1103 is enabled. meanwhile, line input supplies a constant current to charge the hold-up capacitor th rough the resistor. when the v dd voltage reaches v th(on) , the internal startup circuit is disabled and the ic turns on. operating current the operating current of utc UC1103 is as low as 1.6ma. good efficiency and very low standby power can be achieved. constant voltage operation the output voltage is defined by the transmission ratio between the secondary and auxiliary winding. the utc UC1103 captures the auxiliary winding feedback voltage at vs pi n and operates in constant-voltage (cv) mode to regulate the output voltage. the auxiliary voltage reflects the output voltage is given by: v ? + v n n = v o s a aux (1) where v indicates the drop voltag e of the output diode. figure2. auxiliary voltage waveform via a resistor divider connected betwe en the auxiliary winding and vs, the v aux is sampled at the tsampling end and it is hold until the next sampling. the sampled voltage is compared with 2. 5v reference voltage and the error is amplified. the error amplifier output refl ects the load condition and controls t he toff time and the ipk to regulate the output voltage, thus constant output volt age can be achieved. constant current operation when the sampled voltage is below 2.5v reference volt age and the error amplifier output reaches its maximum, thus utc UC1103 operates in constant-current (cc) mode. the cc point and maximum output power can be externally adjusted by external current sense resistor r cs. the larger rcs, the sma ller cc point is, and the smaller output power becomes.
UC1103 preliminary cmos ic unisonic technologies co., ltd 7 of 9 www.unisonic.com.tw qw-r502-961.d ? operation description(cont.) figure3. adjustable output power by changing rcs figure4. secondary current waveform in cc operation, the cc loop control function of utc UC1103 will keep a fixed proportion between secondary inductance de-magnetization time (tdemag) and switch ing cycle time (tsw). the fixed proportion is 2 1 = tsw tdemag (2) thus the output current is given by: ipk n n 4 1 = tsw tdemag ipk n n 2 1 = iout s p s p (3) programmable cable drop compensation utc UC1103 has a built-in cable voltage drop compensation to achieve good load regulation. an offset voltage is generated at vs pin by an internal current flowing into the resi stor divider. the current is inversely proportional to the voltage of comr pin. as a result, it is inversely proportional to the output load current. the voltage drop across the cable is compensated by this offset voltage at vs pin. it can also be programmed by adjusting the resistance of the divider to compensate the drop for various cable lines used. current sensing and leading edge blanking cycle-by-cycle current limiting is offered in utc UC1103 . the switch current is detected by a sense resistor into the cs pin. when the power switch is turned on, a turn-on spike will occur on this resistor. a 500ns leading-edge blanking is built in to avoid false-termi nation of the switching puls e so that the external rc filtering is no longer needed.
UC1103 preliminary cmos ic unisonic technologies co., ltd 8 of 9 www.unisonic.com.tw qw-r502-961.d ? operation description(cont.) gate output the utc UC1103 output stage is a fast tote m-pole gate driver. cross conduction has been avoided to minimize heat dissipation, increase efficiency, and enhance reliability. the output driver is clamped at 15v to protect power mosfet transistors against undes ired over-voltage gate signals. protection control good power supply system reliability is achieved with its comprehensive protecti on features including v dd over-voltage protection, v dd clamp, gate clamp, power on soft start, cycle-by-cycle current limiting, short circuit protection, leading edge blanking, otp and uvlo, etc. v dd is supplied by transformer auxiliary winding output. the output of utc UC1103 is shutdown when v dd drops below v th(off) and the power converter enters powe r on start-up sequence thereafter.
UC1103 preliminary cmos ic unisonic technologies co., ltd 9 of 9 www.unisonic.com.tw qw-r502-961.d ? typical application circuit (5v/2.4a) bom reference component reference component bd1 bd 2a/600v r1 r 200k ? 1206 5% l1 choke r2 r 2.4k ? 1206 5% c1 ec 10 f/400v 105c r7 r 39k ? 0805 1% c2 ec 10 f/400v 105c r8 r 10k ? 0805 1% c3 cc 1nf/1000v 1206 r9 r 1 ? 1206 5% c4 ec 22 f/50v 105c r10 r 100k ? 1206 5% c5 cc 68nf/50v 0805 t1 rm-6 c6 ec 1500 f/10v 105c f1 fuse 1a 250vac d4, d5 diode utc 1n4007 q1 n-channel utc 6n60l d6 diode utc mgbr10l45c utc assumes no responsibility for equipment failures that result from using products at values that exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or other parameters) listed in products specifications of any and all utc products described or contained herein. utc products are not designed for use in life support appliances, devices or systems where malfunction of these products can be reasonably expected to result in personal injury. reproduction in whole or in part is prohibited without the prior written consent of the copyright owner. the information presented in this document does not form part of any quotation or contract, is believed to be accurate and reliable and may be changed without notice.


▲Up To Search▲   

 
Price & Availability of UC1103

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X