Part Number Hot Search : 
TM24064L C2383 AN111 HWS443 C3216X7 SNXXX A15K1V1 TPS717XX
Product Description
Full Text Search
 

To Download U322006BK Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  usb 3.0 superspeed device cable (ab m/m) black, 6-ft model number: u322-006-bk description tripp lite's superspeed usb 3.0 cable brings significant performance enhancements to the ubiquitous usb standard while remaining compatible with the billions of usb enabled devices currently deployed in the market. superspeed usb will deliver 10x the data transfer rate of hi-speed usb (up to 5gbps) as well as improved power efficiency. usb 3.0 utilizes a bi-directional data interface rather than usb 2.0's half-duplex arrangement where data can only flow in one direction at a time, giving a ten-fold increase in theoretical bandwidth. features 6-ft usb 3.0 superspeed cable - black superspeed usb is 10 times faster than hi-speed usb, with transfer rates up to 5 gbps sync-n-go technology minimizes user wait-time provides optimized power efficiency...no device polling and lower active and idle power requirements backwards compatible with usb 2.0. devices operate with usb 2.0 platforms. hosts support usb 2.0 legacy devices specifications overview cable type usb output usb charging no input cable length (ft.) 6 cable length (m) 1.83 highlights 6-ft superspeed usb 3.0 a-b cable 10 times faster than usb 2.0 with transfer rates up to 5 gbps applications ideal for connecting usb 3.0 computers to usb 3.0 enabled peripherals such as hard drives and printers. system requirements computers and peripherals with usb 3.0 capability package includes 6-ft. usb 3.0 superspeed a-b device cable - black 1 / 2
physical color black connections connector a usb 3.0 a (male) connector b usb 3.0 b (male) special features chromebook compatible yes warranty product warranty period (worldwide) lifetime limited warranty ? 2015 tripp lite. all rights reserved. all trademarks are the sole property of their respective owners. tripp lite has a policy of continuous improvement. specifications are subject to change without notice. photos may differ slightly from final products. 2 / 2


▲Up To Search▲   

 
Price & Availability of U322006BK

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X