Part Number Hot Search : 
LTC36 ATMEGA 85C18 LTC36 WC302 VLL1592 PM8313 KSP10
Product Description
Full Text Search
 

To Download TM162IAA6SPEC Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
            
                t m 16 2 i aa 6  
 
 
 
 
 

 
 

    
          ! " #
 $% #  
1 . 1 d i s p l a y t y pe: tn 1.2 display color*: d i s p l a y c o l o r : b l u e - b l ack b ac k g r o un d : w h i te 1.3 polarizer mode: reflective/positive 1.4 viewing angle: 6:00 1.5 driving method: 1/16 duty 1/5 bias 1.6 backlight: none * color tone is slightly changed by temperature and driving voltage. 1.7 display fonts: 5 x 7 dots+cursor(1 character) 1.8 data transfer: 8 bit parallel 1.9 operating temperature: 0----+50 storage temperature: -20----+60 1.10 outline dimensions: refer to outline drawing on next page 1.11 dot matrix: 16 characters x 2 lines 1.12 dot size: 0.5596x0.6612(mm) 1.13 dot pitch: 0.6096x0.7112 (mm) 1.14 weight: 35g 

 )* +'# '!   !        a       
  
                   a : w h i t e     
                    
 
     
  
   
 , ' -# !
 .#' +/!'!   item symbol min. max. unit remark power supply voltage v v
-0.3 7.0 lcd driving voltage v -0.3 13.0 v operating temperature range t  0+50 storage temperature range t
 -20 +60 no condensation
 0# #     '    6.1 electrical characteristics item symbol min. typ. max. unit supply voltage (logic) v v
4.5 5.0 5.5 v supply voltage (lcd drive) v -4.3- v high v  v =5.0 0.7v -v +0.3 v input signal voltage low v  v =5.0 -0.3 - 0.2 v v supply current (logic) i  (v - v
=5.0v) -1.6- ma supply current (lcd drive) i  -0.4- ma
 6.2 interface signals pin no. symbol level description 1 vss 0v ground 2 vcc 5.0v power supply voltage for logic and lcd(+) 3 vee 0.7v power supply voltage for lcd(-) 4 rs h/l selects registers 5 r/w h/l selects read or write 6 e h/l starts data read/write 7 db0 h/l data bit0 8 db1 h/l data bit1 9 db2 h/l data bit2 10 db3 h/l data bit3 11 db4 h/l data bit4 12 db5 h/l data bit5 13 db6 h/l data bit6 14 db7 h/l data bit7 15 nc 16 nc
 )> "  !0-  (00-    6&  a%+&b++&c a*b58+ 7 0rgh &kdudfwhulvwlf 6\pero 0lq 7\s 0d[ 8qlw :ulwh0rgh 5hihuwr)lj (&\foh7lph wf    qv (5lvh)doo7lph w 5 w )  (3xovh:lgwk +ljk/rz wz    5:dqg566hwxs7lph wvx    5:dqg56+rog7lph w +    'dwd6hwxs7lph wvx    'dwd+rog7lph w +    5hdg0rgh 5hihuwr)lj (&\foh7lph wf    qv (5lvh)doo7lph w 5 w )  (3xovh:lgwk +ljk/rz wz    5:dqg566hwxs7lph wvx    5:dqg56+rog7lph w +    'dwd2xwsxw'hod\7lph w '  'dwd+rog7lph w '+  
 )ljxuh:ulwh0rgh7lplqj'ldjudp )ljxuh5hdg0rgh7lplqj'ldjudp 9 ,+ 9 ,/ 9 ,/ w 68 w k w z 9 ,/ 9 ,+ 9 ,/ 9 ,+ 9 ,/ 9 ,+ 9 ,/ 9 ,+ 9 ,/ 9 ,/ w & w i w u w 68 w k 9dolg 'dwd 56 5: ( '%a'% w k 9 ,+ 9 ,/ w 68 w k w k w z 9 ,+ 9 ,/ 9 ,+ 9 ,/ 9 ,+ 9 ,/ 9 ,+ 9 ,/ 9 ,/ w & w i w u 9dolg 'dwd 56 5: ( '%a'% 9 ,+ 9 ,+ w ' w '+
 )%>  0 ,qvwuxfwlrq ,qvwuxfwlrq&rgh 'hvfulswlrq ([hfxwlrq wlph irvf  n+] 56 5: '% '% '% '% '% '% '% '% &ohdu 'lvsod\  :ulwh|+wr''5$0dqgvhw ''5$0dgguhvvwr|+iurp$& pv 5hwxuq +rph   6hw''5$0dgguhvvwr|+ iurp$&dqguhwxuqfxuvruwrlwv ruljlqdosrvlwlrqlivkliwhg 7khfrqwhqwvri''5$0duhqrw fkdqjhg pv (qwu\0rgh 6hw ,'6+ $vvljqfxuvruprylqjgluhfwlrq dqghqdeohwkhvkliwrihqwluhglvsod\  p v 'lvsod\21 2))&rqwuro '&% 6hwglvsod\ ' fxuvru &  dqgeolqnlqjrifxuvru % rqrii frqwuroelw  p v &xuvruru 'lvsod\ 6kliw 6&5/  6hwfxuvruprylqjdqgglvsod\ vkliwfrqwuroelwdqgwkhgluhfwlrq zlwkrxwfkdqjlqjri''5$0gdwd  p v )xqfwlrq6hw '/1)  6hwlqwhuidfhgdwdohqjwk '/ elwelw qxpehuvriglvsod\olqh  1olqholqh dqgglvsod\ irqww\sh ) u grwv u grwv  p v 6hw&*5$0 $gguhvv     $& $& $& $& $& $& 6hw&*5$0dgguhvvlqdgguhvv frxqwhu  p v 6hw''5$0 $gguhvv    $& $& $& $& $& $& $& 6hw''5$0dgguhvvlqdgguhvv frxqwhu  p v 5hdg%xv\ )odjdqg $gguhvv   %) $& $& $& $& $& $& $& :khwkhugxulqjlqwhuqdorshudwlrq ruqrwfdqehnqrzqe\uhdglqj%) 7khfrqwhqwvridgguhvvfrxqwhu fdqdovrehuhdg  p v :ulwh'dwdwr 5$0   ' ' ' ' ' ' ' ' :ulwhgdwdlqwrlqwhuqdo5$0  ''5$0&*5$0   p v 5hdg'dwd iurp5$0   ' ' ' ' ' ' ' ' 5hdggdwdiurplqwhuqdo5$0  ''5$0&*5$0   p v  ||grq?wfduh
   )+0-      ;:,6d**))?**7                                           )+0-      ;:,6d**))?**7
 1 #    7.1 optical characteristics ta=25 item symbol condition min. typ. max. unit   =0 - 35 - - 1 0 viewing angle  c  2  =0 -30 -- 30 deg contrast ratio c   =0  =0 4.0 - - turn on t  - - 250 response time turn off t   =0  =0 - - 250 ms
 7.2 definition of optical characteristics 7.2.1 definition of viewing angle top top bottom bottom 7.2.2 definition of contrast ratio 
 
   
 
       

  measuring conditions: 1) ambient temperature: 25 ; 2) frame frequency: 64hz 7.2.3 definition of response time turn on time:    =   +   turn off time:  !! =   +   measuring condition: 1) operating voltage: 4.3v 2) frame frequency: 64hz 
 2## 8.1 content of reliability test ta=25 no. test item content of test test condition 1 high temperature storage endurance test applying the high storage temperature for a long time 60 96h 2 low temperature storage endurance test applying the low storage temperature for a long time -20 96h 3 high temperature operation endurance test applying the electric stress (voltage current) and the thermal stress to the element for a long time 50 96h 4 low temperature operation endurance test applying the electric stress under low temperature for a long time 0 96h 5 high temperature /humidity storage endurance test applying the high temperature and high humidity storage for a long time 40 90%rh 96h 6 temperature cycle endurance test applying the low and high temperature cycle -20 25 60 25 30min 5min 30min 5min  1 cycle -20 /60 10 cycles 7 vibration test (package state) endurance test applying the vibration during transportation 10hz~150hz, 50m/s  , 40min 8 shock test (package state) endurance test applying the shock during transportation half- sine wave, 100m/s  , 11ms 9 atmospheric pressure test endurance test applying the atmospheric pressure during transportation by air 40kpa 16h
 8.2 failure judgment criterion test item no. criterion item 123456789 failure judgement criterion basic specification ??????? out of the basic specification electrical specification ??? out of the electrical specification mechanical specification ? out of the mechanical specification optical characteristic ???? out of the optical specification note for test item refer to 8.1 remark basic specification = optical specification + mechanical specification
 345*67** inspection examination or test at t  =25 (unless otherwise stated) min. max. unit il aql external visual inspection under normal illumi- nation and eyesight condition, the dis-tance between eyes and lcd is 25cm. see appendix a ii major 1.0 minor 2.5 display defects under normal illumi- nation and eyesight condition, display on inspection. see appendix b ii major 1.0 minor 2.5 note: major defects: open segment or common, short, serious damages, leakage miner defects: others sampling standard conforms to gb2828
 $8'  5* +'# 10.1 handling precautions 10.1.1 the display panel is made of glass. do not subject it to a mechanical shock by dropping it from a high place, etc. 10.1.2 if the display panel is damaged and the liquid crystal substance inside it leaks out, be sure not to get any in your mouth, if the substance comes into contact with your skin or clothes, promptly wash it off using soap and water. 10.1.3 do not apply excessive force to the display surface or the adjoining areas since this may cause the color tone to vary. 10.1.4 the polarizer covering the display surface of the lcd module is soft and easily scratched. handle this polarizer carefully. 10.1.5 if the display surface is contaminated, breathe on the surface and gently wipe it with a soft dry cloth. if still not completely clear, moisten cloth with one of the following solvents: isopropyl alcohol ethyl alcohol solvents other than those mentioned above may damage the polarizer. especially, do not use the following: water ketone aromatic solvents 10.1.6 do not attempt to disassemble the lcd module. 10.1.7 if the logic circuit power is off, do not apply the input signals. 10.1.8 to prevent destruction of the elements by static electricity, be careful to maintain an optimum work environment. a. be sure to ground the body when handling the lcd modules. b. tools required for assembly, such as soldering irons, must be properly ground. c. to reduce the amount of static electricity generated, do not conduct assembly and other work under dry conditions. d. the lcd module is coated with a film to protect the display surface. be care when peeling off this protective film since static electricity may be generated.
 10.2 storage precautions 10.2.1 when storing the lcd modules, avoid exposure to direct sunlight or to the light of fluorescent lamps. 10.2.2 the lcd modules should be stored under the storage temperature range. if the lcd modules will be stored for a long time, the recommend condition is: temperature : 0 40 relatively humidity: 80% 10.2.3 the lcd modules should be stored in the room without acid, alkali and harmful gas. 10.3 the lcd modules should be no falling and violent shocking during transportation, and also should avoid excessive press, water, damp and sunshine.
  / inspection items and criteria for appearance defects items contents criteria leakage not permitted rainbow according to the limit specimen wrong polarizer attachment not permitted not counted max. 3 defects allowed bubble between polarizer and glass <0.3mm 0.3mm 0.5mm polarizer scratches of polarizer according to the limit specimen not counted max. 3 spots allowed x<0.2mm 0.2mm x 0.5mm black spot (in viewing area) x=(a+b)/2 not counted max. 3 lines allowed black line (in viewing area) a<0.02mm 0.02mm a 0.05mm b 2.0mm max. 3 spots (lines) allowed progressive cracks not permitted
  /- inspection items and criteria for display defects items contents critera open segment or open common not permitted short not permitted wrong viewing angle not permitted contrast radio uneven according to the limit specimen crosstalk according to the limit specimen not counted max.3 dots allowed x<0.1mm 0.1mm x 0.2mm x=(a+b)/2 not counted max.2 dots allowed pin holes and cracks in segment (dot) a<0.1mm 0.1mm a 0.2mm d<0.25mm max.3 dots allowed not counted max.3 spots allowed x<0.1mm 0.1mm x 0.2mm black spot (in viewing area) x=(a+b)/2 not counted max.3 lines allowed black line (in viewing area) a<0.02mm 0.02mm a 0.05mm b 0.5mm max.3 spots (lines) allowed
  /- inspection items and criteria for display defects (continued) items content critera not counted max. 2 defects allowed x 0.1mm 0.1mm x 0.2mm x=(a+b)/2 not counted max. 1 defects allowed a 0.1mm 0.1mm a 0.2mm d>0 max.3 defects allowed transfor- mation of segment max.2 defects allowed 0.8w a 1.2w a=measured value of width w=nominal value of width


▲Up To Search▲   

 
Price & Availability of TM162IAA6SPEC

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X