Part Number Hot Search : 
91000 VEC2307 SY88149 NJU66 23000 R2110 SSP5N80A 18VUV
Product Description
Full Text Search
 

To Download TD3844A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  t d38 4 2a / 38 4 3a / 3844a / 3845a 1 high performance curre nt mode p w m cont rollers descript ion f e a t ures dip-8 sop-8 tmc t o p v i e w compensation v oltage feedback current sense r t /c t v r e f v cc output gnd p in connections 1 2 3 4 8 7 5 6 b lock diagram n o t e 1 : t o g g l e f l i p f l o p u s e d o n l y i n 3 8 4 4 a a n d 3 8 4 5 a . t h e t d3 8 4 2 a / 3 8 4 3 a / 3 8 4 4 a / 3 8 4 5 a a r e f i x e d f r e q u e n c y c u r r e n t - m o d e pw m co n t r o ller . th ey are sp ecia l ly d e sig n ed f o r of f - lin e an d dc - t o - dc con v erte r ap p licatio n s w i th m i n i m u m ex ter n al c o m p o n en ts. these in te g r a t ed c i r cu its f eatu r e a trim med o s cillato r f o r p r ecise d u ty cycle co n t r o l, a tem p eratu r e co m p en sated r ef e r en ce, h i g h g a i n e r r o r a m p l i f i e r . c u r r e n t se n s i n g c o mp a r a t o r , a n d a h i g h cu r r en t to te m p o l e o u tp u t id eally su ited f o r d r iv in g a p o wer m o sfet . pr o t ec tio n c i r cu i ty i n clu d es built in u n d e r - v o l t a g e l o c k o u t a n d c u r r e n t l i m i t i n g . t h e t d3 8 4 2 a a n d t d 3 8 4 4 a h a v e u v l o t h r e s h o l d s o f 1 6 v ( o n ) a n d 1 0 v ( o f f ) t h e t d 3 8 4 3 a a n d t d 3 8 4 5 a a r e 8 . 4 v ( o n ) a n d 7 . 6 v ( o f f ) t h e t d3 8 4 2 a a n d t d3843a c a n o p e r a t e w i t h i n 1 0 0 % d u t y c y c l e . t h e td 3 8 4 4 a a n d t d 3 8 4 5 a can o p erate with 5 0 % d u ty cy cle. ? l o w start up c u r r e n t ? m ax im u m d u ty clam p ? uvlo w ith hy steresis ? o p e r a t i n g f r e q u e n c y u p t o 5 0 0 k h z .com .com .com 4 .com u datasheet
2 tm c ma ximum r a t ing s r ating s ymbol v alue unit b ias and driver v oltages (zero s eries impedance, s ee als o t otal device s pec) v c c , v c 30 v t otal p ower s upply and zener c urrent (i c c + i z ) 30 ma output c urrent, s ource or s ink (note 1) i o 1.0 a output e nergy (c apacitive load per c ycle) w 5.0 m j c urrent s ens e and v oltage f eedback inputs v in - 0.3 to + 5.5 v e rror amp output s ink c urrent i o 10 ma p ower dis s ipation and t hermal c haracteris tics d s uf fix, p las tic p ackage maximum p ower dis s ipation @ t a = 25 c t hermal r es is tance, j unction-to-air n s uf fix, p las tic p ackage maximum p ower dis s ipation @ t a = 25 c t hermal r es is tance, j unction-to-air p d r q j a p d r q j a 862 145 1.25 100 mw c /w w c /w operating j unction t emperature t j + 150 c operating ambient t emperature t a 0 to + 70 c s torage t emperature r ange t s tg - 65 to + 150 c 1. maximum p ackage power dis s ipation limits mus t be obs erved. e l e c t r ic a l c ha r a c t e r is t ic s (v c c = 15 v , [note 2], r t = 10 k, c t = 3.3 nf , t a = t low to t high [note 3], unles s otherwis e noted.) t d 3 8 4 2 a / 4 3 a / 4 4 a / 4 5 a c harac teris tic s s ymbol min t y p max unit r e f e r e nc e s e c t ion r eference output v oltage (i o = 1.0 ma, t j = 25 c ) v ref 4.9 5.0 5.1 v line r egulation (v c c = 12 v to 25 v ) r eg line - 2.0 20 mv load r egulation (i o = 1.0 ma to 20 ma) r eg load - 3.0 25 mv t emperature s tability t s - 0.2 - mv / c t otal output v ariation over line, load, t emperature v ref 4.82 - 5.18 v output nois e v oltage (f = 10 hz to 10 khz, t j = 25 c ) v n - 50 - m v long t erm s tability (t a = 125 c for 1000 hours ) s - 5.0 - mv output s hort c ircuit c urrent i s c - 30 - 85 - 180 ma os c il l a t or s e c t ion f requency t j = 25 c t a = t low to t high f os c 47 46 52 - 57 60 khz f requency c hange with v o ltage (v c c = 1 2 v t o 2 5 v ) d f os c/ d v - 0.2 1.0 % f requency c hange with t emperature t a = t low to t high d f os c/ d t - 5.0 - % os cillator v oltage s wing (p eaktop eak) v os c - 1.6 - v dis charge c urrent (v os c = 2.0 v ) t j = 25 c t a = t low to t high i dis chg 7.5 7.2 8.4 - 9.3 9.5 ma t d38 4 2a / 38 4 3a / 3844a / 3845a .com .com .com .com 4 .com u datasheet
t d38 4 2a / 38 4 3a / 3844a / 3845a 3 tmc e r r or a mp l if ie r s e c t ion v oltage f eedback input (v o = 2.5 v ) v f b 2.42 2.5 2.58 v input b ias c urrent (v f b = 2.7 v ) i ib - -0.1 -2.0 m a open loop v oltage g ain (v o = 2.0 v to 4.0 v ) a v o l 65 90 - db unity g ain b andwidth (t j = 25 c ) b w 0.7 1.0 - mhz p ower s upply r ejection r atio (v c c = 12 v to 25 v ) p s r r 60 70 - db output c urrent s ink (v o = 1.1 v , v f b = 2.7 v ) s ource (v o = 5.0 v , v f b = 2.3 v ) i s ink i s ource 2.0 -0.5 12 -1.0 - - ma output v oltage s wing high s tate (r l = 15 k to ground, v f b = 2.3 v ) low s tate (r l = 15 k to v ref , v f b = 2.7 v ) v oh v ol 5.0 - 6.2 0.8 - 1.1 v 2. adjus t v c c above the s tartup thres hold before s etting to 15 v . 3. low duty cycle puls e techniques are us ed during tes t to maintain junction temperature as clos e to ambient as pos s ible. t l o w = 0 c f o r t d 3 8 4 2 a / 4 3 a / 4 4 a / 4 5 a t h i g h = + 7 0 c f o r t d 3 8 4 2 a / 4 3 a / 4 4 a / 4 5 a e l e c t r ic a l c ha r a c t e r is t ic s (v c c = 15 v , [note 4], r t = 10 k, c t = 3.3 nf , t a = t low to t high [note 5], unles s otherwis e noted.) c harac teris tic s s ymbol min t y p max unit c ur r e nt s e ns e s e c t ion c urrent s ens e input v oltage g ain (notes 6 & 7) a v 2.85 3.0 3.15 v /v maximum c urrent s ens e input t hres hold (note 6) v th 0.9 1.0 1.1 v p ower s upply r ejection r atio v c c = 12 to 25 v (note 6) p s r r - 70 - db input b ias c urrent i ib - -2.0 -10 m a p ropagation delay (c urrent s ens e input to output) t p lh(in/out) - 150 300 ns out p ut s e c t ion output v oltage low s tate (i s ink = 20 ma) low s tate (i s ink = 200 ma) high s tate (i s ink = 20 ma) high s tate (i s ink = 200 ma) v ol v oh - - 13 12 0.1 1.6 13.5 13.4 0.4 2.2 - - v output v oltage with uv lo activated v c c = 6.0 v , i s ink = 1.0 ma v ol(uv l o) - 0.1 1.1 v output v oltage r is e t ime (c l = 1.0 nf , t j = 25 c ) t r - 50 150 ns output v oltage f all t ime (c l = 1.0 nf , t j = 25 c ) t f - 50 150 ns unde r v ol t a g e l oc k out s e c t ion s t a r t u p t h r e s h o l d t d 3 8 4 2 a / t d 3 8 4 4 a t d 3 8 4 3 a / t d 3 8 4 5 a v th 14.5 7.8 16 8.4 17.5 9.0 v m i n i m u m o p e r a t i ng v o l t a g e a f t e r t u r n o n td 3 8 4 2 a / t d 3 8 4 4 a t d3843 a / t d 3 8 4 5 a v c c (min) 8.5 7.0 10 7.6 1 1.5 8.2 v t d 3 8 4 2 a / 4 3 a / 4 4 a / 4 5 a c harac teris tic s s ymbol min t y p max unit .com .com .com .com 4 .com u datasheet
4 tmc p wm s e c t ion duty c ycle m aximum m inimum dc max dc min 94 - 96 - 100 0 % t o t a l de v ic e p ower s upply c urrent (note 4) s tartup: (v c c = 6 . 5 v f o r t d 3 8 4 3 a , (v c c = 1 4 v f o r t d 3 8 4 2 a ) o p e r a t i ng i c c - - 0.5 12 1.0 17 ma p ower s upply zener v oltage (i c c = 25 ma) v z 30 36 - v 4. adjus t v c c above the s tartup thres hold before s etting to 15 v . 5. low duty cycle puls e techniques are us ed during tes t to maintain junction temperature as clos e to ambient as pos s ible. t l o w = 0 c f o r t d 3 8 4 2 a / 4 3 a / 4 4 a / 4 5 a t h i g h = + 7 0 c f o r t d 3 8 4 2 a / 4 3 a / 4 4 a / 4 5 a 6. t his parameter is meas ured at the latch trip point with v f b = 0 v . 7. c omparator gain is defined as : a v d v output c ompens ation d v c urrent s ens e input c harac teris tic s s ymbol min t y p max unit o u t p u t / c o m p e n s a t i o n c u r r e n t s e n s e i n p u t l a t c h ` ` r e s e t ' ' input o u t p u t c a p a c i t o r c t l a t c h ` ` set' ' input l a r g e r t / s m a l l c t small r t /large c t f igure 1. t iming diagram t d38 4 2a / 38 4 3a / 3844a / 3845a t d3842a/tdd3843a t d3844a/tdd3845a 4 7 4 8 5 0 .com .com .com .com 4 .com u datasheet
5 tmc oscillat o r sect i on 5 4 8 rt ct large rt small ct small rt large ct v4 v4 internal clock internal clock dead t i m e v s c t ( r t >5k w ) ti m i ng res i s t anc e v s frequenc y 1 10 100 1 1 0 100 0.1 td ( m s ) ct (nf) 100 1 10 6 10 5 10 4 10 3 10 10 2 rt (k w ) frequency (hz) ct=1nf ct=2.2nf ct=4.7nf ct=10nf ct=22nf ct=47nf ct=100nf shut dow n t e chniques 8 3 330  500  1k  1 shutdown to current sense resistor shutdown sh u t do w n t d3842a c an be ac c o m p li s h ed by t w o m e t hod s ; ei t h er r a is e pin 3 abo v e 1v or p u ll pi n 1 b e low a v o lt age t w o dio d e drop s abo v e groun d. eit her m e t h o d c a u s e d t h e out p u t o f p w m c o m par at or t o be hig h ( r e f e r t o bloc k diag r a m ) . t he p w m la t c h i s r e s e t do m i na nt s o t h a t t h e o u t put w ill re m a in low unt il t h e n e x t c l o c k c y c l e aft e r t h e s h u t dow n c ond it ion a t pin s 1 and/ or 3 is re m o v e d. i n on e ex am ple , an ex t e r n ally la t c hed s h ut ?dow n m a y be ac c o m p li s h ed by addi ng an sc r w h ic h b e r e s e t by c y c lin g v c c b e low t he low e r u v lo t h r e s hold . a at t h i s poi nt t h e re f e r e nc e t u r n s o f f allow i ng t h e s c r to r e s e t. t y pical performance charact erist i cs 0.01 0.1 1 0 1 2 3 4 s a t u r a t i on v o lt age ( v ) output current ( sourse or sink current) (a) vcc=15v ta=+25c ta=-55c 7 10 3 10 6 10 5 10 4 10 10 2 10 0 20 40 60 100 80 frequency (hz) v o lt age g a in ( d b ) -180 -135 -90 -45 0 ph ase (d e g r e e ) out put s a t u r at i on charac t e r i s t i c s e r r or a m pl i f i e r open-loop frequenc y res pons e t d38 4 2a / 38 4 3a / 3844a / 3845a .com .com .com .com 4 .com u datasheet
6 tmc - 50 - 25 0 2 5 5 0 7 5 100 125 150 4.96 4.97 4.98 4.99 5.00 5.01 5.02 vref (v) temperature (c) v cc=15v io=1ma -50 -25 0 2 5 5 0 7 5 100 125 150 250 300 350 400 450 500 550 i s ta r t ( m a ) temperature (c) vcc=9v - 50 - 25 0 2 5 5 0 7 5 100 125 150 9 10 11 12 13 14 15 icc (ma) temperature (c) v cc=15v io=1ma v r ef temperature drift istart temperature drift icc temperature drift o p e n- l o o p labo rat o ry t e s t f i x t ure 1 2 8 7 3 6 4 5 a v ref v c c 1k  / 1w 0. 1  f ct rt 100k  5k  4. 7k  4. 7k  0. 1  f e r ror amp a djust i s ens e adj u s t output h i gh peak c u r r ent as s o c i at ed w i t h c apac it y loads nec es s i t a t e c a r ef u l grounding t e c hniques . t i m i ng and by pas s c apac it ors s hould be c onnec t ed c l os e t o pin 5 in s i ngle point gn d . t he t r ans is t o r and 5k w pot ent io-m et er are us ed t o s a m p le t he os c illat o r w a v e f o r m and apply an adj us t able r a m p t o pin 3. under-volt a ge lockout 7 v c c von=16v, v off=10v on/off command to rest of ic v on v off <1ma <15ma icc v cc d u r ing u n d e r - v olt age lo c k ou t , t he out pu t dri v er i s bia s e d t o a h i gh im p edan c e s t at e. p i n 6 s houl d be s hunt t o gn d w i th a bleeder resistor to prev ent activ a ting the pow er sw itch w i th output leakage currents. t d3842a/44a von=8.4v, v off=7.6v td3843a/45a t d38 4 2a / 38 4 3a / 3844a / 3845a .com .com .com .com 4 .com u datasheet
7 tmc e rror amplifier configurat i on 2 1 0.5ma 2.5v zf zi e r r or am pl i f i e r c an s ourc e or s i nk up t o 0. 5m a current sense circuit 5 3 1 2r r1 v c rs r is error amplifier current sense comparator p eak c u r r ent (i s ) det erm i ned by t he f o r m ul a: is(m a x ) = 1 .0 v /r s . a s m al l rc f i l t er be requi r ed t o s uppres s s w i t c h t r ans i ent s . s lo p e co m p e nsat io n 8 4 3 isense r1 r2 rsense c rt ct 0.1  f a f r ac t i on of t he os c illat o r ram p c an be res i s t i v e ly s u m m ed w i t h t he c u r r ent s ens e s i gnal t o prov ide s l ope c o m pens at ion f o r c onv ert s requiring dut y c y c l es ov er 50%. n ot e t hat c apac it or c , f o r m s a f ilt er w i t h r 2 t o s uppres s t he leading edge s w it c h s p ik es . t d38 4 2a / 38 4 3a / 3844a / 3845a .com .com .com 4 .com u datasheet


▲Up To Search▲   

 
Price & Availability of TD3844A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X