|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
october 2007 rev 2 1/16 16 stp30nf20 - stb30nf20 STW30NF20 n-channel 200v - 0.065 ? - 30a - to-220/to-247/d 2 pa k low gate charge stripfet? power mosfet features gate charge minimized 100% avalanche tested excellent figure of merit (r ds *q g ) very good manufactuing repeability very low intrinsic capacitances application switching applications description this power mosfet series realized with stmicroelectronics unique stripfet process has specifically been designed to minimize input capacitance and gate charge. it is therefore suitable as primary switch in advanced high- efficiency isolated dc-dc converters. figure 1. internal schematic diagram type v dss r ds(on) i d p tot stp30nf20 200v 0.075 ? 30a 125w STW30NF20 200v 0.075 ? 30a 125w stb30nf20 200v 0.075 ? 30a 125w to-247 1 2 3 1 2 3 to-220 1 3 d2pak table 1. device summary order codes marking package packaging stp30nf20 30nf20 to-220 tube STW30NF20 30nf20 to-247 tube stb30nf20 30nf20 d2pak tape & reel www.st.com free datasheet http://www.0pdf.com
contents stp30nf20 - STW30NF20 - stb30nf20 2/16 contents 1 electrical ratings . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 3 2 electrical characteristics . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 4 2.1 electrical characteristics (curves) . . . . . . . . . . . . . . . . . . . . . . . . . . . . 6 3 test circuit . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 9 4 package mechanical data . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 10 5 packaging mechanical data . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 14 6 revision history . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 15 free datasheet http://www.0pdf.com stp30nf20 - STW30NF20 - stb30nf20 electrical ratings 3/16 1 electrical ratings table 2. absolute maximum ratings symbol parameter value unit v ds drain-source voltage (v gs = 0) 200 v v gs gate-source voltage 20 v i d drain current (continuous) at t c = 25c 30 a i d drain current (continuous) at t c =100c 19 a i dm (1) 1. pulse width limited by safe operating area drain current (pulsed) 120 a p tot total dissipation at t c = 25c 125 w derating factor 1 w/c dv/dt (2) 2. i sd 30a, di/dt 200a/s, v dd = 80% v (br)dss peak diode recovery voltage slope 10 v/ns t j t stg operating junction temperature storage temperature -55 to 150 c t l maximum lead temperature for soldering purpose 300 c table 3. thermal data symbol parameter to-220/ d2pak to-247 unit r thjc thermal resistance junction-case max 1 c/w r thja thermal resistance junction-ambient max 62.5 50 c/w table 4. avalanche data symbol parameter value unit i ar avalanche current, repetitive or not repetitive (pulse width limited by tjmax) 30 a e as single pulse avalanche energy (starting tj=25c, i d =i ar , v dd =50v) 140 mj free datasheet http://www.0pdf.com electrical characteristics stp30nf20 - STW30NF20 - stb30nf20 4/16 2 electrical characteristics (t case =25c unless otherwise specified) table 5. on/off states symbol parameter test conditions min. typ. max. unit v (br)dss drain-source breakdown voltage i d = 1ma, v gs = 0 200 v i dss zero gate voltage drain current (v gs = 0) v ds = max rating, v ds = max rating,tc=125c 1 10 a a i gss gate body leakage current (v ds = 0) v gs = 20v 100 na v gs(th) gate threshold voltage v ds = v gs , i d = 250a 234v r ds(on) static drain-source on resistance v gs = 10v, i d = 15a 0.065 0.075 ? table 6. dynamic symbol parameter test conditions min. typ. max. unit g fs (1) 1. pulsed: pulse duration=300s, duty cycle 1.5% forward transconductance v ds =15v, i d = 15a 20 s c iss c oss c rss input capacitance output capacitance reverse transfer capacitance v ds =25v, f=1 mhz, v gs =0 1597 320 43 pf pf pf q g q gs q gd total gate charge gate-source charge gate-drain charge v dd =160v, i d = 30a v gs =10v (see figure 17) 38 8 18 nc nc nc free datasheet http://www.0pdf.com stp30nf20 - STW30NF20 - stb30nf20 electrical characteristics 5/16 table 7. switching times symbol parameter test conditions min. typ. max. unit t d(on) t r turn-on delay time rise time v dd =100v, i d =15a, r g =4.7 ?, v gs =10v (see figure 16) 35 15.7 ns ns t d(off) t f turn-off delay time fall time v dd =100v, i d =15a, r g =4.7 ?, v gs =10v (see figure 16) 38 8.8 ns ns table 8. source drain diode symbol parameter test conditions min. typ. max. unit i sd i sdm (1) 1. pulse width limited by safe operating area source-drain current source-drain current (pulsed) 30 120 a a v sd (2) 2. pulsed: pulse duration=300s, duty cycle 1.5% forward on voltage i sd =30a, v gs =0 1.5 v t rr q rr i rrm reverse recovery time reverse recovery charge reverse recovery current i sd =30a, di/dt = 100a/s, v dd =100 v, tj=25c 155 0.96 12.4 ns c a t rr q rr i rrm reverse recovery time reverse recovery charge reverse recovery current i sd =30a, di/dt = 100a/s, v dd =100 v, tj=150c 194 1.42 14.6 ns c a free datasheet http://www.0pdf.com electrical characteristics stp30nf20 - STW30NF20 - stb30nf20 6/16 2.1 electrical characterist ics (curves) figure 2. safe operating area for to-247 figure 3. thermal impedance for to-247 figure 4. safe operating area for to-220/ d2pak figure 5. thermal impedance for to-220/ d2pak figure 6. output characteristics figure 7. transfer characteristics free datasheet http://www.0pdf.com stp30nf20 - STW30NF20 - stb30nf20 electrical characteristics 7/16 figure 8. normalized b vdss vs temperature figure 9. static drain-source on resistance figure 10. gate charge vs gate-source voltage figure 11. capacitance variations figure 12. normalized gate threshold voltage vs temperature figure 13. normalized on resistance vs temperature free datasheet http://www.0pdf.com electrical characteristics stp30nf20 - STW30NF20 - stb30nf20 8/16 figure 14. source-drain diode forward characteristics figure 15. maximum avalanche energy vs temperature free datasheet http://www.0pdf.com stp30nf20 - STW30NF20 - stb30nf20 test circuit 9/16 3 test circuit figure 16. switching times test circuit for resistive load figure 17. gate charge test circuit figure 18. test circuit for inductive load switching and diode recovery times figure 19. unclamped inductive load test circuit figure 20. unclamped inductive wavefo rm figure 21. switching time waveform free datasheet http://www.0pdf.com package mechanical data stp30nf20 - STW30NF20 - stb30nf20 10/16 4 package mechanical data in order to meet environmental requirements, st offers these devices in ecopack? packages. these packages have a lead-free second level interconnect . the category of second level interconnect is marked on the package and on the inner box label, in compliance with jedec standard jesd97. the maximum ratings related to soldering conditions are also marked on the inner box label. ecopack is an st trademark. ecopack specifications are available at: www.st.com free datasheet http://www.0pdf.com stp30nf20 - STW30NF20 - stb30nf20 package mechanical data 11/16 dim. mm. inch min. typ max. min. typ. max. a 4.85 5.15 0.19 0.20 a1 2.20 2.60 0.086 0.102 b 1.0 1.40 0.039 0.055 b1 2.0 2.40 0.079 0.094 b2 3.0 3.40 0.118 0.134 c 0.40 0.80 0.015 0.03 d 19.85 20.15 0.781 0.793 e 15.45 15.75 0.608 0.620 e5.45 0.214 l 14.20 14.80 0.560 0.582 l1 3.70 4.30 0.14 0.17 l2 18.50 0.728 ?p 3.55 3.65 0.140 0.143 ?r 4.50 5.50 0.177 0.216 s5.50 0.216 to-247 mechanical data free datasheet http://www.0pdf.com package mechanical data stp30nf20 - STW30NF20 - stb30nf20 12/16 dim. mm. inch min. typ max. min. typ. max. a 4.40 4.60 0.173 0.181 b 0.61 0.88 0.024 0.034 b1 1.15 1.70 0.045 0.066 c 0.49 0.70 0.019 0.027 d 15.25 15.75 0.60 0.620 e 10 10.40 0.393 0.409 e 2.40 2.70 0.094 0.106 e1 4.95 5.15 0.194 0.202 f 1.23 1.32 0.048 0.052 h1 6.20 6.60 0.244 0.256 j1 2.40 2.72 0.094 0.107 l 13 14 0.511 0.551 l1 3.50 3.93 0.137 0.154 l20 16.40 0.645 l30 28.90 1.137 ?p 3.75 3.85 0.147 0.151 q 2.65 2.95 0.104 0.116 to-220 mechanical data free datasheet http://www.0pdf.com stp30nf20 - STW30NF20 - stb30nf20 package mechanical data 13/16 d2pak mechanical data dim mm inch min typ max min typ max a 4.4 4.6 0.17 3 0.1 8 1 a1 2.4 9 2.6 9 0.0 98 0.106 a2 0.0 3 0.2 3 0.001 0.00 9 b 0.7 0. 93 0.027 0.0 3 6 b2 1.14 1.7 0.044 0.067 c 0.45 0.6 0.017 0.02 3 c2 1.2 3 1. 3 6 0.04 8 0.05 3 d 8 . 9 5 9 . 3 50. 3 52 0. 3 6 8 d1 8 0. 3 15 e 10 10.4 0. 393 0.40 9 e1 8 .5 0. 33 4 g4. 88 5.2 8 0.1 9 20.20 8 l15 15. 8 5 0.5 9 0 0.625 l2 1.27 1.4 0.50 0.55 l 3 1.4 1.75 0.055 0.6 8 m2.4 3 .2 0.0 9 40.126 r 0.4 0.015 v2 0 4 free datasheet http://www.0pdf.com packaging mechanical data stp30nf20 - STW30NF20 - stb30nf20 14/16 5 packaging mechanical data tape and reel shipment d 2 pak footprint * on sales type dim. mm inch min. max. min. max. a 330 12.992 b 1.5 0.059 c 12.8 13.2 0.504 0.520 d 20.2 0795 g 24.4 26.4 0.960 1.039 n 100 3.937 t 30.4 1.197 base qty bulk qty 1000 1000 reel mechanical data dim. mm inch min. max. min. max. a0 10.5 10.7 0.413 0.421 b0 15.7 15.9 0.618 0.626 d 1.5 1.6 0.059 0.063 d1 1.59 1.61 0.062 0.063 e 1.65 1.85 0.065 0.073 f 11.4 11.6 0.449 0.456 k0 4.8 5.0 0.189 0.197 p0 3.9 4.1 0.153 0.161 p1 11.9 12.1 0.468 0.476 p2 1.9 2.1 0.075 0.082 r 50 1.574 t 0.25 0.35 0.0098 0.0137 w 23.7 24.3 0.933 0.956 tape mechanical data free datasheet http://www.0pdf.com stp30nf20 - STW30NF20 - stb30nf20 revision history 15/16 6 revision history table 9. document revision history date revision changes 25-jan-2007 1 first release 18-oct-2007 2 added d2pak free datasheet http://www.0pdf.com stp30nf20 - STW30NF20 - stb30nf20 16/16 please read carefully: information in this document is provided solely in connection with st products. stmicroelectronics nv and its subsidiaries (?st ?) reserve the right to make changes, corrections, modifications or improvements, to this document, and the products and services described he rein at any time, without notice. all st products are sold pursuant to st?s terms and conditions of sale. purchasers are solely responsible for the choice, selection and use of the st products and services described herein, and st as sumes no liability whatsoever relating to the choice, selection or use of the st products and services described herein. no license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted under this document. i f any part of this document refers to any third party products or services it shall not be deemed a license grant by st for the use of such third party products or services, or any intellectual property contained therein or considered as a warranty covering the use in any manner whatsoev er of such third party products or services or any intellectual property contained therein. unless otherwise set forth in st?s terms and conditions of sale st disclaims any express or implied warranty with respect to the use and/or sale of st products including without limitation implied warranties of merchantability, fitness for a parti cular purpose (and their equivalents under the laws of any jurisdiction), or infringement of any patent, copyright or other intellectual property right. unless expressly approved in writing by an authorized st representative, st products are not recommended, authorized or warranted for use in milita ry, air craft, space, life saving, or life sustaining applications, nor in products or systems where failure or malfunction may result in personal injury, death, or severe property or environmental damage. st products which are not specified as "automotive grade" may only be used in automotive applications at user?s own risk. resale of st products with provisions different from the statements and/or technical features set forth in this document shall immediately void any warranty granted by st for the st product or service described herein and shall not create or extend in any manner whatsoev er, any liability of st. st and the st logo are trademarks or registered trademarks of st in various countries. information in this document supersedes and replaces all information previously supplied. the st logo is a registered trademark of stmicroelectronics. all other names are the property of their respective owners. ? 2007 stmicroelectronics - all rights reserved stmicroelectronics group of companies australia - belgium - brazil - canada - china - czech republic - finland - france - germany - hong kong - india - israel - ital y - japan - malaysia - malta - morocco - singapore - spain - sweden - switzerland - united kingdom - united states of america www.st.com free datasheet http://www.0pdf.com |
Price & Availability of STW30NF20 |