Part Number Hot Search : 
GMP4212 2EZ18D5 L5257 WNP1W MC74H A105M FH4202 GMP4212
Product Description
Full Text Search
 

To Download STP656F Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  smh op microelectronics c rp. a STP656F features super high dense cell design for low r ds(on) . rugged and reliable. to-220f package. n-channel enhancement mode field effect transistor www.samhop.com.tw dec,01,2010 1 details are subject to change without notice. s g d ver 1.0 product summary v dss i d r ds(on) (m ) max 60v 22a 29 @ vgs=4.5v 19 @ vgs=10v gds stf series to-220f g r p p r p p symbol v ds v gs i dm e as 6 65 w a p d c 21 -55 to 150 i d units parameter 60 22 66 c/w v v 20 t c =25 c gate-source voltage drain-source voltage thermal characteristics c/w 182 mj absolute maximum ratings ( t c =25 c unless otherwise noted ) limit drain current-continuous a t c =25 c -pulsed b a avalanche energy d maximum power dissipation a operating junction and storage temperature range t j , t stg thermal resistance, junction-to-case thermal resistance, junction-to-ambient r jc r ja a 17.7 t c =70 c t c =70 c 13.3 w a a o
symbol min typ max units bv dss 60 v 1 i gss 100 na v gs(th) v g fs s c iss pf c oss pf c rss pf q g nc t d(on) ns t r ns t d(off) ns t f ns v ds =25v,v gs =0v switching characteristics v dd =30v i d =1a v gs =10v r gen =6ohm total gate charge rise time turn-off delay time fall time turn-on delay time m ohm v gs =10v , i d =11a v ds =20v , i d =11a input capacitance output capacitance dynamic characteristics r ds(on) drain-source on-state resistance forward transconductance i dss ua gate threshold voltage v ds =v gs ,i d =250ua v ds =48v , v gs =0v v gs =20v,v ds =0v zero gate voltage drain current gate-body leakage current electrical characteristics ( t a =25 c unless otherwise noted ) off characteristics parameter conditions drain-source breakdown voltage v gs =0v , i d =250ua reverse transfer capacitance on characteristics v gs =4.5v , i d =9a m ohm c f=1.0mhz c STP656F www.samhop.com.tw dec,01,2010 2 v sd nc q gs nc q gd gate-drain charge gate-source charge diode forward voltage v ds =30v,i d =11a, v gs =10v drain-source diode characteristics and maximum ratings v gs =0v,i s =2a v notes nc v ds =30v,i d =11a,v gs =10v v ds =30v,i d =11a,v gs =4.5v a.surface mounted on fr4 board,t < 10sec. b.pulse test:pulse width < 300us, duty cycle < 2%. c.guaranteed by design, not subject to production testing. d.starting t j =25 c,l=0.5mh,v dd = 30v.(see figure13) _ _ _ 1 ver 1.0 15 2180 196 132 40 47 65 37 34 19 21 29 4 9 0.76 1.3 17 1 1.8 3 31
f igure 1. output c haracteris tics figure 2. transfer characteristics v gs , g ate-to-s ource voltage (v ) v ds , drain-to-s ource voltage (v ) i d , drain current(a) i d , drain c urrent (a) i d , drain c urrent (a) r ds (on) ( m ) f igure 3. on-r es is tance vs . drain c urrent and gate voltage f igure 4. on-r es is tance variation with drain c urrent and temperature on-resistance r ds (on) , tj( c) t j, j unction t emperature ( c ) f igure 6. b reakdown v oltage v ariation with t emperature vth, normalized g ate-s ource t hreshold v oltage bv ds s , normalized drain-s ource b reakdown v oltage t j, j unction t emperature ( c ) t j, j unction t emperature ( c ) f igure 5. g ate t hreshold v ariation with t emperature STP656F ver 1.0 www.samhop.com.tw dec,01,2010 3 40 32 24 16 8 0 0 0.5 1.0 1.5 2.0 2.5 3.0 v gs = 3.5v v gs = 4v v gs = 4.5v v gs = 10v 60 48 36 24 12 0 0 0.9 5.4 4.5 3.6 2.7 1.8 25 c -55 c tj=125 c 60 50 40 30 20 10 1 1 v gs =10v v gs =4.5v 3.0 2.6 2.2 1.8 1.4 1.0 0 0 100 75 25 50 125 150 v gs =10v i d =11a v gs =4.5v i d =9a 0.4 0.2 1.6 1.4 1.2 1.0 0.8 0.6 125 150 100 75 50 25 0 -25 -50 v ds =v gs i d =250ua 1.30 1.20 1.10 1.00 0.90 0.80 0.70 125 150 100 75 50 25 0 -25 -50 i d =250ua v gs = 5v 816243240
STP656F ver 1.0 www.samhop.com.tw dec,01,2010 4 0.1 1 10 60 10 1 0.1 0.03 100 v gs =10v single pulse t a =25 c r ds ( on) limit dc 1 0 m s 1m s 100us r ds(on) (m ) v gs , gate-to-source voltage(v) figure 7. on-resistance vs. gate-source voltage v sd , body diode forward voltage(v) figure 8. body diode forward voltage variation with source current c, capacitance(pf) v ds , drain-to-source voltage(v) figure 9. capacitance v gs , gate to source voltage(v) qg, total gate charge(nc) figure 10. gate charge switching time(ns) rg, gate resistance( ) figure 11. switching characteristics i d , drain current(a) v ds , drain-source voltage(v) figure 12. maximum safe operating area 10us 60 50 40 30 20 10 0 24 68 10 0 i d =11a 25 c 75 c 125 c 10 1 60 0 0.25 0.50 0.75 1.00 1.25 75 c 3000 2500 2000 1500 1000 500 0 10 15 20 25 30 0 5 css 10 8 6 4 2 0 0510 15 20 25 30 35 40 v ds =30v i d =11a 110 100 1 10 100 300 vds=30v,id=1a vgs=10v td(on) tr tf td(off ) 125 c 25 c is, source-drain current(a) css i css o r
t p v (br )dss i as f igure 13a. figure 13b. u nc l am p ed s in d u ct i ve t e t ci r c u i t o fr m w ave s u nc l am p ed in d u ct i ve 0.01 0.1 1 2 0.00001 0.0001 0.001 0.01 0.1 1 p dm t 1 t 2 1. r jc (t)=r (t) * 2. =s ee datasheet 3. t jm- t c =p* (t) 4. duty cycle, d=t1/t2 r jc r jc r jc 10 transient thermal impedance s quare wave p ulse duration (msec) f igure 14. normalized t hermal t rans ient impedance c urve r(t),normalized e ffective STP656F ver 1.0 www.samhop.com.tw dec,01,2010 5 d=0.5 0.05 0.02 0.2 0.1 0.01 s ingle p uls e r g i as 0.01 t p d.u.t l v ds + - dd 20v v
STP656F ver 1.0 www.samhop.com.tw dec,01,2010 6 e # # . % . d . . ' h d g i j f o a a1 b b1 c c2 e l1 l2 l4 l5 o e f g h 4.20 1.95 0.56 0.90 0.55 2.50 9.70 3.20 6.90 15.60 13.50 3.20 2.55 1.30 3.40 2.10 4.80 2.85 1.05 1.50 0.80 3.10 10.30 3.80 7.50 16.40 14.50 1.90 3.80 2.70
STP656F ver 1.0 www.samhop.com.tw dec,01,2010 7 f tube


▲Up To Search▲   

 
Price & Availability of STP656F

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X