Part Number Hot Search : 
IRFS610A 106M16 3040P HT49RV7 0402A TC2000 G75105 0402A
Product Description
Full Text Search
 

To Download SR160 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  SR160-sr1100 schottky barrier rectifier reverse voltqge 60 to100volts forward current ? 1.0ampere features do-41 low forward voltage drop high current capability high reliability high surge current capability mechanical data case molded plastic epoxy ul94-0 rate flame retardant lead axial lead solderable per mil-std-202, methode 208 guaranteed polarity color band denotes cathode end mounting position any maximum ratings and elec trical char acteristics 1.0amp schottky barrier rectifier dimensions in inches (mm) 1.044(26.52) min 1.044(26.52) min .196(4.98) .027(0.70) .105(2.67) (ratings at 25 ambient temperature unless otherwise specified ,single phas e,half wave, 50hz resistive or inductive load for capacitive load,derate by20 G ) type number symbols SR160 sr1100 units maximum recurrent peak reverse voltage v rrm 60 100 volts maximum rms voltage v rms 42 71 volts maximum dc blocking vlotage v dc 60 100 volts maximum average forward rectified current 0.375 (9.5mm)lead length at t a =75 i f (av) 1.0 amp peak forward surge current 8.3ms single half sine-wave superimposed on rated load (jedec method) i fsm 40.0 amps maximum instantaneous forward voltage at 1.0a v f 0.70 0.85 volts 2†5 maximum dc reverse current t a =25 at rated dc blocking voltage t a =100 i r 10 ma typical junction capacitance (note 1) c j 110 pf typical thermal resistance(note 2) r ja 50 /w operating junction temperature range t j -65 to+150 storage temperature range t stg -65 to+150 notes: 1 measurded at 1.0mhz and applied reverse voltage of 4.0 volts d.c. 2 thermal resistane from junction to ambient .375(9.5mm) lead length. product specification 1 of 1 4008-318-123 sales@twtysemi.com http://www.twtysemi.com


â–²Up To Searchâ–²   

 
Price & Availability of SR160

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X