Part Number Hot Search : 
RDM30006 SM240A 3362X501 PTB20193 MC6801 RM202615 DG418 SBYV26C
Product Description
Full Text Search
 

To Download SHP1000PS28 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  acdc specification 3501200 watts ? rugged industrial construction ? variable fan speed for noise reduction ? 40 c to +70 c operation ? ac ok, remote on/off and active current share ? 5 v standby ? screw terminals ? 3 year warranty shp series input input voltage ? 650 w: 80-264 vac, derate output power 10% <90 vac, and 20% <85 vac 350 & 1000 w: 85-264 vac, derate output power 10% <90 vac input frequency ? 47-63 hz input current ? 350 w: 3.8 a typical at 115 vac, 2.1 a typical at 230 vac, 650 w: 6.5 a typical at 115 vac, 3.2 a typical at 230 vac, 1000 w: 10.9 a typical at 115 vac, 5.1 a typical at 230 vac inrush current ? 650 w: 40 a max at 264 vac 350 & 1000 w: 60 a max at 264 vac power factor ? >0.9 earth leakage current ? 0.5 ma max 264 vac/60 hz (1) input protection ? 350w: t10 a/250 v, 650w: t16 a/250 v, 1000w: t20 a/250 v internal fuse in line and neutral, 350w: single internal fuse in line. output output voltage ? 12-48 vdc (see tables) output voltage trim ? 10% v1 initial set accuracy ? 650 w: 1% v1, 5% v3, 350 & 1000 w: 1% v1, 5% v2 minimum load ? no minimum load required start up delay ? 500 ms max start up rise time ? 50 ms typical hold up time ? 20 ms minimum drift ? 0.2% after 20 min warm up line regulation ? 0.5% load regulation ? 650 w: 1% v1, 5% v3, 350 & 1000 w: 1% v1, 5% v2 transient response ? 4% max. deviation, recovery to within 1% in 500 s for a 50-75-50% load change ripple & noise ? 1% pk-pk typical v1, 20 mhz bandwidth o|rvoltage protection ? 115-145% vnom, recycle input to reset overload protection ? 110-140%, v1 only overtemperature ? auto reset protection short circuit protection ? constant current characteristic (1) temp. coefficient ? 0.05% / c remote sense ? compensates for 0.5 v total voltage drop remote on/off ? uncommitted isolated optocoupler diode, powered diode inhibits v1 and fan supply (1) current share ? single wire current share (1) (1) see longform datasheet for more information xppower.com general efficiency ? 85% typical isolation ? 3000 vac input to output, 1500 vac input to ground, 500 vdc output to ground switching frequency ? pfc 70 khz, main converter 200 khz, standby 130 khz typical power density ? 350 w: 6.6 w/in 3 , 650 w: 8.2 w/in 3 , 1000 w: 8.9 w/in 3 signals ? ac ok, remote on/off, current share (1) mtbf ? 216-275 khrs to mil-hdbk-217f at 25 c, gb (1) environmental operating temperature ? -20 c to +70 c, derate linearly from +50 c at 2.5% / c to 50% at +70 c, -40 c start up (1) cooling ? 650 w: forced cooled, -tf & -ef models have integral dual voltage level fan, which is load dependant, u channel requires 5.5 m/s minimum airflow, 350 & 1000 w: forced cooled via integral multi voltage level fan which is load dependant (1) operating humidity ? 95% rh, non-condensing storage temperature ? -40 c to +85 c operating altitude ? 3000 m shock ? 30 g pk, half sine, 6 axes en60068-2-27, -2-47 vibration ? 2 g rms, 5-500 khz, 3 axes&n60068-2-6 emc & safety emissions ? en55022 class b conducted en55022 class a radiated harmonic currents ? en61000-3-2 class a, 650 w: class c for loads 20% 350 & 1000 w: class c for loads 10% voltage flicker ? en61000-3-3 esd immunity ? en61000-4-2, level 3 contact, level 3 air, perf criteria a radiated immunity ? en61000-4-3, level 3 perf criteria a eft/burst ? en61000-4-4, level 3 perf criteria a surge ? en61000-4-5, installation class 3, perf criteria a conducted immunity ? en61000-4-6, level 3, perf criteria a dips & interruptions ? en61000-4-11, 30% 10 ms, 60% 100 ms, 100% 5000 ms, perf criteria a, b, b safety approvals ? iec60950-1 cb report, csa 22.2 no. 60950-1, ul60950-1, tuv, en60950-1, semi f47
acdc shp350 models and ratings 1. dimensions shown in inches (mm). 2. weight: 1.73 lb (0.788 kg). 3. logic connector j3 mates with jst housing phdr-10vs and sphd-001t-p0.5 crimp terminals notes 7.00 (177.8) 2.20 (55.9) a mounting hole 8 places m3 x 0.5 0.15 (3.8) max. penetration 0.06 (1.5) standard terminal block m4 screw 4 pins 0.37 (9.5) centre standard terminal block m3.5 screw 3 pins 0.37 (9.5) centre l n -vout +vout b 1.13 (28.72) 1.03 (26.2) 2.1 (53.34) vr led 5.35 (136.0) 0.70 (17.9) 3.6 (91.44) 1.61 (41.0) -2x 2.44 (62.0) airflow a a a a a a c l logic connector j3 detail b scale 2 : 1 pin 1 pin 9 pin 2 pin 10 j3 logic connector (jst b10b-phdss) pin function 1 + sense 2 - sense 3 ac ok/power fail 4 - sense 5 current share%ð current share 7 + inhibit 8 - inhibit 9 +5 v standby 10 5 v standby return notes 1. peak power available for 10 seconds with 35% duty cycle. mechanical details end fan output voltage v1 output current v1 standby supply v2 output power model number continuous peak 12 v 26.5 a 5 v / 0.2 a 318 w shp350ps12 15 v 22.0 a 5 v / 0.2 a 330 w shp350ps15 24 v 14.5 a 5 v / 0.2 a 348 w 417 w shp350ps24 28 v 12.5 a 5 v / 0.2 a 350 w 420 w shp350ps28 36 v 9.7 a 5 v / 0.2 a 350 w 420 w shp350ps36 48 v 7.3 a 5 v / 0.2 a 350 w 420 w shp350ps48
shp650 mechanical details models and ratings notes 1. for top fan version replace -ef in model number with -tf, e.g. shp650ps12-tf 2. for u channel version remove suffix. 3. u channel models require a minimum of 5.5 m/s airflow from the system. 4. not available for -tf and -ef models as used by integral fan. output voltage v1 output current v1 fan supply v2 (4) standby supply v3 output power (3) model number (1,2) 12 v 50.0 a 12 v / 0.5 a 5 v / 0.2 a 607 w shp650ps12-ef 15 v 40.0 a 12 v / 0.5 a 5 v / 0.2 a 607 w shp650ps15-ef 24 v 27.0 a 12 v / 0.5 a 5 v / 0.2 a 655 w shp650ps24-ef 28 v 23.0 a 12 v / 0.5 a 5 v / 0.2 a 655 w shp650ps28-ef 36 v 18.0 a 12 v / 0.5 a 5 v / 0.2 a 655 w shp650ps36-ef 48 v 13.5 a 12 v / 0.5 a 5 v / 0.2 a 655 w shp650ps48-ef end fan (see longform datasheet for uchannel version) 1. dimensions shown in inches (mm). 2. weight: 2.8 lb (1.27 kg). 3. j3 mating plug: jst part no. phr-2, contact: jst part no. sph-002t-p0.5s; j3 mating plug: jst part no. phdr-10vs, contact: 26-22awg jst part no. sphd-001t-p0.5 notes vo+ vo- standard terminal block, m4 screw, 6 pins, 9.5 mm center torque 10.62 lbs-in (1.2 nm) standard terminal block, m3.5 screw 3 pins 9.5 mm center torque 10.62 lbs-in (1.2 nm) 9.18 (233.2) n e l 2.50 (63.5) v1 adjustment output on, led 1.95 (49.5) 2.49 (63.3) airflow pin 1 pin 9 pin 2 pin 10 j3: logic connector 0.87 (22.2) 2.86 (72.6) 6.53 (165.8) 8.00 (203.2) 4.00 (101.6) c l 2 x m3 thd both side faces 0.15 (3.8) max screw penetration max torque 4.0-5.0 lbs-in (0.45-0.57 nm) 4 x m3 thd 0.15 (3.8) max screw penetration max torque 4.0-5.0 lbs-in (0.45-0.57 nm) j3 logic connector (jst b10b-phdss) pin function 1 + sense 2 - sense 3 ac ok/power fail 4 - sense 5 current share 6 current share 7 + inhibit 8 - inhibit 9 +5 v standby (v3) 10 5 v standby return (v3) acdc
acdc shp650 mechanical details top fan (suffix tf) standard terminal block, m4 screw, 6 pins, 9.5 mm center torque 10.62 lbs-in (1.2 nm) standard terminal block, m3.5 screw 3, pins 9.5 mm center torque 10.62 lbs-in (1.2 nm) vo+ vo- n e 8.00 (203.2) l 2.58 (65.5) 2.50 (63.5) 1.95 (49.5) 0.87 (22.2) 6.53 (165.8) 2.86 (72.6) 4.00 (101.6) pin 1 pin 9 pin 2 pin 10 j3: logic connector v1 adjustment output on, led airflow 2 x m3 thd both side faces 0.15 (3.8) max screw penetration max torque 4.0-5.0 lbs-in (0.45-0.57 nm) 4 x m3 thd 0.15 (3.8) max screw pk(etration max torque 4.0-5.0 lbs-in (0.45-0.57 nm) signals ac ok collector pin 3 ac ok emitter pin 2 (-sense) power supply transistor on (<0.8 v): ac not ok transistor off (>4.5 v): ac ok inhibit hi inhibit low j3 logic connector 330r 5 v standby return pin 10 5 v standby pin 9 max 12 v 20 ma inhibit hi pin 7 power supply 100 r 800 r 2-5 ma chassis j3 logic connector signal high: power supply off low or floating: power supply on signal high: power supply on low or floating: power supply off inhibit lo pin 8 5 v standby pin 9 5 v standby return pin 10 inhibit hi pin 7 power supply 100 r chassis j3 logic connector inhibit lo pin 8 5 v standby pin 9 5 v standby return pin 10 800 r 2-5 ma notes j3 logic connector (jst b10b-phdss) pin function 1 + sense 2 - sense 3 ac ok/power fail 4 - sense 5 current share 6 current share 7 + inhibit 8 - inhibit 9 +5 v standby (v3) 10 5 v standby return (v3) 1. dimensions shown in inches (mm). 2. weight: 2.8 lb (1.27 kg). 3. j3 mating plug: jst part no. phdr-10vs, contact: 26-22 awg jst part no. sphd-001t-p0.5. for u channel and thermal considerations please see longform datasheet. ac ok/power fail remote on/off (inhibit)
21-oct-13 acdc shp1000 mechanical details models and ratings output voltage v1 output current v1 standby supply v2 output power model number <180 vac >180 vac <180 vac >180 vac 12 v 83.0 a 5 v / 1.0 a 1000 w shp1000ps12 15 v 67.0 a 5 v / 1.0 a 1010 w shp1000ps15 24 v 42.0 a 50.0 a 5 v / 1.0 a 1013 w 1200 w shp1000ps24 28 v 36.0 a 43.0 a 5 v / 1.0 a 1013 w 1200 w SHP1000PS28 36 v 28.0 a 34.0 a 5 v / 1.0 a 1013 w 1200 w shp1000ps36 48 v 21.0 a 25.0 a 5 v / 1.0 a 1013 w 1200 w shp1000ps48 1. dimensions shown in inches (mm). 2. weight: 4.6 lb (2.08 kg) 3. j3 mating plug: jst part no. phdr-10vs, contact: 26-22awg jst part no. sphd-001t-p0.5 notes c l 4.50 (114.3) 1.20 (30.5) pin 2 pin 1 pin 10 pin 9 detail a j3: logic connector 9.41 (238.9) bb bb bb 4 x m4-0.7 thd both side faces 0.15 (3.8) max screw penetration max torque 10.62 lbs-in (1.2 nm) 4 x m4-0.7 thd both side faces 0.15 (3.8) max screw penetration max torque 10.62 lbs-in (1.2 nm) airflow 1.33 (33.8) 6.70 (170.2) vo+ vo- l n a 9.48 (240.9) 5.90 (149.8) 2.91 (73.9) 1.20 (30.5) 1.47 (37.4) 9.55 (242.64) 2.40 (61.0) v1 adjustment output on, led standard terminal block, m4 screw 3 pins 0.37 (9.5) center torque 10.62 lbs-in (1.2 nm) standard terminal block, m6 screw, 4 pins 0.62 (16.0) center torque 26.0 lbs-in (2.94 nm) j3 logic connector (jst b10b-phdss) pin function 1 + sense 2 - sense 3 ac ok/power fail 4 - sense 5 current share 6 current share 7 + inhibit 8 - inhibit 9 +5 v standby 10 -5 v standby acdc


â–²Up To Searchâ–²   

 
Price & Availability of SHP1000PS28

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X