Part Number Hot Search : 
GBU8A 13000 V0DS00 101MELY D1621 4S6R51 SK25B 74V2T00
Product Description
Full Text Search
 

To Download SB1520S Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  sb 1520s ... sb 15100s ? by semikron rev. 3 ? 21.01.2011 1 axial lead diode diode schottky barr ier rectifier diodes forward current: 15 a reverse voltage: 20 to 100 v sb 1520s ... sb 15100s features ? max. solder temperature: 260c ? plastic material has ul classification 94v-0 ? electrostatic discharge immunity test iec 1000-4-2 (c=150 pf, r=150 ohm): voltage class 20 kv typical applications* ? designed as bypass diodes for solar panels, protection application mechanical data ? plastic case: 5,4 x 7,5 [mm] ? weight approx.: 1,4 g ? terminals: plated te rminals solderable per mil-std-750 ? mounting position: any ? standard packaging: 1250 pieces per ammo footnotes 1) i f = - a, i r = - a, i rr = - a 2) i f = 5 a, t j = 25 c 3) i f = 15 a, t j = 25 c 4) valid, if leads are kept at t a at a distance of 10 mm from case 5) max. junction temperature t j 200 c in bypass mode / dc forward mode 6) thermal resistance fr om junction to lead/ terminal at distance 0 mm from case type repetitive peak reverse voltage v rrm v surge peak reverse voltage v rsm v max. reverse recovery time t rr 1) ns max. forward voltage v f 2) v max. forward voltage v f 3) v sb 1520s 20 20 - 0,43 0 ,52 sb 1530s 30 30 - 0,43 0 ,52 sb 1540s 40 40 - 0,43 0 ,52 sb 1545s 45 45 - 0,43 0,52 sb 1550s 50 50 - 0,6 - sb 1560s 60 60 - 0,6 - sb 1590s 90 90 - 0,74 - sb 15100s 100 100 - 0,74 - absolute maximum ratings symbol conditions values unit ta = 25 c, unless otherwise specified i fav r-load, 4) , t a =50c 15 a i frm f > 15 hz, 4) 60 a i fsm half sinus-wave t a =25c t p =10ms 320 a t p =8.3ms a i 2 t t a =25c t p =10ms 512 a2s t p =8.3ms a2s t j operating junction temperature -50 ... +150 c t j dc forward (bypass) mode 5) -50 ... +200 c t stg storage temperature -50 ... +175 c characteristics symbol conditions min. typ. max. unit ta = 25 c, unless otherwise specified i r t j =25c, v r = v rrm 500 a i r t j =100c, v r = v rrm 25 ma c j at 1 mhz and applied reverse voltage of 4 v -pf e rsm l=60mh, t j = 25 c, inductive load switched off -mj r thja 4) -k/w r thjl 6) 4k/w
sb 1520s ... sb 15100s 2 rev. 3 ? 21.01.2011 ? by semikron fig.1: forward characteristics (typical value) fig.2: rated forward current vs. ambient temperature 1) fig.3: thermal resistance versus distance from case
sb 1520s ... sb 15100s ? by semikron rev. 3 ? 21.01.2011 3 this is an electrostatic discharge sensitive device (esds), international standard iec 60747-1, chapter ix * the specifications of our components may no t be considered as an assurance of component characteristics. components have to b e tested for the respective application. adjustments may be necessary. the use of semikron produc ts in life support appliances and syste ms is subject to prior specification and written approval by semikron. we therefore strongly recommend prior consultation of our staf f. case: 5,4 x 7,5 [mm]


▲Up To Search▲   

 
Price & Availability of SB1520S

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X