![]() |
|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
data subject to change without notice. isometric dr awing not to scale. www.hammondmfg.com part no. rchs1901031 front view top view bottom view r.s. view l.s. view top panel removed part numbers painted black textured painted ral7035 textured rchs1901031bk1 RCHS1901031LG1 shipped knockdown for handling ease & protection. notes item number title quantity 1 rchs - top panel 1 2 rchs k.d. - side 2 3 rchs - bottom panel 1 4 rchs k.d. - punched combo rails 4 5 black plastic handle 2 6 nut 1/4-20 kep 8 7 scrw1/4-20 x 1/2 8 8 screw 1/4-20x1/2 hex slot bolt 8 9 nut 1/4-20 spring 8 30.25 in 768 mm usable depth 1 31.50 in 800 mm 21.00 in 533 mm 12.50 in 318 mm 2 7 17.81 in 452 mm opening 10.56 in 268 mm 6u 18.35 in 466 mm 19" mtg o .28 in 7 mm 4 5 2 3 8 6
|
Price & Availability of RCHS1901031LG1
![]() |