Part Number Hot Search : 
RN73H1J MSTRP 00306 Z5243B 2SK2322S CXA20 30M25 2SC49
Product Description
Full Text Search
 

To Download OSXX1206C1A-N Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  http://www.optosupply.com ver a.0 3 3 . . 2 2 x x 1 1 . . 6 6 x x 0 0 . . 8 8 m m m m s s m m d d osxx1206c1a_n ver.a.1 features outline dimension single chip super high brightness of surface mount led compact package outline (l x w x t) of 3.2mm x 1.6mm x 0.8mm compatible to ir reflow soldering. applications backlighting (switches, keys, etc.)  marker lights (e.g. steps, exit ways, etc.)  absolute maximum rating 5b

directivity va l u e item symbol wt/mt/bl/tg yg/yl//or/hr unit dc forward current i f 30 30 ma pulse forward current* i fp 100 100 ma reverse voltage v r 5 5 v power dissipation p d 100 70 mw operating temperature topr -40 ~ +85 
storage temperature tstg -40~ +85 
lead soldering temperature tsol 260 
/5sec    *pulse width max 0.1ms, duty ratio max 1/10  electrical -optical charac teristics 5b

v f (v) i r (a) iv(mcd) d(nm) 2 1/2(deg) min. typ. max. max. min. typ. max. min. typ. max. typ. part number color i f =20ma v r =5v i f =20ma oswt1206c1a_n white wt ? 3.0 - 3.6 100 400 450 - x=0.29 y=0.29 120 osbl1206c1a_n blue bl ? 3.0 - 3.6 100 80 100 - 460 465 475 120 ostg1206c1a_n true green tg ? 2.9 - 3.6 100 300 350 - 520 525 530 120 osyg1206c1a_n yellow green yg ? 1.8 - 2.5 100 20 45 - 565 570 575 120 osyl1206c1a_n yellow yl ? 1.8 - 2.5 100 60 90 - 585 590 595 120 osor1206c1a_n orange or ? 1.8 - 2.5 100 100 120 - 600 605 610 120 oshr1206c1a_n red hr ? 1.8 - 2.5 100 100 120 - 620 625 630 120 note: * vf tolerance: 0.05v * dominant wavelength tolerance: 1nm * luminous intensity is nist reading. luminous intensity tolerance:10% led & application technologies  ?   6ojunn 5pmfsbodf? 3 $buipef ? #bdl 5pq $buipef "opef  
http://www.optosupply.com ver a.0 3 3 . . 2 2 x x 1 1 . . 6 6 x x 0 0 . . 8 8 m m m m s s m m d d osxx1206c1a _ n optical and electrical characteristics typical electrical/optical characteristic curves led & application technologies ' p s x b s e  7 p m u b h f  7 g  7
 'psxbse$vssfou*g n"
             * '  7 '  hr bl yl w yg tg   3fmbujwf-vnjopvt*oufotjuz /psnbmj[f e !n"
'psxbsedvssfou*' n"
 3fmbujwfmvnjopvtjoufotjuz*g               bl w yg yl hr tg *g@5b       'psxbse$vssfou*g n"
      "ncjfou5fnqfsbuvsf5b $
  8 b w f m f o h u i  $ i b s b d u f s j t u j d t         5b$      3 f m b u j w f  - v n j o p v t  * o u f o t j u z 8 b w f m f o h u i  o n
bl hr yg yl tg w t mt


▲Up To Search▲   

 
Price & Availability of OSXX1206C1A-N

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X