Part Number Hot Search : 
1N1344A AX416 PP80N0 1N1343B EL8302IU TA31136F SMCJ100A 0E02K
Product Description
Full Text Search
 

To Download NHSW064T Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  n i chia st s-da1- 1577b nichia corporation specifications for white led NHSW064T pb-f r e e r e f l o w so lder ing a ppli c at io n b u ilt -i n e s d p r ot ec ti on d e vi c e r o hs co mp lia nt http://
n i chia st s-da1- 1577b 1 specifica t ions (1) ab sol u te maxi mum r a ti ngs item symbol absolute maximum rating unit forward current i f 15 ma pulse forward current i fp 30 ma allowable reverse current i r 85 ma power dissipation p d 53 mw operating temperature t opr -40~110 c storage temperature t stg -40~110 c junction temperature t j 125 c * abs o l u te maxi mum r a t i ngs at t a =25c. * i fp co ndit io n s wi th pu ls e wi dth 1 0 m s an d dut y cycl e 10%. ( 2 ) in it ial e l ect r ical/ o pt i cal c h ar acterist ics ite m symbol condition typ unit forward voltage v f i f =10ma 3.1 v luminous intensity i v i f =10ma 650 mcd x - i f =10ma 0.31 - chroma ticit y c oordinate y - i f =10ma 0.32 - thermal resistance r js - 340 c/w thermal resistance r ja - 520 c/w * char acteristics at t a =25c . * chrom a t i ci t y coordi nate s as pe r cie 1931 chrom a ti cit y chart . * r js is th ermal r e si sta n ce from juncti o n to t s measur in g point. * r ja is ther mal r e si sta n ce fro m junc tio n to amb i e n t t e st board: fr4 b o ard thi c kne s s = 1 . 6 m m, copp er layer t h i c kn ess=3 5 m .
n i chia st s-da1- 1577b 2 ranks item rank min max unit forward voltage - 2. 7 3. 5 v t 720 1000 s 500 720 luminous intensity r 360 500 mcd color r a nks ra n k a 0 rank b1 x 0. 280 0. 264 0. 283 0. 296 x 0. 287 0. 283 0. 330 0.330 y 0. 248 0. 267 0. 305 0. 276 y 0. 295 0. 305 0. 360 0.339 ra n k b 2 rank c0 x 0. 296 0. 287 0. 330 0. 330 x 0. 330 0. 330 0. 361 0.356 y 0. 276 0. 295 0. 339 0. 318 y 0. 318 0. 360 0. 385 0.351 * r a nking at t a =25c. * f o rw ard v o l t age t o le r a nce: 0. 05v * luminous i n te ns it y t o ler a nce : 7% * chrom a t i ci t y coordi nate t ol e r a nce : 0 . 005 * led s from the abo v e r a nk s wil l b e shi p p e d. the r a nk combinat ion r a t i o per sh ipmen t will be d e cided by nichia .
n i chia st s-da1- 1577b 3 chroma ticity d i agram a0 b1 b2 c0 0. 20 0. 25 0. 30 0. 35 0. 40 0. 45 0. 20 0 . 25 0. 30 0 . 35 0. 4 0 0. 45 x y
n i chia st s-da1- 1577b 4 outline dimensions sts- da7- 0427 n x sw064x no. ( g un it: mm) t h is p r o d uc t co m p li es wi th ro hs d i re cti v e. u ? ro hs ? m ?? * ( g un it : mm, to le r a n c e : 0 . 2 ) ka o pr ot e c t i on d e v i c e (0.45) 0. 8 0. 3 ? item ??`| package materials ??| encapsulating resin materials ?O| electrodes materials | weight description ????` heat-resistant polymer ?`? ? + w? silicone resin (with diffuser and phosphor) ~? + y? ag-plated copper alloy 0.036g(typ) anode cathode (2.4) 2.8 (2. 4 ) 3.2 cathode mark 20.3 2.2 (1.05) (0.8) 3.50.3 (1 . 9 ) 0.80.3 (0.4)
n i chia st s-da1- 1577b 5 soldering ? r e co mm end e d r e f l ow sold ering co ndi t io n ( lead -free sol d er) ? r e co mm end e d hand so lde r ing co nd it io n temperature 350c max soldering time 3sec max ? r e co mmend e d sold ering p a d p a ttern ( g unit: mm) 4 4 9.5 2.6 1.5 4 1. 5 blank box e s : sold er res i s t open ing , s h aded area s: f ootprin t * thi s led is desi gned to be refl ow so l dered on to a pc b . if di p s olde r e d , ni c h i a c a nnot guar ant e e it s r e li abili t y . * r e fl ow so l d eri n g must not be perform ed more than twice. hand sol d ering mu st not b e performed more than o n ce. * a v oid r a pid cooling. r a mp down th e temp er ature gr adua lly from th e pe ak tem p er at ure. * n i t rogen ref l ow soldering is reco mmend e d. ai r fl ow sold ering cond it ion s can caus e op ti cal d e gr adat i o n, caused by h e at and / or atmospher e . * since the si l i con e us ed i n t h e en cap s ul at i n g res i n is sof t , do not pre ss on the en caps ulan t re si n. pressure ca n cau s e n i ck s, chip -ou t s , en c a psu l an t de la mi nat i on and deformati o n, and wi re br eak s , decrea si ng re li abil i t y . * r e pairing should not be d o ne after th e l e ds ha v e been solder ed. wh en repair ing is u n a v oidable, a do uble-h e a d so lder ing ir o n sho u ld be u s ed. it shoul d b e confi r med b e forehand wh et h e r th e char ac te rist i cs of th e l ed s wi ll or w i ll not be da maged by repairing . * when sold ering, do not ap ply str e s s to t h e le d whi l e th e le d is ho t . * when using a pick and p l a c e mach in e, ch oose an appro p riat e nozzle f o r this produc t . us ing a p i ck -and-p lac e nozz le wi th a smaller di a m eter than the si z e of the led ' s em i t ting surface will cause damage to the emitti ng surface and may als o caus e th e le d no t to i l l u m i nate . * the reco mmen ded so lder ing pad pa tter n is d e sign ed fo r attac h m e n t o f the le d w i t h o u t pro b le ms . w h en preci s e mou n t i ng a c cur a cy i s requ i r ed, s u ch a s h i gh-de n s i t y mo unt ing , en sur e tha t th e s i ze a n d shap e of th e pad are sui t ab l e for the ci rcuit desi gn. * consid er fa ctors such as the refl ow sold e r ing t e m p er atu r e, ha nd sold er ing t e mper at ure, e t c . wh en c h oosi n g th e so l d er . * when fl ux is used, i t should be a ha l o g e n free fl ux . ensure tha t th e m a nufac tur i ng pr oces s is not d e sign ed in a ma nner where the f l ux wil l co me in conta c t w i t h t he le ds . * make sure t h at t h er e are n o issues with the t y pe and a m oun t o f so ld e r that is b e i n g used . 120sec max pre- hea t 180 t o 200c 260cmax 10sec max 60sec max above 220c 1 t o 5c pe r se c
n i chia st s-da1- 1577b 6 t a pe and reel dimensions cathode mark -0 1 +0.25 2.85 0.1 sts- da7- 0165a reel size: 2000pcs 1 `? 2000 ? * nxxx064x 0.25 0.05 2.15 0 . 1 3.65 0.1 ?` / ` trailer and leader t o p c o v e r t a pe led ?? ` 400mm ?` 160mm ? tr ai le r 160mm m i n ( e m pt y pocke t s) lo aded po ckets ? ? ` e m bo ss ed c a rr i e r t a pe ?? ` ?` f eed dir e ct ion lea d er wi th o u t t o p co v e r t a pe 4 0 0 m m mi n 100mm ? lea d er with to p cov e r ta p e 100mm min ( empt y po c k e t ) th e t a pe packin g me t h o d c o mp lie s w i t h j i s c 0806 (p ack a ging of ele c tronic co mpo n e n ts o n co nt inuous t a pes ) . * j i s c 0806 ?? ?` ?? ? no . ( g un i t : mm) 60 +1 -0 `? reel f 1 3 0 . 2 f 2 1 0 . 8 ? label 2 1 0 . 8 1 3 0 . 2 11.4 1 9 0.3 180 +0 -3 -0 1.5 +0.1 ` ??? tap e 4 0.1 1.75 0.1 4 0.1 2 0.05 3.5 0.05 8 +0.3 -0.1 when the ta p e i s rewound du e to wo r k i n terru ptions, no mo re than 10n sho u l d be appl ied to the embossed ca r r ier tape. the leds may stick to the top cover tape. * g? I ? ? ? ` ? ` ? ? ` ? (10n ) ? le d ` ` ? N ?
n i chia st s-da1- 1577b 7 p a ckaging - t a pe & reel nichia led sts-da7-0006c n x xxxxxx ? label la b e l no . reel ` ?` sea l moistu re-proo f ba g ? ? rohs nxxx xx xx xxxx led ******* nichia corporation 491 oka, kaminaka, anan, tokushima, japan typ e lot qty. ym xx xx -rrr pcs rohs nxx xxx xx xxxx led ** *** ** rr r pcs typ e ra nk qty. nichia corporation 491 oka, kaminaka, anan, tokushima, japan reels are shipped with desiccants in heat-sealed moisture-proof bags. ` ? ` de sic c an t s m o is tu re -pr o o f ba gs a r e pa ck e d in c a r d bo a r d bo x e s w i th c o r r u ga ted pa rti t i o n s . ? K ? ` ? ?` ? ? ? y ? ? * ? \ H? y ? B ? ? y * ? Q H n ? u? p ? ? ? ? * us ing t h e o r igi n al package mat e r i al o r e q uivale nt in t r ans i t is r e c o mme nd e d . do no t ex po s e to water. t h e bo x i s no t water-res i s t ant. do no t dro p or expos e t h e bo x to external fo rces a s i t ma y damage the products. pr o d ucts sh ipp e d o n tape a n d r eel a r e p a ck ed i n a moistu re-proo f bag. t h ey a r e shipp e d in card bo ard bo xes to p r otect th em fr o m exter n al f o rces duri ng transp o r ta ti o n . * u ? ?` ? n ? g o ?` y ? if not provide d , it w ill n o t be ind i cat e d on t h e l a b e l . * ****** is t h e c u st ome r part numbe r . O * ******* ? for d e t a i l s, se e "l ot num b er i n g code " in t h is d o c u me nt. * ?? ? ? ??? t h e l a bel does no t have the rank f i el d fo r un-ranke d produc ts. * ? ? ?
n i chia st s-da1- 1577b 8 l o t numbering c o de lot numb er is presented by using t h e foll owing al phanum e r i c c o de . ymxxxx - r r r y - y e a r year y 2009 9 2010 a 2011 b 2012 c 2013 d 2014 e m - m o n t h mont h m month m 1 1 7 7 2 2 8 8 3 3 9 9 4 4 10 a 5 5 11 b 6 6 12 c xxxx - n i c hi a's product n u mber rrr - r ank i ng by color c oordinat e s , r a nking by lu m i nous in te ns it y
n i chia st s-da1- 1577b 9 dera ting characteristics nh s w 0 6 4 s t s - d a 7-05 90 no . derating1 0 5 10 15 20 25 0 2 04 06 0 8 0 1 0 0 1 2 0 (85, 15.0) (110, 6.00) derating2 0 5 10 15 20 25 0 2 0 4 06 08 0 1 0 0 1 2 0 (104, 15.0) (110, 11.0) du t y 1 10 10 0 1 1 0 100 15 30 S allowable forward current ( ma ) `??????-S solder temperature(c athode side) vs allowable forward current ? ?- S a m b i en t t e m p e r a t u r e v s a l l o w a ble f o r w a r d c u r r e n t S al l o w a b l e f o r w a r d c u r r e n t ( m a ) S al l o w a b l e f o r w a r d c u r r e n t ( m a ) ` s o l d er t em p er a t u r e( cath o d e s i d e) ( c ) ?? a m b i en t t e m p er a tu r e ( c ) ? ` ` du t y r a ti o ( % ) ` ` - S d u ty r a ti o v s a llo w a ble f o r w a r d c u r r e n t t a =2 5 c
n i chia st s-da1- 1577b 10 optical characteristics nh s w 0 6 4 no . s t s - d a 7 - 0 8 3 6 sp e c tr u m 0.0 0. 2 0. 4 0. 6 0. 8 1. 0 350 4 0 0 4 5 0 500 55 0 6 00 650 70 0 7 5 0 r e l a t i v e l u m i n o s i t y ( a .u .) di r e c t i v i t y 1 90 80 70 60 50 40 30 20 10 0 -1 0 -2 0 -3 0 -4 0 -5 0 -6 0 -7 0 -8 0 -9 0 k sp e c t r um k? r e la t i v e e m is s i o n i n t e n s i t y ( a . u . ) L wave l e n g th ( n m ) ? d ir e c t iv it y ? ra d i a t i o n a n g l e 10 . 5 0 0 . 5 1 10m a i f = t a =25c * ?? a l l ch a r act e r i st i c s sh ow n a r e for r e fe re n c e on l y a n d ar e n o t g u ara n t e e d . 10m a i fp = t a =2 5 c
n i chia st s-da1- 1577b 11 for w a r d cur r e n t char acteris t ics / tempera t ure characteristics nh s x 0 6 4 s t s - d a 7- 083 7a no . tavf 2. 0 2. 5 3. 0 3. 5 4. 0 - 60 - 40 - 2 0 0 2 0 4 0 60 80 1 00 12 0 ta i v 0.6 0. 8 1. 0 1. 2 1. 4 - 60 - 40 - 20 0 2 0 40 6 0 80 100 12 0 vfif 1 10 10 0 2 . 02 . 5 3 . 03 . 5 4 . 0 30 relative luminosity(a.u.) ??- am b i e n t te m p e r a t u r e v s r e l a ti v e l u m i n o s i ty f orward current(ma) ifiv 0. 0 0. 5 1. 0 1. 5 2. 0 2. 5 3. 0 01 0 2 0 3 0 4 0 r e l a ti v e l u m i n o s i ty ( a . u . ) - fo r w a r d c u r r e n t v s r e l a ti v e lu m i n o s i ty f orward current(ma) R- fo r w a r d v o l t a g e v s fo r w a r d c u r r e n t ? - R a m b i en t t e m p e r a t u r e v s fo r w a r d v o l t a g e ?R fo r w a r d v o l t a g e ( v ) ?R f orward voltage(v) ?? am b i en t t em p e r atu r e( c) ?? am bi en t t e m p erature ( c ) t a =2 5 c * ?? a l l c h ar ac t e r i s t i c s s h o w n a r e f o r r e f e r e n c e o n l y a n d a r e n o t g u ar a n t eed . t a =2 5 c i fp = 10 ma i fp = 10 ma
n i chia st s-da1- 1577b 12 for w a r d cur r e n t char acteris t ics / tempera t ure characteristics no . nhsw0 64 sts-da7-0838 ta x y 0.30 0. 31 0. 32 0. 33 0. 34 0. 35 0. 2 9 0. 3 0 0 . 3 1 0 . 32 0. 33 0 . 3 4 -4 0 c 0 c 25 c 50 c 1 10c x if x y 0.30 0. 31 0. 32 0. 33 0. 34 0. 35 0. 29 0. 3 0 0 . 3 1 0. 32 0 . 33 0. 34 1m a 5m a 10 m a 15m a 30 m a x y y 10 m a i fp = ? - ? ambient temperature vs chromaticity coordinate - ? fo r w a r d c u r r e n t vs ch r o m a ti c i ty c o o r d i n a te t a =2 5 c * ? a l l c h a r ac t e r i st i c s sh ow n a r e f o r r e f e re n c e on l y a n d a r e n ot g u ar an t e ed .
n i chia st s-da1- 1577b 13 reliability (1) t e s t s a n d r e sults te s t reference standard test conditions te s t duration failure criteria # units failed/tested r e si st anc e t o soldering heat (reflow soldering) j e it a ed- 4701 300 30 1 t sl d =260c, 10 s e c, 2re f l o w s , pre c ondit i o n : 3 0 c, 70%r h , 168hr #1 0/22 sol derability (r eflow soldering) je it a ed- 4701 303 30 3a t sl d =2455c, 5s e c , le ad- f r e e sold e r ( s n- 3. 0ag - 0.5cu) #3 0/22 ther mal s hock jeit a ed- 4701 300 30 7 - 40c t o 110c, 1mi n dwell , 1 0 s ec tr an sfer , pre c ondit i o n : 3 0 c, 70%r h , 168hr 100c y c l e s #1 0/ 100 t e mperature cycle jeit a ed- 4701 100 10 5 - 40c( 30mi n )~25c( 5mi n )~ 110c( 30m i n )~25c( 5mi n ) 100c y c l e s #1 0/ 100 mois tur e resistance (cycl i c) jeit a ed- 4701 200 20 3 25c~65c~-10c, 90%r h , 24hr per cy cle 10c y c l e s #1 0/ 100 high t e mperature stor age jeit a ed- 4701 200 20 1 t a =110c 1000hours #1 0/ 100 t e mperature humidity stor age jeit a ed- 4701 100 10 3 t a =60c, r h = 90% 1000hours #1 0/ 100 low t e mperature stor age jeit a ed- 4701 200 20 2 t a =- 40c 1000hours #1 0/ 100 r oom t emperature oper at ing life t a =25c, i f =15m a 1000hours #2 0/ 100 high t e mperature oper at ing life t a =85c, i f =15m a 1000hours #2 0/ 100 t e mperature humidity oper at ing li f e 60c, r h =90 % , i f =10m a 1000hours #2 0/ 100 low t e mperature oper at ing life t a =- 40c, i f = 10m a 1000hours #2 0/ 100 p e rma n ence of marki n g j e it a ed- 4701 500 50 1 isopropyl alc o hol , 235c , dipp ing time: 5min 1t im e #1 0/ 22 vibr ation j e it a ed- 4701 400 40 3 200m/s 2 , 100 ~2000~100hz , 4 c ycle s, 4 m i n , each x, y , z 48m i n ut es #1 0/10 f r e e f a ll 3drops from a he i g ht of 75cm #1 0/ 10 ele c tro s ta ti c d i scharg es j e it a ed- 4701 300 30 4 hbm, 2kv , 1. 5 k ? , 100pf , 3pul se s, al te rn at el y posi ti v e or n e gat i ve #1 0/ 22 no tes: measuremen ts ar e perf ormed after allowi ng the l e ds to return to ro o m te mp er at ure. ( 2 ) f a ilu re c r it eria criteria # items condition s f a il ur e criteria forward vo ltag e(v f ) i f =10m a >u . s . l . 1. 1 #1 lum i no us in te nsit y ( i v ) i f =10m a u . s . l .1.1 #2 lum i no us in te nsit y ( i v ) i f =10m a n i chia st s-da1- 1577b 14 ca u t ion s (1) stor age conditions temperature humidity time before opening aluminum bag 30c 90%rh within 1 year from delivery date stor age after opening aluminum bag 30c 70%rh 168hours baking 655c - 24hours product c o m p li es wit h j e d e c msl 3 or e q uiv a le nt . see ipc/j e d e c std - 020 for m o i s t u re- s e n s i t i v i t y det a il s. absorbed moi s ture i n led packages can v apori ze and expand during sol d ering, w h ich can ca use i n terface del a mi na ti on and result in optical p e rforman ce degr ad ation . prod ucts are pack ed in m o is ture - p roof al um inum bags to min i m i ze mo i s tur e abso rptio n d u ri ng t r anspo r ta tio n a n d sto r age . inc l ude d s ilic a ge l de si cc ant s change from bl ue t o re d i f m o is ture had pe net r at e d bags. after opening the moisture-proof alu m inu m bag, the pro d ucts should g o through th e solder ing pro c ess withi n th e r a nge of th e co ndi t ion s s t at ed above. un us e d rema in ing le ds shou ld be s t ored wi th si li c a gel de si cca nt s in a herm et ically sea l e d co nta i ner , preferab l y the ori g i n al mo i s ture-pr oof bags for stor age. after t h e ?p eriod aft e r op eni n g? s t or age ti me h a s be en exceed ed or s i l i ca ge l de si cca nts ar e no lo ng er blu e , the products shou ld be b a k e d. baking shoul d onl y be d o ne once. customer i s advi sed to k e ep the l e ds in a n ai rti g ht co nt ai ner w h en not i n use. exposure to a corrosi v e en v i ronment may cause t h e pla t ed me ta l part s o f the p r o d uct to tarn i s h, w h i c h co ul d adverse l y affect sold eri n g a n d opti ca l character i s t i cs . it i s also recommended to return th e le ds to th e o r ig i nal mo i s tur e p r o o f bags and resea l . after assembl y and dur i ng use, si l v er p l at i n g can b e affe cted by t h e corrosive ga ses e m i t t e d by com p onen ts an d m a ter i al s in clo s e prox im i t y o f the l e d s wi th in an end pro d u c t , a nd th e gas e s e nter i ng in to th e pro d uc t fro m the ex ter nal a t mo spher e . the above sho u ld b e take n into co ns ider a t io n w h e n des i gning . r e sin mat e r i al s, in part i c u l ar , may co nta i n sub s ta nc e s whi c h ca n affe ct s i lver pla t i n g, su ch a s halo gen. do not use s u lfur- c on tainin g ma terials in c o mm erc i al product s . som e m a ter i al s, su ch a s s e al s and adh e sives , may co nta i n su lfur . the extre m ely corroded or conta m inat ed plat ing of le d s mi g h t cause a n open ci rcuit. si li co ne rubb er i s recommend e d as a mater i al for sea l s. bear i n mi nd , the use of si li co ne s may l e ad to si li cone con t a m i n at ion of e l e c tri c a l con t ac ts inside th e p r o d uct s , caus e d by lo w mol e c u lar we igh t vo l a ti le si lox a ne . t o prevent water cond en s a tion , p l eas e avoid large te m p er at ure a n d h u midit y fluctua t ion s for the stor age conditi o ns. do not stor e th e le ds in a dus t y en viro n m en t . d o not expo se the leds to di rect s u n lig ht and/or an e n vi ronme n t w h er e th e te mp er at ure i s hi gher t h an normal room temp er atur e. (2) di recti o ns for use when desig n i n g a ci r c ui t, the curre n t thro ugh ea ch le d mu st no t exc e ed th e abso lu t e maxi mu m r a tin g . oper ati n g a t a co nstant current p e r led is reco mmen ded. in case of o p er ating at a c o nsta nt vo ltag e, c i rcu i t b is r ecom m ende d . if the led s are oper ated w i th con s ta nt vo ltag e us ing c i r c ui t a, th e curr ent thro ug h t h e le ds may v a ry due to t he v a riat io n in f o r w ar d v o ltage ch ar acteristics of t h e leds. (a) ... (b) .. . this product sho u l d b e oper ated using forw ard curre n t . ens ure t hat th e pro d uc t i s no t subj ec ted to ei ther forw a r d or rev e rse v o l t ag e whi l e it i s no t in use. i n particul ar , subjecti ng i t to continuous rev e rse v o l t age may cause migr a t ion , wh i c h may cau s e damage to t h e led d i e . when used i n d i sp la ys tha t are no t used for a l o ng time, the ma i n po wer supp l y sho u l d be switched off for safet y . it is recom m en ded to ope r ate the le ds at a current gr eater t h an 10% of the sorting current to stabilize the le d char acter i stic s. e n su re th at e x c e ss i v e v o l t age s su ch as li g htn ing surge s are no t app l i e d to th e le ds . f o r outdoor use, necessary mea s ures sho u l d be tak e n to prevent wa ter , mo i s tur e and sal t air da mag e .
n i chia st s-da1- 1577b 15 (3) handl i n g precau ti ons do not hand le t h e l ed s wit h bare hand s a s it w i ll conta m ina t e t h e l e d s u rface and may affect th e op ti cal char ac ter i st ic s: i t mi g h t cause the led to be deformed a n d/or the w i re to break, w h ic h will c a us e t h e le d not to illum i na te . the lead co uld a l so ca us e an inj u ry . when ha ndling t h e produ c t with t w ee z e r s , be ca reful not to appl y ex cess ive forc e to the r e s i n. otherwis e, the re si n can be cu t, ch ipped, delamina te or deform ed , causing w i re-bo n d breaks an d cata stroph ic fa ilures. dropping th e product ma y cause damage. do no t sta c k asse mb led p c bs to g e t h er . f a il ure to co mp l y can cau s e th e res i n po rt io n o f the pro d u c t to be c u t , ch ip ped, delaminated and/or defor m ed . it ma y cause w i re to break, lead i n g to catastrophi c f a i l ures. (4) desi gn consi d er ati o n pcb warpag e after mo un ti ng th e pro d uc t s o n to a pc b c a n cau s e the p a ck age to br ea k . the led s h ould be p l ac ed in a way to m i ni mize t h e s t re ss on the l ed s due to pc b bo w and tw is t. the positio n and orienta t io n of the leds affect how m u ch me cha n i c al stre ss i s exerte d on the leds pl aced near the score li nes. the led s h ould be p l ac ed in a way to m i ni mize t h e s t re ss on the l ed s due to board f l ex ing. board separ a ti on must b e performed us in g spec ia l j i g s , no t u s in g hand s. (5) el ectrostati c di scha r ge (es d ) the produ c t s are se ns it ive to sta t ic e l e c tr i c i t y or surg e voltag e. es d ca n damag e a di e and i t s re l i ab il i t y . when handling t h e produ c ts , th e followin g mea s ure s ag ains t e l e c tro s t a ti c di sch arge are stron g ly re com m e n ded : e l i m i n a t i n g t h e c h a r g e grounded wri s t st r ap , esd foot w e ar , clot hes, a n d fl oo rs grounded workstat ion equipm en t and tools esd tabl e/s h e l f ma t ma de of condu c t i ve ma ter i al s ens u r e t h at to o l s (e .g. so ld ering iro n s ) , j i gs and ma ch in es t h at ar e be i n g us ed are pr operly ground e d and that proper grounding tech niqu es ar e used in wo rk area s. f o r dev i c e s / equi pm en t tha t mo u nt th e le ds , protectio n a g ain s t s u rge voltag es s h ou ld also be us ed. if tools or e q uip m e n t co nt ain i n s u la ti ng mat e ria l s su ch as gla ss or pla s t i c , t h e fol l o wi ng m e as u r es agai n st el ec t r os t a ti c di sch arge are stron g ly re com m e n ded : diss ipat i n g sta t ic c h arg e wi th co nduc t i ve mat e ria l s preventi ng charg e gen e r a tio n w i th m o is ture n e u t r a l i z i n g t h e c h a r g e w i t h i o n i z e r s th e cu st ome r i s advi se d to c h ec k if the leds are da ma ged by esd when performing the char acter i stics i n sp ecti on of t h e led s i n the app l icati o n. d amage ca n be detected wi th a forw ard v o l t ag e mea s urement or a li g h t - up test a t l o w current ( 1m a ) . esd da mag e d led s ma y ha v e current fl o w at a l o w vo l t age o r no lo ng er il lu m i na te at a lo w cur r e nt . f a ilur e c r iter ia : v f <2.0 v at i f =0.5ma (6) t h ermal manageme nt proper th er mal manag e m e nt is a n i m po r t an t when designing prod ucts with le ds . le d di e t e mp er at ure i s affec t ed by pcb ther mal r e sistan ce and le d spa c ing on th e boar d. pl eas e de sig n produc ts in a way that t he l e d d i e t e mperature does not exceed th e max i mu m j unc t i on t e mper a t ure ( t j ). d r i v e current should be d e ter m i n ed for t h e s u rround ing ambi en t te mp er ature (t a ) to dis s ipa t e the h e at fro m the pr o d uct . (7) cl eani ng the leds shoul d no t be cl eaned w i th w a ter , benz i n e, a n d / or thi n ner . if r e quir ed, iso p r o py l a l co h o l (ip a ) s h o u l d be use d . o t he r solven ts may caus e pre m at ure fai l ure to t h e le ds due to the d a mage to th e r e si n port ion . t h e effe ct s of s u ch solve n t s s h ould b e v e ri f i ed pri o r to use. in additio n , the use of c f c s su ch as freo n is heavi l y re gula ted . when du st and/or dir t adh e res to th e le ds , so ak a c l o t h wit h is o p r o p y l alco hol (ip a ), t h e n squ e eze i t b e fore wiping the led s . ultr ason ic cleaning is no t recom m e nde d s i nc e i t may have adverse eff e ct s on t he l e ds depending on the ultr ason ic power a n d h o w led is assembled. if ultr asonic clea ning m u s t be use d , t h e c u sto m er is adv i se d to mak e sure the led s w i ll not b e da ma ged pri o r to cl eani ng .
n i chia st s-da1- 1577b 16 (8) ey e saf e t y in 2006, t h e inte rnat i o nal el ec t r i c al comm is si on (iec ) publi s he d iec 62471: 200 6 phot obi o l ogic a l s a fet y of l a m p s and lamp sy ste m s, wh ic h a dded le ds in it s scop e . on t h e ot her hand, t h e iec 60825- 1: 20 07 l a s e r s a f e t y s t andard r e mo v e d leds from it s sc ope. however , pl ease b e advi se d that som e co untr i es and regions ha v e ado p ted stand a rds bas e d on t h e iec l a s e r safe t y s t andard iec 60825- 1: 20 112001, whi c h s t ill i n cl udes leds i n i t s sc op e . most of n i chi a 's l e ds ca n be cl a s si fied as bel o ng ing in to either the ex empt group or risk group 1. hi gh- p owe r leds , t h at emit li gh t con t aining blu e w a vele ngth s, ma y be cla s s i fi ed as ri sk group 2 . please pro c eed wi th cau t io n whe n view in g direc t ly an y leds dri v en at hi gh current, o r vi ewing led s with opt i ca l ins t ru me nt s w h ic h may gr eat l y in crea se t h e damage s to your eyes . view ing a f l ashi ng l i gh t m a y caus e eye d i s c omfort . when in corpor ating the l e d i n to y o ur product, pl ease be careful to a v oi d adv e rse eff e cts on the hu man body caused by ligh t stimu l a t ion. (9) ot hers the le d s d e scr ibed in th is brochure ar e i n te nded to be used for ordina ry el ectroni c equi p m en t (such as offi ce eq uipment, commun i cat i ons equ i pm en t, mea s ure m e n t in str um e n t s and hou s eho l d applia nc es ). co nsult n i c h ia' s sal e s staf f in adv a n c e f o r inf o r m a t io n o n th e appl ica t i o ns i n wh ich e x ceptio na l qua l it y and r eliab i l i t y ar e r eq u ir ed , par t icu l ar ly when the f a il ure o r malf u n c t io n o f the le ds m a y direc t ly j eo p ardize lif e o r heal th (such as for ai rplanes, a e rospa c e, sub m ersi b l e repeaters, nucl e ar reactor co nt r o l sy s t e m , a u t o mobi le s, tr affi c contr o l equi p m ent, li fe su pport s y stem s an d s a fet y de vi ce s). the c u s t om er sha ll not reverse eng i ne er by disas s e m bl i n g or analys is of the le d s wit h out ha v i ng pr ior writt e n co ns ent from nich i a . w h en def e c t ive le ds are fou n d, t h e c u s t om er sh a ll inf o r m ni ch ia dir ec t ly bef o r e di sas s e m bl ing o r ana l y s is . the sp ecification s and app e ar ance of th i s pro d uct may c h ange w i t h o u t no ti ce ; nich i a do e s no t guar an te e the co nt en ts o f thi s sp ec ifi c at i o n. bo th t h e c u sto m er a n d n i ch ia will agr e e o n th e o f f i c i al s p ec if ic at io ns o f supplie d pr o d uct s bef o r e th e vo lum e pr o d u c t i o n o f a pr o g r a m begins .


▲Up To Search▲   

 
Price & Availability of NHSW064T

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X