Part Number Hot Search : 
2SA743 453215 IN4937 1N5271B TA2026F CLR2010 P4435 CY230508
Product Description
Full Text Search
 

To Download NCS36000 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ? semiconductor components industries, llc, 2013 january , 2013 ? rev . 1 1 publication order number: NCS36000/d NCS36000 passive infrar ed (pir) detector contr oller the NCS36000 is a fully integrated mixed ? signal cmos device designed for low ? cost passive infrared controlling applications. the device integrates two low ? noise amplifiers and a ldo regulator to drive the sensor . the output of the amplifiers goes to a window comparator that uses internal voltage references from the regulator . the digital control circuit processes the output from the window comparator and provides the output to the out and led pin. features ? 3.0 ? 5.75 v operation ? ? 40 to 85 c ? 14 pin soic package ? integrated 2 ? stage amplifier ? internal ldo to drive sensor ? internal oscillator with external rc ? single or dual pulse detection ? direct drive of led and out ? this is a pb ? free device t ypical applications ? automatic lighting (residential and commercial) ? automation of doors ? motion triggered events (animal photography) 6 vref ldo & voltage references amplifier circuit window comparator system oscillator digital control circuit 5 op 1_ p 4 op1 _ n 3 op 1_o 2 op2 _ n 1 op 2_o 7 vss 14 vdd 13 osc 2 2 8 out 9 led 10 xled_en 12 mode figure 1. simplified block diagram 14 soic ? 14 d suffix case 751a 1 see detailed ordering and shipping information in the package dimensions sect ion on page 7 of this data sheet. ordering informa tion pin connections (t op v iew) http://onsemi.com NCS36000g a wl yww 1 14 a = assembly location wl = w afer lot y = y ear ww = w ork w eek g = pb ? free package marking diagrams 1 2 3 4 5 6 7 14 13 12 11 10 9 8 op2_o op2_n op1_o op1_n op1_p vref vss vdd osc mode nc xled_en led out http://
NCS36000 http://onsemi.com 2 pin function description pin no. pin name description 1 op2_p output of second amplifier 2 op2_n inverting input of second amplifier 3 op1_o output of first amplifier 4 op1_n inverting input of first amplifier 5 op1_p non ? inverting input of first amplifier 6 vref regulated voltage reference to drive sensor 7 vss analog ground reference. 8 out cmos output (10 ma max) 9 led cmos output to drive led (10ma max) 10 xled_en active low led enable input 11 nc no connect 12 mode pin used to select pulse count mode 13 osc external oscillator to control clock frequency 14 vdd analog power supply absolute maximum ra tings rating symbol value unit input voltage range (note 1) v in ? 0.3 to 6.0 v output voltage range v out ? 0.3 to 6.0 v or (v in + 0.3), whichever is lower v maximum junction temperature t j(max) 140 c storage temperature range t stg ? 65 to 150 c esd capability, human body model (note 2) esd hbm 2 kv esd capability, machine model (note 2) esd mm 200 v lead t emperature soldering reflow (smd styles only), pb ? free versions (note 3) t sld 260 c stresses exceeding maximum ratings may damage the device. maximum ratings are stress ratings only . functional operation above t he recommended operating conditions is not implied. extended exposure to stresses above the recommended operating conditions may af fect device reliability . 1. refer to electrical characteristics and applica tion informa tion for safe operating area. 2. this device series incorporates esd protection and is tested by the following methods: esd human body model tested per aec ? q100 ? 002 (eia/jesd22 ? a1 14) esd machine model tested per aec ? q100 ? 003 (eia/jesd22 ? a1 15) latchup current maximum rating:  150 ma per jedec standard: jesd78 3. for information, please refer to our soldering and mounting t echniques reference manual, solderrm/d thermal characteristics rating symbol value unit thermal characteristics, dfn6, 3x3.3 mm (note 4) thermal resistance, junction ? to ? air (note 5) thermal reference, junction ? to ? lead2 (note 5) r  ja r  jl will be completed once package and power consumption is finalized c/w thermal characteristics, tsop ? 5 (note 4) thermal resistance, junction ? to ? air (note 5) r  ja see note above. c/w 4. refer to electrical characteristics and applica tion informa tion for safe operating area. 5. values based on copper area of 645 mm 2 (or 1 in 2 ) of 1 oz copper thickness and fr4 pcb substrate .
NCS36000 http://onsemi.com 3 opera ting ranges (note 6) rating symbol min typ max unit analog power supply v dd 3.0 5.0 5.75 v analog ground reference v ss 0.0 0.1 v supply current (standby, no loads) i dd 170  a digital inputs (mode) v ih 0.7 * v dd v dd v dd + 0.3 v v il vss v dd * 0.28 digital output (out, led) push ? pull output (10 ma load) v oh 0.67 * v dd v dd v v ol vss v dd * 0.3 op1_p (sensor input) (note 7) amp 1 in 0.1 v dd ? 1.1 v ambient temperature t a ? 40 85 c 6. refer to electrical characteristics and applica tion informa tion for safe operating area. 7. guaranteed by design (non ? tested parameter). electrical characteristics v in = 1 v , c in = 100 nf , c out = 100 nf , for typical values t a = 25 c; unless otherwise noted. parameter test conditions symbol min typ max unit ldo v oltage reference output voltage v dd = 3.0 v to 5.75 v vref 2.6 2.7 2.8 v supply current v dd = 3.0 v to 5.75v iref 20 50  a comparator high trip level v h 2.413 2.5 2.588 v comparator low trip level v l 1.641 1.7 1.760 v reference voltage for non ? inverting input of second amplifier v m 2.007 2.1 2.174 v system oscillator oscillator frequency v dd = 5.0 v r 3 = 220 k  c 2 = 100 nf osc 62.5 hz w indow comparator lower trip threshold see vl above higher trip threshold see vh above differential amplifiers (amplifier circuit) dc gain v dd = 5.0 v (note 8) av 80 db common ? mode input range v dd = 5.0 v (note 8) cmir 0.1 v dd ? 1.1 v power supply rejection ratio v dd = 5.0 v (note 8) psrr 60 db output drive current v dd = 5.0 v (note 8) i out1 25  a por por release voltage v por 1.35 2.85 v 8. guaranteed by design (non ? tested parameter).
NCS36000 http://onsemi.com 4 applica tions informa tion oscillator the oscillator uses an external resistor and capacitor to set the system clock frequency . multiple clock frequencies c a n be selected using dif ferent combinations of resistors and capacitors. figure 2 shows a simplifier block diagram for the system oscillator . + ? + ? osc 13 q q set clr s r 14 vdd figure 2. block diagram of system oscillator circuit ldo regulator t h e ldo regulator provides the reference voltage for t h e sensor and all other analog blocks within the system. the nominal voltage reference for the sensor is 2.7 v 5%. an external capacitor is needed on the vref pin to guarantee stability of the regulator . differential amplifiers the two dif ferential amplifiers can be configured as a bandpass filter to condition the pir sensor signal for the post digital signal processing. the cutof f frequencies and passband gain are set by the external components. see figure 5. 10 ? 1 10 0 10 1 20 30 40 50 60 70 80 figure 3. plot showing t ypical magnitude response of differential amplifiers when configured as a bandpass filter w indow comparator the window comparator compares the voltage from the second d i f ferential amplifier t o two reference voltages from the ldo regulator . comp_p triggers if op2_o is greater than the vh voltage and comp_n triggers if op2_o is lower than the vl voltage. see figures 4 and 5. vh vl vdd vss comp_ p vdd vss comp_ n op 2 _ o vm figure 4. plot showing functionality of w indow comparator for an analog input op2_o
NCS36000 http://onsemi.com 5 4 + ? 5 3 + ? 2 1 g d vref ldo 6 sensor dependent components vm vref 6 vm vh vl application dependent components + ? vl vh op2_o + ? comp _ p comp _ n figure 5. figure showing simplified block diagram of analog conditioning stages digital signal processing block (all times assume a 62.5 hz system oscillator frequency) the digital signaling processing block performs three major functions. t h e first function is that the device toggles led during the start ? up sequencing at approximately two hertz regardless o f the state of the xled_en pin. the startup sequence lasts f o r thirty seconds. during that time the out pin is held low regardless of the state of op2_o. t h e second function of the digital signal processing block is to insure a certain glitch width is seen before out is toggled. the digital signal processing block is synchronous with the system oscillator frequency and therefore the deglitch time is related to when the comparators toggle within the oscillator period. a signal width less than two clock period is guaranteed to be deglitched as a zero. a signal width of greater than three clock cycles is guaranteed to be de ? glitched. it should be noted that down ? sampling can occur if suf ficient anti ? aliasing is not performed at the input of the circuit (opi_p) or if noise is injected into the amplifiers, an example would be a noisy power supply . t h e third function of the digital signal processing block is to recognize dif ferent pulse signatures coming from the window comparator block. the device is equipped with two pulse recognition routines. single pulse mode (mode tied t o vss) will trigger the out pin if either comparator toggles and the deglitch time is of the appropriate length. (see figure 6). dual pulse mode (mode tied to v dd ) requires two pulses with each pulse coming from the opposite comparator to occur within a timeout window of five seconds (see figure 7 ). if the adjacent pulses occur outside the timeout window then the digital processing block will restart the pulse recognition routine (figure 8). xled_en pin the xled_en pin enables the led output driver when motion has been detected. if xled_en is tied high the led pin will not toggle after motion is detected. if the xled_en is tied low the led pin will toggle when motion i s detected. during start-up the led pin will toggle irrespective of how the xled_en pin is tied. (see figure 6). osc ??????????????????????? ??????????????????????? ?????? ?????? led start ? up sequencing comp_ p out comp_n <32m sec >48m sec >48m sec ~1.6 sec ~1.6 sec if xled_en = 0 if xled_en = 0 mode op 2 _ o figure 6. timing diagram for single ? pulse mode detection
NCS36000 http://onsemi.com 6 osc ??????????????????????? ?????? ?????? led start ? up sequencing comp_ p out comp_n <32m sec >48m sec >48m sec ~1.6 sec if xled_en = 0 mode op2_o >48m sec < 5 sec ??????? ??????? t imeout counter figure 7. timing diagram for dual ? pulse mode detection osc ??????????????????????? ?????? led start ? up sequencing comp_ p out comp_n <32m sec >48m sec >48m sec mode op2_o > 5 sec ????? ????? timeout counter 5 sec ?????? ?????? figure 8. timing diagram for two pulses outside timeout window
NCS36000 http://onsemi.com 7 led out op2 _ o op2 _ n op1 _ o op1 _ n op1 _ p vref vss xled _ en nc vdd osc mode 1 2 3 4 5 6 7 14 13 12 11 10 9 8 g d sensor dependent components power supply / ac to dc rectifier r1 r2 r3 r4 c1 c2 c3 c4 c6 c5 r5 d1 r7 c7 j1 j2 r6 microcontroller figure 9. t ypical application diagram using NCS36000 r1 = 10 k  c1 = 33  f j1 (jumper for xled_en) r2 = 560 k  c2 = 10 nf j2 (jumper for mode select) r3 = 10 k  c3 = 33  f d1 (led) r4 = 560 k  c4 = 10 nf r5 = 43 k  c5 = 100 nf r6 = 1 k  c6 = 100 nf r7 = 220 k  c7 = 100 nf 9 . r 1 , c1, r2, c2, r3, c3, r4, c4 setup bandpass filter characteristics. with components as shown above the passband gain is approximately 70 db with the 3 db cutof f frequency of the filter at approximately 700 mhz and 20 hz. 1 0 . r4 can be replaced by a potentiometer to adjust sensitivity of system. note dynamically changing r4 will also change the pol e location for the second amplifier . 1 1 . r5 and c5 are sensor dependant components and r6 may need to be adjusted to guarantee the amp 1 in parameter outlined within the operating ranges section of this document. 12. r7 and c7 may be adjusted to change the oscillator frequency . r7 may not be smaller than 50 k  . ordering informa tion device package shipping ? NCS36000dg soic ? 14 (pb ? free) 55 units / rail NCS36000drg soic ? 14 (pb ? free) 3000 / tape & reel ? for information on tape and reel specifications, including part orientation and tape sizes, please refer to our t ape and reel packaging specifications brochure, brd8011/d.
NCS36000 http://onsemi.com 8 p ackage dimensions soic ? 14 d suffix case 751a ? 03 issue j notes: 1. dimensioning and t olerancing per ansi y14.5m, 1982. 2. controlling dimension: millimeter. 3. dimensions a and b do not include mold protrusion. 4. maximum mold protrusion 0.15 (0.006) per side. 5. dimension d does not include dambar protrusion. allow able dambar protrusion shall be 0.127 (0.005) t ot al in excess of the d dimension a t maximum material condition. ? a ? ? b ? g p 7 pl 14 8 7 1 m 0.25 (0.010) b m s b m 0.25 (0.010) a s t ? t ? f r x 45 sea ting plane d 14 pl k c j m  dim min max min max inches millimeters a 8.55 8.75 0.337 0.344 b 3.80 4.00 0.150 0.157 c 1.35 1.75 0.054 0.068 d 0.35 0.49 0.014 0.019 f 0.40 1.25 0.016 0.049 g 1.27 bsc 0.050 bsc j 0.19 0.25 0.008 0.009 k 0.10 0.25 0.004 0.009 m 0 7 0 7 p 5.80 6.20 0.228 0.244 r 0.25 0.50 0.010 0.019  7.04 14x 0.58 14x 1.52 1.27 dimensions: millimeters 1 pitch 7x *for additional information on our pb ? free strategy and soldering details, please download the on semiconductor soldering and mounting t echniques reference manual, solderrm/d. soldering footprint* on s e m i c onduc tor and are regi stered trademar ks of semi conductor components industri e s, llc (s c i llc ) . sc illc ow ns the ri ghts to a numb er of patents, tr adem ar ks, copyr i ghts, tr ade secr ets, and other intellectual pr oper ty . a list ing of scillc? s pr oduct/patent cover age may be accessed at ww w . onsemi .com/si t e/pdf/p atent ? marki ng.pdf. sc illc reserves t h e r i ght t o m a ke c hanges w i thout f u rther n o ti ce t o a n y p r oducts h e rei n . s c illc m a kes n o w a rranty , r epresentati o n o r guar antee regar ding the s u itability o f i t s p r oducts f o r any par ticular pur pose, nor does scillc assum e any liability ar ising out of th e application or use of any pr oduct or cir c uit, and s p e cifica lly discla i m s an y an d all lia b ility , in clu d i n g with o u t l i m i t ati on s peci al , c onsequenti al o r i nci dental d a mages. ? t ypi c al ? p a rameters w h i c h m a y b e p r ovi d ed i n sc illc d a ta s h eets a n d/ or s p eci f i c ati ons c a n a n d d o v a ry i n d i f f erent a p pl i c ati ons and actual per for m ance may var y over tim e . all oper ating par a m e ter s , including ?t ypical s? must be validated for each custom er appl i c ati o n by customer ? s techni cal experts. sc illc does not convey any li cense under its patent ri ghts nor the ri ght s of others. sc illc products ar e not desi gned, intended, or a uthor ized for use as com ponents in system s intended for surgi c al i m pl ant i n to t h e b ody , o r o t her a ppl i c ati ons i n tended t o s upport o r s u stai n l i fe, o r f o r a n y o t her a ppl i c ati o n i n w h i c h t h e f a i l u re o f t h e s c illc p r oduct c oul d c r eate a s i tuati o n w here per sonal injur y or death may occur . should buyer pur c hase or use scillc pr oducts for any such unintended or unauthor ized appli cati on, buyer shal l indemni fy and hol d sc illc and its o f fice r s , e m p l o y e e s , s u b s id ia r i e s , a f filia te s, a n d d i str i b u t o r s h a r m l e s s a g a i n s t a l l c l a i m s , c o sts, d a m a g e s, a n d e x p e n s e s , a nd r easonabl e a ttorney f ees a r i s i ng o ut o f , d i rectl y o r i ndi rectl y , any claim of per s onal injur y or death associ ated with such unintended or unauthor ized use, even if such claim alleges that scil lc was negl i gent regardi n g the desi gn or manufacture of the part. sc illc is an equal opportuni ty/a f f i rmati ve acti o n em pl oyer . thi s li terature is subj ect to al l appl i c abl e copyri g ht law s and is not fo r resal e in any manner . publication ordering information n. american technical support : 800 ? 282 ? 9855 toll free usa/canada europe, middle east and africa technical support: phone: 421 33 790 2910 japan customer focus center phone: 81 ? 3 ? 5817 ? 1050 NCS36000/d litera ture fulfillment : literature distribution center for on semiconductor p .o. box 5163, denver , colorado 80217 usa phone : 303 ? 675 ? 2175 or 800 ? 344 ? 3860 t oll free usa/canada fax : 303 ? 675 ? 2176 or 800 ? 344 ? 3867 t oll free usa/canada email : orderlit@onsemi.com on semiconductor w ebsite : www.onsemi.com order literature : http://www.onsemi.com/orderlit for additional information, please contact your loca l sales representative


▲Up To Search▲   

 
Price & Availability of NCS36000

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X