Part Number Hot Search : 
L3GD20 2SC1969 74HCT27 M100D MBRF10U 2SA1831 TL072ID 2SK184
Product Description
Full Text Search
 

To Download NCP6323 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ? semiconductor components industries, llc, 2015 october, 2015 ? rev. 4 1 publication order number: ncv6323/d NCP6323, ncv6323 3 mhz, 2 a synchronous buck converter high efficiency, low ripple, adjustable output voltage the ncp/ncv6323 is a synchronous buck converter which is optimized to supply different sub systems of portable applications powered by one cell li?ion or three cell alkaline/nicd/nimh batteries. the devices are able to deliver up to 2 a on an external adjustable voltage. operation with 3 mhz switching frequency allows employing small size inductor and capacitors. input supply voltage feedforward control is employed to deal with wide input voltage range. synchronous rectification offer improved system efficiency. the ncp/ncv6323 is in a space saving, low profile 2.0 x 2.0 x 0.75 mm wdfn?8 package. features ? 2.5 v to 5.5 v input voltage range ? external adjustable voltage ? up to 2 a output current ? 3 mhz switching frequency ? synchronous rectification ? enable input ? power good output option ? soft start ? over current protection ? active discharge when disabled ? thermal shutdown protection ? wdfn?8, 2 x 2 mm, 0.5 mm pitch package ? maximum 0.8 mm height for super thin applications ? ncv prefix for automotive and other applications requiring unique site and control change requirements; aec?q100 qualified and ppap capable ? this is a pb?free device typical applications ? cellular phones, smart phones, and pdas ? portable media players ? digital still cameras ? wireless and dsl modems ? usb powered devices ? point of load ? game and entertainment system wdfn8 (ncv6323) case 511bt marking diagrams www. onsemi.com 1 23/nn = specific device code m = date code  = pb?free package 23 m   1 (note: microdot may be in either location) pinout 2 4 fb sw 3 agnd 7 5en avin 6 pg 9 1 pgnd 8 pvin (top view) see detailed ordering, marking and shipping information on page 2 of this data sheet. ordering information 1 wdfn8 (NCP6323) case 511be nn m   1
NCP6323, ncv6323 www. onsemi.com 2 1uh vo = 0.6v to vin cout 10uf pgnd fb pvin en sw agnd avin pg cin 10uf rpg 1m vin = 2.5 v to 5.5 v power good enable r1 r2 cfb ncp/ncv6323 (a) power good output option (ncp/ncv6323) figure 1. typical application circuit pin description pin name type description 1 pgnd power ground power ground for power, analog blocks. must be connected to the system ground. 2 sw power output switch power pin connects power transistors to one end of the inductor. 3 agnd analog ground analog ground analog and digital blocks. must be connected to the system ground. 4 fb analog input feedback voltage from the buck converter output. this is the input to the error amplifier. this pin is connected to the resistor divider network between the output and agnd. 5 en digital input enable of the ic. high level at this pin enables the device. low level at this pin disables the de- vice. 6 pg digital output it is open drain output. low level at this pin indicates the device is not in power good, while high impedance at this pin indicates the device is in power good. 7 avin analog input analog supply. this pin is the analog and the digital supply of the device. an optional 1  f or lar- ger ceramic capacitor bypasses this input to the ground. this capacitor should be placed as close as possible to this input. 8 pvin power input power supply input. this pin is the power supply of the device. a 10  f or larger ceramic capacit- or must bypass this input to the ground. this capacitor should be placed as close a possible to this input. 9 pad exposed pad exposed pad. must be soldered to system ground to achieve power dissipation performances. this pin is internally unconnected ordering information device marking package shipping ? NCP6323dmtaatbg nn wdfn8 (pb?free) 3000 / tape & reel ncv6323bmtaatbg 23 wdfn8 (pb?free) 3000 / tape & reel ?for information on tape and reel specifications, including part orientation and tape sizes, please refer to our tape and reel packaging specifications brochure, brd8011/d.
NCP6323, ncv6323 www. onsemi.com 3 pwm control reference voltage l cout 1uh 10uf logic control & current limit & thermal shutdown cin 10uf rpg 1m uvlo vin vo power good enable pvin 8 sw 2 pgnd 1 en 5 pg 6 fb 4 avin 7 agnd 3 r1 r2 cfb pg error amp figure 2. functional block diagram maximum ratings rating symbol value unit min max input supply voltage to gnd v pvin , v avin ?0.3 7.0 v switch node to gnd v sw ?0.3 7.0 v en, pg to gnd v en , v pg ?0.3 7.0 v fb to gnd v fb ?0.3 7.0 v human body model (hbm) esd rating are (note 1) esd hbm 2000 v machine model (mm) esd rating (note 1) esd mm 200 v latchup current (note 2) i lu ?100 100 ma operating junction temperature range (note 3) t j ?40 125 c operating ambient temperature range NCP6323 ncv6323 t a ?40 ?40 85 125 c storage temperature range t stg ?55 150 c thermal resistance junction?to?top case (note 4) r  jc 12 c/w thermal resistance junction?to?board (note 4) r  jb 30 c/w thermal resistance junction?to?ambient (note 4) r  ja 62 c/w power dissipation (note 5) p d 1.6 w moisture sensitivity level (note 6) msl 1 ? stresses exceeding those listed in the maximum ratings table may damage the device. if any of these limits are exceeded, device function ality should not be assumed, damage may occur and reliability may be affected. 1. this device series contains esd protection and passes the following tests: human body model (hbm) 2.0 kv per jedec standard: jesd22?a114. machine model (mm) 200 v per jedec standard: jesd22?a115. 2. latchup current per jedec standard: jesd78 class ii. 3. the thermal shutdown set to 150 c (typical) avoids potential irreversible damage on the device due to power dissipation. 4. the thermal resistance values are dependent of the pcb heat dissipation. the board used to drive this data was an 80x50 mm nc p6324evb board. it is a multilayer board with 1 ounce internal power and ground planes and 2?1 ounce copper traces on top and bottom of the board. if the copper traces of top and bottom are 1 ounce too, r  jc = 11 c/w, r  jb = 30 c/w, and r  ja = 72 c/w. 5. the maximum power dissipation (pd) is dependent on input voltage, maximum output current and external components selected. 6. moisture sensitivity level (msl): 1 per ipc/jedec standard: j?std?020a.
NCP6323, ncv6323 www. onsemi.com 4 electrical characteristics (v in = 3.6 v, v out = 1.8 v, l = 1  h, c = 10  f, typical values are referenced to t j = 25 c, min and max values are referenced to t j up to 125 c, unless other noted.) symbol characteristics test conditions min typ max unit supply voltage v in input voltage v in range (note 7) 2.5 ? 5.5 v supply current i q v in quiescent supply current en high, no load, forced pwm mode ? 5.7 ? ma i sd v in shutdown current en low (note 9 for NCP6323) ? ? 1  a output voltage v out output voltage range (note 8) 0.6 ? v in v v fb fb voltage pwm mode 594 600 606 mv fb voltage in load regulation v in = 3.6 v, i out from 200 ma to i outmax , pwm mode (note 8) ? ?0.5 ? %/a fb voltage in line regulation i out = 200 ma, v in from max (v nom + 0.5 v, 2.3 v) to 5.5 v, pwm mode (note 8) ? 0 ? %/v d max maximum duty cycle (note 8) ? 100 ? % output current i outmax output current capability (note 8) 2.0 ? ? a i limp output peak current limit p?channel 2.3 2.8 3.3 a i limn output peak current limit n?channel 0.9 a voltage monitor v inuv? v in uvlo falling threshold ? ? 2.4 v v inhys v in uvlo hysteresis 60 140 200 mv v pgl power good low threshold v out falls down to cross the threshold (percentage of fb voltage) 87 90 92 % v pghys power good hysteresis v out rises up to cross the threshold (percentage of power good low threshold (v pgl ) voltage) 0 5 7 % td pgh1 power good high delay in start up from en rising edge to pg going high. ? 1.15 ? ms td pgl1 power good low delay in shut down from en falling edge to pg going low. (note 8) ? 8 ?  s td pgh power good high delay in regulation from v fb going higher than 95% nominal level to pg going high. not for the first time in start up. (note 8) ? 5 ?  s td pgl power good low delay in regulation from v fb going lower than 90% nominal level to pg going low. (note 8) ? 8 ?  s vpg_l power good pin low voltage voltage at pg pin with 5 ma sink current ? ? 0.3 v pg_lk power good pin leakage current 3.6 v at pg pin when power good valid ? ? 100 na integrated mosfets r on_h high?side mosfet on resistance v in = 3.6 v (note 9 for NCP6323) v in = 5 v (note 9 for NCP6323) ? 160 130 200 ? m  r on_l low?side mosfet on resistance v in = 3.6 v (note 9 for NCP6323) v in = 5 v (note 9 for NCP6323) ? 110 100 140 ? m  switching frequency f sw normal operation frequency 2.7 3.0 3.3 mhz 7. operation above 5.5 v input voltage for extended periods may affect device reliability. at the first power?up, input voltage must be > 2. 6 v. 8. guaranteed by design, not tested in production. 9. maximum value applies for t j = 85 c.
NCP6323, ncv6323 www. onsemi.com 5 electrical characteristics (v in = 3.6 v, v out = 1.8 v, l = 1  h, c = 10  f, typical values are referenced to t j = 25 c, min and max values are referenced to t j up to 125 c, unless other noted.) symbol unit max typ min test conditions characteristics soft start t ss soft?start t ime ncv6323 time from en to 90% of output voltage target 0 0.4 1 ms soft?start t ime NCP6323d 0 0.54 1 soft?start t ime NCP6323d time from 10% to 90% of output voltage target 0.16 0.24 0.3 control logic v en_h en input high voltage 1.1 ? ? v v en_l en input low voltage ? ? 0.4 v v en_hys en input hysteresis ? 270 ? mv i en_bias en input bias current 0.1 1  a output active discharge r_dis internal output discharge resistance from sw to pgnd 75 500 700  thermal shutdown t sd thermal shutdown threshold ? 170 ? c t sd_hys thermal shutdown hysteresis ? 25 ? c product parametric performance is indicated in the electrical characteristics for the listed test conditions, unless otherwise noted. product performance may not be indicated by the electrical characteristics if operated under different conditions.
NCP6323, ncv6323 www. onsemi.com 6 typical operating characterestics figure 3. shutdown current vs. input voltage (en = low, t a = 25  c) figure 4. shutdown current vs. temperature (en = low, v in = 3.6 v) figure 5. pwm quiescent current vs. input voltage (en = high, open loop, v out = 1.8 v, t a = 25  c) figure 6. pwm quiescent current vs. temperature (en = high, open loop, v out = 1.8 v, v in = 3.6 v) figure 7. efficiency vs. output current and input voltage (v out = 1.05 v, t a = 25  c) figure 8. efficiency vs. output current and input voltage (v out = 1.8 v, t a = 25  c) 2 1.5 1 0.5 0 2.5 3 3.5 4 4.5 5 5.5 v in (v) i sd (  a) 2 1.5 1 0.5 0 ?40 ?15 10 35 60 85 temperature ( c) i sd (  a) v in = 5.5 v v in = 3.6 v v in = 2.5 v 8 2.5 3 3.5 4 4.5 5 5.5 v in (v) i qpwm (  a) v in (v) i qpwm (  a) ?40 ?15 10 35 60 85 v in = 5.5 v v in = 3.6 v v in = 2.5 v 90 0 400 800 1600 2000 i out (ma) efficiency (%) v in = 5.5 v v in = 3.6 v v in = 2.5 v 85 80 75 70 65 60 55 50 1200 0 400 800 1600 2000 1200 90 efficiency (%) 85 80 75 70 65 60 55 50 i out (ma) v in = 5.5 v v in = 3.6 v v in = 2.5 v 95 7.5 7 6.5 6 5.5 5 4.5 4 8 7.5 7 6.5 6 5.5 5 4.5 4
NCP6323, ncv6323 www. onsemi.com 7 typical operating characterestics figure 9. efficiency vs. output current and input voltage (v out = 3.3 v, t a = 25  c) figure 10. efficiency vs. output current and input voltage (v out = 4 v , t a = 25  c) 90 0 400 800 1600 2000 i out (ma) efficiency (%) v in = 4.5 v v in = 5.5 v 85 80 75 70 65 60 55 50 1200 95 100 90 0 400 800 1600 2000 i out (ma) efficiency (%) v in = 3.6 v v in = 5.5 v 85 80 75 70 65 60 55 50 1200 95 100 figure 11. output ripple voltage in pwm mode (v in = 3.6 v, v out = 1.8 v, i out = 1 a, l=1  h, c out = 10  f) figure 12. load transient response (v in = 3.6 v, v out = 1.8 v, i out = 500 ma to 1500 ma, l = 1  h, c out = 10  f)
NCP6323, ncv6323 www. onsemi.com 8 typical operating characterestics figure 13. power up sequence and inrush current in input (v in = 3.6 v, v out = 1.8 v, i out = 0 a, l = 1  h, c out = 10  f) figure 14. power up sequence and power good (v in = 3.6 v, v out = 1.8 v, i out = 0 a, l = 1  h, c out = 10  f) figure 15. power down sequence and active output discharge (v in = 3.6 v, v out = 1.8 v, i out = 0 a, l = 1  h, c out = 10  f) figure 16. soft?start time for NCP6323d (v in = 4.2 v, v out = 1.1 v, i out = 0 a, l = 1  h,c out = 10  f) figure 17. soft?start time for ncv6323 (v in = 4.2 v, v out = 1.8 v, i out = 0 a, l = 1  h,c out = 10  f) figure 18. soft?start time for NCP6323d (v in = 4.2 v, v out = 1.8 v, i out = 0 a, l = 1  h,c out = 10  f)
NCP6323, ncv6323 www. onsemi.com 9 detailed description general the ncp/ncv6323 is a synchronous buck converter which is optimized to supply different sub?systems of portable applications powered by one cell li?ion or three cell alkaline/nicd/nimh batteries. the devices are able to deliver up to 2 a on an external adjustable voltage. operation with 3 mhz switching frequency allows employing small size inductor and capacitors. input supply voltage feedforward control is employed to deal with wide input voltage range. synchronous rectification offer improved system efficiency. pwm mode operation in medium and heavy load range, the inductor current is continuous and the device operates in pwm mode with fixed switching frequency, which has a typical value of 3 mhz. in this mode, the output voltage is regulated by on?time pulse width modulation of an internal p?mosfet. an internal n?mosfet operates as synchronous rectifier and its turn?on signal is complimentary to that of the p?mosfet. undervoltage lockout the input voltage vin must reach or exceed 2.5 v (typical) before the ncp/ncv6323 enables the converter output to begin the start up sequence. the uvlo threshold hysteresis is typically 100 mv. enable the ncp/ncv6323 has an enable logic input pin en. a high level (above 1.1 v) on this pin enables the device to active mode. a low level (below 0.4 v) on this pin disables the device and makes the device in shutdown mode. there is an internal filter with 5  s time constant. the en pin is pulled down by an internal 10 na sink current source. in most of applications, the en signal can be programmed independently to vin power sequence. figure 19. power good and active discharge timing diagram power good output the device monitors the output voltage and provides a power good output signal at the pg pin. this pin is an open?drain output pin. to indicate the output of the converter is established, a power good signal is available. the power good signal is low when en is high but the output voltage has not been established. once the output voltage of the converter drops out below 90% of its regulation during operation, the power good signal is pulled low and indicates a power failure. a 5% hysteresis is required on power good comparator before signal going high again. soft?start a soft start limits inrush current when the converter is enabled. after a minimum 300  s delay time following the enable signal, the output voltage starts to ramp up in 100  s (ncv6323) / 240  s (NCP6323) (for external adjustable voltage devices) or with a typical 10 v/ms slew rate (for fixed voltage devices). active output discharge an output discharge operation is active in when en is low. a discharge resistor (500  typical) is enabled in this condition to discharge the output capacitor through sw pin.
NCP6323, ncv6323 www. onsemi.com 10 cycle?by?cycle current limitation the ncp/ncv6323 protects the device from over current with a fixed?value cycle?by?cycle current limitation. the typical peak current limit ilmt is 2.8 a. if inductor current exceeds the current limit threshold, the p?mosfet will be turned off cycle?by?cycle. the maximum output current can be calculated by i max  i lmt  v out   v in  v out  2  v in  f sw  l (eq. 1) where vin is input supply voltage, vout is output voltage, l is inductance of the filter inductor, and f sw is 3 mhz normal switching frequency. negative current protection the ncp/ncv6323 includes a 1 a negative current protection. it helps to protect the internal nmos in case of applications which require high output capacitor value. thermal shutdown the ncp/ncv6323 has a thermal shutdown protection to protect the device from overheating when the die temperature exceeds 170 c. after the thermal protection is triggered, the fault state can be ended by re?applying vin and/or en when the temperature drops down below 125 c.
NCP6323, ncv6323 www. onsemi.com 11 application information output filter design considerations the output filter introduces a double pole in the system at a frequency of f lc  1 2    l  c  (eq. 2) the internal compensation network design of the ncp/ncv6323 is optimized for the typical output filter comprised of a 1.0  h inductor and a 10  f ceramic output capacitor, which has a double pole frequency at about 50 khz. other possible output filter combinations may have a double pole around 50 khz to have optimum operation with the typical feedback network. normal selection range of the inductor is from 0.47  h to 4.7  h, and normal selection range of the output capacitor is from 4.7  f to 22  f. inductor selection the inductance of the inductor is determined by given peak?to?peak ripple current il_pp of approximately 20% to 50% of the maximum output current iout_max for a trade?off between transient response and output ripple. the inductance corresponding to the given current ripple is l   v in  v out   v out v in  f sw  i l_pp (eq. 3) the selected inductor must have high enough saturation current rating to be higher than the maximum peak current that is i l_max  i out_max  i l_pp 2 (eq. 4) the inductor also needs to have high enough current rating based on temperature rise concern. low dcr is good for efficiency improvement and temperature rise reduction. table 1 shows some recommended inductors for high power applications and table 2 shows some recommended inductors for low power applications. table 1. list of recommended inductors for high power applications manufacturer part number case size (mm) l (  h) rated current (ma) (inductance drop) structure murata lqh44pn2r2mp0 4.0 x 4.0 x 1.8 2.2 2500 (?30%) wire wound murata lqh44pn1r0np0 4.0 x 4.0 x 1.8 1.0 2950 (?30%) wire wound murata lqh32pnr47nnp0 3.0 x 2.5 x 1.7 0.47 3400 (?30%) wire wound table 2. list of recommended inductors for low power applications manufacturer part number case size (mm) l (  h) rated current (ma) (inductance drop) structure murata lqh44pn2r2mj0 4.0 x 4.0 x 1.1 2.2 1320 (?30%) wire wound murata lqh44pn1r0nj0 4.0 x 4.0 x 1.1 1.0 2000 (?30%) wire wound tdk vls201612et?2r2 2.0 x 1.6 x 1.2 2.2 1150 (?30%) wire wound tdk vls201612et?1r0 2.0 x 1.6 x 1.2 1.0 1650 (?30%) wire wound output capacitor selection the output capacitor selection is determined by output voltage ripple and load transient response requirement. for a given peak?to?peak ripple current il_pp in the inductor of the output filter, the output voltage ripple across the output capacitor is the sum of three ripple components as below. v out_pp v out_pp(c)  v out_pp(esr)  v out_pp(esl) (eq. 5) where vout_pp(c) is a ripple component by an equivalent total capacitance of the output capacitors, vout_pp(esr) is a ripple component by an equivalent esr of the output capacitors, and vout_pp(esl) is a ripple component by an equivalent esl of the output capacitors. in pwm operation mode, the three ripple components can be obtained by v out_pp(c)  i l_pp 8  c  f sw (eq. 6) v out_pp(esr)  i l_pp  esr (eq. 7) v out_pp(esl)  esl esl  l  v in (eq. 8) and the peak?to?peak ripple current is i l_pp   v in  v out   v out v in  f sw  l (eq. 9)
NCP6323, ncv6323 www. onsemi.com 12 in applications with all ceramic output capacitors, the main ripple component of the output ripple is vout_pp(c). so that the minimum output capacitance can be calculated regarding to a given output ripple requirement vout_pp in pwm operation mode. c min  i l_pp 8  v out_pp  f sw (eq. 10) input capacitor selection one of the input capacitor selection guides is the input voltage ripple requirement. to minimize the input voltage ripple and get better decoupling in the input power supply rail, ceramic capacitor is recommended due to low esr and esl. the minimum input capacitance regarding to the input ripple voltage vin_pp is c in_min  i out_max   d  d 2  v in_pp  f sw (eq. 11) where d  v out v in (eq. 12) in addition, the input capacitor needs to be able to absorb the input current, which has a rms value of i in_rms  i out_max  d  d 2  (eq. 13) the input capacitor also needs to be sufficient to protect the device from over voltage spike, and normally at least a 4.7  f capacitor is required. the input capacitor should be located as close as possible to the ic on pcb. table 3. list of recommended input capacitors and output capacitors manufacturer part number case size height max (mm) c (  f) rated voltage (v) structure murata grm21br60j226me39, x5r 0805 1.4 22 6.3 mlcc tdk c2012x5r0j226m, x5r 0805 1.25 22 6.3 mlcc murata grm21br61a106ke19, x5r 0805 1.35 10 10 mlcc tdk c2012x5r1a106m, x5r 0805 1.25 10 10 mlcc murata grm188r60j106me47, x5r 0603 0.9 10 6.3 mlcc tdk c1608x5r0j106m, x5r 0603 0.8 10 6.3 mlcc murata grm188r60j475ke19, x5r 0603 0.87 4.7 6.3 mlcc murata grm21br70j106ke76, x7r 0805 1.4 10 6.3 mlcc tdk c2012x7r0j106k125ab, x7r 0805 1.45 10 6.3 mlcc murata grm21br71a106ke51, x7r 0805 1.4 10 6.3 mlcc tdk c2012x7r1a106k125ac, x7r 0805 1.45 10 6.3 mlcc design of feedback network the output voltage is programmed by an external resistor divider connected from v out to fb and then to agnd, as shown in the typical application schematic figure 1(a). the programmed output voltage is v out  v fb   1  r 1 r 2  (eq. 14) where v fb is equal to the internal reference voltage 0.6 v, r1 is the resistance from v out to fb, which has a normal value range from 50 k  to 1 m  and a typical value of 220 k  for applications with the typical output filter. r2 is the resistance from fb to agnd, which is used to program the output voltage according to equation (14) once the value of r1 has been selected. a capacitor cfb needs to be employed between the v out and fb in order to provide feedforward function to achieve optimum transient response. normal value range of cfb is from 0 to 100 pf, and a typical value is 15 pf for applications with the typical output filter and r1 = 220 k  . table 4 provides reference values of r1 and cfb in case of different output filter combinations. the final design may need to be fine tuned regarding to application specifications.
NCP6323, ncv6323 www. onsemi.com 13 table 4. reference values of fee dback networks (r1 and cfb) for ou tput filter combinations (l and c) r1 (k  ) l (  h) cfb (pf) 0.47 0.68 1 2.2 3.3 4.7 c (  f) 4.7 220 220 220 220 330 330 3 5 8 15 15 22 10 220 220 220 220 330 330 8 10 15 27 27 39 22 220 220 220 220 330 330 15 22 27 39 47 56
NCP6323, ncv6323 www. onsemi.com 14 layout considerations electrical layout considerations good electrical layout is a key to make sure proper operation, high efficiency, and noise reduction. electrical layout guidelines are: ? use wide and short traces for power paths (such as pvin, vout, sw, and pgnd) to reduce parasitic inductance and high?frequency loop area. it is also good for efficiency improvement. ? the device should be well decoupled by input capacitor and input loop area should be as small as possible to reduce parasitic inductance, input voltage spike, and noise emission. ? sw node should be a large copper pour, but compact because it is also a noise source. ? it would be good to have separated ground planes for pgnd and agnd and connect the two planes at one point. directly connect agnd pin to the exposed pad and then connect to agnd ground plane through vias. try best to avoid overlap of input ground loop and output ground loop to prevent noise impact on output regulation. ? arrange a ?quiet? path for output voltage sense and feedback network, and make it surrounded by a ground plane. thermal layout considerations good thermal layout helps high power dissipation from a small package with reduced temperature rise. thermal layout guidelines are: ? the exposed pad must be well soldered on the board. ? a four or more layers pcb board with solid ground planes is preferred for better heat dissipation. ? more free vias are welcome to be around ic and/or underneath the exposed pad to connect the inner ground layers to reduce thermal impedance. ? use large area copper especially in top layer to help thermal conduction and radiation. ? do not put the inductor to be too close to the ic, thus the heat sources are distributed. a vin gnd vout gnd cin cin ?????????? ?????????? ?????????? ?????????? ?????????? ?????????? ?????????? ?????????? ??? ??? ??? ??? ??? ??? ??? ??? ??? ??? ??? ??? ??? ??? ??? ???
NCP6323, ncv6323 www. onsemi.com 15 package dimensions wdfn8 2x2, 0.5p case 511be?01 issue a notes: 1. dimensioning and tolerancing per asme y14.5m, 1994. 2. controlling dimension: millimeters. 3. dimension b applies to plated terminal and is measured between 0.15 and 0.30 mm from terminal tip. 4. coplanarity applies to the exposed pad as well as the terminals. ?? ?? a d e b c 0.10 pin one 2x reference 2x top view side view bottom view l d2 e2 c c 0.10 c 0.10 c 0.08 a1 seating plane 8x note 3 b 8x 0.10 c 0.05 c a b b dim min max millimeters a 0.70 0.80 a1 0.00 0.05 b 0.20 0.30 d 2.00 bsc d2 1.50 1.70 e 2.00 bsc e2 0.80 1.00 e 0.50 bsc l 0.20 0.40 1 4 8 *for additional information on our pb?free strategy and soldering details, please download the on semiconductor soldering and mounting techniques reference manual, solderrm/d. soldering footprint* 0.50 pitch 1.00 2.30 1 dimensions: millimeters 0.50 8x note 4 0.30 8x detail a a3 0.20 ref a3 a detail b l1 detail a l alternate constructions ?? ??? ??? ??? 0.15 outline package e recommended k 0.25 ref 5 1.70 k
NCP6323, ncv6323 www. onsemi.com 16 package dimensions wdfn8 2x2, 0.5p case 511bt issue o *for additional information on our pb?free strategy and soldering details, please download the on semiconductor soldering and mounting techniques reference manual, solderrm/d. soldering footprint* 0.50 pitch 1.00 2.30 1 dimensions: millimeters 0.50 8x 0.30 8x outline package recommended 1.70 notes: 1. dimensioning and tolerancing per asme y14.5m, 1994. 2. controlling dimension: millimeters. 3. dimension b applies to plated terminal and is measured between 0.15 and 0.30 mm from terminal tip. 4. coplanarity applies to the exposed pad as well as the terminals. ??? ??? ??? a d e b c 0.10 pin one 2x reference 2x top view side view bottom view l d2 e2 c c 0.10 c 0.10 c 0.08 a1 seating plane 8x note 3 b 8x 0.10 c 0.05 c a b b dim min max millimeters a 0.70 0.80 a1 0.00 0.05 b 0.20 0.30 d 2.00 bsc d2 1.50 1.70 e 2.00 bsc e2 0.80 1.00 e 0.50 bsc l 0.20 0.40 1 4 8 note 4 detail a a3 0.20 ref a3 a detail b l1 detail a l a1 a3 ?? ??? 0.15 e k 0.25 ref 5 k on semiconductor and the are registered trademarks of semiconductor components industries, llc (scillc) or its subsidia ries in the united states and/or other countries. scillc owns the rights to a number of pa tents, trademarks, copyrights, trade secret s, and other intellectual property. a listin g of scillc?s product/patent coverage may be accessed at www.onsemi.com/site/pdf/patent?marking.pdf. scillc reserves the right to make changes without further notice to any product s herein. scillc makes no warranty, representation or guarantee regarding the suitability of its products for any part icular purpose, nor does sci llc assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation special, consequential or incidental damages. ?typi cal? parameters which may be provided in scillc data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. all operating param eters, including ?typicals? must be validated for each customer application by customer?s technical experts. scillc does not convey any license under its patent rights nor the right s of others. scillc products are not designed, intended, or authorized for use as components in systems intended for surgic al implant into the body, or other applications intended to s upport or sustain life, or for any other application in which the failure of the scillc product could create a situation where personal injury or death may occur. should buyer purchase or use scillc products for any such unintended or unauthorized application, buyer s hall indemnify and hold scillc and its officers , employees, subsidiaries, affiliates, and dist ributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that scillc was negligent regarding the design or manufac ture of the part. scillc is an equal opportunity/affirmative action employer. this literature is subject to all applicable copyright laws and is not for resale in any manner. p ublication ordering information n. american technical support : 800?282?9855 toll free usa/canada europe, middle east and africa technical support: phone: 421 33 790 2910 japan customer focus center phone: 81?3?5817?1050 ncv6323/d literature fulfillment : literature distribution center for on semiconductor p.o. box 5163, denver, colorado 80217 usa phone : 303?675?2175 or 800?344?3860 toll free usa/canada fax : 303?675?2176 or 800?344?3867 toll free usa/canada email : orderlit@onsemi.com on semiconductor website : www.onsemi.com order literature : http://www.onsemi.com/orderlit for additional information, please contact your loc al sales representative


▲Up To Search▲   

 
Price & Availability of NCP6323

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X