Part Number Hot Search : 
M16C6N P3300 TOP246R PG1500 FSM11PL BD14010 BDT87 Q4015L5
Product Description
Full Text Search
 

To Download N82002MT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  om3 can support 40gbase-sr4 / 100gbase-sr10 in applicable parallel optics networks 10gb duplex multimode 50/125 om3 lszh fiber patch cable with push/pull tab connectors, (lc/lc) - aqua, 2m (6-ft.) model number: n820-02m-t description tripp lite's n820-02m-t is a premium om3 laser-optimized multimode fiber (lommf) "aqua" cable, for use with 10gbe applications. this 50/125um, lc/lc fiber optic cable provides nearly three times the bandwidth over conventional 62.5um multimode fiber, with performance rivaling that of singlemode cable, at a much reduced cost. each lc/lc connector features a push/pull tab, providing maximum accessibility in high density installations; install or remove the cable with one hand without needing additional tools. lommf cable allows 10gbe serial transmission over extended distances in the 850nm wavelength window, where low-cost vertical cavity surface emitting lasers (vcsels) enable a cost-effective, high-bandwidth solution. lommf is ideally suited for lan's, san's, and high-speed parallel interconnects for head-ends, central offices, and data centers. a slim, uniboot design provides space savings, while premium-grade ceramic ferrules are designed for 10gbe and faster applications. backward compatible with existing 50/125 fiber. sturdy plastic housing for long lasting durability. features 2m ( 6-ft ) lc/lc, om3 rated push/pull tab connectors offer maximum accessibility in high density installations; install / remove with one hand without needing additional tools slim uniboot design saves space and makes cables easier to manage premium-grade ceramic ferrule designed specifically for 10gbe and faster applications sturdy plastic housing for long-lasting durability 10gbe speed to 300 meters @850nm use with vcsel and led laser light sources high-speed, high-bandwidth, low-cost backward compatible with legacy lan's ideal for fibre channel (san) applications ieee 802.3ae and tia lommf compliant highlights push/pull tab connectors offer maximum accessibility in high density installations; install / remove with one hand without needing additional tools slim uniboot design saves space and makes cables easier to manage premium-grade ceramic ferrules designed specifically for 10gbe and faster applications sturdy plastic housing for long-lasting durability backward compatible with existing 50/125 fiber max 10gbe distance of 300 meters @850nm low-smoke, zero halogen (lszh) aqua jacket applications for use with 10-gigabit ethernet equipment package includes 2m ( 6-ft ) duplex multimode 50/125 aqua om3 fiber patch cable with push/pull tabs, lc/lc 1 / 2
specifications overview fiber type 50/125 - om3 cable type multimode; 10g/40g/100g input cable length (ft.) 7 cable length (m) 2 physical color aqua communications network speed 10gbps / 40gbps / 100gbps connections connector a lc with pull/push tab connector b lc with pull/push tab warranty product warranty period (worldwide) lifetime limited warranty ? 2015 tripp lite. all rights reserved. all trademarks are the sole property of their respective owners. tripp lite has a policy of continuous improvement. specifications are subject to change without notice. photos may differ slightly from final products. 2 / 2


▲Up To Search▲   

 
Price & Availability of N82002MT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X