Part Number Hot Search : 
220M400 PA5155 FM5004 MGA2812D SAA7327 OPI110B PZT2222 SS8012G
Product Description
Full Text Search
 

To Download MUR460 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ? semiconductor components industries, llc, 2006 july, 2006 ? rev. 11 1 publication order number: mur420/d mur405, mur410, mur415, mur420, mur440, MUR460 mur420 and MUR460 are preferred devices switchmode  power rectifiers these state?of?the?art devices are a series designed for use in switching power supplies, inverters and as free wheeling diodes. features ? ultrafast 25 ns, 50 ns and 75 ns recovery times ? 175 c operating junction temperature ? low forward voltage ? low leakage current ? high temperature glass passivated junction ? reverse voltage to 600 v ? shipped in plastic bags, 500 per bag ? available in tape and reel, 1500 per reel, by adding a ?rl?? suffix to the part number ? pb?free packages are available* mechanical characteristics: ? case: epoxy, molded ? weight: 1.1 gram (approximately) ? finish: all external surfaces corrosion resistant and terminal leads are readily solderable ? lead temperature for soldering purposes: 260 c max. for 10 seconds ? polarity: cathode indicated by polarity band *for additional information on our pb?free strategy and soldering details, please download the on semiconductor soldering and mounting techniques reference manual, solderrm/d. axial lead case 267 style 1 ultrafast rectifiers 4.0 amperes, 50?600 volts preferred devices are recommended choices for future use and best overall value. see detailed ordering and shipping information in the package dimensions section on page 3 of this data sheet. ordering information http://onsemi.com a = assembly location mur4xx = device number x = 05, 10, 15, 20, 40, 60 yy = year ww = work week  = pb?free package marking diagram a mur 4xx yyww   (note: microdot may be in either location) free datasheet http:///
mur405, mur410, mur415, mur420, mur440, MUR460 http://onsemi.com 2 maximum ratings rating symbol mur unit 405 410 415 420 440 460 peak repetitive reverse voltage working peak reverse voltage dc blocking voltage v rrm v rwm v r 50 100 150 200 400 600 v average rectified forward current (square wave) (mounting method #3 per note 2) i f(av) 4.0 @ t a = 80 c 4.0 @ t a = 40 c a nonrepetitive peak surge current (surge applied at rated load conditions, half wave, single phase, 60 hz) i fsm 125 110 a operating junction temperature & storage temperature t j , t stg  65 to +175 c stresses exceeding maximum ratings may damage the device. maximum ratings are stress ratings only. functional operation above t he recommended operating conditions is not implied. extended exposure to stresses above the recommended operating conditions may af fect device reliability. thermal characteristics rating symbol mur unit 405 410 415 420 440 460 maximum thermal resistance, junction?to?ambient r  ja see note 2 c/w electrical characteristics rating symbol mur unit 405 410 415 420 440 460 maximum instantaneous forward voltage (note 1) (i f = 3.0 a, t j = 150 c) (i f = 3.0 a, t j = 25 c) (i f = 4.0 a, t j = 25 c) v f 0.71 0.88 0.89 1.05 1.25 1.28 v maximum instantaneous reverse current (note 1) (rated dc voltage, t j = 150 c) (rated dc voltage, t j = 25 c) i r 150 5 250 10  a maximum reverse recovery time (i f = 1.0 a, di/dt = 50 a/  s) (i f = 0.5 a, i r = 1.0 a, i rec = 0.25 a) t rr 35 25 75 50 ns maximum forward recovery time (i f = 1.0 a, di/dt = 100 a/  s, recovery to 1.0 v) t fr 25 50 ns controlled avalanche energy (maximum) w aval 5 mj 1. pulse test: pulse width = 300  s, duty cycle  2.0%. free datasheet http:///
mur405, mur410, mur415, mur420, mur440, MUR460 http://onsemi.com 3 ordering information device package shipping ? mur405 axial lead* 500 units / bag mur405g axial lead* mur410 axial lead* mur410g axial lead* mur410rl axial lead* 1500 / tape & reel mur410rlg axial lead* mur415 axial lead* 500 units / bag mur415g axial lead* mur415rl axial lead* 1500 / tape & reel mur415rlg axial lead* mur420 axial lead* 500 units / bag mur420g axial lead* mur420rl axial lead* 1500 / tape & reel mur420rlg axial lead* mur440 axial lead* 500 units / bag mur440g axial lead* mur440rl axial lead* 1500 / tape & reel mur440rlg axial lead* MUR460 axial lead* 500 units / bag MUR460g axial lead* MUR460ff axial lead* 500 units / bag MUR460ffg axial lead* MUR460rl axial lead* 1500 / tape & reel MUR460rlg axial lead* ?for information on tape and reel specifications, including part orientation and tape sizes, please refer to our tape and reel packaging specifications brochure, brd8011/d. *these packages are inherently pb?free. free datasheet http:///
mur405, mur410, mur415, mur420, mur440, MUR460 http://onsemi.com 4 mur405, mur410, mur415, mur420 figure 1. typical forward voltage v f, instantaneous voltage (v) 0.3 0.6 0.4 0.8 30 0.1 0.3 0.2 2.0 1.0 100 20 7.0 3.0 0.5 5.0 50 , instantaneous forward current (amps) f v r , reverse voltage (v) 060 40 100 120 40 80 0.008 0.004 0.002 0.8 0.4 0.2 20 4.0 2.0 8.0 t j = 175 c i r 20 80 200 figure 2. typical reverse current t a , ambient temperature ( c) figure 3. current derating (mounting method #3 per note 2) figure 4. power dissipation 0 2.0 1.0 2.0 3.0 4.0 0 4.0 6.0 8.0 i f(av) , average forward current (a) p f(av) figure 5. typical capacitance 0.7 10 70 1.0 1.1 1.2 100 c t j = 175 c 25 c 160 180 140 0.08 0.04 0.02 , reverse current ( a)  100 c 25 c , average power dissipation (watts) dc squarewave i 1.0 3.0 5.0 7.0 5.0 6.0 7.0 8.0 0.2 0.5 0.7 0.9 200 20 30 40 10 v r , reverse voltage (v) c, capacitance (pf) 50 60 70 80 90 100 20 30 50 40 0 t j = 25 c 9.0 10 5.0 10 i pk i av (capacitive load) =20 0 1 2 3 4 5 6 7 8 0 20 40 60 80 100 120 140 160 180 20 0 rated v r r  ja = 28 c/w squarewave dc i f(av) , average forward current (a) free datasheet http:///
mur405, mur410, mur415, mur420, mur440, MUR460 http://onsemi.com 5 mur440, MUR460 figure 6. typical forward voltage v f, instantaneous voltage (volts) 0.5 1.1 0.7 1.5 0.03 0.1 0.3 0.2 2.0 1.0 0.02 20 7.0 3.0 0.5 5.0 0.05 , instantaneous forward current (amps) f v r , reverse voltage (volts) 0 200 100 400 40 80 0.008 0.004 200 0.8 0.4 0.2 20 4.0 2.0 8.0 t j = 175 c i r 300 700 figure 7. typical reverse current t a , ambient temperature ( c) figure 8. current derating (mounting method #3 per note 2) figure 9. power dissipation 0 2.0 2.0 4.0 6.0 8.0 0 4.0 6.0 8.0 i f(av) , average forward current (a) p f(av) figure 10. typical capacitance 0.7 10 0.07 1.9 2.1 2.3 100 c t j = 175 c 25 c 600 500 0.08 0.04 0.02 , reverse current ( a)  100 c 25 c , average power dissipation (watts) i pk i av dc squarewave i 1.0 3.0 5.0 7.0 10 12 14 0.3 0.9 1.3 1.7 40 20 30 4.0 10 v r , reverse voltage (volts) c, capacitance (pf) 5.0 6.0 7.0 8.0 9.0 10 20 30 50 40 0 t j = 25 c 400 9.0 10 5.0 10 (capacitive load) =20 0 20 40 60 80 100 120 140 160 180 20 0 0 1 2 3 4 5 6 7 8 rated v r r  ja = 28 c/w squarewave dc i f(av) , average forward current (a) free datasheet http:///
mur405, mur410, mur415, mur420, mur440, MUR460 http://onsemi.com 6 lead length, l (in) mounting method 1/8 1/4 1/2 units 1 2 3 50 58 r  ja 51 53 59 61 28 c/w c/w c/w typical values for r  ja in still air data shown for thermal resistance junction?to?ambient (r  ja ) for the mountings shown is to be used as typical guideline values for preliminary engineering or in case the tie point temperature cannot be measured. note 2 ? ambient mounting data mounting method 1 mounting method 2 mounting method 3 3/4 55 63 l l p.c. board where available copper surface area is small. p.c. board with 1?1/2 x 1?1/2 copper surface free datasheet http:///
mur405, mur410, mur415, mur420, mur440, MUR460 http://onsemi.com 7 package dimensions axial lead case 267?05 (do?201ad) issue g notes: 1. dimensioning and tolerancing per ansi y14.5m, 1982. 2. controlling dimension: inch. style 1: pin 1. cathode (polarity band) 2. anode 1 2 k a k d b dim min max min max millimeters inches a 0.287 0.374 7.30 9.50 b 0.189 0.209 4.80 5.30 d 0.047 0.051 1.20 1.30 k 1.000 ??? 25.40 ??? on semiconductor and are registered trademarks of semiconductor components industries, llc (scillc). scillc reserves the right to mak e changes without further notice to any products herein. scillc makes no warranty, representation or guarantee regarding the suitability of its products for an y particular purpose, nor does scillc assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including wi thout limitation special, consequential or incidental damages. ?typical? parameters which may be provided in scillc data sheets and/or specifications can and do vary in different application s and actual performance may vary over time. all operating parameters, including ?typicals? must be validated for each customer application by customer?s technical experts. scillc does not convey any license under its patent rights nor the rights of others. scillc products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the scillc product could create a sit uation where personal injury or death may occur. should buyer purchase or use scillc products for any such unintended or unauthorized application, buyer shall indemnify and hold scillc and its of ficers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, direct ly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that scillc was negligent regarding the design or manufacture of the part. scillc is an equal opportunity/affirmative action employer. this literature is subject to all applicable copyright laws and is not for resale in any manner. publication ordering information n. american technical support : 800?282?9855 toll free usa/canada europe, middle east and africa technical support: phone: 421 33 790 2910 japan customer focus center phone: 81?3?5773?3850 mur420/d switchmode is a trademark of semiconductor components industries, llc. literature fulfillment : literature distribution center for on semiconductor p.o. box 5163, denver, colorado 80217 usa phone : 303?675?2175 or 800?344?3860 toll free usa/canada fax : 303?675?2176 or 800?344?3867 toll free usa/canada email : orderlit@onsemi.com on semiconductor website : www.onsemi.com order literature : http://www.onsemi.com/orderlit for additional information, please contact your local sales representative free datasheet http:///


▲Up To Search▲   

 
Price & Availability of MUR460

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X