Part Number Hot Search : 
BS170 B82801B 10PBF SKIIP BYC10 C601D TISP4290 FDA16N50
Product Description
Full Text Search
 

To Download MS20001 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  product information and part numbers shown on these pages are not guaranteed correct by aviaquip pty. ltd and are subject to cha nge without notice. 8 MS20001 MS20001 structural extruded hinge material : material : aluminium alloy 2024 t - 3511 finish : finish : anodized or bare part numbers : part numbers : example - MS20001 - 4 - 7200 complete hing e - bare 72" long ms20 001p4 - 7200 complete hinge anodized finis h 72" long ms20257 ms20257 continuous hinge - folded standard length 72 inches other lengths available on request. dash number a ref width open d loop hole dia. +.005 p pitch pin diameter max. min. - 2 1.062 .056 .044 .495 .093 1.00? .090 - 3 1.250 - 4 1.500 - 5 1.750 - 6 2.000 - 8 2.000 .076 .064 .183 1.80 b (thickness) dash number for complete hinge a width open +.016 b thickness d loop +.001 - .008 hole diameter +.007 - .001 p pitch pin diameter (ref) stock length aluminium cres alum. alloy cres alum. alloy cres alum. alloy 3/ cres 4/ alum. alloy 1/ 2/ - 1 p1 c1 .750 .032 .031 .490 .066 .066 1.000 .063 .063 72? 72? - 2 p2 c2 1.062 .040 .037 .093 .093 .090 .090 - 3 p3 c3 1.250 .050 .121 .118 - 4 p4 c4 1.500 .062 - 5 p5 c5 2.000 .051 .183 .180 - 6 p6 c6 .064 1.990 .183 4.047 .180 cres - 1 = bare aluminium p = anodized c = corrosion resistant steel requirements: 1. 1. mater ial: aluminum alloy, 5052, h24 or h34 per 00 - a250/8. corrosion resistant steel per astm 2. 2. finish: aluminum alloy, anodized, mil - a - 0625 type ii or none, depending on coding. corrosion resistant steel: none example part numbers: ms20257 - 2 - 7200 = complete hinge alumnium alloy, 1.062 wide x 72 inches with cres pin unanodized long ms20257p2 - 7200 = complete hinge aluminum alloy anodized 1.062 wide x 72 inches wi th cad plated cres pin long ms20257c2 - 7200 = complete hinge corrosion resistant 1 steel 1.062 wide x 72 inches with cres pin long the marking ms20257 - (size dash number)shall be impressed in the hinge at regular intervals along the length of the hinge so that any three inch length will show at least one complete identification in figures not less than .06 incheshigh. depressed figures shall not exceed .010 inch in depth. designation foranodizing and length shall not be included in the marking.


▲Up To Search▲   

 
Price & Availability of MS20001

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X