Part Number Hot Search : 
BD5235G QL202GT QL202GT 1R5MC OM7664SC SKIC2001 TA75358P MM1674
Product Description
Full Text Search
 

To Download LQ035Q7DH07 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  240 320 portrait-mode transflective qvga lcd module featuring 270 nits brightness in transmissive mode, with contrast ratios of 80:1 in transmissive mode, and 3:1 in reflective mode. full specification listing. LQ035Q7DH07 lcd module product specification october 2009 lcd specification lcd group technical document

records of revision LQ035Q7DH07 spec no. date page summary note ld-21910a oct.2.2009 - - 1 st issue
ld-21910a-1 notice this publication is the proprietary of sharp and is copyrighte d, with all rights reserved. under the copyright laws, no part of this publication may be reproduced or transmitted in any form or by any means, electronic or mech anical for any purpose, in who le or in part, without the express written permission of sharp. expr ess written permission is also required before any use of this publication may be made by a third party. the application circuit examples in this publication are prov ided to explain the representative applications of sharp's devic es and are not intended to guarantee any circuit design or permit any indu strial property right or other rights to be executed. sharp takes no responsibility for any problems related to any industrial prop erty right or a third party resulting from the use of sharp's devices, except for those resulting directly from device manufacturing processes. in the absence of confirmation by device specification sheets, sharp takes no responsibility for any defects that occur in equipment using any of sharp's devices, shown in catalogs, data book s, etc. contact sharp in order to obtain the latest device specification sheets before using any sharp's device. sharp reserves the right to make changes in the specificati ons, characteristics, data, material s, structures and other conten ts described herein at any time without notice in order to improve design or reliability. contact sharp in order to obtain the lat est specification sheets before using any sharp' s device. manufacturing locations are also subject to change without notice. observe the following points when using any device in this publication. sharp takes no responsibility for damage caused by improper use of the devices. the devices in this publication are designed for use in general electronic equipment designs, such as: ?personal computers ?office automation ?telecommunication equipment ?test and measurement equipment ?industrial control ?audio visual and multimedia equipment ?consumer electronics ?pda the appropriate design measures should be taken to ensure reliability and safety when sharp's devices are used for equipment such as: ?transportation control and safety equipment (i.e., aircraft, trains, automobiles, etc.) ?traffic signals ?gas leakage sensor breakers ?alarm equipment ?various safety devices etc. sharp's devices shall not be used for equipment that requires extremely high level of reliability, such as: ?military and space applications ?nuclear power control equipment ?medical equipment for life support contact a sharp representative, in advance, when intending to use sharp's devices for any "speci fic" applications other than those recommended by sharp. contact and consult with a sharp repr esentative if there are any questions about the contents of this publication.
ld-21910a-2 (1) application this specification applies to LQ035Q7DH07 (2) overview this module is a color active matrix lcd module incorpor ating amorphous silicon tft (thin film transistor), named ad-tft (advanced tft). it is practicable in both transmissive -type and reflection-type modes. it is composed of a color tft-lcd panel, driver ics, an fpc, a back light, and a back s ealed casing. it isn?t composed control circuit. graphics and texts can be displayed on a 2403320 dots panel with 262,144 colors by supplying. optimum view angle is 6 o?clock. an inverted display mode is selective in the vertical or the horizontal direction. (3) mechanical specifications table 1 note 3-1 excluding protrusion, including fpc cover portion for detailed measurements and tole rances, please refer to fig. 1. (4) pixel configuration parameter specifications units remarks screen size (diagonal) 8.9 [3.52?] diagonal cm display active area 53 .64(h)71.52(v) mm pixel format 240(h)320(v) (1 pixel = r+g+b dots) pixels pixel pitch 0.2235(h)0.2235(v) mm pixel configuration r,g,b vertical stripe unit outline dimension 65.0(w)86.2(h)3.2(d) mm note3-1 mass 34 g typ. surface hardness 3h (1,320) (240,320) (240,1) (1,1) r g b display area fpc
ld-21910a-3 (5) input/output terminal 5-1) tft-lcd panel driving section table2 recommendation cn hirose fh12a-50s-0.5sh(55) or fh12-50s-0.5sh(55) pin no. symbol i/o description remarks 1 vl1 i power supply for led (high voltage) 2 nc - 3 vl2 i power supply for led (low voltage) 4 vee - power supply of gate driver(low level) 5 vshd - power supply of digital 6 dgnd - ground(digital) 7 cls i clock signal of gate driver 8 dgnd - ground(digital) 9 sps i start signal of gate driver 10 u/l i selection for vertical scanning direction note5-1 11 mod i control signal of gate driver note5-2 12 vdd - power supply of gate driver(high level) 13 vcom i common electrode driving signal 14 dgnd - ground(digital) 15 spr i/o sampling start signal 16 dgnd - ground(digital) 17 vsha - power supply(analog) 18 lbr i selection for horizontal scanning direction note5-3 19 ps i power save signal (please don?t carry out use by ?low? fixation) 20 rev i reverse control signal note5-4 21 dgnd - ground(digital) 22 b5 i blue data signal(msb) 23 b4 i blue data signal 24 b3 i blue data signal 25 b2 i blue data signal 26 b1 i blue data signal 27 b0 i blue data signal(lsb) 28 lp i data latch signal of source driver 29 dgnd - ground(digital) 30 spl i/o sampling start signal 31 dgnd - ground(digital) 32 dclk i data sampling clock signal 33 dgnd - ground(digital) 34 g5 i green data signal(msb) 35 g4 i green data signal 36 g3 i green data signal 37 g2 i green data signal 38 g1 i green data signal 39 g0 i green data signal(lsb)
ld-21910a-4 pin no. symbol i/o description remarks 40 dgnd - ground(digital) 41 r5 i red data signal(msb) 42 r4 i red data signal 43 r3 i red data signal 44 r2 i red data signal 45 r1 i red data signal 46 r0 i red data signal(lsb) 47 agnd - ground(analog) 48 com o produce rev signal with the amplitude of agnd-vsha note5-4 49 dgnd - ground(digital) 50 dgnd - ground(digital) note5-1 selection for vertical scanning direction u/l scanning direction (pixel configuration) low normal scanning ( x , 1 ) ( x , 320 ) high inverted scanning ( x , 1) ( x , 320) note5-2 see section(7-1)-(a) ? cautions when you turn on or off the power supply?. note5-3 selection for horizontal scanning direction lbr spl spr scanning direction (pixel configuration) high input output normal scanning (1,y) (240,y) low output input inverted scanning (1,y) (240,y) note5-4 w ? w ? rev(in) com(out) vsha agnd vcom(in)
ld-21910a-5 (6)absolute maximum ratings table 3 parameter symbol condition ratings unit remark power supply(source/analog) vsha ta=25 ? c -0.3 to +7.0 v power supply(source/digital) vshd ta=25 ? c -0.3 to +7.0 v power supply (gate) vdd ta=25 ? c -0.3 to +35.0 v power supply (gate) vdd - vee ta=25 ? c -0.3 to +35.0 v input voltage (digital) vid ta=25 ? c -0.3 to vshd+0.3 v [terminal a] operating temperature (panel surface) topp - -10 to +70 ? c note6 storage temperature tstg - -25 to +70 ? c note6 [terminal a] mod,u/l,sps,cls,spl,r0 to r5,g0 to g5,b0 to b5,lp,dclk,lbr,spr,ps,rev note6 humidity: 95%rh max.(at ta 40 ? c). maximum wet-bulb temperature is less than 39 ? c (at ta > 40 ? c). condensation of dew must be avoided. humidity guarantee range wet-bulb temperature:39 0 20 40 60 80 100 0 10 20 30 40 50 60 70 circumference temperature[] relative humidity[%] the maximum humidity in the temperature
ld-21910a-6 (7)electrical characteristics 7-1) recommended operating conditions a) tft-lcd panel driving section table 4 gnd=0v parameter symbol min. typ. max. unit remarks supply voltage for source driver (analog) v sha +4.5 +5.0 +5.5 v supply voltage for source driver (digital) v shd +3.0 +3.3 +3.6 v high voltage v dd +14.5 +15.0 +15.5 v supply voltage for gate driver low voltage v ee -10.5 -10.0 -9.5 v input voltage for source driver (low) v ils gnd - 0.2v shd v note 7-1 input voltage for source driver (high) v ihs 0.8v shd - v shd v note 7-1 input current for so urce driver (low) i ils - - 30 a note 7-1 i ihs1 - - 30 a note 7-2 input current for source driver (high) i ihs2 - - 1200 a note 7-3 input voltage for gate driver (low) v ilg gnd - 0.2v shd v note 7-4 input voltage for gate driver (high) v ihg 0.8v shd - v shd v note 7-4 input current for gate driver (low) i ilg - - 4 a note 7-4 input current for gate driver (high) i ihg - - 4 a note 7-4 ac component v comac - 2.5 2.6 v p-p note 7-5 common electrode driving signal dc component v comdc -0.8 +0.2 +1.2 v note 7-5 cautions when you turn on or off the power supply turn on or off the power supply with simultaneously or the following sequence. the input signal of ?mod? terminals (pin no.11) must be low voltage when turning on the power supply, and it is held until more than double vertical periods after data are turned on completely. after then, it must be held high voltage until turning off the power supply. (connect pin no.11 terminals to the same signal.) note 7-1 dclk,spl,spr,lbr,lp,ps,rev,r0 to r5,g0 to g5 and b0 to b5 terminals are applied. note 7-2 dclk,spl,spr,lbr,lp,rev,r0 to r5,g0 to g5 and b0 to b5 terminals are applied. note 7-3 ps terminal is applied. note 7-4 mod,cls,sps and u/l te rminals are applied. note 7-5 vcomac should be alternated on vcomdc every 1 horizontal period and 1 vertical period. vcomdc bias is adjusted so as to minimize flicker or maximum contrast every each module. data gnd mod vee vshd vsha vdd gnd gnd 0Qt1 0Qt2 0Qt3 0Qt4 0Qt5 0Qt6 0Qt7 0Qt8 2vQtmod 10% 90% 90% 10% 10% 90% 10% 10% 90% 90% 90% 10%
ld-21910a-7 b) back light driving section table 5 ta=25 ? c parameter symbol min typ max units remarks terminal led voltage v l - 19.2 21.6 v led current i l - 20 22 ma power consumption w l - 0.384 - w note 7-6 note 7-6 calculated reference value(i l v l ) 7-2) timing characteristics of input signals table 6 ac characteristics (1) (v sha =+5v, v shd =+3.3v, ta=25 ? c) parameter symbol min. typ. max. unit remark clock frequency of source driver fck 4.5 - 6.8 mhz rising time of clock tcr - - 20 ns falling time of clock tcf - - 20 ns pulse width (high level) tcwh 40 - - ns pulse width (low level) tcwl 40 - - ns dclk frequency of start pulse fsp 16.5 - 28 khz setup time of start pulse tsusp 15 - - ns hold time of start pulse thsp 10 - - ns pulse width of start pulse twsp - - 1.5/f ck ns spl, spr note 7-7 setup time of latch pulse tsulp 20 - - ns hold time of latch pulse thlp 20 - - ns lp pulse width of latch pulse twlp 60 - - ns setup time of ps tsups 0 - - s setup time of ps tsulps 1 - - s hold time of ps thps 0 - - s source driver hold time of ps thlps 30 - - ns ps set up time of data tsud 15 - - ns hold time of data thd 10 - - ns r0 to r5,g0 to g5 ,b0 to b5 clock frequency fcls 16.5 - 28 khz pulse width of clock(low) twlcls 5 - (1/fcls)-30 s pulse width of clock(high) twhcls 30 - - s rising time of clock trcls - - 100 ns falling time of clock tfcls - - 100 ns setup time of clock tsucls 3 - - s hold time of clock thcls 0 - - s cls frequency of start pulse fsps 58 - 86 hz setup time of start pulse tsusps 100 - - ns hold time of start pulse thsps 300 - - ns rising time of start pulse trsps - - 100 ns gate driver falling time of start pulse tfsps - - 100 ns sps setup time of vcom tsuvcom 0 - - s vcom vcom hold time of vcom thvcom 1 - - s note 7-7 there must be only one up-edge of dclk (includes tsusp and thsp time) in the period of spl=?hi?.
fig.(a) horizontal timing chart fcls 1 t wlp t susp t hsp (1,n) (2,n) (240,n) (1,n+1) t wlp t hlp t sulp t sud t hd t cwl t cwh t ch t cr 80% 20% 80% 20% 80% 2 240 t wsp t wh t wl dclk lp spl r0 to r5 g0 to g5 b0 to b5 cls ps vcom t hcls t sucls t sups t hps t suvcom t hvcom 1 tsulps thlps . &       #   
fig.(b) vertical timing chart 1 t susps 80% cls sps 2 8 9 327 t hsps t rcls t fcls t rsps t fsps 20% 20% 20% 80% 80% 20% 20% (1240,1) (1240,2) (1240,320) 1 2 t wlcls t whcls 20% 80% line1 line2 line320 fs p s 1 r0 to r5 g0 to g5 b0 to b5 non-display period non-display period . &       #   
ld-21910a-10 7-3) power consumption measurement condition: sps=60hz, cls=15 .73khz, spl=15.73khz, dclk=6.3mhz the term of ps=?lo? in one horizontal period ? 37 sec (234dclk) ta=25 ? c table 7 when normal scan mode parameter sym conditions min. typ. max. unit remarks analog i sha v sha =+5.0v 3.0 6.0 ma note 7-8 source current digital i shd v shd =+3.3v 1.5 3.0 ma note 7-8 high i dd v dd =+15.0v 0.05 0.10 ma note 7-9 gate current low i ee v ee =-10.0v -0.05 -0.10 ma note 7-9 note 7-8 vertical stripe pattern alternating 21 gray scal e (gs21) with 42 gray scale (gs42) every 1 dot. note 7-9 64-gray-bar vertical pattern (gs0 to gs63 for horizontal way)
ld-21910a-11 (8)input signals, basic display co lor and gray scale of each color table 8 colors & data signal gray scale gray scale r0 r1 r2 r3 r4 r5 g0 g1 g2 g3 g4 g5 b0 b1 b2 b3 b4 b5 black - 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 blue - 0 0 0 0 0 0 0 0 0 0 0 0 1 1 1 1 1 1 green - 0 0 0 0 0 0 1 1 1 1 1 1 0 0 0 0 0 0 cyan - 0 0 0 0 0 0 1 1 1 1 1 1 1 1 1 1 1 1 red - 1 1 1 1 1 1 0 0 0 0 0 0 0 0 0 0 0 0 magenta - 1 1 1 1 1 1 0 0 0 0 0 0 1 1 1 1 1 1 yellow - 1 1 1 1 1 1 1 1 1 1 1 1 0 0 0 0 0 0 basic color white - 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 black gs0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 ? gs1 1 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 darker gs2 0 1 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 ? ? brighter gs61 1 0 1 1 1 1 0 0 0 0 0 0 0 0 0 0 0 0 ? gs62 0 1 1 1 1 1 0 0 0 0 0 0 0 0 0 0 0 0 gra y scale of red red gs63 1 1 1 1 1 1 0 0 0 0 0 0 0 0 0 0 0 0 black gs0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 ? gs1 0 0 0 0 0 0 1 0 0 0 0 0 0 0 0 0 0 0 darker gs2 0 0 0 0 0 0 0 1 0 0 0 0 0 0 0 0 0 0 ? ? brighter gs61 0 0 0 0 0 0 1 0 1 1 1 1 0 0 0 0 0 0 ? gs62 0 0 0 0 0 0 0 1 1 1 1 1 0 0 0 0 0 0 gra y scale of g reen green gs63 0 0 0 0 0 0 1 1 1 1 1 1 0 0 0 0 0 0 black gs0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 ? gs1 0 0 0 0 0 0 0 0 0 0 0 0 1 0 0 0 0 0 darker gs2 0 0 0 0 0 0 0 0 0 0 0 0 0 1 0 0 0 0 ? ? brighter gs61 0 0 0 0 0 0 0 0 0 0 0 0 1 0 1 1 1 1 ? gs62 0 0 0 0 0 0 0 0 0 0 0 0 0 1 1 1 1 1 gra y scale of bleu bleu gs63 0 0 0 0 0 0 0 0 0 0 0 0 1 1 1 1 1 1 0: low level voltage 1: high level voltage each basic color can be displayed in 64 gray scales from 6 bit data signals. according to the combination of total 18 bit data signals, the 262,144-color display can be achieved on the screen.
ld-21910a-12 (9)optical characteristics 9-1)not driving the back light condition table 9 (v sha =+5v, v shd =+3.3v, v dd =+15v, v ee =-10v, ta=25 ? c) parameter symbol condition min. typ. max. unit remarks ? 21,22 35 50 - degree [note 9-1,2] ? 11 cr ? 1.5 35 50 - degree viewing angle range ? 12 35 50 - degree contrast ratio crmax ? =0 ? 2 3 - [note 9-2,4] rise ? r - 30 60 ms [note 9-3] response time fall ? d - 50 100 ms x 0.273 0.323 0.373 [note 9-4] white chromaticity y ? =0 ? 0.303 0.353 0.403 x 0.310 0.360 0.410 red chromaticity y 0.267 0.317 0.367 x 0.257 0.307 0.357 green chromaticity y 0.322 0.372 0.422 x 0.194 0.244 0.294 blue chromaticity y 0.222 0.272 0.322 reflection ratio r ? =0 ? 2.5 4 - % [note 9-5] * the measuring method of the optical characteristics is shown by the following figure. * a measurement device is otsuka luminance meter lcd5000. (with the diffusion reflection unit.) center of display measuring method (a) for optical characteristics photodetector (with luminosity correction system) lcd module chemical coated surface (optical diffusion treatment) a diffusion beam a diffusion beam normal line a beam (through an optical fiber)
ld-21910a-13 9-2)driving the back light condition table 10 (v sha =+5v, v shd =+3.3v, v dd =+15v, v ee =-10v, ta=25 ? c) parameter symbol condition min typ max unit remarks ? 21,22 30 40 - degree [note 9-1,2,6] ? 11 cr ? 2 40 50 - degree viewing angle range ? 12 30 40 - degree contrast ratio crmax ? = 0 ? 50 80 - [note 9-2] rise ? r - 30 60 ms [note 9-3] response time fall ? d - 50 100 ms x 0.250 0.300 0.350 white chromaticity y 0.280 0.330 0.380 x 0.470 0.520 0.570 red chromaticity y 0.280 0.330 0.380 x 0.280 0.330 0.380 green chromaticity y 0.430 0.480 0.530 x 0.110 0.160 0.210 blue chromaticity y 0.140 0.190 0.240 brightness y ? = 0 ? 180 250 - cd/m2 i l =20ma led life time ll i l =20ma 5,000 hour [note 9-7] * the measuring method of the optical characteristics is shown by the following figure. * a measurement device is topcon luminance meter bm-5(a) (viewing cone 1) or sr-3. measuring method (c) for optical characteristics photodetector(including luminosity facter) center lcd module
ld-21910a-14 [note 9-1] viewing angle range is defined as follows. oclock direction 12 22 11 21 normal line definition for viewing angle [note 9-2] definition of contrast ratio: the contrast ratio is defined as follows: black(gs0) pixels all h output wit ter photodetec 3) white(gs6 pixels all h output wit ter photodetec (cr) ratio contrast ? v comac =5.0v p-p [note 9-3] definition of response time: the response time is defined as the following figure and shall be measured by switching the input signal for "black" and "white". 0% 10% 90% 100% black white white d r time photodetecter output (arbitrary unit)  [note 9-4] a measurement device is minolta cm-2002. [note 9-5] definition of reflection ratio: board white standard by the reflection the of level detected light module lcd by the reflection the of level detected light ratio reflection ? [note 9-6] a measurement device is eldim ezcontrast [note 9-7] this is the reference value. the white-led life time is defined as a time when brightness not to become under 50% of the original value. (at ta=25 ? c)
ld-21910a-15 (10) display quality the display quality of the color tft-lcd module shall be in compliance with the incoming in spection standards for tft-lcd. (11) mechanical characteristics 11-1) external appearance see fig. 1 11-2) fpc (for lcd panel) characteristics (1)specific connector fh12a-50s-0.5sh(55) or fh12-50s-0.5sh(55) (hirose) (2) bending endurance of the bending slits portion no line of the fpc is broken for the bending test (bending radius=0.6mm and angle=90) in 30 cycles. (12) handling precautions 12-1) insertion and taking out of fpcs (1) be sure to turn off the power supply when inserting or disconnecting the fpc. (2) please insert fpc in the connector carefully so that the tension should not hang. 12-2) handling of fpcs the fpc for lcd panel shall be bent only slit portion. the be nding slit shall be bent uniformly on the whole slit portion with bending radius larger than 0.6mm, and only inner side (back side of the module). don?t bend it outer side (display surface side). don?t give the fpcs too large force, for example, hanging the module with holding fpc. 12-3) installation of the module on mounting the module, be sure to fix the module on the same plane. taking care not to warp or twist the module. 12-4) precautions when mounting (3) if water droplets and oil attaches to it for a long time, discoloration and staining occurs. wipe them off immediately. (4) glass is used for the tft-lcd panel. if it is dropped or bumped against a hard object, it may be broken. handle it with sufficient care. (5) since cmos lsi is used in this module, take care of static electricity and injure the human earth when handling. observe all other precautionary requirements in handling components. 12-5) others (1) do not expose the lcd panel to direct sunlight. lightproof shade etc. should be attached when lcd panel is used under such environment. the panel characteristic might be deteriorated and the display fineness decrease when strong light is irradiated to the liquid crystal panel. (2) if it is kept at a temperature below the rated storage temper ature, it becomes coagulated and the panel may be broken. also, if it is kept at a temperature above the rated storage temperature, it becomes isotropic liquid and does not return to its original state. therefore, it is desirable to keep it at room temperature as much as possible. (3) if the lcd breaks, don?t put internal liquid crystal into the mout h. rinse it as soon as possible if it gets inside your eye or mouth by mistake. when the liquid crystal sticks to the hands, feet and clothes, wash it out immediately. (4) wipe off water drop or finger grease immediately. long contact with water may cause discoloration or spots. (5) observe general precautions for all electronic components. (6) vcom must be adjusted on condition of your final product. no adjustment causes the deterioration for display quality. (7) static image should not be displayed more than 5 minutes in order to prevent from occurrence of afterimage. (8) since the front polarizer is easily damaged, pay attention not to scratch it. blow away dust on the polarizer with antistatic 2 blow. it is undesirable to wipe off because a polari zer is sensitive. it is reco mmended to peel off softly using the adhesive tape when soil or finger oil is stuck to the polarizer. when unavoidable, wipe off carefully with a cloth for wiping lenses. (9) in case of attaching protective board over the lcd, be ca reful about the optical interface fringe etc. which degrades
ld-21910a-16 display quality. (10) when handling lcd modules and assembling them into cabinets, that long-terms storage in the environment of oxidization or deoxidization gas and the use of such materials as reagent, solvent, adhesive, resin, etc. which generate these gasses, causes corrosion and discoloration of the modules. therefore, please avoid these uses. epoxy resin (amine series curing agent), silicone adhesive material (dealcoholi zation series and oxime series), tray forming agent (azo compound) etc, in the cabinet or the packing materials may induce abnormal display with polarizer film deterioration regardless of contact or no contact to polarizer film. be sure to confirm the component of them. (11) the led used for this product is very sensitive to the temp erature. luminance decreases rapidly when it issued for a long time under the environment of th e high temperature. please consult our company when it is used under the environment like the above mentioned. (12) notice: never dismantle the module, because it will cause failu re. moreover, please do not peel off the tapes other than the creped paper tape (yellow tape) of a protection film pasted to the product. (13) if a minute particle enters in the module and adheres to an optical material, it may cause display non-uniformity issue, etc. therefore, fine-pitch filters have to be installed to cooling and inhalation hole if you intend to install a fan.
ld-21910a-17 (13) reliability test conditions for tft-lcd module table 11 no. test items test conditions 1 high temperature storage test ta=+70 ? c 240h 2 low temperature storage test ta=-25 ? c 240h 3 high temperature and high humidity operating test tp=+40 ? c , 95%rh 240h (but no condensation of dew) 4 high temperature operating test tp=+70 ? c 240h 5 low temperature operating test tp=-10 ? c 240h 6 electro static discharge test 200v/200pf(0 ? ) to terminals(contact) (1 time for each terminals) 8kv/150pf(330 ? ) to housing bezel (contact) 15kv/150pf(330 ? ) to housing bezel(in air) 7 shock tset 980 m/s2, 6 ms x, y, z 3 times for each direction (jis c0041, a-7 condition c) 8 vibration test frequency range: 10hz to 55hz stroke: 1.5 mm sweep: 10hz to 55hz x,y,z 2 hours for each direction (total 6 hours) (jis c0040,a-10 condition a) 9 heat shock test ta=-25 to +70 ? c / 5 cycles (1h) (1h) 10 fpc bending test bending 30 times by bending radius r0.6mm and angle=90 ? (lcd fpc) note ta = ambient temperature, tp = panel temperature check items test no.1 to 9: in the standard condition, there shall be no pr actical problems that may affect the display function. (14) others 14-1) indication of lot number the lot number is shown on a label. attached location is shown in fig.1 (outline dimensions). LQ035Q7DH07 n model no. lot no. 14-2) used regulation of chemical substances breaking ozone stratum substances with the object of regulating: cfcs, carbon tetrachloride, halon 1,1,1-trichloro ethane (methyl chloroform) (a) this lcd module, constructed part and parts don?t contain the above substances. (b) this lcd module, constructed part and parts don?t contain the above substances in processes of manufacture. 14-3) if some problems arise about menti oned items in this document and other ite ms, the user of the tft-lcd module and sharp will cooperate and make efforts to solve th e problems with mutual respect and good will.
ld-21910a-18 (15) forwarding form (see fig.2 package form) a) piling number of cartons : max 8 b) package quality in one cartons : 100pcs c) carton size : 575mm 332mm 209mm d) total mass of 1 carton fille d with full modules: 7450g conditions for storage environment (1)temperature: 0 to 40 ? c (2)humidity: 60%rh or less (at 40 ? c) no dew condensation at low temperature and high humidity. (3)atmosphere: harmful gas, such as acid or alkali which bites electronic components and/or wires, must not be detected. (4)period: about 3 months (5)opening of the package: in order to prevent the lcd module from breakdown by electrostatic charges, please control the room humidity over 50%rh and open the package taking sufficient countermeasures against electrostatic charges, such as earth, etc


ld-21910a north america sharp microelectronics of the americas 5700 nw pacific rim blvd. camas, wa 98607, u.s.a. phone: (1) 360-834-2500 fax: (1) 360-834-8903 www.sharpsma.com taiwan sharp electronic components (taiwan) corporation 8f-a, no. 16, sec. 4, nanking e. rd. taipei, taiwan, republic of china phone: (886) 2-2577-7341 fax: (886) 2-2577-7326/2-2577-7328 china sharp microelectronics of china (shanghai) co., ltd. 28 xin jin qiao road king tower 16f pudong shanghai, 201206 p.r. china phone: (86) 21-5854-7710/21-5834-6056 fax: (86) 21-5854-4340/21-5834-6057 head office: no. 360, bashen road, xin development bldg. 22 waigaoqiao free trade zone shanghai 200131 p.r. china email: smc@china.global.sharp.co.jp europe sharp microelectronics europe division of sharp electronics (europe) gmbh sonninstrasse 3 20097 hamburg, germany phone: (49) 40-2376-2286 fax: (49) 40-2376-2232 www.sharpsme.com singapore sharp electronics (singapore) pte., ltd. 438a, alexandra road, #05-01/02 alexandra technopark, singapore 119967 phone: (65) 271-3566 fax: (65) 271-3855 korea sharp electronic components (korea) corporation rm 501 geosung b/d, 541 dohwa-dong, mapo-ku seoul 121-701, korea phone: (82) 2-711-5813 ~ 8 fax: (82) 2-711-5819 japan sharp corporation electronic components & devices 22-22 nagaike-cho, abeno-ku osaka 545-8522, japan phone: (81) 6-6621-1221 fax: (81) 6117-725300/6117-725301 www.sharp-world.com hong kong sharp-roxy (hong kong) ltd. level 26, tower 1, kowloon commerce centre, no. 51, kwai cheong road, kwai chung, new territories, hong kong phone: (852) 28229311 fax: (852) 28660779 www.sharp.com.hk shenzhen representative office: room 602-603, 6/f., international chamber of commerce tower, 168 fuhua rd. 3, cbd, futian district, shenzhen 518048, guangdong, p.r. china phone: (86) 755-88313505 fax: (86) 755-88313515 specifications are subject to change without notice. suggested applications (if any) are for standard use; see important restrictions for limitations on special applications. see limited warranty for sharps product warranty. the limited warranty is in lieu, and exclusive of, all other warranties, express or implied. all express and implied warranties, including the warranties of merchantability, fitness for use and fitness for a particular purpose, are specifically excluded. in no event will sharp be liable, or responsible in any way , for any incidental or consequential economic or property damage. sharp mic sharoceltntlsftma mel5atls7ramli0eaf


▲Up To Search▲   

 
Price & Availability of LQ035Q7DH07

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X