Part Number Hot Search : 
1N3327RB MH88612 NJM211 4051C NJM211 AD7244 12015 FN2463
Product Description
Full Text Search
 

To Download HRP80N06K Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  semihow rev.a0,december 2014 HRP80N06K bv dss = 60 v r ds(on) typ = 6.3m i d = 114 a features absolute maximum ratings t c =25 unless otherwise specified HRP80N06K 60v n - channel trench mosfet ? originative new design ? superior avalanche rugged technology ? excellent switching characteristics ? unrivalled gate charge : 90 nc (typ.) ? extended safe operating area ? lower r ds(on) : 6.3 m (typ.) @v gs =10v ? 100 % avalanche tested december 2014 thermal resistance characteristics 1.gate 2. drain 3. source 2 1 3 to- 220 symbol parameter value units v dss drain - source voltage 60 v i d drain current ? continuous (t c = 25 ) 114 a drain current ? continuous (t c = 100 ) 80 a i dm drain current ? pulsed (note 1) 400 a v gs gate - source voltage 25 v e as single pulsed avalanche energy (note 2) 340 mj e ar repetitive avalanche energy (note 1) 20 mj p d power dissipation (t c = 25 ) - derate above 25 200 w 1.33 w/ t j , t stg operating and storage temperature range - 55 to +175 t l maximum lead temperature for soldering purposes, 1/8? from case for 5 seconds 300 symbol parameter typ. max. units r jc junction -to - case -- 0.75 /w r cs case -to - sink 0.5 -- r ja junction -to - ambient -- 62.5
semihow rev.a0,december 2014 HRP80N06K electrical characteristics t j =25 c unless otherwise specified i s continuous source - drain diode forward current -- -- 114 a i sm pulsed source - drain diode forward current -- -- 400 v sd source - drain diode forward voltage i s = 30 a, v gs = 0 v -- -- 1.3 v trr reverse recovery time i s = 30 a, v gs = 0 v di f / dt = 100 a/ s -- 70 -- ? qrr reverse recovery charge -- 100 -- nc symbol parameter test conditions min typ max units on characteristics bv dss drain - source breakdown voltage v gs = 0 v, i d = 250 ? 60 -- -- v i dss zero gate voltage drain current v ds = 48 v, v gs = 0 v -- -- 1 ? v ds = 48 v, t j = 125 -- -- 100 ? i gss gate - body leakage current v gs = 25 v, v ds = 0 v -- -- 100 ? off characteristics c iss input capacitance v ds = 25 v, v gs = 0 v, f = 1.0 mhz -- 4100 -- ? c oss output capacitance -- 370 -- ? c rss reverse transfer capacitance -- 260 -- ? r g gate resistance v gs = 0 v, v ds = 0 v, f = 1mhz -- 1.6 -- ? dynamic characteristics t d(on) turn - on time v ds = 30 v, i d = 30 a, r g = 6 ? -- 55 -- ? t r turn - on rise time -- 65 -- ? t d(off) turn - off delay time -- 140 -- ? t f turn - off fall time -- 50 -- ? q g total gate charge v ds = 48 v, i d = 30 a, v gs = 10 v -- 90 -- nc q gs gate - source charge -- 20 -- nc q gd gate - drain charge -- 30 -- nc switching characteristics source - drain diode maximum ratings and characteristics v gs gate threshold voltage v ds = v gs , i d = 250 ? 2.2 -- 3.8 v r ds(on) static drain - source on - resistance v gs = 10 v, i d = 30 a -- 6.3 8 m? g fs forward transconductance v ds = 20, i d = 30 a -- 80 -- s notes : 1. repetitive rating : pulse width limited by maximum junction temperature 2. l=1mh, i as =20a , v dd =25v, r g =25 ? , starting t j =25 c
semihow rev.a0,december 2014 HRP80N06K typical characteristics figure 1. on region characteristics figure 2. transfer characteristics figure 3. on resistance variation vs drain current and gate voltage figure 4. body diode forward voltage variation with source current and temperature figure 5. capacitance characteristics figure 6. gate charge characteristics 10 0 10 1 10 1 10 2 v gs top : 15 v 10 v 8 v 7 v 6 v 5.5 v 5 v bottom : 4.5 v * notes : 1. 300us pulse test 2. t c = 25 o c i d , drain current [a] v ds , drain-source voltage [v] 10 -1 10 0 10 1 0 1000 2000 3000 4000 5000 6000 c iss = c gs + c gd (c ds = shorted) c oss = c ds + c gd c rss = c gd * note ; 1. v gs = 0 v 2. f = 1 mhz c rss c oss c iss capacitances [pf] v ds , drain-source voltage [v] 0.0 0.4 0.8 1.2 1.6 2.0 0.1 1 10 100 25 o c * notes : 1. v gs = 0v 2. 300us pulse test v sd , source-drain voltage [v] i dr , reverse drain current [a] 175 o c 0 50 100 150 200 250 5.5 6.0 6.5 7.0 7.5 8.0 8.5 9.0 9.5 v gs = 10v ? note : t j = 25 o c r ds(on) [m ? ], drain-source on-resistance i d , drain current [a] 0 20 40 60 80 100 0 2 4 6 8 10 12 v ds = 48v i d = 30a v gs , gate-source voltage [v] q g , total gate charge [nc] 2 4 6 8 10 0.1 1 10 100 25 o c * notes : 1. v ds = 20v 2. 300us pulse test v gs , gate-source voltage [v] i d , drain current [a] 175 o c
semihow rev.a0,december 2014 HRP80N06K typical characteristics (continued) figure 7. breakdown voltage variation vs temperature figure 8. on - resistance variation vs temperature figure 9. maximum safe operating area figure 10. maximum drain current vs case temperature figure 11. transient thermal response curve 10 -1 10 0 10 1 10 2 10 -2 10 -1 10 0 10 1 10 2 10 3 dc 10 ms 1 ms 100 s operation in this area is limited by r ds(on) * notes : 1. t c = 25 o c 2. t j = 175 o c 3. single pulse i d , drain current [a] v ds , drain-source voltage [v] 25 50 75 100 125 150 175 0 25 50 75 100 125 i d , drain current [a] t c , case temperature [ o c] t 2 t 1 p dm 10 -5 10 -4 10 -3 10 -2 10 -1 10 0 10 1 10 -2 10 -1 10 0 * notes : 1. z jc (t) = 0.75 o c/w max. 2. duty factor, d=t 1 /t 2 3. t jm - t c = p dm * z jc (t) single pulse d=0.5 0.02 0.2 0.05 0.1 0.01 z jc (t), thermal response t 1 , square wave pulse duration [sec] -100 -50 0 50 100 150 200 0.8 0.9 1.0 1.1 1.2 ? note : 1. v gs = 0 v 2. i d = 250 a bv dss , (normalized) drain-source breakdown voltage t j , junction temperature [ o c] -100 -50 0 50 100 150 200 0.0 0.5 1.0 1.5 2.0 2.5 ? note : 1. v gs = 10 v 2. i d = 30 a r ds(on) , (normalized) drain-source on-resistance t j , junction temperature [ o c]
semihow rev.a0,december 2014 HRP80N06K fig 12. gate charge test circuit & waveform fig 13. resistive switching test circuit & waveforms fig 14. unclamped inductive switching test circuit & waveforms e as = l l i as 2 ---- 2 1 -------------------- bv dss -- v dd bv dss v in v ds 10% 90% t d(on) t r t on t off t d(off) t f charge v gs 10v q g q gs q gd v dd v ds bv dss t p v dd i as v ds (t) i d (t) time v dd ( 0.5 rated v ds ) 10v v ds r l dut r g 3ma v gs dut v ds 300nf 50k 200nf 12v same type as dut 10v dut r g l i d
semihow rev.a0,december 2014 HRP80N06K fig 15. peak diode recovery dv/dt test circuit & waveforms dut v ds + _ driver r g same type as dut v gs ? dv/dt controlled by r g ? i s controlled by pulse period v dd l i s 10v v gs ( driver ) i s ( dut ) v ds ( dut ) v dd body diode forward voltage drop v f i fm , body diode forward current body diode reverse current i rm body diode recovery dv/dt di/dt d = gate pulse width gate pulse period --------------------------
semihow rev.a0,december 2014 HRP80N06K package dimension 9.19 0.20 3.60 0.20 9.90 0.20 2.80 0.20 15.70 0.20 13.08 0.20 3.02 0.20 2.54typ 6.50 0.20 0.80 0.20 1.27 0.20 1.52 0.20 1.30 0.20 4.50 0.20 0.50 0.20 2.40 0.20 2.54typ to - 220 (a)
semihow rev.a0,december 2014 HRP80N06K 0.20 2.74 0.20 15.44 0.20 13.28 0.20 2.67 0.20 6.30 0.20 0.81 0.20 1.27 0.20 1.27 0.20 4.57 0.20 0.40 0.20 2.67 0.20 9.14 0.20 3.84 0.20 2.54typ 2.54typ to - 220 (b) package dimension


▲Up To Search▲   

 
Price & Availability of HRP80N06K

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X