Part Number Hot Search : 
5160HR B3868 10190 SCD55104 39VF1601 CONDUCT 00ETT 123ML
Product Description
Full Text Search
 

To Download HIR234C-15 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  lifecyclephase: revision : 2 expired period: forever release date:2013-06-21 11:44:14.0 1 copyright ? 2010, everlight all rights reserved. release date : jun.18.2013. issue no:dir-0000892 www.everlight.com 3mm infrared led,t-1 hir234c features ? high reliability ? high radiant intensity ? peak wavelength p= 850nm ? 2.54mm lead spacing ? low forward voltage ? pb free ? this product itself will remain within rohs compliant version. description ? everlight?s infrared emitting diode (hir234c) is a high intensity diode , molded in a water clear plastic package. ? the device is spectrally matched with phototransistor , photodiode and infrared receiver module. applications ? free air transmission system ? infrared remote control units with high power requirement ? smoke detector ? infrared applied system
lifecyclephase: revision : 2 expired period: forever release date:2013-06-21 11:44:14.0 datasheet 3mm infrared led hir234c 2 copyright ? 2010, everlight all rights reserved. release date : jun.18.2013. issue no: dir-0000892 www.everlight.com device selection guide chip materials lens color gaalas water clear absolute maximum ratings (ta=25 ) 
parameter symbol rating unit continuous forward current i f 100 ma peak forward current(*1) i fp 1.0 a reverse voltage v r 5 v operating temperature t opr -40 ~ +85 
storage temperature t stg -40 ~ +100 
soldering temperature(*2) t sol 260 
power dissipation at (or below) 25 
free air temperature p d 150 mw notes: *1:i fp conditions--pulse width 100s and duty 1%. *2:soldering time 5 seconds.
lifecyclephase: revision : 2 expired period: forever release date:2013-06-21 11:44:14.0 datasheet 3mm infrared led hir234c 3 copyright ? 2010, everlight all rights reserved. release date : jun.18.2013. issue no: dir-0000892 www.everlight.com electro-optical characteristics (ta=25 ) 
parameter symbol min. typ. max. unit condition 7.8 15 ----- if=20ma radiant intensity i e ----- 50 ----- mw/sr i f =100ma pulse width 100s and duty 1% peak wavelength p ----- 850 ----- nm i f =20ma spectral bandwidth ? ----- 45 ----- nm i f =20ma ----- 1.45 1.65 i f =20ma forward voltage vf ----- 1.80 2.40 v i f =100ma pulse width 100s and duty 1% reverse current i r ---- ---- 10 ua v r =5v view angle 21/2 ---- 30 ---- deg i f =20ma rank condition:i f =20ma unit j mw/sr bin number m n p q min 7.8 11.0 15.0 21.0 max 12.5 17.6 24.0 34.0
lifecyclephase: revision : 2 expired period: forever release date:2013-06-21 11:44:14.0 datasheet 3mm infrared led hir234c 4 copyright ? 2010, everlight all rights reserved. release date : jun.18.2013. issue no: dir-0000892 www.everlight.com 0 -40 -20 40 20 0 60 100 80        -20 0.6 0.9 0.7 0.8 1.0 0.2 0.4 0 0.2 0.4 0.6 50 70 80 60 40 30 -10 0 20 10 0.00 0.01 0.02 0.03 0.04 0.05 0.06 0.07 0.08 0.09 0.10 0 10 20 30 40 50 60 70 80 90 100 i e - r a d i a n t i n t e n s i t y ( m w / s r ) if-forward current (a) typical electro-optical characteristics curves forward current vs. ambient temperature spectral distribution 700 750 800 850 900 950 1000 1050 0.0 0.2 0.4 0.6 0.8 1.0 r e l a t i v e r a d i a n t i n t e n s i t y ( % ) wavelength (nm) radiant intensity vs. forward current relative radiant intensity vs. angular displacement
lifecyclephase: revision : 2 expired period: forever release date:2013-06-21 11:44:14.0 datasheet 3mm infrared led hir234c 5 copyright ? 2010, everlight all rights reserved. release date : jun.18.2013. issue no: dir-0000892 www.everlight.com package dimension note: tolerances unless dimensions 0.25mm
lifecyclephase: revision : 2 expired period: forever release date:2013-06-21 11:44:14.0 datasheet 3mm infrared led hir234c 6 copyright ? 2010, everlight all rights reserved. release date : jun.18.2013. issue no: dir-0000892 www.everlight.com label form specification cpn: customer?s product number ? p/n: product number ? qty: packing quantity ? cat: luminous intensity rank ? hue: dom. wavelength rank ? ref: forward voltage rank ? ? lot no: lot number ? x: month reference: identify label number ? packing specification anti- electrostatic bag inner carton outside carton packing quantity 1. 1000 pcs/1 bag, 4 bags/1 inner carton 2. 10 inner cartons/1 outside carton rohs pb cpn : p n : xxxxxxxxxxxxx xxxxxxxxxxxxx qty : xxx lot no : xxxxxxxxxx reference : xxxxxxxx cat : xxx hue : xxx ref : xxx everlight
lifecyclephase: revision : 2 expired period: forever release date:2013-06-21 11:44:14.0 datasheet 3mm infrared led hir234c 7 copyright ? 2010, everlight all rights reserved. release date : jun.18.2013. issue no: dir-0000892 www.everlight.com prehead laminar wave fluxing notes 1. lead forming ? during lead formation, the leads should be bent at a point at least 3mm from the base of the epoxy bulb. ? lead forming should be done before soldering. ? avoid stressing the led package during leads forming. the stress to the base may damage the led?s characteristics or it may break the leds. ? cut the led lead frames at room temperature. cutting the lead frames at high temperatures may cause failure of the leds. ? when mounting the leds onto a pcb, the pcb holes must be aligned exactly with the lead position of the led. if the leds are mounted with stress at the leads, it causes deterioration of the epoxy resin and this will degrade the leds. 2. storage ? the leds should be stored at 30c or less and 70%rh or less after being shipped from everlight and the storage life limits are 3 months. if the leds are stored for 3 months or more, they can be stored for a year in a sealed container with a nitrogen atmosphere and moisture absorbent material. ? please avoid rapid transitions in ambient temperature, especially, in high humidity environments where condensation can occur. 3. soldering ? careful attention should be paid during soldering. when soldering, leave more then 3mm from solder joint to epoxy bulb, and soldering beyond the base of the tie bar is recommended. ? recommended soldering conditions: hand soldering dip soldering temp. at tip of iron 300 
max. (30w max.) preheat temp. 100 
max. (60 sec max.) soldering time 3 sec max. bath temp. & time 260 max., 5 sec max distance 3mm min.(from solder joint to epoxy bulb) distance 3mm min. (from solder joint to epoxy bulb) ? recommended soldering profile
lifecyclephase: revision : 2 expired period: forever release date:2013-06-21 11:44:14.0 datasheet 3mm infrared led hir234c 8 copyright ? 2010, everlight all rights reserved. release date : jun.18.2013. issue no: dir-0000892 www.everlight.com ? avoiding applying any stress to the lead frame while the leds are at high temperature particularly when soldering. ? dip and hand soldering should not be done more than one time ? after soldering the leds, the epoxy bulb should be protected from mechanical shock or vibration until the leds return to room temperature. ? a rapid-rate process is not recommended for cooling the leds down from the peak temperature. although the recommended soldering conditions are specified in the above table, dip or hand soldering at the lowest possible temperature is desirable for the leds. ? wave soldering parameter must be set and maintain according to recommended temperature and dwell time in the solder wave. 4. cleaning ? when necessary, cleaning should occur only with isopropyl alcohol at room temperature for a duration of no more than one minute. dry at room temperature before use. ? do not clean the leds by the ultrasonic. when it is absolutely necessary, the influence of ultrasonic cleaning on the leds depends on factors such as ultrasonic power and the assembled condition. ultrasonic cleaning shall be pre-qualified to ensure this will not cause damage to the led 5. heat management ? heat management of leds must be taken into consideration during the design stage of led application. the current should be de-rated appropriately by referring to the de-rating curve found in each product specification. ? the temperature surrounding the led in the application should be controlled. please refer to the data sheet de-rating curve. 6. esd (electrostatic discharge) ? electrostatic discharge (esd) or surge current (eos) can damage leds. ? an esd wrist strap, esd shoe strap or antistatic gloves must be worn whenever handling leds. ? all devices, equipment and machinery must be properly grounded. ? use ion blower to neutralize the static charge which might have built up on surface of the leds plastic lens as a result of friction between leds during storage and handing. 7. other ? above specification may be changed without notice. everlight will reserve authority on material change for above specification. ? when using this product, please observe the absolute maximum ratings and the instructions for using outlined in these specification sheets. everlight assumes no responsibility for any damage resulting from use of the product which does not comply with the absolute maximum ratings and the instructions included in these specification sheets. ? these specification sheets include materials protected under copyright of everlight corporation. please don?t reproduce or cause anyone to reproduce them without everlight?s consent.


▲Up To Search▲   

 
Price & Availability of HIR234C-15

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X