Part Number Hot Search : 
ZPD15 TDA724 HD6433 AOC3860A CY8C5488 SMAJ530 KBP01M 78M18
Product Description
Full Text Search
 

To Download GNC-0201 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  GNC-0201 ???? ??: 1 10 gigabit fiber pcie network card, sfp plus, pcie x8 the levelone GNC-0201 gigabit network card facilitates high-speed connectivity within a fiber-optic network, supporting dual sfp+ connectivity and fibre channel over ethernet (fcoe). wake-on-lan functionality allows remote start-up and shutdown, with iscsi remote boot providing further flexibility. GNC-0201 providing advanced load balancing across multiple cpus, and is compatible with most network operating systems key features - ???? ???? ??/???? ? ? ?? ??? wake-on-lan ?? - supports dual sfp+ connectivity - load balancing across multiple cpus - supports iscsi remote boot - supports fibre channel over ethernet (fcoe) - supports most network operating systems (nos) ???? system specifications standards & protocols: ieee 802.3 2005* flow control support ieee 802.1q virtual lans (vlans) ieee 802.1p quality of service (qos) ieee 802.3ad link aggregation control protocol (lacp) www.level1.com page 1 of 3
connectors and cabling: 10g sfp+ port pci express* v2.0 (5.0 gt/s) x8/x4/x2/x1 indicator: link/activity power: 4.5w features general: 64 tx and 64 rx queues, receive side coalescing (rsc), low latency interrupts, intel? ethernet flow director, intel? virtualization technology for connectivity (intel? vt-c) (vmdq, sr-iov), fcoe crc offload, fcoe direct data placement management: advanced: ipmi pass-through via smbus or nc-si, iscsi boot standard: wol, pxe remote boot, vlan filtering performance jumbo frame (k): 9.5 k environment temperature (c): operating: 0 c~55 c (32 f~131 f) storage: -40 c~70 c (-40 f~158 f) humidity (non-condensing): operating: 5% ~ 95% storage: 5% ~ 95% physical specifications dimensions (w x d x h mm): 165 x 69 x 17 mm weight (g): 100g others operation systems: windows vista/7/8/8.1 windows server 2003/2008/20008 r2/2012/2012 r2 linux kernel 2.6.30 or greater (x86_64) (w/ sr-iov support) freebsd 7.2 or laster linux rhel 5.6/6.x linux sles 11 sp1 linux sles 10 sp4 os independent dos odi/ndis 2 efi 1.1 uefi 2.1 vmware esx 4.02 vmware workstation www.level1.com page 2 of 3
?? order information GNC-0201 package contents GNC-0201 low profile bracket quick installation guide resource cd (user manual, driver) no liability or responsibility for any errors or omissions in the content. specifications are subject to change without notice. all mentioned brand names are registered trademarks and property of their owners. copyright ? digital data communications gmbh, germany. all rights reserved. powered by tcpdf (www.tcpdf.org) www.level1.com page 3 of 3


▲Up To Search▲   

 
Price & Availability of GNC-0201

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X