Part Number Hot Search : 
FC130 APC78169 SB20100 M5454 1N4802A PKD43A SMDJ100 ADM691A
Product Description
Full Text Search
 

To Download GNC-0107 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  GNC-0107 version: 1 1000base-sx mmf sc pci network card the levelone GNC-0107 fiber gigabit ethernet network interface card provides network connectivity within high-speed fiber-optic networks. the high bandwidth network interface card provides full-duplex network data speeds of up to 2000mbps and support an array of advanced network interface functionality. high-speed network interface the GNC-0107 gigabit fiber pci card supports a 32 or 64 bits pci bus configuration for servers that require a high-bandwidth environment. it is ieee 802.3x compliant, providing full-duplex flow control for 2gbps network data transfer speeds over a 550 meter fiber connection. it also requires less server resources by providing on-board verification of ip headers and tcp/udp checksums for received data. advanced networking the gigabit fiber pci card provides high-level vlan filtering and on-board screening of ieee 802.3q vlan tagged ethernet frames for secured and flexible network usage while ieee 802.1p (qos) quality of service protocol support allows for a layer 2 priority network data traffic interface and dynamic multicast filtering. the GNC-0107 gigabit fiber pci card further supports a 9k jumbo frame rate, ieee 802.3ad link aggregation, pre-boot execution environment (pxe), multi-boot agent (mba), remote program load (rpl) and bootstrap protocol (bootp). key features - high-speed fiber-optic network interface card - supports 2gbps full-duplex mode www.level1.com page 1 of 4
- full-duplex switching: 550m - supports 32/64 bits pci bus configuration - compliant with ieee 802.1q vlan - supports 802.3ad link aggregation - compliant with ieee 802.1p qos - supports on-board ip header verification and tcp/udp checksum offload - supports multiple operating systems specifications system specifications connectors and cabling: 850nm sc multi-mode fiber pci-x 64/32bit signaling (pci 2.2 66mhz) indicator: link/activity; full-duplex activity standards & protocols: ieee 802.3z gigabit ethernet 1000base-sx/lx ieee 802.3x full-duplex flow control ieee 802.1q virtual lans (vlans) ieee 802.1p quality of service (qos) ieee 802.3ad link aggregation control protocol (lacp) performance data transfer rate: full duplex with nway flow control 1000mbps speed operating distance: 62.5/125?m, 50/125?m multi-mode up to 550m environment temperature (c): operating: 0c to 50c humidity (non-condensing): operating: 5% to 90% physical specifications dimensions (w x d x h mm): 165 x 57.5 mm weight (g): 70g others approval and compliance: fcc class b; ce mark; rohs operation systems: windows 2000/nt4.0/2003/xp/vista/7/8 novel netware 4.x, 5.x, 6.x linux, ndis2, unixware 7.0 pxe & rpl boot rom, solaris sco open server www.level1.com page 2 of 4
diagram order information GNC-0107 package contents resource cd (user manual) no liability or responsibility for any errors or omissions in the content. specifications are subject to change without notice. www.level1.com page 3 of 4
all mentioned brand names are registered trademarks and property of their owners. copyright ? digital data communications gmbh, germany. all rights reserved. powered by tcpdf (www.tcpdf.org) www.level1.com page 4 of 4


▲Up To Search▲   

 
Price & Availability of GNC-0107

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X