Part Number Hot Search : 
E220K EVH12390 TA7414P LD7710 GC160A24 ADC1415S 1SS187 MPSW6306
Product Description
Full Text Search
 

To Download GNC-0100 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  GNC-0100 ???? ??: 1 gigabit fiber pci network card, sfp the levelone GNC-0100 gigabit network card facilitates high-speed connectivity within a fiber-optic network. wake- on-lan functionality allows remote start-up and shutdown, while interrupt moderation technology delivers increased performance while reducing cpu load. the network card supports 32 bit pci 1.0 and pci 2.2 bus, as well as supporting multiple operating systems. key features - ???? ???? ??/???? ? ? ?? ??? wake-on-lan ?? - supports 32 bit pci 1.0 and pci 2.2 bus - supports remote management (wfm,ris,snmp/dmi) - supports most network operating systems (nos) - interrupt moderation: delivers increased performance while significantly reducing cpu utilization ???? system specifications standards & protocols: ieee 802.3ab 1000base-t, gigabit ethernet ieee 802.3x flow control (full-duplex flow control) ieee 802.1q virtual lans (vlans) connectors and cabling: sfp multi-mode fiber pci 32bit signaling (pci 2.2 66mhz) indicator: link/activity; full-duplex activity www.level1.com page 1 of 3
features general: full-height and low profile, screw-on brackets included with each adapter, for installation in high-density 1u and 2u servers interrupt moderation, delivers increased performance while significantly reducing cpu utilization large send off-load/tcp segmentation off-load, which enables wire speed performance with low cpu utilization supply switch device for fault tolerance and checking, use for checking compliant,extent normal working time. management: wired for management (wfm) baseline v2.0 enabled for servers dmi 2.0 support, wmi & snmp-manageable,offline diagnostics intel? boot agent,acpi power management,wake on lan* performance data transfer rate: 1000mbps fast ethernet ,full duplex or half-duplex operation,reach 2000mbps in full duplex environment temperature (c): operating: 0c ~ 50c humidity (non-condensing): operating: 5% ~ 90% physical specifications dimensions (w x d x h mm): 165 x 57.5 x17mm weight (g): 60g others approval and compliance: fcc class b; ce mark; rohs operation systems: windows xp/ vista windows server 2000/2003/2008 windows 98/98se/nt4.0/nt windows ce/ce net5.0 windows server 2000 microsoft client for dos netware 5.0 openunix 8.0(caldera) unixware 7.x novell odi freebsd 4.7 to 5.x intended for 2.2 through 2.6.x kernels ?sun solaris x86 order information GNC-0100 www.level1.com page 2 of 3
package contents GNC-0100 low profile bracket quick installation guide resource cd (user manual, driver) no liability or responsibility for any errors or omissions in the content. specifications are subject to change without notice. all mentioned brand names are registered trademarks and property of their owners. copyright ? digital data communications gmbh, germany. all rights reserved. powered by tcpdf (www.tcpdf.org) www.level1.com page 3 of 3


▲Up To Search▲   

 
Price & Availability of GNC-0100

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X