Part Number Hot Search : 
104M00 2SC5301 HD66206 2SC2928 TA728 BZT52C13 4HC404 102J400
Product Description
Full Text Search
 

To Download FYS-3011EX-10 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  model no. rev. ningbo foryard optoelectronics co.,ltd add: no.115 qixin road ningbo zhejiang china zip: 315051 tel: 0086-574-87933652 87927870 87922206 fax: 0086-574-87927917 e-mail: sales@foryard.com ( general) http://www.foryard.com page 1/5 product specification model no. fys-3011e/fx-xx fys-3011e/fx-xx a descriptions & features: 0.30 inch (7.80mm) digit height single digit displa y case mold type. checked by approved by customer approved signatures prepared by rohs compliant. low current operation low power consumption. http://www.foryard.com easy mounting on p.c. board or socket.
model no. rev. -xx: ref surface / epoxy color 1 2 3 black gray red white red green mechanical dimensions notes: 1. all pins are 0.45[.019]mm 2. dimension in millimeter [inch], tolerance is 0. 25 [.010] and angle is 1 unless otherwise noted. 3. bending length*1%. 4.the specifications,characteristics and technical data described in the datasheet are subject to chan ge without prior notice. page 2/5 0 model no. fys-3011e/fx-xx water clear fys-3011e/fx-xx a http://www.foryard.com 4 green yellow ref surface color white epoxy color color number
model no. rev. all light on segments feature & pin position internal circuit diagrams page 3/5 fys-3011e/fx-xx a model no. fys-3011e/fx-xx http://www.foryard.com
model no. rev. min 5 -40 -40 electrical-optical characteristics color code & chip characteristics:(test condition:i f=20ma) typ h red 90nm 2.00 s hi red 20nm 1.80 d super red 20nm 1.90 e orange 35nm 1.90 a amber 35nm 1.90 y yellow 35nm 1.90 g green 10nm 1.90 3.40 2.80 2.80 pg pure green 36nm 2.80 w white cct:9500k 2.80 uhr ultra hi red 20nm 1.90 ur ultra red 20nm 1.90 ue ultra orange 20nm 1.90 ua ultra amber algainp 20nm 1.90 2.50 uy ultra yellow algainp 20nm 1.90 2.50 ug ultra green algainp 30nm 1.90 2.50 30nm 2.80 30nm 2.80 uw ultra white cct:9500k 2.80 note: 1.luminous intensity is based on the foryard standa rds. 2.pay attention about static for ingan page 4/5 max emitting color dice material 2.50 value reverse voltage vr ir=30 (ta=25 ) fys-3011e/fx-xx a model no. fys-3011e/fx-xx absolute maximum ratings (ta=25 ) gaasp 2.50 algaas/dh 650nm 2.50 tstr +85 operating temperature max unit test condition peak wave length( p ) spectral line halfwidth(? 1/2) ma mw standard brightness forward voltage(vf) unit:v 30 4.40 x=0.29,y=0.30 3.80 ub 460nm 635nm 3.80 570nm 3.80 470nm 590nm ingan algainp 625nm 2.50 2.50 2.50 algainp 180~200 30~60~80 x=0.29,y=0.30 ingan 40~100~150 50~140~190 26~38 13~18 625nm gaasp gaasp 2.50 2.50 0.7~1(mw) 60~120 20~30 ingan algainp 640nm 30~60 430nm 6~12(mw) 60~100 3.80 460nm 520nm ingan 60nm 3.80 3.80 b blue ingan ultra brightness http://www.foryard.com segment-to-segment luminous intensity ratio(iv-m) 1.5:1 610nm 6~12(mw) 4~6(mw) 470nm 80~90~120 3.80 80~90~120 ultra blue gap pulse current ipeak duty=0.1ms,1khz forward current if power dissipation symbol 100 v pd parameter 14~18 570nm 590nm 15~20 14~20 610nm 1 luminous intensity (iv) unit:mcd algaas/sh 660nm 700nm gap 2.50 +85 13~18 ma 150 2.50 storage temperature topr
model no. rev. packing diagram note: the specifications are subject to change with out notice. please contact us for updated informati on. page 5/5 model no. fys-3011e/fx-xx http://www.foryard.com fys-3011e/fx-xx a foryard o p t o e l e c t r o n i c s www.foryard.com foryard o p t o e l e c t r o n i c s led ledled led pn:fys-3011xx-xx qty: 11648 pcs date:xxxx/xx/xx gw: 15.14kg nw: 17.10kg xxxxxxxxxx rohs rohs rohs rohs attention attention attention attention part no: fys-3011xx-xx date:xxxx/xx/xx q'ty: 728 pcs 182pcs/foam 4foams/bag 4bags/box 4boxes/carton outside label qc: qc pass foryard o p t o e l e c t r o n i c s qc: qc pass xxxxxxxxxx 56.0 3 6 . 0 3 1 . 0 54.0 1 7 . 0 1 4 . 5 rohs rohs rohs rohs outside label


▲Up To Search▲   

 
Price & Availability of FYS-3011EX-10

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X