Part Number Hot Search : 
1N5822 MAX4780 815DE 815DE NDT452 GRM1555C TAR5S41U ISD2351
Product Description
Full Text Search
 

To Download FYS-15011BUW-X1 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  model no. rev. ningbo foryard optoelectronics co.,ltd add: no.115 qixin road ningbo zhejiang china zip: 315051 tel: 0086-574-87933652 87927870 87922206 fax: 0086-574-87927917 e-mail: sales@foryard.com ( general) http://www.foryard.com page 1/5 prepared by product specification model no. fys-15011a/buw-x1 fys-15011a/buw-x1 a descriptions & features: 1.50 inch (38.10mm) digit height single digit displ ay case mold type. checked by approved by rohs compliant. low current operation low power consumption. http://www.foryard.com easy mounting on p.c. board or socket. customer approved signatures
model no. rev. -xx: ref surface / epoxy color 1 2 3 black gray red white mechanical dimensions notes: 1. all pins are 0.50[.020]mm 2. dimension in millimeter [inch], tolerance is 0. 25 [.010] and angle is 1 unless otherwise noted. 3. bending length*1%. 4.the specifications,characteristics and technical data described in the datasheet are subject to chan ge without prior notice. page 2/5 fys-15011a/buw-x1 a 0 model no. fys-15011a/buw-x1 http://www.foryard.com color number 4 green ref surface color white epoxy color
model no. rev. all light on segments feature & pin position internal circuit diagrams page 3/5 model no. fys-15011a/buw-x1 fys-15011a/buw-x1 a http://www.foryard.com
model no. rev. min 5 -40 -40 electrical-optical characteristics color code & chip characteristics:(test condition:i f=20ma) typ uw ultra white cct:9500k 2.80 note: 1.luminous intensity is based on the foryard standa rds. 2.pay attention about static for ingan page 4/5 absolute maximum ratings (ta=25 ) fys-15011a/buw-x1 a model no. fys-15011a/buw-x1 emitting color dice material value reverse voltage vr ir=30 tstr +85 operating temperature max unit test condition peak wave length( p ) spectral line halfwidth(? 1/2) ma mw forward voltage(vf) unit:v 30 (ta=25 ) ultra brightness http://www.foryard.com segment-to-segment luminous intensity ratio(iv-m) 1.5:1 300~400 x=0.29,y=0.30 3.80 ingan pulse current ipeak duty=0.1ms,1khz forward current if power dissipation symbol 100 v pd parameter luminous intensity (iv) unit:mcd +85 ma 150 storage temperature topr max
model no. rev. packing diagram note: the specifications are subject to change with out notice. please contact us for updated informati on. page 5/5 http://www.foryard.com fys-15011a/buw-x1 a model no. fys-15011a/buw-x1 foryard o p t o e l e c t r o n i c s www.foryard.com foryard o p t o e l e c t r o n i c s led ledled led pn:fys-15011xx-xx qty: 1280 pcs date:xxxx/xx/xx gw: 14.72kg nw: 17.28kg xxxxxxxxxx rohs rohs rohs rohs attention attention attention attention part no: fys-15011xx-xx date:xxxx/xx/xx q'ty: 80 pcs 20pcs/foam 4foams/bag 4bags/box 4boxes/carton outside label qc: qc pass foryard o p t o e l e c t r o n i c s qc: qc pass xxxxxxxxxx 56.0 3 6 . 0 3 1 . 0 54.0 1 7 . 0 1 4 . 5 rohs rohs rohs rohs outside label


▲Up To Search▲   

 
Price & Availability of FYS-15011BUW-X1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X