Part Number Hot Search : 
UF5402 97409 MMBZ5251 040010 1N5353A LTC4354 EZQAFDA GSBAW56
Product Description
Full Text Search
 

To Download FVT-4002 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  procon media converter fvt-4001/4002/4301 one world_one brand_one level_ 10/100basetx to 100fx media converter levelone provides a complete series of media conversion solutions for flexible network extensions. the fvt-4001/4002 and 4301 media converters are able to convert network signals between utp and fiber optic cable based networks. this allows extension of networks over a longer distance in both multi- and single mode via fiber-optic cabling. in multi-mode, the fvt-4001 and FVT-4002 are able to transmit signals up to 2km while the single-mode fvt-4301 media conver ter is able to extend a network even further by up to 30km. each media converter provides a 10/ 100baset/tx auto-negotiating rj-45 connector port that supports full duplex and half duplex switch connectivity and mdi/mdi-x auto crossover. the smart link fault pass-through technology enables the switch to shut down data transmission when the link connection has failed. the converters are ieee802.3 10base and 802.3u 100basetx and 100basefx compliant. fvt-4001/4301 FVT-4002 related products fvt-4000 10 slot media converter chassis with redunant power supply key features ? utp to fiber switching media conversion ? auto negotiation speed in half/full duplex mode ? tx port supports auto mdi/mdi-x crossover ? built-in smart link error detection technology ? hot swappable ? can be used as a standalone converter or slotted into a converter chassis
procon media converter fvt-4001/4002/4301 one world_one brand_one level_ t echnical specification ieee standard compliant ieee802.3 10base-t ieee802.3u 100base-tx/100base-fx ieee802.3x flow control and back pressure connector fiber duplex sc/st rj-45 port cat-3/5 (10/100mbps) twisted pair cable auto mdi/mdi-x and auto-negotiation function support switching architecture store and forward fiber parameters fiber core multi-mode - 62.5/125um, 50/125um (support up to 2km) single-mode - 8/125um, 10/125um (support up to 30km) wavelength 1310nm (multi-mode) 1310nm (single-mode) transparent packet 64 to 1518 bytes for non-vlan ethernet packet dip switch dip switch 1: utp auto-nego / 100mbps full duplex mode dip switch 2: fiber full/half duplex dip switch 3: llf (link loss forwarding) disable/enable dip switch 4: switch converter / pure converter mode led indicators power, speed, tx link/activity, tx full-duplex/collision, fx link/activity, fx full-duplex/collision operating conditions operation temperature: 0 ~ 45c operation humidity: 10% to 90% (non-condensing) storage temperature: -10 ~ 70c dimension 119 x 85 x 26mm certifications emi fcc class a, ce safety ul, cul power requirement dc9v / 0.7a operating conditions operation temperature: 0 ~ 45c operation humidity: 10% to 90% (non-condensing) storage temperature: -10 ~ 70c dimension 119 x 85 x 26mm certifications emi fcc class a, ce safety ul, cul ordering information ? fvt-4001 10/100basetx to 100fx converter, sc, multi-mode 2km ? FVT-4002 10/100basetx to 100fx converter, st, multi-mode 2km ? fvt-4301 10/100basetx to 100fx converter, sc, single-mode 30km for more information, please contact your levelone representative, or visit www.level1.com all technical specifications are subject to change without notice. all mentioned brand names are registered trademarks and property of their owners


▲Up To Search▲   

 
Price & Availability of FVT-4002

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X