Part Number Hot Search : 
SMAJ14A C4500 TE560 PQ160 T331005 CLV06 C3510 AK4386ET
Product Description
Full Text Search
 

To Download FIT-221-2IN Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  alpha wire | 711 lidgerwood avenue, elizabeth, nj 07207 tel: 1-800-52 alpha (25742), web: www.alphawire.com customer specification part no. FIT-221-2IN construction 1) tubing type heat shrinkable tubing 2) tubing material cross linked polyolefin 3) minimum supplied id(in) 2.000 4) maximum recovered id (in) 1.000 5) nominal recovered wall thickness(in) 0.045 6) color(s) black, white, clear, red, yellow, blue, green applicable specifications 1) ul standard 224 (except clear) 2) csa international standard 198 (except clear) 3) other ams-dtl-23053/5 class 1 (except clear) ams-dtl-23053/5 class 2 (clear only) environmental 1) eu directive 2002/95/ec(rohs): all materials used in the manufacture of this part are in compliance with eu directive 2002/95/eu regarding the restriction of use of certain hazardous substances in electrical and electronic equipment. consult alpha wire's web site for compliance date of manufacture. 2) reach regulation (ec 1907/2006): all materials used in the manufacture of this part do not appear on the eu reach substance of very high concern (svhc) candiate list. 3) california proposition 65: the outer surface materials used in the manufacture of this part meet the requirements of california proposition 65. properties
physical &mechanical properties 1) temperature range -55 to 135c 2) shrink ratio approximately 2:1 3) full recovery temperature 121c 4) minimum shrink temperature 90c 5) tensile strength 1500psi, min astm d638 6) elongation 200%, min astm d638 7) low temperature flex(-55c) no cracking ams-dtl-23053 8) heat shock(250c,4hrs) no cracking ams-dtl-23053 9) secant modulus 2.5x10 4 psi, min astm d882 10) longitudinal change +/-5% ams-dtl-23053 11) specific gravity(colors) 1.35, max astm d792 specific gravity(clear) 1.00, max 12) shelf life 5 years @ 18 to 35c electrical properties 1) dielectric strength 500 v/mil, min astm d876 2) volume resistivity 1x10 14 ohm-cm, min astm d876 chemical properties 1) water absorption 0.50%, max astm d570 2) corrosion(0c,16hrs) no corrosion ams-dtl-23053 3) fluid resistance(23c,24 hrs) 1000 psi, min ams-dtl-23053 4) fungus resistance pass ams-dtl-23053 5) vacuum outgassing - cvcm 0.10%, max astm e595 6) halogen free no 7) lead free yes other packaging www.alphawire.com alpha wire | 711 lidgerwood avenue, elizabeth, nj 07207 tel: 1-800-52 alpha (25742) although alpha wire (?alpha?) makes every reasonable effort to ensure there accuracy at the time of publication, information and specifications described herein are subject to errors or omissions and to changes without notice, and the listing of such information and specifications does not ensure product availability. alpha provides the information and specifications herein on an ?as is? basis, with no representations or warranties, whether express, statutory or implied. in no event will alpha be liable for any damages (including consequential, indirect, incidental, special, punitive, or exemplary) whatsoever, even if alpha had been advised of the possibility of such damages, whether in an action under contract, negligence or any other theory, arising out of or in connection with the use, or inability to use, the information or specifications described herein.
alpha wire | 711 lidgerwood avenue, elizabeth, nj 07207 tel: 1-800-52 alpha (25742), web: www.alphawire.com rohs certificate of compliance to whom it may concern: alpha wire part number:FIT-221-2IN FIT-221-2IN , rohs-compliant commencing with12/1/2004production this document certifies that the alpha part numbers cited above are manufactured in accordance with directive 2002/95/ec of the european parliament and of the council of 27 january 2003, better known as the rohs directives, with regards to restrictions of the use of certain hazardous substances used in the manufacture of electrical and electronic equipment. the reader is referred to these directives for the specific definitions and extents of these directives. no exemptions are required for rohs compliance on this item. substance maximum control value lead 0.1% by weight (1000 ppm) mercury 0.1% by weight (1000 ppm) cadmium 0.01% by weight (100 ppm) hexavalent chromium 0.1% by weight (1000 ppm) polybrominated biphenyls (pbb) polybrominated diphenyl ethers (pbde) 0.1% by weight (1000 ppm) including deca-bde 0.1% by weight (1000 ppm) the information provided in this document and disclosure is correct to the best of alpha wire's knowledge, information and belief at the date of its release. the information provided is designed only as a general guide for the safe handling, storage, and any other operation of the product itself or the one that it will become part of. the intent of this document is not to be considered a warranty or quality specification. regulatory information is for guidance purposes only. product users are responsible for determining the applicability of legislation and regulations based on their individual usage of the product. authorized signatory for the alpha wire company: dave watson, director of engineering &qa 12/27/2011
mouser electronics authorized distributor click to view pricing, inventory, delivery & lifecycle information: alpha wire: ? f221v2in bk015? fit2212in bk072? fit2212in bk015? fit2212in wh105? fit2212in bk105? fit2212in bl105? fit-clear-2 cl007? fit221v2in bk015


▲Up To Search▲   

 
Price & Availability of FIT-221-2IN

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X