Part Number Hot Search : 
CS42888 TT8486A BCM7021 SLASF3 SM6EH AFC461 MC74HC1 25AA1024
Product Description
Full Text Search
 

To Download F930G107MAAAJ6 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  22 march 2015 f93-aj6 series resin-molded chip - automotive product range features ? compliant to the rohs2 directive 2011/65/eu ? compliant to aec-q200 applications ? cabin electronics ? infotainment lead-free compatible component case dimensions: millimeters (inches) code l w 1 w 2 hs a 3.20 0.20 1.60 0.20 1.20 0.10 1.60 0.20 0.80 0.20 (0.126 0.008) (0.063 0.008) (0.047 0.004) (0.063 0.008) (0.031 0.008) b 3.50 0.20 2.80 0.20 2.20 0.10 1.90 0.20 0.80 0.20 (0.126 0.008) (0.110 0.008) (0.087 0.004) (0.075 0.008) (0.031 0.008) c 6.00 0.20 3.20 0.20 2.20 0.10 2.50 0.20 1.30 0.20 (0.236 0.008) (0.126 0.008) (0.087 0.004) (0.098 0.008) (0.051 0.008) n 7.30 0.20 4.30 0.20 2.40 0.10 2.80 0.20 1.30 0.20 (0.287 0.008) (0.169 0.008) (0.094 0.004) (0.110 0.008) (0.051 0.008) a, b case c, n case marking c 685 22 16v 47 16v 100 16v a case b case c case n case c g j a 4v 6.3v 10v 16v 20v d e v 25v 35v rated voltage code capacitance code rated voltage (v) rated voltage (v) rated voltage (v) capacitance (f) capacitance (f) capacitance (f) aj6 aec-q200 compliant f93 type 1a rated voltage 106 capacitance code pf code: 1st two digits represent significant figures, 3rd digit represents multiplier (number of zeros to follow) m tolerance k = 10% m = 20% a case size see table above how to order  packaging see tape & reel packaging section category temperature range: -55 to +125c rated temperature: +85c capacitance tolerance: 20%, 10% at 120hz dissipation factor: refer to next page esr 100khz: refer to next page leakage current: after 1 minutes application of rated voltage, leakage current at 20c is not more than 0.01cv or 0.5a, whichever is greater. after 1 minutes application of rated voltage, leakage current at 85c is not more than 0.1cv or 5a, whichever is greater. after 1 minutes application of derated voltage, leakage current at 125c is not more than 0.125cv or 6.3a, whichever is greater. capacitance change by temperature +15% max. at +125c +10% max. at +85c -10% max. at -55c technical specifications
march 2015 23 f93-aj6 series resin-molded chip - automotive product range capacitance rated voltage f code 4v (0g) 6.3v (0j) 10v (1a) 16v (1c) 20v (1d) 25v (1e) 35v (1v) 1 105 a a a 1.5 155 a a a 2.2 225 a a a a/b 3.3 335 a a a b 4.7 475 a a a/b a/b b/c 6.8 685 a a a/b c 10 106 a a a/b a/b b/c c 15 156 a a a/b c c n 22 226 a a a/b b/c b/c c/n n 33 336 a a a/b b/c c/n n 47 476 a a/b b/c c/n c/n n 68 686 a a/b b/c c/n 100 107 a/b b/c c/n n 150 157 b b/c n n 220 227 b/c c/n n 330 337 c n n 470 477 n n 680 687 n capacitance and rated voltage range (letter denotes case size) available ratings
24 march 2015 f93-aj6 series resin-molded chip - automotive product range ratings & part number reference item all case (%) damp heat 10 temperature cycles 10 resistance soldering heat 10 surge 10 endurance 10 load humidity 10 * in case of capacitance tolerance 10% type, ?k? will be put at 9th digit of type numbering system avx case capacitance rated dcl df esr *1 part no. size (f) voltage (a) (%) () c/c (v) @ 120hz @ 100khz (%) 4 volt f930g226maaaj6 a 22 4 0.9 6 2.5 * f930g336maaaj6 a 33 4 1.3 8 2.5 * f930g476maaaj6 a 47 4 1.9 18 2.5 * f930g686maaaj6 a 68 4 2.7 24 2.5 * F930G107MAAAJ6 a 100 4 4 30 2.0 * f930g107mbaaj6 b 100 4 4 14 0.9 * f930g157mbaaj6 b 150 4 6 16 0.7 * f930g227mbaaj6 b 220 4 8.8 18 0.7 * f930g227mccaj6 c 220 4 8.8 12 0.7 * f930g337mccaj6 c 330 4 13.2 14 0.7 * f930g477mncaj6 n 470 4 18.8 16 0.3 * f930g687mncaj6 n 680 4 27.2 18 0.3 * 6.3 volt f930j106maaaj6 a 10 6.3 0.6 6 3.0 * f930j156maaaj6 a 15 6.3 0.9 6 2.9 * f930j226maaaj6 a 22 6.3 1.4 8 2.5 * f930j336maaaj6 a 33 6.3 2.1 8 2.5 * f930j476maaaj6 a 47 6.3 3 18 2.5 * f930j476mbaaj6 b 47 6.3 3 6 1.0 * f930j686maaaj6 a 68 6.3 4.3 20 2.0 * f930j686mbaaj6 b 68 6.3 4.3 8 1.0 * f930j107mbaaj6 b 100 6.3 6.3 14 0.9 * f930j107mccaj6 c 100 6.3 6.3 8 0.7 * f930j157mbaaj6 b 150 6.3 9.5 18 0.9 * f930j157mccaj6 c 150 6.3 9.5 12 0.7 * f930j227mccaj6 c 220 6.3 13.9 14 0.7 * f930j227mncaj6 n 220 6.3 13.9 10 0.5 * f930j337mncaj6 n 330 6.3 20.8 14 0.5 * f930j477mncaj6 n 470 6.3 29.6 16 0.3 * 10 volt f931a475maaaj6 a 4.7 10 0.5 6 4.0 * f931a685maaaj6 a 6.8 10 0.7 6 3.5 * f931a106maaaj6 a 10 10 1 6 3.0 * f931a156maaaj6 a 15 10 1.5 8 2.9 * f931a226maaaj6 a 22 10 2.2 12 2.5 * f931a226mbaaj6 b 22 10 2.2 6 1.9 * f931a336maaaj6 a 33 10 3.3 18 2.5 * f931a336mbaaj6 b 33 10 3.3 8 1.4 * f931a476mbaaj6 b 47 10 4.7 8 1.0 * f931a476mccaj6 c 47 10 4.7 6 0.9 * f931a686mbaaj6 b 68 10 6.8 12 0.9 15 f931a686mccaj6 c 68 10 6.8 8 0.8 * f931a107mccaj6 c 100 10 10 10 0.7 * f931a107mncaj6 n 100 10 10 8 0.6 * f931a157mncaj6 n 150 10 15 10 0.6 * f931a227mncaj6 n 220 10 22 12 0.5 * f931a337mncaj6 n 330 10 33 18 0.5 * 16 volt f931c105maaaj6 a 1 16 0.5 4 7.5 * f931c155maaaj6 a 1.5 16 0.5 4 6.0 * f931c225maaaj6 a 2.2 16 0.5 4 5.0 * f931c335maaaj6 a 3.3 16 0.5 4 4.5 * f931c475maaaj6 a 4.7 16 0.8 6 4.0 * f931c685maaaj6 a 6.8 16 1.1 6 3.5 * f931c106maaaj6 a 10 16 1.6 6 3.0 * avx case capacitance rated dcl df esr *1 part no. size (f) voltage (a) (%) () c/c (v) @ 120hz @ 100khz (%) f931c106mbaaj6 b 10 16 1.6 6 2.0 * f931c156maaaj6 a 15 16 2.4 10 3.0 * f931c156mbaaj6 b 15 16 2.4 6 2.0 * f931c226mbaaj6 b 22 16 3.5 8 1.9 * f931c226mccaj6 c 22 16 3.5 6 1.1 * f931c336mbaaj6 b 33 16 5.3 8 1.9 * f931c336mccaj6 c 33 16 5.3 6 1.1 * f931c476mccaj6 c 47 16 7.5 8 0.9 * f931c476mncaj6 n 47 16 7.5 6 0.7 * f931c686mccaj6 c 68 16 10.9 10 0.8 * f931c686mncaj6 n 68 16 10.9 6 0.6 * f931c107mncaj6 n 100 16 16 10 0.6 * f931c157mncaj6 n 150 16 24 15 0.6 * 20 volt f931d225maaaj6 a 2.2 20 0.5 4 5.0 * f931d335maaaj6 a 3.3 20 0.7 4 4.5 * f931d475maaaj6 a 4.7 20 0.9 6 3.0 * f931d475mbaaj6 b 4.7 20 0.9 6 2.8 * f931d685maaaj6 a 6.8 20 1.4 6 3.5 * f931d685mbaaj6 b 6.8 20 1.4 6 2.5 * f931d106maaaj6 a 10 20 2 8 3.5 * f931d106mbaaj6 b 10 20 2 6 2.1 * f931d156mccaj6 c 15 20 3 6 1.2 * f931d226mbaaj6 b 22 20 4.4 8 1.9 * f931d226mccaj6 c 22 20 4.4 8 1.1 * f931d336mccaj6 c 33 20 6.6 8 1.1 * f931d336mncaj6 n 33 20 6.6 6 0.7 * f931d476mccaj6 c 47 20 9.4 10 1.1 * f931d476mncaj6 n 47 20 9.4 8 0.7 * 25 volt f931e105maaaj6 a 1 25 0.5 4 7.5 * f931e155maaaj6 a 1.5 25 0.5 4 6.7 * f931e225maaaj6 a 2.2 25 0.6 6 6.3 * f931e335maaaj6 a 3.3 25 0.8 6 6.0 * f931e475maaaj6 a 4.7 25 1.2 8 4.0 * f931e475mbaaj6 b 4.7 25 1.2 6 2.8 * f931e106mbaaj6 b 10 25 2.5 12 1.9 * f931e106mccaj6 c 10 25 2.5 6 1.5 * f931e156mccaj6 c 15 25 3.8 8 1.2 * f931e226mccaj6 c 22 25 5.5 8 1.1 * f931e226mncaj6 n 22 25 5.5 6 0.7 * f931e336mncaj6 n 33 25 8.3 8 0.7 * f931e476mncaj6 n 47 25 11.8 8 0.7 * 35 volt f931v105maaaj6 a 1 35 0.5 4 7.5 * f931v155maaaj6 a 1.5 35 0.5 6 7.5 * f931v225maaaj6 a 2.2 35 0.8 6 7.0 * f931v225mbaaj6 b 2.2 35 0.8 4 3.8 * f931v335mbaaj6 b 3.3 35 1.2 4 3.5 * f931v475mbaaj6 b 4.7 35 1.6 8 3.1 * f931v475mccaj6 c 4.7 35 1.6 6 1.8 * f931v685mccaj6 c 6.8 35 2.4 6 1.8 * f931v106mccaj6 c 10 35 3.5 6 1.6 * f931v156mncaj6 n 15 35 5.3 6 0.7 * f931v226mncaj6 n 22 35 7.7 8 0.7 * *1: c/c marked ? * ?
march 2015 25 f93-aj6 series resin-molded chip - automotive product range test f93-aj6 series (temperature range -55oc to +125oc) condition at 40c, 90 to 95% r.h., 500 hours (no voltage applied) damp heat capacitance change ........... refer to page 24 (*1) (steady state) dissipation factor ................ initial specified value or less leakage current .................. initial specified value or less after 1000 hours application of rated voltage in series with a 33 resistor at 85 c, 85% r.h., capacitors meet the characteristics requirements table below. load humidity capacitance change ........... refer to page 24 (*1) dissipation factor ................ initial specified value or less leakage current .................. 125% or less than the initial specified value at -55c / +125c, 30 minutes each, 1000 cycles temperature cycles capacitance change ........... refer to page 24 (*1) dissipation factor ................ initial specified value or less leakage current .................. initial specified value or less 10 seconds reflow at 260c, 10 seconds immersion at 260c. resistance to capacitance change ........... refer to page 24 (*1) soldering heat dissipation factor ................ initial specified value or less leakage current .................. initial specified value or less after application of surge voltage in series with a 33 resistor at the rate of 30 seconds on, 30 seconds off, for 1000 successive test cycles at 85oc, capacitors shall meet the characteristic requirements in the table above. surge capacitance change ........... refer to page 24 (*1) dissipation factor ................ initial specified value or less leakage current .................. initial specified value or less after 2000 hours application of rated voltage in series with a 3 resistor at 85c, or derated voltage in series with a 3 resistor at 125c, capacitors shall meet the characteristic requirements in the table above. endurance capacitance change ........... refer to page 24 (*1) dissipation factor ................ initial specified value or less leakage current .................. initial specified value or less shear test after applying the pressure load of 17.7n for 60 seconds horizontally to the center of capacitor side body which has no electrode and has been soldered beforehand on a substrate, there shall be found neither exfoliation nor its sign at the terminal electrode. terminal strength keeping a capacitor surface-mounted on a substrate upside down and supporting the substrate at both of the opposite bottom points 45mm apart from the center of capacitor, the pressure strength is applied with a specified jig at the center of the substrate so that substrate may bend by1mm as illustrated. then, there shall be found no remarkable abnormality on the capacitor terminals. failure rate 1% per 1000 hours at 85c, v r with 0.1/v series impedance, 60% confidence level. qualification table


▲Up To Search▲   

 
Price & Availability of F930G107MAAAJ6

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X