Part Number Hot Search : 
A1015 UF801 HMM5135B HMM5135B 1N5251 2SA1285A LLSRK200 MP2307DN
Product Description
Full Text Search
 

To Download E0312S-1WR2 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  dc/dc converter e_s-1wr2 & f_s-1wr2 series 201 5 . 09.21 - b/0 page 1 of 5 m ornsun guangzhou science & technology co., ltd. reserves the copyright and right of final interpretation 1w , f ixed input voltage , isolated & unregulated dual/ single output patent p rotection rohs features ? m iniature s ip package , international standard pin-out ? conversion e fficiency high up to 81% ? isolation voltage: 3k vdc ? operating temperature range: -40 to +105 ? en60950,ul60950 approval e_s-1wr2 & f_s-1wr2 series is specially designed for applications where an isolated voltage is required in a distributed power supply system. it is suitable for 1.where the voltage of the input power supply is stable (voltage variation: 10%vin); 2.where isolation is necessary between input and output (isolation voltage 3000vdc); 3.where do not has high requirement of line regulation , load regulation and low ripple noise; 4.such as: pure digital circuits, low frequency analog circuits and relay-driven circuits. etc. selection guide certification part no. input v oltage (vdc) output efficiency (%, min./ t yp.) @ f ull l oad max. c apacitive l oad * ( f) nominal (range) output v oltage (vdc) output c urrent (ma) (max./min.) -- e 03 12 s-1wr2 3.3 (2.97-3.63) 12 42/ 5 72/76 100 f0303s-1wr2 3.3 303/30 69/ 73 220 f0305s-1wr2 5 200/20 74/ 78 f03 24 s-1wr2 24 42/5 74/78 ul/ce e0505s-1wr2 5 (4.5-5.5) 5 100/ 10 76/ 80 100 e050 9 s-1wr2 9 56/ 6 76/80 e0512s-1wr2 12 42/ 5 76/ 80 e0515s-1wr2 15 33/ 4 77/ 81 e0524s-1wr2 24 21/ 2 77/ 81 -- f0503s-1wr2 3.3 303/30 69/73 220 ul/ce f0505s-1wr2 5 200/20 76/ 80 f050 9 s-1wr2 9 111/12 76/ 80 f0512s-1wr2 12 83 / 9 76/ 80 f0515s-1wr2 15 67/7 77/ 81 f0524s-1wr2 24 42/5 77/ 81 -- e 0 9 0 9 s-1wr2 9 ( 8.1 - 9.9 ) 9 56 / 6 76/ 80 100 f0 9 0 9 s-1wr2 9 111/12 76/80 220 ul/ce e1205s-1wr2 12 (10.8-13.2) 5 100/ 10 76/ 80 100 e1212s-1wr2 12 42/ 5 77/ 81 e1215s-1wr2 15 33/ 4 77/ 81 e12 24 s-1wr2 24 21/ 2 76/ 8 0 -- f1203s-1wr2 3.3 303/30 71/ 75 220 ul/ce f1205s-1w r2 5 200/20 76/ 80 f120 9 s-1w r2 9 111/12 76/80 f1212s-1w r2 12 83/9 76/ 80 f1215s-1w r2 15 67/7 77/ 81 f12 24 s-1w r2 24 42/5 77/ 81 -- e1505s-1w r2 15 ( 13.5-16.5) 5 100/ 10 76/ 80 100 e1515s-1w r2 15 33/ 4 77/ 81 ce f1505s-1w r2 5 200/20 76/ 80 220
dc/dc converter e_s-1wr2 & f_s-1wr2 series 201 5 . 09.21 - b/0 page 2 of 5 m ornsun guangzhou science & technology co., ltd. reserves the copyright and right of final interpretation -- f1509s-1w r2 9 111/12 76/80 f 15 12 s-1w r2 12 83/9 76/ 80 ce f1515s-1w r2 15 67/7 77/ 81 ul/ce e2405s-1w r2 24 ( 21.6-26.4) 5 100/ 10 76/ 80 100 e240 9 s-1w r2 9 56 / 6 76/80 e2412s-1w r2 12 42/ 5 77/ 81 e2415s-1w r2 15 33/ 4 75/ 79 e2424s-1wr2 24 21/ 2 76/ 80 -- f2403s-1wr2 3.3 303/30 71/ 75 220 ul/ce f2405s-1w r2 5 200/20 75/ 79 f240 9 s-1w r2 9 111/12 76/80 f2412s-1wr2 12 83/9 77/ 81 f2415s-1wr2 15 67/7 77/ 81 f2424s-1wr2 24 42/ 5 77/ 81 note * the capacitive loads of positive and negative outputs are identical. input s pecifications item operating c onditions min. typ. max. unit input c urrent (full load / no - load) 3.3 vdc input -- 415 /25 -- /70 ma 5 vdc input -- 2 74 /20 -- /60 9 vdc input -- 139 /20 -- /55 12 vdc input -- 1 1 4/15 -- /50 15 vdc input -- 8 4 /10 -- /35 24 vdc input -- 5 8 /7 -- /30 surge voltage (1sec. max.) 3.3 vdc input -0.7 -- 5 vdc 5 vdc input -0.7 -- 9 9 vdc input -0.7 -- 12 12 vdc input -0.7 -- 18 15 vdc input -0.7 -- 21 24 vdc input -0.7 -- 30 input f ilter capacitor filter hot p lug unavailable output s pecifications item operating c onditions min. typ. max. unit output v oltage a ccuracy see tolerance envelope curve (fig. 1) line r egulation input voltage change: 1% 3.3 vdc out put -- -- 1. 5 -- other out put -- -- 1.2 load r egulation 10%-100% load 3.3 vdc output -- 18 -- % 5vdc output -- 12 -- 9vdc output -- 9 -- 12vdc output -- 8 -- 15vdc output -- 7 -- 24vdc output -- 6 -- ripple & n oise* 20mhz bandwidth the output voltage is 12vdc and under -- 30 -- mvp-p 15vdc and 24vdc output voltage -- 60 -- temperature d rift c oefficient 100% load -- -- 0.03 %/ s hort c ircuit p rotection e0524s-1wr2/f0524s-1wr2/ e24xxs-1wr2/ f24xxs-1wr2 -- -- 1 s others con tinuous , self-recovery note: * ripple and noise tested with parallel cable method , please see dc-dc converter application notes for specific operation methods . ** supply voltage must be discontinued at the end of short circuit duration for e0524s-1wr2/f0524s-1wr2/e24xxs-1wr2/f24xxs-1wr2 models.
dc/dc converter e_s-1wr2 & f_s-1wr2 series 201 5 . 09.21 - b/0 page 3 of 5 m ornsun guangzhou science & technology co., ltd. reserves the copyright and right of final interpretation general s pecifications item operating c onditions min. typ. max. unit isolation v oltage input-output, with the test time of 1 minute and the leak current lower than 1ma 3000 -- -- vdc isolation r esistance input-output, i solation voltage 500vdc 1000 -- -- m isolation c apacitance input-output, 100khz/0.1v -- 20 -- pf operating t emperature derating if the temperature 85 (see fig. 2) -40 -- 105 storage t emperature -55 -- 125 casing temperature rise ta=25 -- 25 -- pin w elding r esistance t emperature welding spot is 1.5mm away from the casing, 10 seconds -- -- 300 storage h umidity non-condensing -- -- 95 % switching f requency 100% load, nominal input voltage -- 100 -- khz mtbf mil-hdfk-217f@25 3500 -- -- k hours physical s pecifications casing m aterial black flame-retardant heat-proof epoxy resin (ul94-v0) package d imensions 19.50*6.00*9.30 mm weight 2.40 g (typ.) c ooling method free air convection emc s pecifications emi conducted disturbance cispr22/en55022 class b (see fig. 4 for recommended circuit) radiated emission cispr22/en55022 class b (see fig. 4 for recommended circuit) ems electrostatic discharge e_s-1wr2 iec/en61000-4-2 contact 6kv perf. criteria b f_s-1wr2 iec/en61000-4-2 contact 8kv perf. criteria b product c haracteristic c urve 3.3vdc output -10% 80% 20% 10% 40% 60% -5% 0 +5% +10% 100% typ . min. max. -15% -7.5% +1.0% -15% tolerance envelope cur ve output current percentage (nominal input voltage) output voltage accuracy others output -10% 80% 20% 10% 40% 60% -5% 0 +5% +10% +15% 100% typ . min. max. -7.5% -2.5% +2.5% output current percent (nominal input voltage) output voltage accuracy tolerance envelope cur ve fig. 1 120 100 80 60 40 20 0 -40 0 40 85 105 output power percentage(%) ambient temperature( ) safe operating area temperature derating graph fig. 2
dc/dc converter e_s-1wr2 & f_s-1wr2 series 201 5 . 09.21 - b/0 page 4 of 5 m ornsun guangzhou science & technology co., ltd. reserves the copyright and right of final interpretation design r eference 1. typical application if it is required to further reduce input and output ripple, a filter capacitor can be connected to the input and output terminals, see fig.3. moreover, choosing suitable filter capacitor is very important , start-up problems may be caused by too large capacitance. to ensured the modules running well, the recommended capacitive load values as shown in table 1. vin gnd +vo 0 v dc cin dc cout cout -vo dual output single output vin gnd +vo 0 v dc cin dc cout fig.3 recommended capacitive load value table (table 1) vin (vdc) cin ( f) slngle output (vdc) cout ( f) dual output (vdc) cout ( f) 3.3/5 4.7 3.3/5 /9 10 3.3/ 5 4.7 9/ 12 2.2 12 2.2 9/ 12 1 15 2.2 15/24 1 15/ 24 0.47 24 1 -- -- -- -- 2. emc typical recommended circuit (class b) vin gnd +vo -vo ( 0v) dc/dc load ldm c1 vin gnd c2 fig. 4 input voltage ( vdc ) 3.3/5/ 9/ 12/15/24 emi c1 4.7 f /50v c2 r efer to the cout in fig.3 ldm 6.8 h note: it is not needed to add the component in the peripheral circuit when parameter with the symbol of "--" 3. output load requirements in order to ensure the converter can work reliably with high efficiency, the minimum load should not less than 10% rated load when it is used. if the needed power is indeed small, please parallel a resistor on t the output side ( the sum of the efficient power and resistor consumption power is not less than 10%). 4. for more information please find the application note s on www.mornsun-power.com
dc/dc converter e_s-1wr2 & f_s-1wr2 series 201 5 . 09.21 - b/0 page 5 of 5 m ornsun guangzhou science & technology co., ltd. reserves the copyright and right of final interpretation d imensions and r ecommended l ayout note s : 1. packing information please refer to 'product packing information'. packing bag number: 58200029 ; 2. if the product is operated under the min. required load, the product performance cannot be guaranteed to comply with all performance indexes in this datasheet ; 3. the max. capacitive load should be tested within the input voltage range and under full load conditions; 4. unless otherwise specified, data in this data sheet should be tested under the conditions of ta=25 c, humidity<75% when inputting nominal voltage and outputting rated load; 5. all index testing methods in this datasheet are based on our company s corporate standards; 6. the performance indexes of the product models listed in this manual are as above, but some indexes of non-standard model products will exceed the above-mentioned requirements, and please directly contact our technicians for specific information; 7. we can provide product customization service; 8. specifications of this product are subject to changes without prior notice. m ornsun guangzhou science & technology co., ltd. address: no. 5, kehui st. 1, kehui development center, science ave., guangzhou science city, luogang district, guangzhou, p. r. china tel: 86-20-38601850-8801 fax: 86-20-38601272 e-mail: info@mornsun.cn


▲Up To Search▲   

 
Price & Availability of E0312S-1WR2

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X