Part Number Hot Search : 
AD807202 LA5668N MDA206G M3H78FCG 42900 ZX7V5A BRF1045 LB1672
Product Description
Full Text Search
 

To Download DSN6NC51H330X Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  the content and copyrights of the attached material are the property of its owner. distributed by: www.jameco.com ? 1-800-831-4242 http://www..net/ datasheet pdf - http://www..net/ jameco part number 1853937
http://www.murata.com/ data sheet ! note: 1. this datasheet is downloaded from the website of murata manufacturing co., ltd. therefore, it?s specifications are subject t o change or our products in it may be discontinued without advance notice. please check with our sales representatives or product engineers bef ore ordering. 2. this datasheet has only typical specifications because there is no space for detailed specifications. therefore, please appr ove our product specifications or transact the approval sheet for product specifications before ordering. 1 o this data sheet is applied for lead emifil r capacitor type used for general electronics equipment for your design. 2006.11.2 noise suppression products/emi suppression filters > lead emifil r capacitor type > for general small type (in mm) 7.0 max. gnd i q55 type : 25.0 min. q56 type : 6.0 1.0 q54 type : 4.0 0.5 2.54 max. 8.0 max. 5.0 0.5 2.5 0.5 i ? 0.6 lead emifil r capacitor type for general small type dsn6/dss6 series  dimension dsn6 series (in mm) 8.0 max. 2.54 max. *2 *1 *1 there may be a hole on the top of ferrite beads, which cause no characteristics deterioration. *2 bottom of the ferrite beads may not be level with each other. 7.0 max. 5.0 0.5 2.5 0.5 i ? 0.6 i q55 type : 25.0 min. q56 type : 6.0 1.0 q54 type : 4.0 0.5 gnd 2 1 3 4 8 0 20 40 60 80 100 120 1 10 100 1000 9 10 11 12 7 0.1 5 6 frequency (mhz) insertion loss (db) 1 : 22pf 2 : 33pf 3 : 47pf 4 : 100pf 5 : 150pf 6 : 220pf 7 : 270pf 8 : 470pf 9 : 1000pf 10 : 2200pf 11 : 10000pf 12 : 22000pf (50 ? - 50 ? ) 1 0 20 40 60 80 100 120 1 10 100 1000 0.1 2 3 4 5 frequency (mhz) insertion loss (db) 1 : 22pf 2 : 33pf 3 : 47pf 4 : 100pf 5 : 270pf 6 :1000pf 7 : 2200pf 8 : 10000pf 8 7 6 (50 ? - 50 ? ) dss6 series straight type  dimension  il of main items  il of main items  rated value ( p : lead type/packaging code) part number capacitance rated current rated voltage operating temperature range dsn6nc51h220 p 22pf+20%-20% 6a 50vdc -25 c to +85 c dsn6nc51h330 p 33pf+20%-20% 6a 50vdc -25 c to +85 c dsn6nc51h470 p 47pf+20%-20% 6a 50vdc -25 c to +85 c dsn6nc51h101 p 100pf+20%-20% 6a 50vdc -25 c to +85 c dsn6nc51h271 p 270pf+20%-20% 6a 50vdc -25 c to +85 c dsn6nc51h102 p 1000pf+20%-20% 6a 50vdc -25 c to +85 c dsn6nc51h222 p 2200pf+20%-20% 6a 50vdc -25 c to +85 c dsn6nz81h103 p 10000pf+80%-20% 6a 50vdc -25 c to +85 c continued on the following page. http://www..net/ datasheet pdf - http://www..net/
continued from the preceding page. http://www.murata.com/ data sheet ! note: 1. this datasheet is downloaded from the website of murata manufacturing co., ltd. therefore, it?s specifications are subject t o change or our products in it may be discontinued without advance notice. please check with our sales representatives or product engineers bef ore ordering. 2. this datasheet has only typical specifications because there is no space for detailed specifications. therefore, please appr ove our product specifications or transact the approval sheet for product specifications before ordering. 2 o this data sheet is applied for lead emifil r capacitor type used for general electronics equipment for your design. 2006.11.2 noise suppression products/emi suppression filters > lead emifil r capacitor type > for general small type dss6 series incrimp type  rated value ( p : lead type/packaging code) part number capacitance rated current rated voltage operating temperature range dss6nc52a220 p 22pf+20%-20% 6a 100vdc -25 c to +85 c dss6nc52a330 p 33pf+20%-20% 6a 100vdc -25 c to +85 c dss6nc52a470 p 47pf+20%-20% 6a 100vdc -25 c to +85 c dss6nc52a101 p 100pf+20%-20% 6a 100vdc -25 c to +85 c dss6nc52a151 p 150pf+20%-20% 6a 100vdc -25 c to +85 c dss6nc52a221 p 220pf+20%-20% 6a 100vdc -25 c to +85 c dss6nc52a271 p 270pf+20%-20% 6a 100vdc -25 c to +85 c dss6nc52a471 p 470pf+20%-20% 6a 100vdc -25 c to +85 c dss6nc52a102 p 1000pf+20%-20% 6a 100vdc -25 c to +85 c dss6ne52a222 p 2200pf+80%-20% 6a 100vdc -25 c to +85 c dss6nz82a103 p 10000pf+30%-30% 6a 100vdc -25 c to +85 c dss6nf31c223 p 22000pf+80%-20% 6a 16vdc -25 c to +85 c (in mm) 8.0 max. gnd i t51 type : 25.0 min. t41 type : 4.0 0.5 2.54 max. 5.0 0.5 2.5 0.5 i ? 0.6 10.0 max. *1 there may be a hole on the top of ferrite beads, which cause no characteristics deterioration. *2 bottom of the ferrite beads may not be level with each other. *1 *2 1 2 3 4 5 0 20 40 60 80 100 120 1 10 100 1000 0.1 9 10 11 12 6 7 8 frequency (mhz) insertion loss (db) 1 : 22pf 2 : 33pf 3 : 47pf 4 : 100pf 5 : 150pf 6 : 220pf 7 : 270pf 8 : 470pf 9 : 1000pf 10 : 2200pf 11 : 10000pf 12 : 22000pf  dimension  il of main items  rated value ( p : lead type/packaging code) part number capacitance rated current rated voltage operating temperature range dss6nc52a220 p 22pf+20%-20% 6a 100vdc -25 c to +85 c dss6nc52a330 p 33pf+20%-20% 6a 100vdc -25 c to +85 c dss6nc52a470 p 47pf+20%-20% 6a 100vdc -25 c to +85 c dss6nc52a101 p 100pf+20%-20% 6a 100vdc -25 c to +85 c dss6nc52a151 p 150pf+20%-20% 6a 100vdc -25 c to +85 c dss6nc52a221 p 220pf+20%-20% 6a 100vdc -25 c to +85 c dss6nc52a271 p 270pf+20%-20% 6a 100vdc -25 c to +85 c dss6nc52a471 p 470pf+20%-20% 6a 100vdc -25 c to +85 c dss6nc52a102 p 1000pf+20%-20% 6a 100vdc -25 c to +85 c dss6ne52a222 p 2200pf+80%-20% 6a 100vdc -25 c to +85 c dss6nz82a103 p 10000pf+30%-30% 6a 100vdc -25 c to +85 c continued on the following page. http://www..net/ datasheet pdf - http://www..net/
continued from the preceding page. http://www.murata.com/ data sheet ! note: 1. this datasheet is downloaded from the website of murata manufacturing co., ltd. therefore, it?s specifications are subject t o change or our products in it may be discontinued without advance notice. please check with our sales representatives or product engineers bef ore ordering. 2. this datasheet has only typical specifications because there is no space for detailed specifications. therefore, please appr ove our product specifications or transact the approval sheet for product specifications before ordering. 3 o this data sheet is applied for lead emifil r capacitor type used for general electronics equipment for your design. 2006.11.2 noise suppression products/emi suppression filters > lead emifil r capacitor type > for general small type part number capacitance rated current rated voltage operating temperature range dss6nf31c223 p 22000pf+80%-20% 6a 16vdc -25 c to +85 c gnd no polarity. minimum quantity lead type/packaging minimum order quantity (order in sets only) (pcs.) ds 6 series part number ammo pack bulk (bag) 2000 250 q55/t51 500 q54/q56/t41 ?20mm paper reel ? q55b q50b q52b q54b q56b t41b t51b q91j q92j q93j q91a q92a q93a u21a u31a all series all series except dss9n/h dss6n dst9n/h dst9n dss9n/h ds p 6 , dsn9n/h dsn6/9 , dss6/9 dss6n 25.0 min. 4.0 0.5 6.0 1.0 4.0 0.5 6.0 1.0 4.0 0.5 25.0 min. 20.0 1.0 16.5 1.0 18.5 1.0 20.0 1.0 16.5 1.0 18.5 1.0 16.5 1.0 18.5 1.0 code lead length* (in mm) bulk paper reel (?20mm) ammo pack packaging straight incrimp straight incrimp lead type series * lead distance between reference and bottom planes except bulk. gnd no polarity.  equivalent circuit  packaging  ! caution (rating) do not use products beyond the rated current and rated voltage as this may create excessive heat and deteriorate the insulation resistance.  equivalent circuit dss6 series dsn6 series http://www..net/ datasheet pdf - http://www..net/
1. mounting hole mounting holes should be designed as specified below. continued on the following page. dsn6 dss6 vfr3v vfs6v dsn9 dsn9h dst9 dst9h dss9 dss9h vfs9v bnx00 p /01 p terminal layout (bottom figure) component side part number bulk type ( in mm) taping type ( in mm) 2.5 0.2 2.5 0.2 ?.8-3 ?.0-3 ?.8-3 ?.8-3 2.5 0.2 2.5 0.2 1.0 0.2 1.25 0.2 2.5 0.2 2.5 0.2 2.5 0.2 2.5 0.2 2.5 0.2 2.5 0.2 7.5 0.1 (psg) (b) (cg) (cg) (cg) (cb) 5.0 0.1 2.5 0.1 2.5 0.1 2.5 0.1 2.5 0.2 ?.8-3 ?.2 psg: power supply ground cg: load circuit ground cb: load circuit + bias cg cb cg b psg 1 http://www..net/ datasheet pdf - http://www..net/
continued from the preceding page. this product effectively prevents undesired radiation and external noise from going out / entering the circuit by grounding the high frequency components which cause noise problems. therefore, grounding conditions may affect the performance of the filter and attention should be paid to the following for effective use. (a) design maximized grounding area in the p.c. board, and grounding pattern for all the grounding terminals of the product to be connected. (please follow the specified recommendations.) (b) minimize the distance between ground of the p.c. board and the ground plate of the product. (recommended unsing the through hole connection between grounding area both of component side and bottom side.) (c) insert the terminals into the holes on p.c. board completely. (d) don't connect psg terminal with cg terminal directly. (see the item 1. terminal layout) 2. using the block type emifil r effectively (1) how to use effectively use a bilateral p.c. board. insert the bnx into the p.c.board until the root of the terminal is secured, then solder. psg b b cg cg cg cg cg cg cb cb psg psg b copper foil pattern psg b (1) component side view (2) bottom view shield plate p. c. board patterns though this product has a large rated current, localized selfheating may be caused depending on soldering conditions. to avoid this, attention should be paid to the following: (a) use p.c. board with our recommendation on hole diameter / land pattern dimensions, mentioned in the right hand drawing, especially for 4 terminals which pass current. (b) solder the terminals to the p.c. board with soldercover area at least 90%. otherwise, excess self-heating at connection between terminals and p.c. board may lead to smoke and / or fire of the product even when operating at rated current. (c) after installing this product in your product, please make sure the self-heating is within the rated current recommended. (2) self-heating copper foil pattern (in mm) through holes recommendation land pattern psg b cg cg cg cb 7.5 5.0 2.5 2.5 2.5 3.2 3.2 3.2 ?.2 continued on the following page. 2 http://www..net/ datasheet pdf - http://www..net/
continued from the preceding page. (1) terminal (with mark) should be properly connected to the line of incoming electrostatic surge. (there is polarity.) otherwise, no effect in esd suppression can be expected (vfr3v). (2) products should be used at rated voltage or less and rated current or less. (3) products should not be applied for the absorption of surges which have large energy (ex. induced lightning surges, switching surges) because it is designed for the absorption of electrostatic surges (vfr3v). (4) electrostatic test should be done on the following conditions (vfr3v). 3. using emiguard r effectively n ?[ c / r ?v 2 ] 2 < 8.0 10 5 n: times applied c: charging capacitance (pf) v: testing voltage (kv) r: charging resistance ( ) incoming electrostatic surges incoming electrostatic surges example of input terminal example of output terminal do not clean vfr3v, plt09h and vfs6v series. clean other parts in the following conditions. (1) cleaning temperature should be limited to 60 c max. (40 c max for alcohol type cleaner). (2) ultrasonic cleaning should comply with the following conditions, avoiding the resonance phenomenon at the mounted products and p.c.b. power: 20 w / l max. frequency: 28 to 40khz time: 5 min. max. (3) cleaner (a) alcohol type cleaner isopropyl alcohol (ipa) (b) aqueous agent (plt series cannot be cleaned) pine alpha st-100s (4) there should be no residual flux or residual cleaner left after cleaning. in the case of using aqueous agent, products should be dried completely after rinsing with de-ionized water in order to remove the cleaner. (5) the surface of products may become dirty after cleaning, but there is no deterioration on mechanical, electrical characteristics and reliability. (6) other cleaning: please contact us. 5. cleaning conditions (1) solder: h60a, h63a solder (jis z 3238) in case of lead-free solder, use sn-3.0ag-0.5cu solder. (2) use rosin-based flux. do not use strong acidic flux with halide content exceeding 0.2wt% (chlorine conversion value). (3) products and the leads should not be subjected to any mechanical stress during the soldering process, or while subjected to the equivalent high temperatures. (4) standard flow soldering profile 4. soldering solder soldering temperature soldering time sn/pb=60/40, sn/pb=63/37 sn-3.0ag-0.5cu solder 240 to 260?c 250 to 260?c 5s max. 4 to 6s pre-heating soldering gradual cooling (in air) 150 c 300 250 200 150 100 50 temperature ( c) 60s min. soldering time soldering temperature 3 http://www..net/ datasheet pdf - http://www..net/
minimum quantity lead type code minimum order quantity (order in sets only) (pcs.) vfr3v series ds 6/vfs6v series dsn9/9h series dst9 series dss9 series vfs9v series part number ammo pack bulk (bag) 2000 250 2000 250 q55/t51 500 q54/q56/t41 2000 250 q55 500 q54/q56 1000 200 q55 250 q50/q52 200 q55 500 q54/q56 ?20mm paper reel 800 800 200 lead length (h) q91 20.0 1.0mm q92 16.5 1.0mm lead type code straight type incrimp type - u21 q93 18.5 1.0mm u31 dsn6_q91/q92/q93 dsn9_q91/q92/q93 dst9_q92/q93 dss9_q91/q92/q93 vfs9v_q91/q92/q93 dss6_q91/q92/q93 dss6_u21/u31 vfs6v_u31 taping dimensions vfr3v_u31 (in mm) 6.35 1.3 12.7 8.0 max. 0 1.0 18.0 0.5 9.0+0/-0.5 ?.0 0.1 18.5 1.0 1.5 max. 0.7 0.2 1.5 1.5 5.0 max. 3.85 0.7 1.0 max. 1.0 max. 2.3 max. ?.45 0.1 12.0 0.5 ay ay ay 11.0+0/-1.0 12.7 0.2 5.0+0.8/-0.2 2.5+0.4/-0.2 2.5+0.4/-0.2 +0.5 to -1.0 (1)(2)(3) 6.35 1.3 12.7 dsn6_ : 7.0 max. dsn9_ : 9.5 max. 0 1.0 3.85 0.7 18.0 0.5 9.0+0/-0.5 12.7 0.2 ?.0 0.1 2.5+0.4/-0.2 0.7 0.2 1.5 max. 1.5 1.5 dsn6_ : 8.0 max. dsn9_ : 11.0 max. h q91 type : 20 1.0 q92 type : 16.5 1.0 q93 type : 18.5 1.0 h 12.0 0.5 +0.5 to -1.0 ?.6 1.0 max. 1.0 max. 5.0+0.8/-0.2 11.0+0/-1.0 0.7 0.2 1.5 max. 12.7 0.2 ?.0 0.1 3.85 0.7 12.7 9.5 max. 0 1.0 1.5 1.5 15.5 max. 4.0 max. 1.0 max. 1.0 max. ?.6 2.5+0.4/-0.2 6.35 1.3 5.0+0.8/-0.2 2.5+0.4/-0.2 11.0+0/-1.0 18.0 0.5 9.0+0/-0.5 12.0 0.5 +0.5 to -1.0 h q92 type : 16.5 1.0 q93 type : 18.5 1.0 h 0.7 0.2 1.5 max. 12.7 0.2 18.0 0.5 9.0+0/-0.5 1.5 1.5 7.0 max. 1.0 max. 1.0 max. 2.54 max. ?.6 6.35 1.3 12.7 0 1.0 11.0+0/-1.0 3.85 0.7 ?.0 0.1 5.0+0.8/-0.2 2.5+0.4/-0.2 2.5+0.4/-0.2 12.0 0.5 +0.5 to -1.0 h q91 type : 20 1.0 q92 type : 16.5 1.0 q93 type : 18.5 1.0 h 8.0 max. *1 *2 *1 bottom of dielectric may be exposed. *2 if a hole is on the top of the ferrite bead, the bead should not be exposed. 6.35 1.3 12.7 8.0 max 0 1.0 18.0 0.5 9.0+0/-0.5 ?.0 0.1 0.7 0.2 1.5 max. 1.5 1.5 3.85 0.7 1.0 max. 1.0 max. 2.54 max. ?.6 12.0 0.5 11.0+0/-1.0 5.0+0.8/-0.2 12.7 0.2 2.5+0.4/-0.2 2.5+0.4/-0.2 +0.5 to -1.0 h u21 type : 16.5 1.0 u31 type : 18.5 1.0 h dss6_u : 10.0 max. vfs6v : 10.5 max. *1 *2 *1 bottom of dielectric may be exposed. *2 if a hole is on the top of the ferrite bead, the bead should not be exposed. dsn6_ : 2.54 max. dsn9_ : 4.0 max. ?.0 0.1 0.7 0.2 1.5 max. 18.0 0.5 9.0+0/-0.5 3.85 0.7 2.5+0.4/-0.2 1.5 1.5 12.0 0.5 +0.5 to -1.0 12.0 max. 0 1.0 11.0 max. 1.0 max. 1.0 max. *1 point a 7.5 max. ?.6 11.0+0/-1.0 6.35 1.3 12.7 5.0+0.8/-0.2 12.7 0.2 2.5+0.4/-0.2 h q91 type : 20 1.0 q92 type : 16.5 1.0 q93 type : 18.5 1.0 *2 h *2 h *1 coating extending on leads does not exceed the start of bend. (point a) exposed electrodes are covered with solder. *2 h: to be measured from the forming point a. *3 the deviation between two ferrite beads should be less than 1.2mm. *3 http://www..net/ datasheet pdf - http://www..net/
o part numbering (part number) disc type emifil r e style code diameter 8.0mm max. diameter 12.0mm max. style 6 9 q product id ds three-terminals capacitor product id w structure n s t no ferrite beads type built-in ferrite beads type with ferrite beads type code structure t temperature characteristics b3/p3 c5 t3 e5 f3 z8 10% (temperature range: -25?c to +85?c) 22% (temperature range: -25?c to +85?c) +20/-30% (temperature range: -25?c to +85?c) +22/-56% (temperature range: -25?c to +85?c) +30/-80% (temperature range: -25?c to +85?c) +30/-85% (temperature range: -10?c to +60?c) code capacitance change i lead type/ o packaging q55b q50b q52b q54b q56b t41b t51b q91j q92j q93j q91a q92a q93a u21a u31a all series all series except dss9n/h dss6n dst9n/h dst9n dss9n/h ds p 6n , dsn9n/h dsn6n/9n , dss6n/9n , dss9h dss6n 25.0 min. 4.0 0.5 6.0 1.0 4.0 0.5 6.0 1.0 4.0 0.5 25.0 min. 20.0 1.0 16.5 1.0 18.5 1.0 20.0 1.0 16.5 1.0 18.5 1.0 16.5 1.0 18.5 1.0 code lead length* (in mm) bulk paper reel (?20mm) ammo pack packaging straight incrimp straight incrimp lead type series y rated voltage 1c 1h 2a 2e 16v 50v 100v 250v code rated voltage r category code for general use for heavy-duty category n h u capacitance expressed by three figures. the unit is in pico-farad (pf). the first and second figures are significant digits, and the third figure expresses the number of zeros which follow the two figures. t b3 y 2e q ds u 271 r h e 9 b o w s i q55 * lead distance between reference and bottom planes except bulk. http://www..net/ datasheet pdf - http://www..net/


▲Up To Search▲   

 
Price & Availability of DSN6NC51H330X

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X