Part Number Hot Search : 
AS170 D2424 00950 23A10 LH5268A V607TE03 UH4PCC 00393
Product Description
Full Text Search
 

To Download D10F150S Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  sds10f150s power rectifier features * high voltage and high reliability * high speed switching ( trr =135ns) * low v f in turn on (v f =1.3v at i f =10a) * suitable for damper diode in horizontal deflection circuits mechanical characteristics * case: epoxi , molded * easy to mount on circuit board * shipped 50units per plastic tube * marking: D10F150S maximum ratings symbol v rrm i f(av) i fsm t j , t stg w aval rating peak repetitive reverse voltage average rectified forward current, t c =125 c nonrepetetive peak surge current ( halfwave , single phase, 60hz) operating junction and storage temperature controlled avalanche energy value 1500 10 100 -65 ~ 125 20 units v a a c mj thermal characteristics r q jc thermal resistance- junction to case 5.0 c /w to-220f 1 2 1 2 ? 1999 fairchild semiconductor corporation rev. b http://
sds10f150s power rectifier characteristics maximum instantaneous forward voltage (1) (i f = 10a, t j = 125 c ) (i f = 10a, t j = 25 c ) maximum instantaneous reverse current (1) (rated dc voltage, t j = 125 c ) (rated dc voltage, t j = 25 c ) maximum reverse recovery time (i f = 1.0a, di / dt = 50a/ m s) maximum forward recovery time (i f = 6.5a, di / dt = 50a/ m s) maximum forward recovery voltage typ 1.1 1.3 8 1 135 150 10 max 1.6 80 10 170 250 14 units v m a ns ns v electrical characteristics symbol v f i r trr tfr v frm (1) pulse test: pulse width = 300 m s, duty cycle 2.0%
sds10f150s power rectifier figure 2. typical reverse current figure 3. typical capacitance figure 1. typical forward voltage 0 . 0 300 . 0 600 . 0 900 . 0 1 . 2k 1 . 5k 0 . 001 0 . 01 0 . 1 1 10 100 1000 100 ? t j = 125 ? 25 ? i r , reverse current [ua] v r , reverse voltage [ vo lts ] 0 . 1 1 10 100 100 200 300 typ ical capac i tance at 0v = 150 pf cj , capacitance [pf] v r , reverse voltage [ volts ] 0 .1 1 10 100 0 .4 0 .6 0 .8 1 .0 1 .2 1 .4 1 .6 1 .8 25 ? t j =125? v f , i nst antaneous voltage [v olts ] i f , instantaneous forward current [amps]
sds10f150s power rectifier figure 4. typical reverse recovery time figure 5. typical stored recovery charge 0 1 2 3 4 5 6 7 8 9 10 60 90 120 150 180 210 240 270 300 100a / us d i/ d t = 50a / us trr, reverse recovery time [ns] i f , f orward current [ amps ] 0 1 2 3 4 5 6 7 8 9 10 0 500 1000 1500 2000 d i/ d t = 100a / us 50a / us qrr, stored recovery charge [nc] i f , f orward current [ amps ]
sds10f150s power rectifier package dimension unit : mm
trademarks acex? coolfet? crossvo l t? e 2 cmos tm f act? f act quiet series? f ast ? f as t r? g t o? hisec? the following are registered and unregistered trademarks fairchild semiconductor owns or is authorized to use and is not intended to be an exhaustive list of all such trademarks. life support policy f airchilds products are not authorized for use as critical components in life suppo r t devices or systems without the express written appro v al of f airchild semiconduc t or corpor a tion. as used herein: isoplanar? microwire? pop? power t rench? qs? quiet series? supersot?-3 supersot?-6 supersot?-8 t inylogic? 1. life support devices or systems are devices or systems which, (a) are intended for surgical implant into the bod y , or (b) support or sustain life, or (c) whose failure to perform when properly used in accordance with instructions for use provided in the labeling, can be reasonably expected to result in significant injury to the use r . 2. a critical component is any component of a life support device or system whose failure to perform can be reasonably expected to cause the failure of the life support device or system, or to a f fect its safety or e f fectiveness. product s t a tus definitions definition of t erms datasheet identification product status definition advance information preliminary no identification needed obsolete this datasheet contains the design specifications for product development. specifications may change in any manner without notice. this datasheet contains preliminary data, and supplementary data will be published at a later date. fairchild semiconductor reserves the right to make changes at any time without notice in order to improve design. this datasheet contains final specifications. fairchild semiconductor reserves the right to make changes at any time without notice in order to improve design. this datasheet contains specifications on a product that has been discontinued by fairchild semiconducto r . the datasheet is printed for reference information onl y . formative or in design first production full production not in production disclaimer fairchild semiconductor reserves the right to make changes without further notice t o any products herein to improve reliabilit y , function or design. fairchild does not assume any liability arising out of the applic a tion or use of any product or circuit described herein; neither does it convey any license under its pa tent rights, nor the rights of others.


▲Up To Search▲   

 
Price & Availability of D10F150S

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X