Part Number Hot Search : 
AD58004 IRF3415L STIH239 SA3D14 APT100 BFE520 X13139HD 28064
Product Description
Full Text Search
 

To Download CM-16 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  specifications per iec 115 - 1 115 - 2 jis c 52021 mil - r - 226848 features smd enabled structure conformal multi - layer coating against humidity excellent solderability termination dimensions type body length (l) body diameter (d) soldering spot (b) net weight per 1000 pcs cm - 16 3.45 + - 0.1mm 1.35 + - 0.1mm 0.6mm min. 17 grams cm - 204 3.45 + - 0.1mm 1.3 5 + - 0.1mm 0.6mm min. 17 grams cm - 207 5.90 + - 0.2mm 2.20 + - 0.1mm 1.0mm min. 66 grams cm - 52 5.90 + - 0.2mm 2.20 + - 0.1mm 1.0mm min. 66 grams carbon film melf resistor c c a a r r b b o o n n f f i i l l m m m m e e l l f f r r e e s s i i s s t t o o r r 1 uniohm corporation
general specifications type power rating at 70 degree c max. working voltage max. overload voltage resistance ran ge min. resistance range max. resistance tolerance standard resistance value cm - 16 1/6w 200v 300v 0, 0.1 ohm 1m ohm + - 5% e - 24 cm - 204 1/4w 200v 300v 0, 0.1 ohm 1m ohm + - 5% e - 24 cm - 207 1/3w 300v 600v 0, 0.1 ohm 10m ohm + - 5% e - 24 cm - 52 1/2w 350v 600v 0, 0.1 ohm 10m ohm + - 5% e - 24 for zero - ohm jumper resistance value is under 20m ohm. rated current is 2a for mm - 16 & mm - 204, 4a for mm - 207 & mm - 52. for 0.001~0.1 ohm please see csm series. special sizes, values, and specifications not listed available on special order. 2 carbon film melf resistor uniohm corporation
performance specifications characteristics limits cm - 16 cm - 204 cm - 207 cm - 52 ppm value 1ohm~33k 1ohm~33k + - 300 ppm/ degree c 33k~330k 33k~330k - 500 ppm/ degree c 330k~470k 330k~470k - 700 ppm/ degree c 470k~910k 470k - 1m - 1000 ppm/ degree c temperature coefficient over 910k over 1m - 1500 ppm/ degree c short time overload + - (1%+0.05r) dielectric withstanding voltage cm - 16, cm - 2 04: 200vac cm - 207, cm - 52: 500vac insulation resistance 10 4 m ohm voltage coefficient 25 ppm / v temperature cycling + - (1%+0.05r) humidity + - 3% load life in humidity + - 5% load life (at 70 degree c) + - 3% resistance to soldering heat + - (1%+0.05r ) solderability 95% min. vibration + - (1%+0.1r) terminal strength + - (1%+0.05r) thermal shock + - (1%+0.05r) 3 carbon film melf resistor uniohm corporation


▲Up To Search▲   

 
Price & Availability of CM-16

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X