Part Number Hot Search : 
DTC114E 24C08AN LMB162 MURS120A 08080100 MM5Z43 A103M 24C12
Product Description
Full Text Search
 

To Download 2SK932-24-TB-E Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  40414hk thç00003104/80812tkim/51099th(kt)/n148mots no.2841-1/4 http://onsemi.com semiconductor components industries, llc, 2014 april, 2014 2sk932 n-channel jfet 15v, 7.3 to 24ma, 50ms, cp ordering information see detailed ordering and shipping information on page 2 of this data sheet. stresses exceeding those listed in the maximum ratings table may damage the device. if any of these limits are exceeded, device functionality should not be assumed, damage may occur and reliability may be affected. applications ? am tuner rf amplifer, low-noise amplifer features ? adoption of fbet process ? large | yfs | ? small ciss ? ultralow noise fgure ? ultrasmall-sized package permitting 2sk932-applied sets to be made smaller and slimmer specifcations absolute maximum ratings at ta=25c parameter symbol conditions ratings unit drain-to-source voltage v dsx 15 v gate-to-drain voltage v gds --15 v gate current i g 10 ma drain current i d 50 ma allowable power dissipation p d 200 mw junction temperature tj 150 c storage temperature tstg --55 to +150 c package dimensions unit : mm (typ) 7013a-011 ordering number : en2841b product & package information ? package : cp ? jeita, jedec : sc-59, to-236, sot-23, to-236ab ? minimum packing quantity : 3,000 pcs./reel packing type: tb marking electrical connection tb 1 : sour ce 2 : drain 3 : gate cp 12 3 1.5 2.5 1.1 0.3 0.05 2.9 0.95 0.4 0.1 0.5 0.5 1 2 3 e lot no. rank lot no. 2sk932-22-tb-e 2sk932-23-tb-e 2SK932-24-TB-E
2sk932 no.2841-2/4 electrical characteristics at ta=25c parameter symbol conditions ratings unit min typ max gate-to-drain breakdown voltage v (br)gds i g =-- 10 m a, v ds =0v --15 v gate-to-source leakage current i gss v gs =-- 10v, v ds =0v --1.0 na zero-gate voltage drain current i dss v ds =-5 v, v gs =0v 7.3* 24.0* ma cutoff voltage v gs (off) v ds =5v, i d =100 m a --0.2 --0.6 --1.4 v forward transfer admittance | yfs | v ds =5v, v gs =0v , f=1khz 25 50 ms input capacitance ciss v ds =5v, v gs =0v , f=1mhz 10 pf reverse transfer capacitance crss 3.0 pf noise figure nf v ds =5v, r g =1k w , i d =1ma, f=1khz 1.5 db * : the 2sk932 is classifed by i dss as follows : (unit : ma) rank 22 23 24 i dss 7.3 to 12.0 10.0 to 17.0 14.5 to 24.0 ordering information device package shipping memo 2sk932-22-tb-e cp 3,000pcs./reel pb free 2sk932-23-tb-e cp 3,000pcs./reel 2SK932-24-TB-E cp 3,000pcs./reel product parametric performance is indicated in the electrical characteristics for the listed test conditions, unless otherwise noted. product performance may not be indicated by the electrical characteristics if operated under different conditions. gate-to-source voltage, v gs - - v i d - - v gs drain current, i d - - ma saturation drain current, i dss - - ma cutoff voltage, v gs (off) - - v v gs (off) - - i dss drain-to-source voltage, v ds - - v i d - - v ds drain i/rrent, i d - - ma drain-to-source voltage, v ds - - v i d - - v ds drain current, i d - - ma itr00898 0 0.4 0.8 1.2 1.6 2.0 0 2 4 6 8 10 12 14 16 v gs =0 - -0.1v - -0.2v - -0.3v - -0.4v - -0.5v - -0.6v v gs =0 - -0.1v - -0.2v - -0.3v - -0.4v hdr00900 - -1.2 - -1.0 - -0.8 - -0.6 - -0.4 - -0.2 0 0 10 20 30 40 i dss =20ma 15ma 10ma itr00899 0 2 4 6 8 10 0 4 8 12 16 20 5 7 2 3 3 5 10 7 - -1.0 - -0.1 5 3 2 2 v ds =5v i d =100 a hd00901 v ds =5v - -0.5v - -0.6v
2sk932 no.2841-3/4 ambient temperature, ta - - c allowable power dissipation, p d - - mw p d - - ta frequency, f - - hz nf - - f noise figure, nf - - db frequency, f - - hz nf - - f noise figure, nf - - db drain current, i d - - ma forward transfer admittance, | y fs | - - ms | y fs | - - i d saturation drain current, i dss - - ma forward transfer admittance, | y fs | - - ms | y fs | - - i dss ciss - - v ds drain-to-source voltage, v ds - - v input capacitance, ciss - - pf crss - - v ds drain-to-source voltage, v ds - - v reverse transfer capacitance, crss - - pf 20ma 10ma hd00902 hd00903 v ds =5v f=1khz v gs =0 f=1mhz v gs =0 f=1mhz 1.0 5 3 2 7 5 3 2 10 5 3 3 2 10 7 100 7 5 itr00904 v ds =5v v gs =0 f=1khz 5 3 3 2 7 5 10 5 3 2 100 10 7 itr00905 1.0 2 3 3 5 5 7 7 10 2 2 7 5 3 3 10 2 1.0 1.0 2 3 5 7 7 10 2 3 5 1.0 2 7 7 5 5 3 10 0 20 40 60 80 100 120 140 160 0 80 40 120 200 160 240 i d =1ma 3ma itr00908 10 100 1k 5 1m 2 5 2 2 5 10k 2 5 100k 2 5 10 100 1k 5 1m 2 5 2 2 5 10k 2 5 100k 2 5 0 2 4 6 8 10 12 14 0 2 4 6 8 10 12 14 v ds =5v rg=1k? v ds =5v i d =10ma rg=500? 1k ? 10k ? itr00906 itr00907 10ma
2sk932 ps no.2841-4/4 on semiconductor and the on logo are registered trademarks of semiconductor components industries, llc (scillc). scillc owns the rights to a number of patents, trademarks, copyrights, trade secrets, and other intellectual property. a listing of scillc?s product/patent coverage may be accessed at www.onsemi.com/site/pdf/patent-marking.pdf. scillc reserves the right to make changes without further notice to any products herein. scillc makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does scillc assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation special, consequential or incidental damages. ?typical? parameters which may be provided in scillc data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. all operating parameters, including ?typicals? must be validated for each customer application by customer?s technical experts. scillc does not convey any license under its patent rights nor the rights of others. scillc products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the scillc product could create a situation where personal injury or death may occur. should buyer purchase or use scillc products for any such unintended or unauthorized application, buyer shall indemnify and hold scillc and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that scillc was negligent regarding the design or manufacture of the part. scillc is an equal opportunity/affirmative action employer. this literature is subject to all applicable copyright laws and is not for resale in any manner. outline drawing land pattern example 2sk932-22-tb-e, 2sk932-23-tb-e, 2SK932-24-TB-E mass (g) unit 0.013 * for reference mm unit: mm 0.95 0.95 1.0 2.4 0.8


â–²Up To Searchâ–²   

 
Price & Availability of 2SK932-24-TB-E

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X