Part Number Hot Search : 
PS2010R SS15W LNK302P TW6NC90 AN133 MR850 27US0 A5800605
Product Description
Full Text Search
 

To Download 2SK3000-15 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  r07ds1134ej0400 rev.4.00 page 1 of 7 jan 10, 2014 data sheet 2sk3000 silicon n channel mos fet low frequency power switching features ? low on-resistance r ds(on) = 0.16 typ. (v gs = 10 v, i d = 450 ma) ? 4 v gate drive devices. ? small package (mpak) ? expansive drain to source surge power capability outline 1 2 3 1. source 2. gate 3. drain mpak 2 3 1 d s g note: marking is ?zy??. absolute maximum ratings (ta = 25c) item symbol ratings unit drain to source voltage v dss 40 v gate to source voltage v gss 10 v drain current i d 1.0 a drain peak current i d(pulse) note1 4.0 a reverse drain current i dr 1.0 a channel dissipation pch note2 400 mw channel temperature tch 150 c storage temperature tstg ?55 to +150 c notes: 1. pw 10 s, duty cycle 1 % 2. when using the glass epoxy board (10 mm x 10 mm x 1 mm t ) r07ds1134ej0400 rev.4.00 jan 10, 2014
2sk3000 r07ds1134ej0400 rev.4.00 page 2 of 7 jan 10, 2014 electrical characteristics (ta = 25c) item symbol min typ max unit test conditions drain to source breakdown voltage v (br)dss 40 ? 60 v i d = 100 a, v gs = 0 drain to source voltage v ds(sus) 40 ? ? v l = 100 h, i d = 3 a gate to source breakdown voltage v (br)gss 10 ? ? v i g = 100 a, v ds = 0 zero gate voltage drain current i dss ? ? 1.0 a v ds = 40 v, v gs = 0 gate to source leak current i gss ? ? 5 a v gs = 6.5v, v ds = 0 gate to source cutoff voltage v gs(off) 1.1 ? 2.1 v i d = 10 a, v ds = 5 v forward transfer admittance |y fs | 0.5 1.2 ? s i d = 450 ma, v ds = 10 v note3 static drain to source on state resistance r ds(on) ? 0.24 0.5 i d = 450 ma, v gs = 4v note3 r ds(on) ? 0.16 0.3 i d = 450 ma, v gs = 10 v note3 input capacitance ciss ? 14.0 ? pf v ds = 10 v v gs = 0 f = 1 mhz output capacitance coss ? 68 ? pf reverse transfer capacitance crss ? 3.0 ? pf turn-on delay time t d(on) ? 0.12 ? s v gs = 4 v, i d = 450 ma r l = 22 rise time t r ? 0.6 ? s turn-off delay time t d(off) ? 1.7 ? s fall time t f ? 1.4 ? s notes: 3. pulse test
2sk3000 r07ds1134ej0400 rev.4.00 page 3 of 7 jan 10, 2014 main characteristics 11 05 0 0 2 46810 0 12345 0.8 0.6 0.4 0.2 0 50 100 150 200 5 2 1 0.2 0.1 0.5 0.02 0.01 0.05 0.05 0.2 0.5 2 5 20 tc = ?25c 125c 25c 100 200 50 s 0.1 ms 1 ms 10 ms pw = 100 ms (1 shot) ta = 25c dc operation note4 note4 : when using the glass epoxy board (10mm x 10mm x 1mm ) t channel dissipation pch (w) ambient temperature ta (c) power vs. temperature derating drain to source voltage v (v) ds drain current i (a) d maximum safe operation area drain to source voltage v (v) ds drain current i (a) d typical output characteristics gate to source voltage v gs (v) typical transfer characteristics v = 5 v pulse test ds operation in this area is limited by r ds(on) drain current i (a) d 5.0 4.0 3.0 2.0 1.0 10 1 100m 10m 1m 5 v v = 2.5 v gs 6 v 4.5 v 10 v 4 v 3 v 3.5 v pulse test 100 1.0 0.8 0.6 0.4 0.2 0 48 12 16 20 0.01 1 0.1 10 3 1 0.1 0.3 0.03 0.01 10 i = 2 a d 1 a 0.45 a 0.03 0.3 3 v = 4 v gs 10 v drain to source saturation voltage vs. gate to source voltage v (v) ds(on) drain to source saturation voltage drain to source on state resistance r ( ) ds(on) static drain to source on state resistance vs. drain current pulse test pulse test
2sk3000 r07ds1134ej0400 rev.4.00 page 4 of 7 jan 10, 2014 5 2 1 0.2 0.5 0.1 0.1 0.2 0.5 1 2 10 10 5 25c tc = ?25c 75c case temperature tc ( c) r ( ) ds(on) static drain to source on state resistance static drain to source on state resistance vs. temperature drain current i (a) d forward transfer admittance |y | (s) fs forward transfer admittance vs. drain current v = 10 v pulse test ds 04 8121620 200 500 100 10 20 50 5000 2000 500 1000 100 200 50 1 1 2 5 0.50.20.1 ciss coss crss v = 0 f = 1 mhz gs 500 200 50 100 10 20 5 0.05 1 5 4 3 2 1 0 0.4 0.8 1.2 1.6 2.0 v = 0 gs 5 v 0.50.20.1 applied power ps (w) drain to source diodereverse surge destruction characteristics 105 250 20 ta = 25 1 shot 10 v surge pulse width pw (ms) 52 0.05 v = 4 v, v = 10 v pw = 5 s, duty < 1 % gs dd t f d(on) t d(off) t r t capacitance c (pf) drain to source voltage v (v) ds typical capacitance vs. drain to source voltage drain current i (a) d switching time t (ns) switching characteristics source to drain voltage v (v) sd reverse drain current i (a) dr reverse drain current vs. source to drain voltage pulse test 0.5 0.4 0.3 0.2 0.1 ?40 0 40 80 120 160 0 i d = 0.45 a v gs = 4 v 10 v 0.45 a pulse test
2sk3000 r07ds1134ej0400 rev.4.00 page 5 of 7 jan 10, 2014 1000 300 100 30 1 1 m 10 m 100 m 1 10 100 1000 j?a (c/w) vin monitor d.u.t. vin 4 v r l v = 10 v dd tr td(on) vin 90% 90% 10% 10% vout td(off) vout monitor 50 90% 10% t f 10 3 condition : ta = 25c when using the glass epoxy board (10mm x 10mm x 1mm ) t pulse width pw (s) thermal resistance transient thermal resistance switching time test circuit switching time waveforms
2sk3000 r07ds1134ej0400 rev.4.00 page 6 of 7 jan 10, 2014 package dimensions mass (typ) [g] 0.011 previous code renesas code plsp0003zb-a mpak(t) / mpak(t)v jeita package code sc-59a ? 2013 renesas electronics corporation. all rights reserved. d e a aa b xsa m e h e a a 2 a 1 s b a-a section c qc l l 1 l p a 3 a a 1 a 2 a 3 b c d e e h e l l 1 l p x q 1.0 0 1.0 ? 0.35 0.1 2.7 1.35 ? 2.2 0.35 0.15 0.25 ? ? min nom dimensions in millimeters reference symbol max ? ? 1.1 0.25 0.4 0.16 ? 1.5 0.95 2.8 ? ? ? ? 0.3 1.3 0.1 1.2 ? 0.5 0.26 3.1 1.65 ? 3.0 0.75 0.55 0.65 0.05 ?
2sk3000 r07ds1134ej0400 rev.4.00 page 7 of 7 jan 10, 2014 ordering information part name quantity shipping container 2sk3000 3000 pcs 178 mm reel taping (tl) note: for some grades, production may be terminated. please contact the renesas sales office to check the state of production before ordering the product.
notice 1. descriptions of circuits, software and other related information in this document are provided only to illustrate the operat ion of semiconductor products and application examples. you are fully responsible for the incorporation of these circuits, software, and information in the design of your equipment. renesas electronics assumes no responsibility for any losses incurred by you or third parties arising from the use of these circuits, software, or information. 2. renesas electronics has used reasonable care in preparing the information included in this document, but renesas electronics does not warrant that such information is error free. renesas electronics assumes no liability whatsoever for any damages incurred by you resulting from errors in or omissions from the information incl uded herein. 3. renesas electronics does not assume any liability for infringement of patents, copyrights, or other intellectual property ri ghts of third parties by or arising from the use of renesas electronics products or technical information described in this document. no license, express, implied or otherwise, is granted hereby under any paten ts, copyrights or other intellectual property rights of renesas electronics or others. 4. you should not alter, modify, copy, or otherwise misappropriate any renesas electronics product, whether in whole or in part . renesas electronics assumes no responsibility for any losses incurred by you or third parties arising from such alteration, modification, copy or otherwise misappropriation of renesas electronics product. 5. renesas electronics products are classified according to the following two quality grades: "standard" and "high quality". t he recommended applications for each renesas electronics product depends on the product's quality grade, as indicated below. "standard": computers; office equipment; communications equipment; test and measurement equipment; audio and visual equipment; home electronic appliances; machine tools; personal electronic equipment; and industrial robots etc. "high quality": transportation equipment (automobiles, trains, ships, etc.); traffic control systems; anti-disaster systems; an ti-crime systems; and safety equipment etc. renesas electronics products are neither intended nor authorized for use in products or systems that may pose a direct threat t o human life or bodily injury (artificial life support devices or systems, surgical implantations etc.), or may cause serious property damages (nuclear reactor control systems, military equipment etc.). you mus t check the quality grade of each renesas electronics product before using it in a particular application. you may not use any renesas electronics product for any application for which it is not intended. renesas electronics shall not be in any way liable for any damages or losses incurred by you or third parties arising from the use of any renesas electronics product for which the product is not intended by renesas electronics. 6. you should use the renesas electronics products described in this document within the range specified by renesas electronics , especially with respect to the maximum rating, operating supply voltage range, movement power voltage range, heat radiation characteristics, installation and other product characteristics. renesas e lectronics shall have no liability for malfunctions or damages arising out of the use of renesas electronics products beyond such specified ranges. 7. although renesas electronics endeavors to improve the quality and reliability of its products, semiconductor products have s pecific characteristics such as the occurrence of failure at a certain rate and malfunctions under certain use conditions. further, renesas electronics products are not subject to radiation resistance desig n. please be sure to implement safety measures to guard them against the possibility of physical injury, and injury or damage caused by fire in the event of the failure of a renesas electronics produc t, such as safety design for hardware and software including but not limited to redundancy, fire control and malfunction prevention, appropriate treatment for aging degradation or any other appropriate measu res. because the evaluation of microcomputer software alone is very difficult, please evaluate the safety of the final products or systems manufactured by you. 8. please contact a renesas electronics sales office for details as to environmental matters such as the environmental compatib ility of each renesas electronics product. please use renesas electronics products in compliance with all applicable laws and regulations that regulate the inclusion or use of controlled substances, in cluding without limitation, the eu rohs directive. renesas electronics assumes no liability for damages or losses occurring as a result of your noncompliance with applicable laws and regulations. 9. renesas electronics products and technology may not be used for or incorporated into any products or systems whose manufactu re, use, or sale is prohibited under any applicable domestic or foreign laws or regulations. you should not use renesas electronics products or technology described in this document for any purpose relating to military applications or use by the military, including but not limited to the development of weapons of mass destruction. when exporting the renesas electronics products or technology described in this do cument, you should comply with the applicable export control laws and regulations and follow the procedures required by such laws and regulations. 10. it is the responsibility of the buyer or distributor of renesas electronics products, who distributes, disposes of, or othe rwise places the product with a third party, to notify such third party in advance of the contents and conditions set forth in this document, renesas electronics assumes no responsibility for any losses incurred by yo u or third parties as a result of unauthorized use of renesas electronics products. 11. this document may not be reproduced or duplicated in any form, in whole or in part, without prior written consent of renesa s electronics. 12. please contact a renesas electronics sales office if you have any questions regarding the information contained in this doc ument or renesas electronics products, or if you have any other inquiries. (note 1) "renesas electronics" as used in this document means renesas electronics corporation and also includes its majority-o wned subsidiaries. (note 2) "renesas electronics product(s)" means any product developed or manufactured by or for renesas electronics. http://www.renesas.com refer to "http://www.renesas.com/" for the latest and detailed information. renesas electronics america inc. 2880 scott boulevard santa clara, ca 95050-2554, u.s.a. tel: +1-408-588-6000, fax: +1-408-588-6130 renesas electronics canada limited 1101 nicholson road, newmarket, ontario l3y 9c3, canada tel: +1-905-898-5441, fax: +1-905-898-3220 renesas electronics europe limited dukes meadow, millboard road, bourne end, buckinghamshire, sl8 5fh, u.k tel: +44-1628-651-700, fax: +44-1628-651-804 renesas electronics europe gmbh arcadiastrasse 10, 40472 dsseldorf, germany tel: +49-211-65030, fax: +49-211-6503-1327 renesas electronics (china) co., ltd. 7th floor, quantum plaza, no.27 zhichunlu haidian district, beijing 100083, p.r.china tel: +86-10-8235-1155, fax: +86-10-8235-7679 renesas electronics (shanghai) co., ltd. unit 301, tower a, central towers, 555 langao rd., putuo district, shanghai, china tel: +86-21-2226-0888, fax: +86-21-2226-0999 renesas electronics hong kong limited unit 1601-1613, 16/f., tower 2, grand century place, 193 prince edward road west, mongkok, kowloon, hong kong tel: +852-2886-9318, fax: +852 2886-9022/9044 renesas electronics taiwan co., ltd. 13f, no. 363, fu shing north road, taipei, taiwan tel: +886-2-8175-9600, fax: +886 2-8175-9670 renesas electronics singapore pte. ltd. 80 bendemeer road, unit #06-02 hyflux innovation centre singapore 339949 tel: +65-6213-0200, fax: +65-6213-0300 renesas electronics malaysia sdn.bhd. unit 906, block b, menara amcorp, amcorp trade centre, no. 18, jln persiaran barat, 46050 petaling jaya, selangor darul ehsan, malaysia tel: +60-3-7955-9390, fax: +60-3-7955-9510 renesas electronics korea co., ltd. 12f., 234 teheran-ro, gangnam-gu, seoul, 135-080, korea tel: +82-2-558-3737, fax: +82-2-558-5141 sales offices ? 2014 renesas electronics corporation. all rights reserved. colophon 3.0


▲Up To Search▲   

 
Price & Availability of 2SK3000-15

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X